Part Number Hot Search : 
LA4700N LTM46 10721 U4285BM EX2024NL 003LF 2316312 SK369
Product Description
Full Text Search
 

To Download PLED13Q12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HF
RoHS
PLED(R) Series
Description The open LED protector provides a switching electronic shunt path when an LED in an LED array fails as an open circuit. This ensures that the entire array of LEDs will continue to function even if a single LED in the array does not. This provides higher reliable lighting functions in applications such as headlights, aircrafts, aircraft runway lighting, roadside warning lights, etc. This device is compatible with one, two and three watt LEDs that have a nominal 3V forward characteristic. The PLED(R) is available in two surface mount packages, the DO-214 and the Quad Flat Pak No-lead (QFN). The QFN's low profile, chip scale package (CSP) is ideal for dense board applications.
Agency Approvals
Agency Agency File Number E133083
Features & Benefits * Fast switching * Compatible with PWM dimming speeds of up to 10 KHz * RoHS compliant and halogen-free
Schematic Symbol
MT2
* Automatically resets after power cycle * small footprint QFN and Standard DO214AA packages * Compatible with industrial lighting environments
MT1 (Cathode)
Control Circuit
Electrical Characteristics
VBR breakdown Part Number Marking Min PLED6Q12 PLED6S PLED9Q12 PLED9S PLED13Q12 PLED13S PL6 PL6 PL9 PL9 PL13 PL13 6 6 9 9 13 13 Volts Max 16 16 18 18 26 26 VDRM breakdown Volts Min 6 6 9 9 13 13 IH mAmps Min 5 5 5 5 5 5 IS mAmps Max 600 600 600 600 600 600 IT@VT Amps Max 1.0 1.0 1.0 1.0 1.0 1.0 VT @ IT = 1 Amp Volts Max 3 3 3 3 3 3 Critical rate of rise dV/dt Volts Max 250V/s 250V/s 250V/s 250V/s 250V/s 250V/s
PLED(R) Series
1
www.littelfuse.com (c)2009 Littelfuse
Thermal Considerations
Package
QFN 3x3
Symbol TJ
DO-214
Parameter Operating Junction Temperature Range Storage Temperature Range Thermal Resistance: Junction to Ambient
Value -40 to +150 -65 to +150 DO-214: 90 QFN: 120
Unit C C C/W
TS R JA
V-I Characteristics
+I
VBR vs. Junction Temperature
14
P e rc e n t o f VBR C h a n g e - %
IT IS IH
12 10 8 6 4 2 0 -4 -6 -8 -40 -20
0 20 40 60 80 100 120 140 160
25 C
-V VT VBR VBR
+V
-I
Junction Temperature (TJ ) - C
Normalized DC Holding Current vs. Case Temperature
LED Interference Test Circuit
Q1
i H ( T C = 25 C )
2.0 1.8 1.6 1.4 1.2 1.0 0.8 0.6 0.4 -40 -20
0 20 40 60 80 100 120 140 160
2.0 , 1/4 W 110 k, 1/4 W
LED Driver
iH
25 C
+ -
R a tio of
Vbat 12 Vdc
Q2 2N2222
PWM
Control Circuit
MT2
PLED
MT1 (Cathode)
Case Temperature (TC ) - C
ON/OFF Switch
PLED(R) Series
2
www.littelfuse.com (c)2009 Littelfuse
6 LEDs in Series 50% Duty Cycle 10Khz
5 LEDs and 1 PLED in Series 50% Duty Cycle 10Khz
PLED is included in the circuit as compared to the LED current magnitude when the PLED is not in the circuit. (The conversion factor for the test measurement in the graphs above is
PLED in the Off-State 10Khz
PLED device zeners and then turns fully on 10Khz
sec later
PLED(R) Series
3
www.littelfuse.com (c)2009 Littelfuse
Soldering Parameters
Reflow Condition - Temperature Min (Ts(min)) Pre Heat - Temperature Max (Ts(max)) - Time (min to max) (ts) Average ramp up rate (Liquidus Temp (TL) to peak TS(max) to TL - Ramp-up Rate Reflow - Temperature (TL) (Liquidus) - Temperature (tL) Pb - Free assembly 150C 200C 60 - 180 secs 3C/second max 3C/second max 217C 60 - 150 seconds 260+0/-5 C 30 seconds 6C/second max 8 minutes max 260C
Peak Temperature (TP) Time within 5C of actual peak Temperature (tp) Ramp-down Rate Time 25C to peak Temperature (TP) Do not exceed
Environmental Specifications
High Temperature Voltage Blocking
80% min V 504 hours -65C to 150C, 15-minute dwell, 100 cycles
Physical Specifications
Terminal Material Terminal Finish Body Material UL recognized epoxy meeting flammability classification 94V-0
Temperature Cycling Biased Temperature & Humidity High Temperature Storage Low Temperature Storage Thermal Shock Resistance to Solder Heat
150C, 1008 hours -65C, 1008 hours
0C to 100C, 5-minute dwell, 10-second transfer, 10 cycles 260C, 10 seconds
PLED(R) Series
4
www.littelfuse.com (c)2009 Littelfuse
Dimensions - QFN (3x3) Package
TOP VIEW
A
BOTTOM VIEW
C J E
Dimensions 0.114 B 0.114 0.075 0.011 0.076 0.035 0.000 0.004 0.004 0.056 0.038 N1 N2 0.096 0.082
Typ 0.118 0.118 0.079 0.015 0.080 0.039 0.004 0.008 0.008 0.060 0.042 0.100 0.086 0.122 0.122 0.083 0.019 0.084 0.043 0.008 0.012 0.012 0.064 0.046 0.104 0.090 2.900 2.900 1.900 0.285 1.930 0.900 0.000 0.100 0.100 1.143 0.970 2.440 2.080
Typ 3.000 3.000 2.000 0.385 2.030 1.000 0.100 0.200 0.200 1.530 1.070 2.540 2.180 3.100 3.100 2.100 0.485 2.130 1.100 0.200 0.300 0.300 1.630 1.170 2.640 2.280
B
F
C E F
END VIEW
H
K1
SIDE VIEW
K2
H J K1 K2
M2 M1
N2 N1
M2 M1
1.27mm 0.050" 1.50mm 0.059"
2.54mm 0.100"
Recommended solder pad layout (Reference Only)
Dimensions - DO-214 AA Package
B D
CASE TEMPERATURE MEASURING POINT
Dimensions 0.130 0.156 0.220 0.087 0.181 0.063 0.096 0.008 0.104 0.016 3.30 5.10 1.95 4.05 0.75 1.90 0.05 1.95 0.15 3.95 5.60 2.20 4.60 1.60 2.45 0.20 2.65 0.41
C
A
B C D
0.201 0.077 0.159 0.030 0.075 0.002 0.077 0.006
K
H
F
E F
G
E
G H K
0.079" (2.0mm)
0.110" (2.8mm)
0.079" (2.0mm)
Recommended Soldering Pad Outline
PLED(R) Series
5
www.littelfuse.com (c)2009 Littelfuse
Part Numbering System
PLED X Q12
TYPE
PLED: LED Protector
Part Marking System
DO-214
PACKAGE TYPE
PLX XXXXX
Cathode Bar to Indicate Diode Direction
V DRM
6 Volts 9 Volts 13 Volts
Q12: 3.0x3.0mm QFN S: DO-214
QFN
PLX XXXXX
Cathode Bar to Indicate Diode Direction
Packaging
Package Q12 S Description QFN 3x3 DO-214 Packaging Quantity 5000 2500 Industry Standard
Tape and Reel Specification - QFN (3x3)
Symbols
N B
W1
C A D
Description 12.992 330.0 1.50 0.531 12.80 20.20 50.00 0.567 0.134 0.134 0.063 12.40 3.20 3.20 1.50 1.50 0.073 0.408 0.219 0.051 0.161 0.319 0.081 0.014 0.484 0.366 1.65 10.15 5.45 1.00 3.90 7 .90 1.90 0.25 11.50 9.10 1.85 10.35 5.55 1.30 4.10 8.10 2.06 0.35 12.30 9.30 14.40 3.40 3.40 1.60 13.50
B
Reel Dimension
0.059 0.504 Drive Spoke Diameter Hub Diameter 0.795 1.969 0.488 0.126
C D
D0 E1
T
P0 P2
D1
CARRIER TAPE
N
W0 K0
COVER TAPE
B0
F
E2 W
P1
Tape Dimension Items
A1
B0 D0 D1
COVER TAPE
Pocket Length at bottom Feed Hole Diameter Pocket Hole Diameter Feed hole Position 1 Feed hole Position 2 Feed hole center-Pocket hole Pocket Depth Feed hole Pitch Component Spacing Feed hole center-Pocket hole Carrier Tape Thickness
0.126 0.059 0.059 0.065 0.400 0.215 0.039 0.153 0.311 0.077 0.010 0.453 0.358
END
CATHODE BAR ON THIS SIDE
CARRIER TAPE
START
E1 E2
TRAILER 160mm MIN
LEADER 400mm MIN
F K0
Leader and Trailer Dimension of the Ttape
P0 P1 P2 T
PLED(R) Series
6
www.littelfuse.com (c)2009 Littelfuse
DO-214 Embossed Carrier Reel Pack (RP) Meets all EIA-481-1 Standards
0.157 (4.0)
Cathode bar on this side
0.472 (12.0)
0.36 (9.2)
0.315 (8.0)
0.059 DIA (1.5) 12.99 (330.0) Dimensions are in inches (and millimeters).
Cover tape
0.512 (13.0) Arbor Hole Dia.
0.49 (12.4)
Direction of Feed
PLED(R) Series
7
www.littelfuse.com (c)2009 Littelfuse


▲Up To Search▲   

 
Price & Availability of PLED13Q12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X