Part Number Hot Search : 
C67078 RB520 AD524AD 15KP180 PH5525L W523S20 TK4A50D 5M250
Product Description
Full Text Search
 

To Download PCM-9587F-M0A1E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PCM-9587
PCI DVI LVDS TV-Out Audio DIMM up to 1 GB Power VGA Ethernet FDD LPT 1st IDE USB3, 4 USB1, 2
Onboard Intel(R) Celeron(R) M CPU on board EBX SBC with LAN/ LVDS/DVI/VGA/Audio/ 4 COM/4 USB/2 SATA/PC/104-Plus Features
Embedded Intel(R) Celeron(R) M 600 MHz/ Celeron(R) M 1.0 GHz Supports ECC DDR memory up to 1 GB, accept 128/256/512/1024 MB DDR200/266 DRAM EBX form factor standard and support for PC/104-Plus bus Supports up to 10/100Base-T Ethernet Supports up to two channel 36-bit LVDS interface Wide temperature optional 2 x SATA 150 (RAID 0/1), 4 x COM, 4 x USB 2.0, 8 bit GPIO Support PC/104-Plus (PCI + 8-bit ISA), Mini PCI and 1 x PCI Slot
Intel(R) Celeron M Processor
PC/104+ KB/Mouse SATA 4 COM
RoHS
COMPLIANT
2002/95/EC
Specifications
Processor System CPU Front Side Bus L2 Cache Chipset BIOS Technology Max. Capacity Socket CompactFlash LPT FDD RS-232 RS-232/422/485 K/B Mouse USB Audio GPIO SMBus Max. Data Transfer Rate Channel Mode Channel PCI miniPCI PC/104-Plus Speed Controller Interface Controller VRAM LVDS LCD TV-Out Dual Independent Display Operation Temperature Operating Humidity Power Type Power Supply Voltage Power Consumption: Typical Power Consumption: Max, test in HCT Power Management Battery Output Interval Dimensions (L x W) Weight Intel ULV Celeron M 600 MHz/ 1.0 GHz 400 MHz 512 KB/ 0 KB Intel 852GM + 6300ESB Award 4 Mbit DDR 200/266, ECC 1 GB 1 x 184-pin DIMM Card Type I, Type II (shared 2nd IDE Channel) 1 1 3 1 1 1 4 x USB 2.0 AC97, Speaker out, CD-input, Line-in, Line-out, Mic-in 8-bit general purpose input/output Supported 150 (RAID 0/1) 2 UDMA 100 1 1 1 1 (8-bit ISA) 10/100Mbps Intel 82551ER, optional 82541PI (Giga LAN) RJ-45 by cable Intel 852GM Optimized Shared Memory Architecture up to 32 MB system memory 1 x 36-bit LVDS Supports both NTSC/PAL, S-video and Composite Video (optional) CRT + LVDS, DVI + LVDS, TV-out +LVDS, CRT + DVI 0 ~ 60 C (32 ~ 140 F) 0% ~ 90% relative humidity, non-condensing ATX/ AT(Optional) +5 V 5%, +12 V 5% 2.62 A @ 5 V, 0.03 A @ 12 V (Celeron M 600 with 256 MB DDR266) 2.63 A @ 5 V, 0.03 A @ 12 V (Celeron M 600 with 256 MB DDR266) APM, ACPI Lithium 3 V / 196 mAH System reset Programmable 1 ~ 255 sec 203 x 146 mm (8" x 5.75") 0.85 kg (1.87 lb) (weight of total package)
Memory SSD
I/O Interface
SATA EIDE Expansion Slot
Ethernet
Display
Environment
Power
Watchdog Timer Physical Characteristics
Embedded Single Board Computers
All product specifications are subject to change without notice Last updated : 08-Sep-2009
PCM-9587 Board Diagram
Intel ULV Celeron M processor
VGA Connector LVDS Connector DVI Connector Codec TV out Connector DDR DIMM
852GM
FDD LPT COM 3/4 KB/ Mouse DIO Super I/O
ISA Bus
Mini PCI Connector 4 USB2.0 Audio CODEC 6300 ESB IDE CF PC/104 Connector 2 SATA COM 1/2 PCI-104 connector LAN Chip
PCI Bus
LAN Connector
PCI Slot
Ordering Information
Part No. PCM-9587F-M0A1E PCM-9587F-S0A1E PCM-9587Z-M0A1E PCM-9587Z-S0A1E CPU Celeron M 600 MHz Celeron M 1.0 GHz Celeron M 600 MHz Celeron M 1.0 GHz L2 CRT Cache 512 KB Yes 0 KB Yes LVDS DVI 36-bit Yes 36-bit Yes 36-bit Yes 36-bit Yes TV out 10/100 RS/232/ Audio USB2.0 RS-232 LAN 422/485 Yes Yes Yes Yes 4 4 4 4 3 3 3 3 1 1 1 1 LPT/ FDD/ CF KB/MS Yes Yes Yes Yes SATA PC/104+ PCISlot Yes Yes Yes Yes 1 1 1 1 Mini Thermal Operation PCI Solution Temp. 1 1 1 1 Passive Passive Passive Passive 0 ~ 60 C 0 ~ 60 C -20 ~ 80 C -20 ~ 80 C Optional 1 Optional 1 Optional 1 Optional 1 Yes 2 Yes 2 Yes 2 Yes 2
512 KB Yes 0 KB Yes
PS: 48-bit LVDS possible but need confirm with AE for evaluation
Optional Accessories
Part No. PCM-10586-6200E 1703050306 1703100260 1703100121 PCM-110-00A3E PCM-120-00A3E PCM-200-00A2E MIO-3120-00A1E MIO-3121-00A1E MIO-3140-00A1E MIO-3150-00A1E MIO-3130-00A1E MIO-3131-00A1E Description Wiring kit for PCM-9582/9587 TV-out cable USB cable (26 cm) USB cable (12 cm) 1-slot PCI riser card for 5.25" biscuits 2-slot PCI riser card for 5.25" biscuits PCI-104 to PCI bus module Mini PCI interface to Wireless 802.11 b/g communication module Mini PCI to 4 COM Module Mini PCI interface to SATA storage module Mini PCI interface to video capture module Mini PCI Interface to Dual LAN Communication Module Mini PCI Interface to Single Giga LAN Communication Module
Packing List
Part No. 9689000002 Description 1 x PCM-9587 SBC 1 x Mini Jumper Pack 1 x Startup Manual 1 x Utility CD 1 x ATX Power Cable 1 X Heatsink (50*50*30mm) Quantity 1 1 1 1 1 1
1700001112
Online Download www.advantech.com/products


▲Up To Search▲   

 
Price & Availability of PCM-9587F-M0A1E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X