Part Number Hot Search : 
GBF08 0GD06 M6249 AAYP37 AN4107 H0009NL 00ETT GBPC40
Product Description
Full Text Search
 

To Download PCM-120-00A3E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Riser Cards & I/O Modules
PCI Riser Card
PCM-110
1-slot PCI Riser Card for 5.25" Biscuit SBCs
PCM-120
2-slot PCI Riser Card for 5.25" Biscuit SBCs
Fits in PCM-95XX series Provides bracket to secure with Biscuit SBCs Size: 103.7 x 56 mm (4.08" x 2.2")
Fits in PCM-95XX series Provides bracket to secure with Biscuit SBCs Size: 103.7 mm x 75.4 mm (4.08" x 3")
Ordering Information
P/N PCM-110-00A3E PCM-120-00A3E PCM-200-00A2E Description 1-slot PCI riser Card for Biscuit SBCs 2-slot PCI riser Card for Biscuit SBCs PCI-104 to PCI Bus Module
Ordering Information
P/N PCM-110-00A3E PCM-120-00A3E PCM-200-00A2E Description 1-slot PCI riser Card for Biscuit SBCs 2-slot PCI riser Card for Biscuit SBCs PCI-104 to PCI Bus Module
I/O Modules
PCM-200
PCI-104 to PCI Bus Module
PCM-261
LVDS/TTL to DVI Module
Fits in PCM-95XX series Size: 93.3 mm x 40.9 mm (3.7" x 1.6")
Supports 18 and 24-bit LVDS to DVI Supports 18 or 24-bit TTL LCD to DVI (optional)
Ordering Information
P/N PCM-110-00A3E PCM-120-00A3E PCM-200-00A2E Description 1-slot PCI riser Card for Biscuit SBCs 2-slot PCI riser Card for Biscuit SBCs PCI-104 to PCI Bus Module
Specifications
General Chipset Silicon(R) Image SiI 164; NS DS90CF364 LCD Connector Hirose Output Connector; DVI Mechanical and Environmental Dimensions (L x W) 72 x 62 mm Weight 0.029 kg (0.064 lb) Operating Temperature 0 ~ 60 C (32 ~ 140 F) Operating Humidity 0% ~ 90% relative humidity, non-condensing Power Power Supply Voltage +5 V, 5%
Ordering Information
Standard PCM-261L-A0A1E PCM-261L-B0A1E PCM-261T-A0A1E 24-bit LVDS to DVI Module 18-bit LVDS to DVI Module 24-bit TTL to DVI Module
Optional Accessories
1700000851 1700000850 1700000853 1700000827 24-bit TTL to 24-bit TTL cable 18-bit LVDS to 18-bit LVDS FOR 855GME 24-bit LVDS to 24-bit LVDS 18-bit LVDS T0 18-bit LVDS
Packing List
1 x User manual 1 x PCM-261 board
Embedded Single Board Computers
All product specifications are subject to change without notice Last updated : 24-Mar-2009


▲Up To Search▲   

 
Price & Availability of PCM-120-00A3E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X