Part Number Hot Search : 
FMMV2109 15KP43 TDA8808 MST9220 2V360A T240L VB409 L8022
Product Description
Full Text Search
 

To Download PCM-120-00A3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MBPC-400 Micro boxes Series
MicroBox 5.25" Biscuit SBC Chassis and Power Supply Key Features
Built-in power supply PC-104 card extension x 2 or PCI slot card x 1 plus PC-104 card x 1 2.5" HDD drive bay x 1 DRAM and HDD is easy accessible. 6 cm x 6 cm system cooling Fan 2U height for Rack installation I/O Windows for easy and quick Customized I/O extension, such as IR, FDD, LPT
Introduction
The MBPC-400 Micro PC chassis is an ideal case for system integration; it can accept Advantech's 5.25" Biscuit CPU boards with the best flexibility, offering potential extension with PCI interface cards and PC-104 extension cards. Its compact size allows it to be mounted in equipment such as an embedded PC controller.
Chassis kit Ordering No Mating SBC boards
MBPC-400-COMM PCM-9550F-F0A1 PCM-9575F-J0A1 / M0A1 / Q0A1 PCM-9575F-00A1 PCM-9576FV-03A1with daughter board PCM-203 (LAN x 3, DIN x 2) assembled PCM-9577FG with Gigabit Ethernet cable kit PCM-9578F-04A1 PCM-9579F-J0A1/M0A1/R0A1 PCM-9580F-00A1 PCM-9581F-00A1
MBPC-400-9576 MBPC-400-9577FG MBPC-400-9578F MBPC-400-9579F MBPC-400-9580F MBPC-400-9581F
Specifications
Power Supply
Part Number Power Rating Input Voltage Input Frequency 1757208000 80 W 100 - 240 VAC 47 ~ 63 Hz 5 V @ 16 A 12 V @ 1.5 A 0 ~ 50 C 10% ~ 95% UL, CE Certificated MBPC-400-COMM MBPC-400-9577FG MBPC-400-9576 MBPC-400-9578F MBPC-400-9579F 1757000034 180 W 100 ~ 240 VAC 47 ~ 63 Hz 3.3 V @ Max. 16.8 A +5 V @ Max. 12 A +12 V @ Max. 10 A -12 V @ Max. 0.8 A +5 VSB @ Max. 2.0 A 0 ~ 50 C 5% ~ 95% UL, CE Certificated MBPC-400-9580F 1757218000 180 W 100 ~ 240 VAC 47 ~ 63 Hz 3.3 V @ Max. 16.8 A +5 V @ Max. 12 A +12 V @ Max. 10 A -12 V @ Max. 0.8 A +5 VSB @ Max. 2.0 A 0 ~ 50 C 5% ~ 95% UL, CE Certificated MBPC-400-9581F
Optional Ordering No
PCM-110-00A3 PCM-120-00A3
Description
Riser card for extension of one PCI slot Riser card for extension of two PCI slots
Output Voltage
Temperature Operation Humidity Safety Supported Model
Dimensions
Unit: mm
Chassis Specification
Mechanical Dmension 290 W x 220 D x 90 H mm Weight 2.5 kg.
6 R3 R
100 10
Ordering Information
MBPC-400-COMM normally contains the main chassis kit, power supply, Fan, harness connector for Com x 4, VGA x 1, Printer x 1, USB x 1 and a small I/O board For LAN and KB/Mouse, and an accessory package for HDD harness, screws and an identification sticker for each I/O port desription. All special connections are additionally customized through the I/O windows. Please refer to the product specifications of SBC series for more extensions. Optional support for DC power supply is available for selected models by special OEM ordering. Refer to SBC catalogue description for more versatile extension and application.
312 330
4 I/O Windows
Single Board Computers
220
170
25


▲Up To Search▲   

 
Price & Availability of PCM-120-00A3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X