|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
PB8 MOUNTING BOARD * Plug-compatible logic connections * Screw terminal barrier block for load connections * Resident pull-up resistors * 5 amp field-replaceable fuses (LITTLEFUSE #251005 or equivalent) * * * * * LEDs indicate logic status All even-numbered logic connections are logic ground Input and output modules accepted interchangeably Operate with 5, 15 or 24 volt logic supplies Captive-screw retaining system for standard-size modules MECHANICAL SPECIFICATIONS SCREW TERMINAL LOGIC SUPPLY BARRIER STRIP 6-32 SCREW TERMINAL POWER BARRIER STRIP (see note 2) 8.0 (203,2) DIMENSIONS: INCHES (MILLIMETERS) TOLERANCE:+0.020 ( + 0,50) 1 2 3 4 5 7.5 (190,5) 6 7 8 9 10 11 12 13 14 15 16 REPLACEABLE 5 AMP LINE FUSE (8) (see note 4) GORDOS DIGITAL I/O MODULES SOLD SEPERATELY 1.4 (35,6) - + 2.6 (66,0) 0.3 (7,6) SWAGED STANDOFF THRU HOLE 0.15 (3,2) DIA. (4) 0 0.45 (11,4) 1 2 3 4 5 6 7 PULL UP RESISTORS 3.3K OHM (8) 0.75 (19,1) SIGNAL INPUT/OUTPUT 50 TRACE (0.1" CENTERS) MALE CARD EDGE (see note 1) LED STATUS INDICATORS (8) 2.2 (55,9) NOTES: 1) MATING CONNECTOR IS BERG 66317-150 OR EQUIVALENT. SPECIFY SUFFIX "V" FOR OPTIONAL CA26HM-2F-SR CIRCUIT ASSEMBLY OR EQUIVALENT 26 CONDUCTOR PERPENDICULAR-TO-THE-BOARD MALE PIN CONNECTOR. 2) 6-32 SCREW TERMINAL BARRIER STRIPS ACCEPT WIRE SIZES FROM 24 TO 12 AWG. 3) OPTIONAL JUMPERS ARE AVAILABLE TO INTERCONNECT BARRIER STRIP COMMONS. ORDER 1 EACH "JS8". 4) LITTLE FUSE 251005 OR EQUIVALENT. LOGIC SUPPLY BARRIER STRIP 1 2 + BOTTOM ALL EVEN PINS "V" OR "C" OPTION EDGE CONN TOP + LOGIC 49 25 SIGNAL INPUT/OUTPUT 50 TRACE (0.1" CENTERS) MALE CARD EDGE OR OPTIONAL PIN CONNECTOR +LOGIC 47 45 43 41 39 37 35 33 25 1 23 21 19 17 15 13 11 9 1 34 56 POWER BARRIER STRIP 78 9 10 1112 1314 15 16 1 2 3 4 5 1 2 3 4 5 1 2 3 4 5 1 2 3 4 5 1 2 3 4 5 1 2 3 4 5 1 2 3 4 5 1 2 3 4 5 APPROVALS UL E79183 CSA 38595 CUSTOMER INSTALLED OPTIONAL JUMPERS FOR CONNECTING LOGIC SUPPLY THRU CARD EDGE CONNECTOR PULL UP RESISTOR 3.3K OHM (8) 3.0 (76,2) 5 AMP LINE FUSE I/O MODULE PIN SOCKETS AMP #645979-1 OR EQUIVALENT LED STATUS INDICATOR (8) 3.5 (88,9) Rev. 070808 DANGER / PELIGRO / DANGER /GEFAHR / PERICOLO / PERIGO HAZARD OF ELECTRIC SHOCK, EXPLOSION, OR ARC FLASH. x Disconnect all power before installing or working with this equipment. x Verify all connections and replace all covers before turning on power. Failure to follow these instructions will result in death or serious injury. RIESGO DE DESCARGA ELECTRICA O EXPLOSION. x Desconectar todos los suministros de energia a este equipo antes de trabajar con este equipo. x Verificar todas las conexiones y colocar todas las tapas antes de energizer el equipo. El incumplimiento de estas instrucciones puede provocar la muerte o lesiones serias. RISQUE DE DESCHARGE ELECTRIQUE OU EXPLOSION x Eteindre toutes les sources d'energie de cet appareil avant de travailler dessus de cet appareil x Verifier tous connections, et remettre tous couverts en olace avant de mettre sous De non-suivi de ces instructions provoquera la mort ou des lesions serieuses serieuses. GEFAHR EINES ELEKTRISCHE N SCHLAGES ODER EINER EXPLOSION. x Stellen Sie jeglichen Strom ab, der dieses Gerat versorgt, bevor Sie an dem Gerat Arbeiten durchfuhren x Vor dem Drehen auf Energie alle Anschlusse uberprufen und alle Abdeckungen ersetzen. Unterlassung dieser Anweisungen konnen zum Tode oder zu schweren Verletzungen fuhren. RISCHIO DI SCOSSA ELETTRICA O DELL'ESPLOSI ONE. x Spenga tutta l'alimentazion e che fornisce questa apparecchiatu ra prima del lavorare a questa apparecchiatu ra x Verificare tutti i collegamenti e sostituire tutte le coperture prima della rotazione sull'alimentazi one L'omissione di seguire queste istruz ioni provochera la morte o di lesioni serie RISCO DE DESCARGA ELETTRICA OU EXPLOSAO x Desconectar o equipamento de toda a energia antes de instalar ou trabalhar com este equipamen to x Verificar todas as conexoes e recolocar todas as tampas antes de religar o equipamento O nao cumprimento destas instrucoes pode levar a morte ou lesoes serias. ANNEX - ENVIROMENTAL INFORMATION |
Price & Availability of PB8 |