Part Number Hot Search : 
29043505 L1018 2E225 RB551 RB551 00350 2N3045 PR1005G
Product Description
Full Text Search
 

To Download P6KE75CA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 * Fax : 760-564-2414 1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
P6KE SERIES
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 6.8 TO 550 Volts 600 Watt Peak Power 5.0 Watt Steady State
FEATURES
* Plastic package has Underwriters Laboratory Flammability Classification 94 V-O * Glass passivated chip junction in DO-15 (DO-204AC) package * 600W surge capability at 10/1000 s * Low zenen impedance * Excellent clamping capability * Fast response time: typically less than 1.0 ps from 0 volts to BV min. * Typical IR less than 1A above 10V * High temperature soldering guaranteed: 265C/10 seconds/ .375", (9.5mm) lead length, 5lbs., (2.3kg) tension
MECHANICAL DATA
Case: JEDEC DO-15 Molded plastic Terminals: Plated Axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denoted positive end (cathode) except Bipolar Mounting Position: Any Weight: 0.015 ounces, 0.4 grams
DEVICES FOR BIPOLAR APPLICATIONS
For Bidirectional use C or CA Suffix for types P6KE6.80 thru types P6KE550 (e.g. P6KE6.8C, P6KE550CA) Electrical characteristics apply in both directions.
MAXIMUM RATINGS AND CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
RATING
Peak Pulse Power Dissipation at TA = 25 C, TP = 1ms (NOTE 1) Peak Pulse Current of on 10/1000 s waveform (Note 1) Steady State Power Dissipation at TL = 75C Lead lengths .375", 9.5mm (Note 2) Peak Forward Surge Current, 8.3ms Single Half Sine-wave Superimposed on Rated Load, (JEDEC Method)(Note 3) Operatings and Storage Temperature Range
SYMBOL PPPM IPPM PM(AV) IFSM T J, T STG
VALUE
Minimum 600 SEE TABLE 1 1.0 40 -55 +175
UNITS
Watts Amps Watts Amps C
NOTES: 1. Non-repetitive current pulse, per Fig.3 and derated above Ta=25 C per Fig.2. 2. Mounted on Copper Pad area of 1.6x1.6" (40x40mm) per Fig.5. 3. 8.3ms single half sine-wave, or equivalent square wave, Duty cycle=4 pulses per minutes maximum. Certified RoHS Compliant UL File # E223026
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 * Fax : 760-564-2414 1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
RATING AND CHARACTERISTIC CURVES P6KE SERIES
Pig.1 - Peak Pulse Power Rating Curve PPPM-Peak Pulse
100
Fig.2 - Pulse Derating Curve
100
Non-repetitive Pulse Waveform shown in Fig. 3
Peak Pulse Power (P ) PP or Current (IPPM) Derating in Percentage,%
87.5 75 62.5 50 37.5 25 12.5 0
10
1
0.1
0.1s
1.0s
10s
100s
1.0ms
10ms
0
0.2
0.4
0.6
0.8
1
1.2
td - Pulse Width (sec.) Fig.3 - Pulse Waveform
150
TA - Ambient Temperature
10000 Fig.4
tr = 10sec.
Peak Value IPPM Half Value- IPPM 2
IPPM - Peak Pulse Current, % IRSM
TJ = 25C Pulse Width(td)is defined as the point where the peak current decays to 50% of IPPM 10/1000sec.Waveform as defined by R.E.A.
- Typ.Junction Capacitance UniMeasured at Zero Bias
6000
100
CJ - Junction Capacitance(pF)
1000
TJ = 25C f = 1.0MH Z Vsig = 50mVp-p
50
100
td
0 0 1.0 2.0 3.0 t - Time(ms) 3
Measured at Stand-Off Voltage, V WM
10
1000
4.0
4.0
1.0
1
100
200
VWM - Reverse Stand-Off Voltage (V) Fig.5 - steady State Power Derating Curve IFSM - Peak Forward Surge Current (A)
L=0.375" (9.5mm) Lead Lengths 60 HZ Resistive or Inductive Load
Fig.6 - Max.Non-Repetitive Forward Surge
200
5.00 4.38 3.75 3.13 2.50 1.88 1.25 0.63 0.00 0 0
PM(AV ),Steady State Power Dissipation (W)
Uni-Directional Only
100
TJ = TJ max. 8.3ms Single Half SineWave
50
1.6x1.6x.040" (40x40x1mm) Copper Heat Sinks
25 50 75 100 125 150 175 200
10 1
TL - Lead Temperature (C Fig.7 - Typical Reverse Leakage Characteristics
1000
100
5
10
50
100
Number of Cycles at 60 Fig. 8 - Typ.Transient Thermal Impedance Transient Thermal Impedance ( /W)
ID - Instantaneous Reverse Leakage Current (A)
100
10
Measured at Devices Stand-off Voltage,V WM TA = 25C
10
1
0.1
1
0.01
0.001 0 0.2 0.4 0.6 0.8 1 1.2
0.1 0 0.2 0.4 0.6 0.8 1 1.2
V(BR) - Breakdown Voltage (V)
tp-Pulse Duration (sec)
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel : 760-564-8656 * Fax : 760-564-2414 1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
600 Watt TVS
UNI-POLAR BI-POLAR REVERSE STANDOFF VOLTAGE VRWM (V) BREAKDOWN BREAKDOWN TEST VOLTAGE VOLTAGE CURRENT MIN. VBR (V) VBR (V) (IT) @ IT MAX. @ IT mA 10 10 10 10 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 MAXIMUM CLAMPING VOLTAGE @IPP VC (V) 10.5 11.3 12.1 13.4 14.5 15.6 16.7 18.2 21.2 22.5 25.2 27.7 30.6 33.2 37.5 41.4 45.7 49.9 53.9 59.3 64.8 70.1 77.0 85.0 92.0 103.0 113.0 125.0 137.0 152.0 165.0 179.0 207.0 219.0 234.0 246.0 274.0 328.0 344.0 414.0 482.0 548.0 602.0 658.0 698.0 725.0 740.0 760.0 PEAK PULSE CURRENT IPP (A) 58.1 54.0 50.4 45.5 42.1 39.1 36.5 33.5 28.8 27.1 24.2 22.0 19.9 18.4 16.3 14.7 13.3 12.2 11.3 10.3 9.4 8.7 7.9 7.2 6.6 5.9 5.4 4.9 4.5 4.0 3.7 3.4 2.9 2.8 2.6 2.5 2.2 1.9 1.8 1.5 1.3 1.1 1.0 0.9 0.9 0.8 0.8 0.8 REVERSE LEAKAGE @ VRWM IR (A) 1000 500 200 50 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
5.80 6.45 7.14 P6KE6.8A P6KE6.8CA 6.40 7.13 7.88 P6KE7.5A P6KE7.5CA 7.02 7.79 8.61 P6KE8.2A P6KE8.2CA 7.78 8.65 9.55 P6KE9.1A P6KE9.1CA 8.55 9.50 10.50 P6KE10A P6KE10CA 9.40 10.50 11.60 P6KE11A P6KE11CA 10.20 11.40 12.60 P6KE12A P6KE12CA 11.10 12.40 13.70 P6KE13A P6KE13CA 10.00 14.30 15.80 P6KE15A P6KE15CA 12.90 15.20 16.80 P6KE16A P6KE16CA 14.50 17.10 18.90 P6KE18A P6KE18CA 17.10 19.00 21.00 P6KE20A P6KE20CA 18.80 20.90 23.10 P6KE22A P6KE22CA 20.50 22.80 25.20 P6KE24A P6KE24CA 23.10 25.70 28.40 P6KE27A P6KE27CA 25.60 28.50 31.50 P6KE30A P6KE30CA 28.20 31.40 34.70 P6KE33A P6KE33CA 30.80 34.20 37.80 P6KE36A P6KE36CA 33.30 37.10 41.00 P6KE39A P6KE39CA 36.80 40.90 45.20 P6KE43A P6KE43CA 40.20 44.70 49.40 P6KE47A P6KE47CA 43.60 48.50 53.60 P6KE51A P6KE51CA 47.80 53.20 58.80 P6KE56A P6KE56CA 53.00 58.90 65.10 P6KE62A P6KE62CA 58.10 64.60 71.40 P6KE68A P6KE68CA P6KE75A P6KE75CA 64.10 71.30 78.80 70.10 77.90 86.10 P6KE82A P6KE82CA 77.80 86.50 95.50 P6KE91A P6KE91CA 85.50 95.00 105.00 P6KE100A P6KE100CA 94.00 105.00 116.00 P6KE110A P6KE110CA 102.00 114.00 126.00 P6KE120A P6KE120CA 111.00 124.00 137.00 P6KE130A P6KE130CA 128.00 143.00 158.00 P6KE150A P6KE150CA 136.00 152.00 168.00 P6KE160A P6KE160CA 145.00 162.00 179.00 P6KE170A P6KE170CA 154.00 171.00 189.00 P6KE180A P6KE180CA 171.00 190.00 210.00 P6KE200A P6KE200CA 185.00 209.00 231.00 P6KE220A P6KE220CA 214.00 237.00 263.00 P6KE250A P6KE250CA 256.00 285.00 315.00 P6KE300A P6KE300CA 300.00 333.00 368.00 P6KE350A P6KE350CA 342.00 380.00 420.00 P6KE400A P6KE400CA 376.00 418.00 462.00 P6KE440A P6KE440CA 408.00 456.00 504.00 P6KE480A P6KE480CA 434.00 485.00 535.00 P6KE510A P6KE510CA 450.00 503.50 556.50 P6KE530A P6KE530CA 459.00 513.00 567.00 P6KE540A P6KE540CA 467.00 522.50 577.50 P6KE550A P6KE550CA For bidirectional type having Vrwm of 10 volts and less, the IR limit is double. For parts without A , the VBR is 10% Certified RoHS Compliant UL File # E223026


▲Up To Search▲   

 
Price & Availability of P6KE75CA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X