Part Number Hot Search : 
PE7422 MUR160 DG300AAK ZMM5256B NTXV1 1N4743 SSM24LPT P6KE20
Product Description
Full Text Search
 

To Download P1410-100NS-101 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PASSIVE DIP DELAY LINES, TAPPED
RESISTORS CAPACITORS COILS DELAY LINES Term.W is RoHS compliant
SMP1410 - 14 PIN, 10 TAP SM P0805 - 8 PIN, 5 TAP DIP & SM P1410 - 14 PIN, 10 TAP DIP & SM P2420 - 24 PIN, 20 TAP DIP & SM
RoHS
RCD's passive delay line series are a lumped constant design incorporating high performance inductors and capacitors in a molded DIP package. Provides stable transmission, low TC, and excellent environmental performance (application handbook avail.). TEST CONDITIONS @25C Input test pulse shall have a pulse amplitude of 2.5V, rise time of 2nS, pulse width of 5X total delay. Delay line to be terminated <1% of its characteristic impedance. Delay time measured from 50% of input pulse to 50% of output pulse on leading edge with no loads on output. Rise time measured from 10% to 90% of output pulse.
20% 40% 60% 80% 10% 20% 30% 40% 50% 60% 70% 80% 90%
Low cost and the industry's widest range, 5-5000nS Custom circuits, delay/rise times, impedance available Military screening per MIL-PRF-83531avail Option A: low profile package height Option G: gull wing lead wires for SM applications Type P0805, P0805A DIP
.500[12.7] max. SIDE VIEW
.015 [.38] .300 [7.6] max.(std.), .200 [5.1] Opt. A .12 [3] min.
P0805G, P0805AG SM
.285 [7.24]
.300 [7.6] max.(std), .200 [5.1] Opt. A
P0 8 0 5 TAP No. CIRCUIT IN 1 2 3 4 OUT GND
A B C D E 1 1 7 2 1 2 7 2 3 7 346 364 635 456 263 7 5 4 7 4 4, 8 8 1, 8 1, 8 5, 8
IN GND
OUT GND
IN GND
OUT GND
.020 [.5] .300.010 [7.62.25]
[2.54] .10
[7.6.25]
.300.01
.300 [7.6] .420[10.7]max
.015[.38]
IN GND
5% 10% 15% 20% 25% 30% 35% 40% 45% 50% 55% 60% 65% 70% 75% 80% 85% 90% 95%
SMP1410 14-PIN SM 50-MIL
.505 [12.8] max.
.280 [7.11] 14 8 .245 [6.22] max.
P1410, P1410A DIP
.800 [20.3] Max.
.015 [.38]
SIDE VIEW
1 7
TOP VIEW
1 7 .010[.25]
.018 [.45]
.050 [1.27]
.375[9.58]max.
.300[7.6]
.12 [3] min .020 .10 [2.54] .300.01 [.5] [7.6.25] .600.010
[15.2.25]
.300 [7.6] .420[10.7]max.
.015[.38]
Type P2420 24 PIN DIP

1
Type P2420G SM

1.300 [33] Max. SIDE VIEW
.300 12 [7.6]
.300 [7.6]
P2 4 2 0 TAP NUMBER CIRCUIT IN 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 OUT GND
A B C D E 2 2 1 2 2 3 3 2 3 3 4 4 3 4 4 5 5 4 5 5 6 6 5 6 6 7 7 6 7 7 8 8 7 8 8 9 9 8 9 9 10 10 9 10 10 11 11 10 11 11 12 13 11 12 13 14 14 14 13 14 15 15 15 14 15 16 16 16 15 16 17 17 17 16 17 18 18 18 17 18 19 19 19 18 19 20 20 20 19 20 21 21 21 20 21 22 22 22 21 22 23 23 23 22 23 1, 24 12 12, 24 1, 24 12,24
.015 .10 [2.54] [.38] .020[.5] 1.100 .010 [27.94 .25]
.12 [3]
[15.2 .25]
.600 .01
.015 [.38] .600 [15.2] .720 [18.3] max
RCD TYPES P0805, P0805A, RCD TYPES P1410, P1410A, P1410G, P0805G, P0805AG P1410AG, SMP1410 Impedance TR: Max Rise TD: Delay Impedance Total TR: Max Rise TD: Delay Delay (nS) Time (nS) per Tap (nS) Values (10% ) Time (nS) per Tap (nS) Values (10% )
5 10 20 30 40 50 60 75 100 120 150 180 200 220 250 300 400 500 600 750 1000 1500 2000 3000 4000 5000 3 4 6 9 12 15 18 20 28 * * * * * * 1 2 4 6 8 10 12 15 20 50, 100, 200 50, 100, 200 50, 100, 200 50, 100, 200 50, 100, 200 50, 100, 200 50, 100, 200 50, 100, 200 50, 100, 200 3 5.5 6.5 8 10 12 15 20 24 30 36 40 44 50 60 80 100 120 150 200 * * 1 2 3 4 5 6 7.5 10 12 15 18 20 22 25 30 40 50 60 75 100 100 50, 100, 200 50, 100, 200 50, 100, 200, 300 50, 100, 200, 300, 500 50, 100, 200, 300, 500 50, 100, 200, 300, 500 50, 100, 200, 300, 500 50, 100, 200, 300, 500 50, 100, 200, 300, 500 50, 100, 200, 300, 500 50, 100, 200, 300, 500 50, 100, 200, 300, 500 50, 100, 200, 300, 500 50, 100, 200, 300, 500 50, 100, 200, 300, 500 50, 100, 200, 300, 500 100, 200, 300, 500 100, 200, 300, 500 100, 200, 300, 500
* Consult factory for extended range
Total Delay Tolerance Tap Delay Tolerance Temperature Coefficient Insulation Resistance Dielectric Strength Distortion Operating Temp. Range Operating Freq. (BW) Attenuation
5% or 2nS (whichever is greater) 5% or 0.5nS (whichever is greater) 100ppm/C Max. 1000M min. 100V D C 10% Max. 0 to70C (Opt.39= -40 to 85C, ER= -55 to125C) BW (MHz)=.35/(TR nS x 1000) 5%-10% typ <500nS, 10-20% 500nS
P/N DESIGNATION:
Type (SMP1410, P0805, P1410, P2420) Options: A= low profile, G=gullwing, AG= low profile & gullwing, 39= -40 to 85C, ER= -55 to +125C (leave blank if std.) Total Delay: 10NS, 100NS, 1000NS, etc. Impedance in 3-digit code: 50R=50, 101=100, 201=100, etc. Circuit (A, B, C, D, E, F, G) Packaging: B=Bulk , T=Tape &Reel (SMP1410 only) Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is acceptable)
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
FA107A Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
111


1
4
5-TAP SCHEMATIC
10-TAP SCHEMATIC
OUT
20-TAP SCHEMATIC
GND
P1410G, P1410AG
.285 [7.24]
.300 [7.6] max.(std), .200 [5.1] Opt. A
1410 TAP NUMBER CIRCUIT IN 1 2 3 4 5 6 7 8 9 OUT GND
A B C D E F G 2 2 14 1 1 2 1 3 3 2 13 13 3 13 4 4 12 2 3 4 2 5 5 3 12 12 5 12 6 7-8 68 11 4 3 11 4 11 67 3 11 9 9 5 5 5 9 4 10 10 10 10 10 10 10 11 11 6 6 6 11 5 12 13 1, 14 12 13 1, 7 97 1, 8 9 7 8, 14 9 7 8, 14 12 13 1, 14 9 6 7, 14
.300 [7.6] max.(std.), .200 [5.1] Opt. A
RCD TYPES P2420, P2420G TR: Max Rise TD: Delay Time (nS) per Tap (nS)
2 3 3.5 4 5 6 7.5 10 12 15 18 20 22 25 30 40 50 60 75 100 150 200 300 400 500 0.5 1 1.5 2 2.5 3 3.75 5 6 7.5 9 10 11 12.5 15 18.75 25 30 37.5 50 75 100 150 200 250
Impedance Values (10% )
50, 100 50, 100 50, 100 50, 100, 150 50, 100, 150 50, 100, 150, 200, 300 50, 100, 150, 200, 300 50, 100, 150, 200, 300 50, 100, 150, 200, 300 50, 100, 150, 200, 300 50, 100, 150, 200, 300 50, 100, 150, 200, 300 50, 100, 150, 200, 300 50, 100, 150, 200, 300 50, 100, 150, 200, 300 50, 100, 150, 200, 300 100, 150, 200, 300, 500 100, 150, 200, 300, 500 100, 150, 200, 300, 500 100, 150, 200, 300, 500 150, 200, 300, 500 150, 200, 300, 500 200, 300, 500 200, 300, 500 200, 300, 500
P1410
- 10NS - 101 C B W


▲Up To Search▲   

 
Price & Availability of P1410-100NS-101

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X