Part Number Hot Search : 
1N4007G PN6544 MA2SV02 OSG5DA MSC0305W 12VDC EA1791 BZX84J
Product Description
Full Text Search
 

To Download OSWOR5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Model No. REV.
OSWOXX C5
PRODUCT SPECIFICATION FOR LED Waterproof Light Descriptions:
LED Waterproof Light, IP67 Long life, easy installation Voltages available 12VDC LED Type: SMD LED, 5.0x5.0mm, 120deg
1
Features:
Available in red, orange, yellow, green, blue, white, etc Directly use on line voltage Low power consumption, high intensity Energy saving Excellent beam control Long life
1
Application:
Channel letter signs Indirect accent decor light Large area back lighting Under counter light Decorate building's contour Substitute neon light
1
Product Picture:
1
LED & Application Technologies
1
Model No. REV.
OSWOXX C5
Device Selection Guide
Module No.
OSWOR5 OSWOO5 OSWOY5 OSWOG5 OSWOB5 OSWOW5 OSWOM5 OSWOK5
1
Dom. Wavelength Intensity / Per LED (Typ.) (Typ.)
625 5nm 605 5nm 590 5nm 525 5nm 470 5nm X=0.27 ; Y=0.28 X=0.45 ; Y=0.41 X=0.45 ; Y=0.17 1120 mcd 1120 mcd 1120 mcd 3000 mcd 1560 mcd 7000 mcd 5000 mcd 1900 mcd
Color
Red Orange Yellow Green Blue White Warm White Pink
Absolute Maximum Ratings(Ta=25
Items
Operating Supply Range(DC) Input Current (DC) Power Dissipation LED Light Source Temperature Operating Temperature Storage Temperature
)
Values
14 0.9 12.6 105 -10 ~ +40 -20 ~ +80
1
Units
V A W DegC DegC DegC
Symbol
Vidc Ii Pa Tled Tope Tsto
Typical Performance (Ta=25
Items
LED Module Power Input Voltage(DC) Product Input Current Beam Pattern Total Length of Modules (Including Pin) LED Quantity of Every Meter Net Weight
)
Min.
---
1
Typ.
7.2 12 0.6 120 1000 30 42
Symbol
Pm Vi If BP Lmod. OTY Wei.
Max.
12.6 14 0.9 ---
Units
w V A Deg mm PCS g
LED & Application Technologies
2
Model No. REV.
OSWOXX C5 1
Product Dimensions:
---
VDD+
UNITmm
---
VDD+
LED & Application Technologies
3


▲Up To Search▲   

 
Price & Availability of OSWOR5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X