Part Number Hot Search : 
P2500 GP407 74AHC1G 855954 PE8008 1N4622 MAX1665S 74HC21N
Product Description
Full Text Search
 

To Download N10240-6212PC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 3MTM Mini D Ribbon (MDR) Connectors
.050 Boardmount Through-Hole Vertical Receptacle - Shielded 102 Series
* Wiper-on-wiper contact for reliable repetitive plugging * Rugged die cast metal case construction * Screw lockdown for reliable PCB retention * Interface latch design for connection stability * IEEE 1284C Interface as a 36 contact connector * Contacts: 14, 20, 26, 36, 40, 50, 68, 80 and 100 * See Regulatory Information Appendix (RIA) for chemical compliance information.
Date Modified: November 26, 2007
TS-0427-B Sheet 1 of 3
Physical
Insulation Material: Glass Filled Polyester (PBT) or Glass Filled Polyester (PCT) - (High Temp. Option) - See ordering information Flammability: UL 94V-0 Color: Black (PBT) or Beige (PCT)-High Temp. Option - See ordering information Contact Material: Copper Alloy Plating Underplating: 100 [ 2.5 m ] Nickel Wiping Area: 30 [ 0.76 m ] Min. Gold Solder Tail Plating: Gold flash over Nickel (RIA E1 & C1 apply) Body Material: Zinc Alloy Plating: Nickel
Shroud & Latch Hook
Material: Steel Plating: Nickel Marking: 3M Logo and Part Number
Electrical
Current Rating: 1 A Insulation Resistance: > 5 x 108 at 500 VDC Withstanding Voltage: 500 VRMS for 1 Minute
Environmental
Temperature Rating: -20C to +85C
Solder Dip Test - 260C for 10 secs., two times after 100C max. preheat, 60 sec. max. duration. PCT Insulation Process Rating: High Temp. Option: 260C (profile per J-STD-020C)
PBT Insulation Process Rating:
UL File No.: E68080
3
Interconnect Solutions http://www.3M.com/interconnects/ 3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373
3MTM Mini D Ribbon (MDR) Connectors
.050 Boardmount Through-Hole Vertical Receptacle - Shielded
Contact Quantity 14 20 26 36 40 50 68 80 100 A B Dim ensions C D E
102 Series
0.300 [ 7.62 ] 0.450 [ 11.43 ] .600 [ 15.24 ] .850 [ 21.59 ] .950 [ 24.13 ] 1.200 [ 30.48 ] 1.650 [ 41.91 ] 1.950 [ 49.53 ] 2.450 [ 62.23 ]
0.93 [ 23.6 ] 1.08 [ 27.5 ] 1.23 [ 31.3 ] 1.48 [ 37.6 ] 1.58 [ 40.2 ] 1.83 [ 46.5 ] 2.28 [ 57.9 ] 2.58 [ 65.6 ] 3.08 [ 78.3 ]
1.16 [ 29.5 ] 1.31 [ 33.4 ] 1.46 [ 37.2 ] 1.71 [ 43.5 ] 1.81 [ 46.1 ] 2.06 [ 52.4 ] 2.51 [ 63.8 ] 2.81 [ 71.5 ] 3.31 [ 84.2 ]
0.50 [ 12.6 ] .65 [ 16.4 ] .80 [ 20.2 ] 1.05 [ 26.6 ] 1.15 [ 29.1 ] 1.40 [ 35.5 ] 1.85 [ 46.9 ] 2.15 [ 54.5 ] 2.65 [ 67.2 ]
.77 [ 19.5 ] .92 [ 23.4 ] 1.07 [ 27.2 ] 1.32 [ 33.5 ] 1.42 [ 36.1 ] 1.67 [ 42.4 ] 2.12 [ 53.8 ] 2.42 [ 61.5 ] 2.92 [ 74.2 ]
.075 [ 1.905 ] .075 [ 1.905 ] .075 [ 1.905 ]
C B A .050 [ 1.27 ]
.0157 SQ [ 0.399 ]
.134 [ 3.4 ] .23 [ 5.8 ] .21 [ 5.2 ] D .05 [ 1.3 ] E Position 2 (2X) Lockstand Thread see ordering information below Position 1 .05 [ 1.3 ] .28 [ 7.2 ] .19 [ 4.8 ]
In c h
.36 [ 9.1 ] .25 [ 6.3 ] Position 15
[m m ] T o le ra n c e U n le s s N o ted .0 in c h .1 .0 0 .0 00 .0 1 .0 05
.18 [ 4.6 ] Last Position
.050 [ 1.27 ]
[ ] D im e n sio n s for R e fe re n ce O n ly
Ordering Information
Blank = Stand., PBT Insulator N = High Temp. Option, PCT Insulator Contact Quantity (See Table) A0 = 100 pos.
X 102 XX - 62 X 2 P C
Lockstand Thread 0 = M 2.6 (Special) 1 = M 2.5 (Standard)
TS-0427-B Sheet 2 of 3
3
Interconnect Solutions http://www.3M.com/interconnects/
3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373
3MTM Mini D Ribbon (MDR) Connectors
.050 Boardmount Through-Hole Vertical Receptacle - Shielded
C on tact Q u an ti ty 20 36 40 68 80 100 Di m e n s i on s A .450 [ 11.43 ] .850 [ 21.59 ] .950 [ 24.13 ] 1.650 [ 41.91 ] 1.950 [ 49.53 ] 2.450 [ 62.23 ] B 1.081 [ 27.45 ] 1.481 [ 37.61 ] 1.581 [ 40.15 ] 2.281 [ 57.93 ] 2.581 [ 65.55 ] 3.081 [ 78.25 ]
.112 [ 2.86 ] 2x 0.20 [ 5.0 ] B .004 .028 .003 [ 0.70 ] (See Note)
A
102 Series
Recommended Board Layout Viewed from Connector Side 20, 36, 40, 68, 80 and 100 pos only
Position 3 Position 1 Position 2
C on tact Q u an ti ty 14 26 50
Di m e n s i on s A .300 [ 7.62 ] .600 [ 15.24 ] 1.200 [ 30.48 ] B 0.931[ 23.64 ] 1.231 [ 31.26 ] 1.831 [ 46.50 ]
2X .110 .003 [ 2.8 ] (See Note) Last Position 2x 0.20 [ 5.0 ] 2x 0.20 [ 5.0 ] .050 Typ [ 1.27 ] .075 Typ [ 1.90 ] Position 2x 0.16 [ 4.0 ]
14, 26, 50 pos only
.112 [ 2.86 ] 2x 0.20 [ 5.00 ]
B .004 .028 .003 [ 0.70 ] (See Note)
A
Position 3 Position 1 Position 2
.075 Typ [ 1.90 ] .2x 0.20 [ 5.0 ] .050 Typ [ 1.27 ] Last Position 2x 0.20 [ 5.0 ]
Contact Quantity 14 20 26 36 40 50 68 80 100
Dimensions C .78 [ 20.0 ] .94 [ 23.8 ] 1.09 [ 27.6 ] 1.33 [ 33.9 ] 1.44 [ 36.5 ] 1.69 [ 42.8 ] 2.13 [ 54.2 ] 2.44 [ 61.9 ] 2.94 [ 74.6 ] D .93 [ 23.64 ] 1.08 [ 27.45 ] 1.23 [ 31.26 ] 1.48 [ 37.61 ] 1.58 [ 40.15 ] 1.83 [ 46.50 ] 2.28 [ 57.93 ] 2.58 [ 65.55 ] 3.08 [ 78.25 ]
2X .110 .003 [ 2.8 ] (See Note)
Position 2x 0.16 [ 4.0 ]
Note: Plated through holes for .062 board thickness.
Recommended Panel Cut-Out
.319 .004 [ 8.10 ]
R .060 [ 1.52 ]
C .004 D .004 TS-0427-B Sheet 3 of 3
Note: Panel thickness .079 [ 2.00 ] Max.
3
Interconnect Solutions http://www.3M.com/interconnects/
3M is a trademark of 3M Company. For technical, sales or ordering information call 800-225-5373
Regulatory Information Appendix
3M Electronic Solutions Division/Interconnect EUROPE Appendix E1: European Union RoHS
Directive 2002/95/EC, Restriction of the Use of Certain Hazardous Substances in Electrical & Electronic Equipment, as amended by EU Commission Decision 2005/618/EC. This product is RoHS Compliant 2005/95/EC. "RoHS Compliant 2005/95/EC" means that the product or part ("Product") does not contain any of the substances in excess of the maximum concentration values in EU Directive 2002/95/EC, as amended by Commission Decision 2005/618/EC, unless the substance is in an application that is exempt under EU RoHS. Unless otherwise stated by 3M in writing, this information represents 3M's best knowledge and belief based upon information provided by third party suppliers to 3M. In the event any product is proven not to conform with 3M's Regulatory Information Appendix, then 3M's entire liability and Buyer's exclusive remedy will be in accordance with the Warranty stated below.
Appendix E2: European Union RoHS
Directive 2002/95/EC, Restriction of the Use of Certain Hazardous Substances in Electrical & Electronic Equipment, as amended by EU Commission Decision 2005/618/EC. This product contains lead in the compliant pin area in excess of the maximum concentration value allowed but is compliant by exemption under EU Commission Decision 2005/747/EC. "RoHS Compliant 2005/95/EC" means that the product or part ("Product") does not contain any of the substances in excess of the maximum concentration values in EU Directive 2002/95/EC, as amended by Commission Decision 2005/618/EC, unless the substance is in an application that is exempt under EU RoHS. Unless otherwise stated by 3M in writing, this information represents 3M's best knowledge and belief based upon information provided by third party suppliers to 3M. In the event any product is proven not to conform with 3M's Regulatory Information Appendix, then 3M's entire liability and Buyer's exclusive remedy will be in accordance with the Warranty stated below.
Appendix E3: European Union RoHS
Directive 2002/95/EC, Restriction of the Use of Certain Hazardous Substances in Electrical & Electronic Equipment as amended by Commission Decision 2005/618/EC. This product contains lead in the solder tail area in excess of the maximum concentration value allowed. Unless otherwise stated by 3M in writing, this information represents 3M's best knowledge and belief based upon information provided by third party suppliers to 3M. In the event any product is proven not to conform with 3M's Regulatory Information Appendix, then 3M's entire liability and Buyer's exclusive remedy will be in accordance with the Warranty stated below.
Appendix E4: European Union RoHS
Directive 2002/95/EC, Restriction of the Use of Certain Hazardous Substances in Electrical & Electronic Equipment, as amended by EU Commission Decision 2005/618/EC. This product contains decaBDE in the insulating material in excess of the maximum concentration value allowed but is compliant by exemption under EU Commission Decision 2005/717/EC. "RoHS Compliant 2005/95/EC" means that the product or part ("Product") does not contain any of the substances in excess of the maximum concentration values in EU Directive 2002/95/EC, as amended by Commission Decision 2005/618/EC, unless the substance is in an application that is exempt under EU RoHS. Unless otherwise stated by 3M in writing, this information represents 3M's best knowledge and belief based upon information provided by third party suppliers to 3M. In the event any product is proven not to conform with 3M's Regulatory Information Appendix, then 3M's entire liability and Buyer's exclusive remedy will be in accordance with the Warranty stated below.
RIA-2217B-c
Appendix E5: European Union RoHS
Directive 2002/95/EC, Restriction of the Use of Certain Hazardous Substances in Electrical and Electronic Equipment, as amended by EU Commission Decision 2005/618/EC. This product contains lead in excess of the maximum concentration value allowed but is compliant by exemption under Item 6 of the Annex to the Directive. "RoHS Compliant 2005/95/EC" means that the product or part ("Product") does not contain any of the substances in excess of the maximum concentration values in EU Directive 2002/95/EC, as amended by Commission Decision 2005/618/EC, unless the substance is in an application that is exempt under EU RoHS. Unless otherwise stated by 3M in writing, this information represents 3M's best knowledge and belief based upon information provided by third party suppliers to 3M. In the event any product is proven not to conform with 3M's Regulatory Information Appendix, then 3M's entire liability and Buyer's exclusive remedy will be in accordance with the Warranty stated below.
CHINA Appendix C1: China RoHS
Electronic Industry Standard of the People's Republic of China, SJ/T11363-2006, Requirements for Concentration Limits for Certain Hazardous Substances in Electronic Information Products. This symbol, per Marking for the Control of Pollution Caused by Electronic Information Products, SJ/T11364-2006, means that the product or part does not contain any of the following substances in excess of the following maximum concentration values in any homogeneous material: (a) 0.1% (by weight) for lead, mercury, hexavalent chromium, polybrominated biphenyls or polybrominated diphenyl ethers; or (b) 0.01% (by weight) for cadmium. Unless otherwise stated by 3M in writing, this information represents 3M's best knowledge and belief based upon information provided by third party suppliers to 3M. In the event any product is proven not to conform with 3M's Regulatory Information Appendix, then 3M's entire liability and Buyer's exclusive remedy will be in accordance with the Warranty stated below.
Appendix C2: China RoHS
Electronic Industry Standard of the People's Republic of China, SJ/T11363-2006, Requirements for Concentration Limits for Certain Hazardous Substances in Electronic Information Products. This symbol, per Marking for the Control of Pollution Caused by Electronic Information Products, SJ/T11364-2006, means that the product or part does contain a substance, as detailed in the chart below, in excess of the following maximum concentration values in any homogeneous material: (a) 0.1% (by weight) for lead, mercury, hexavalent chromium, polybrominated biphenyls or polybrominated diphenyl ethers; or (b) 0.01% (by weight) for cadmium. Unless otherwise stated by 3M in writing, this information represents 3M's best knowledge and belief based upon information provided by third party suppliers to 3M. The numerical reference in the symbol above should not be construed as a representation regarding the product's life or an extension of a product warranty. The product warranty is stated below. In the event any product is proven not to conform with 3M's Regulatory Information Appendix, then 3M's entire liability and Buyer's exclusive remedy will be in accordance with the product Warranty stated below.
RIA-2217B-c
Appendix C3: China RoHS
Electronic Industry Standard of the People's Republic of China, SJ/T11363-2006, Requirements for Concentration Limits for Certain Hazardous Substances in Electronic Information Products. This symbol, per Marking for the Control of Pollution Caused by Electronic Information Products, SJ/T11364-2006, means that the product or part does contain a substance, as detailed in the chart below, in excess of the following maximum concentration values in any homogeneous material: (a) 0.1% (by weight) for lead, mercury, hexavalent chromium, polybrominated biphenyls or polybrominated diphenyl ethers; or (b) 0.01% (by weight) for cadmium. Unless otherwise stated by 3M in writing, this information represents 3M's best knowledge and belief based upon information provided by third party suppliers to 3M. The numerical reference in the symbol above should not be construed as a representation regarding the product's life or an extension of a product warranty. The product warranty is stated below. In the event any product is proven not to conform with 3M's Regulatory Information Appendix, then 3M's entire liability and Buyer's exclusive remedy will be in accordance with the product Warranty stated below.
Important Notice All statements, technical information, and recommendations related to 3M's products are based on information believed to be reliable, but the accuracy or completeness is not guaranteed. Before using this product, you must evaluate it and determine if it is suitable for your intended application. You assume all risks and liability associated with such use. Any statements related to the product which are not contained in 3M's current publications, or any contrary statements contained on your purchase order shall have no force or effect unless expressly agreed upon, in writing, by an authorized officer of 3M. Warranty; Limited Remedy; Limited Liability. This product will be free from defects in material and manufacture for a period of one (1) year from the time of purchase. 3M MAKES NO OTHER WARRANTIES INCLUDING, BUT NOT LIMITED TO, ANY IMPLIED WARRANTY OF MERCHANTABILITY OR FITNESS FOR A PARTICULAR PURPOSE. If this product is defective within the warranty period stated above, your exclusive remedy shall be, at 3M's option, to replace or repair the 3M product or refund the purchase price of the 3M product. Except where prohibited by law, 3M will not be liable for any indirect, special, incidental or consequential loss or damage arising from this 3M product, regardless of the legal theory asserted.
3
3M Electronics Interconnect Products
6801 River Place Blvd. Austin, TX 78726-9000 U.S.A. 1-800-225-5373 www.3m.com/interconnects
Please recycle. Printed in USA. (c) 3M 2007. All rights reserved. RIA-2217B-c
3M is a trademark of 3M Company.


▲Up To Search▲   

 
Price & Availability of N10240-6212PC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X