Part Number Hot Search : 
XSD5401 UF1004 STMICRO 2SD0860A AKD4709 AT91SAM 150N06 PRB354
Product Description
Full Text Search
 

To Download MXO45HSTLV-2C-M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MXO45LV/MXO45HSLV
METAL DIP CLOCK OSCILLATOR FEATURES
* * * * * Standard 14 Pin or 8 Pin DIP Footprint HCMOS/TTL Compatible Fundamental and 3rd Overtone Crystals Frequency Range 1.0 - 50 MHz Frequency Stability, 50 ppm Standard (25 ppm and 20 ppm available) * +3.3Vdc Operation * Operating Temperature to -40C to +85C * Output Enable Option
* RoHS/Green Compliant
DESCRIPTION
The MXO45LV/MXO45HSLV is a DIP packaged Clock oscillator offering reliable performance at an economical cost. The enhanced stability means it is the perfect choice for today's communications applications that require tight frequency control.
ORDERING INFORMATION
MXO
SUPPLY VOLTAGE 45LV = 14 Pin DIP/STD Output 45TLV = 14 Pin DIP/Tristate Output 45HSLV = 8 Pin DIP/STD Output 45HSTLV = 8 Pin DIP/Tristate Output FREQUENCY STABILITY 6 5 3 2 = = = = 20 ppm (-20C to +70C only) 25 ppm 50 ppm (standard) 100 ppm
-
-
M
FREQUENCY IN MHz M - indicates MHz and decimal point. Frequency is recorded with minimum 4 significant digits to the right of the "M". OPERATING TEMPERATURE RANGE C = -20C to +70C (standard) I = -40C to +85C
Example Part Number: MXO45LV-3C-32M7680 or MXO45HSLV-3C-32M7680
Document No. 008-0278-0
Page 1 - 5
Rev. C
CTS Electronic Components, Inc. 171 Covington Drive Bloomingdale, IL 60108 www.ctscorp.com
MXO45LV/MXO45HSLV
Metal DIP Clock Oscillator
ELECTRICAL CHARACTERISTICS
PARAMETER Maximum Supply Voltage Storage Temperature Frequency Range Frequency Stability
(See Note 1 and Ordering Information)
Absolute Maximums
SYMBOL VCC TSTG fO f/fO TA VCC ICC CL
CONDITIONS 10 % 1.5 MHz to 20 MHz 20.1 MHz to 50 MHz 1.5 MHz to 50 MHz 1.5 MHz to 50 MHz CMOS Load 10 TTL LOAD CMOS TTL Load VOH = 2.2V VCC = 3.0V VOL = 0.4V VCC = 3.0V @ 50% Level @ 10% - 90% Levels 1.5 MHz to 25 MHz 25.1 MHz to 50 MHz Application of VCC
MIN -0.5 -55 1.5 -20 -40 3.0 CL=50pF CL=50pF 0.9*VCC VCC-0.6V 45 CL=50pF CL=50pF -
TYP 25 3.3 7 6 3 20
MAX 7.0 125 50
20,25,50 or 100
UNIT V C MHz ppm C V mA pF TTL
Operating Temperature Commercial Industrial Supply Voltage Supply Current Output Load CMOS TTL Output Voltage Levels Logic '1' Level Logic '0' Level Output Current Logic '1' Level Logic '0' Level Output Duty Cycle Rise and Fall Time
70 85 3.6 12 40 50 10 0.1*VCC 0.4 -8 8 55 8 4 10
Electrical and Waveform Parameters
VOH VOL IOH IOL SYM TR, TF
V
mA % ns ms V ms ps RMS
Start Up Time Enable Function
(See Note 2)
TS
Enable Input Voltage Disable Input Voltage Enable Time Phase Jitter
VIH VIL TPLZ tjms
Pin 1 Logic '1', Output Enabled Pin 1 Logic '0', Output Disabled Pin 1 Logic '1' Bandwidth 12 kHz - 20 MHz
2.0 -
-
0.8 10 1
Notes: 1. Inclusive of initial tolerance at time of shipment, changes in supply voltage, load, temperature and first year aging at an average operating temperature of +40 C. 2. Reference CTS Application Note 014-0002-0.
Document No. 008-0278-0
Page 2 - 5
Rev. C
CTS Electronic Components, Inc.
171 Covington Drive
Bloomingdale, IL 60108
MXO45LV/MXO45HSLV
Metal DIP Clock Oscillator
CMOS/TTL OUTPUT WAVEFORM
Tr Tf
TEST CIRCUIT, CMOS LOAD
VOH 90%, 80%, 2.4V
+
mA
-
14 or 8
8 or 5 CL 7 or 4 capacitance.
50%, 1.5V
+
POWER SUPPLY
+ VM -
0.01uF D.U.T. 1
10%, 20%, 0.5V
UPTIME (t) PERIOD (T)
-
VOL
Enable Input or N.C.
DUTY CYCLE = t/T x 100 (%)
ENABLE TRUTH TABLE PIN 1 Logic `1' Open Logic `0' PIN 5 or PIN 8 Output Output High Imp.
D.U.T. PIN ASSIGNMENTS PIN 1 7 or 4 8 or 5 14 or 8 SYMBOL EOH GND Output VCC DESCRIPTION Enable Input Circuit & Package Ground RF Output Supply Voltage
MECHANICAL SPECIFICATIONS
PACKAGE DRAWING DIP-14
FOR REFERENCE ONLY. THE NUMBERS ARE NOT MARKED ON BOTTOM.
20.574 .810 5.080 MAX .200 6.350 .508 .250 .020
MAX
DENOTES PIN 1
1
.711 .330 .028 .013 .432/.508 .017/.020 1.524 TYP. .060 7.620 .127 .300 .005
7
12.954 .510
MAX
14
8
1.524 TYP. .060
MXO45LV XXXMXXXX CTS ST YYWW **
KEY:
MM INCH
15.240 .127 .600 .005
MARKING INFORMATION 1. XXXMXXXX - Frequency marked with 4 significant digits after the `M'. 2. ST - Frequency stability/temperature code. (Reference Ordering Information.) 3. YYWW - Date code, YY - year, WW - week. 4. ** - Manufacturing Site Code.
NOTES 1. Lead finish (e1), SnAgCu. 2. Reflow conditions per JEDEC J-STD-020.
Document No. 008-0278-0
Page 3 - 5
Rev. C
CTS Electronic Components, Inc.
171 Covington Drive
Bloomingdale, IL 60108
MXO45LV/MXO45HSLV
Metal DIP Clock Oscillator
PACKAGE DRAWING DIP-8
DENOTES PIN 1 5.080 MAX .200 6.350 .508 .250 .020 .432/.508 .017/.020 .660/1.016 .026/.040 12.954 .510 MAX
FOR REFERENCE ONLY. THE NUMBERS ARE NOT MARKED ON BOTTOM.
1
4
7.620 .127 .300 .005
8
5
2.540 .100
7.620 .127
MXO45HSLV XXXMXXXX CTS ST YYWW **
KEY:
MM INCH
.300 .005 12.954 MAX .510
NOTE: 3 OR 4 STANDOFFS ALLOWED
MARKING INFORMATION 1. XXXMXXXX - Frequency marked with 4 significant digits after the `M'. 2. ST - Frequency stability/temperature code. (Reference Ordering Information.) 3. YYWW - Date code, YY - year, WW - week. 4. ** - Manufacturing Site Code.
NOTES 1. Lead finish (e1), SnAgCu. 2. Reflow conditions per JEDEC J-STD-020.
Document No. 008-0278-0
Page 4 - 5
Rev. C
CTS Electronic Components, Inc.
171 Covington Drive
Bloomingdale, IL 60108
MXO45LV/MXO45HSLV
Metal DIP Clock Oscillator
ENVIRONMENTAL SPECIFICATIONS
Temperature Cycle: Mechanical Shock: Sinusoidal Vibration: Gross Leak: Fine Leak: Resistance to Solder Heat: High Temperature Operating Bias: Frequency Aging: Moisture Sensitivity Level: 400 cycles from -55C to +125C, 10 minute dwell at each temperature, 1 minute transfer time between temperatures. 1,500g's, 0.5mS duration, 1/2 sinewave, 3 shocks each direction along 3 mutually perpendicular planes (18 total shocks). 0.06 inches double amplitude, 10 to 55 Hz and 20g's, 55 to 2,000 Hz, 3 cycles each in 3 mutually perpendicular planes (9 times total). No leak shall appear while immersed in an FC40 or equivalent liquid at +125C for 20 seconds. Mass spectrometer leak rates less than 2x10-8 ATM cc/sec air equivalent. Product must survive 3 reflows of +260C peak, 10 seconds maximum. 2,000 hours at +125C, maximum bias, disregarding frequency shift. 1,000 hours at +85C, full bias, less than 5 ppm shift. Level 1 per JEDEC J-STD-020.
QUALITY AND RELIABILITY
Quality systems meet or exceed the requirements of ISO 9000:2000 standards.
Document No. 008-0278-0
Page 5 - 5
Rev. C
CTS Electronic Components, Inc.
171 Covington Drive
Bloomingdale, IL 60108


▲Up To Search▲   

 
Price & Availability of MXO45HSTLV-2C-M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X