Part Number Hot Search : 
HERA803G PC2508 LSZ51A VMP6G BUK95 GP1U528Y 3510X GP1U528Y
Product Description
Full Text Search
 

To Download MSJ500 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Powered by
MSJ 500
2V 500Ah
Specification
Cells Per Unit Voltage Per Unit Capacity Weight Maximum Discharge Current Internal Resistance Operating Temperature Range
MSJ 500 is a long service life battery up to 20 years expected life under normal float charge. As wit hall CSB batteries , all are rechargeable, highly efficient , leak proof and maintenance free.
1 2 500Ah @ 10hr-rate to 1.80V per cell @25 (77 ) Approx. 36.5 kg(80.47 lbs) 3000A(5sec) Approx. 0.42m Discharge: -20 ~50 (-4 ~122 ) Charge: 0 ~40 (32 ~104 ) Storage: -20 ~40 (-4 ~104 ) Nominal Operating Temperature Range 25 3 (77 5 ) 2.23 0.02/Cell at 25 (77 ) Temp. Float Charging Voltage Coefficient 3.3mV/ ( 1.8mV/ ) Recommended Maximum Charging Current Limit 150A Equalization / Cycle Use Charging Voltage 2.35V Temps coefficient 3.3mV/ ( 1.8mV/ ) Terminal Pb-Ca-Sn Alloy L Terminal The container and cover are made of flame retardant Container Material
CSB-manufactured VRLA batteries are ULrecognized components under UL924 and UL1989. CSB is also certified by ISO 9001 and ISO 14001.
plastics which meet ABS(UL 94-V0/File E88637) specifications.The oxygen index level is higher than 28
Dimensions :
Unit: mm (inch)
Overall Height (H) 3653 (14.370.12)
Container height (h) 3313 (13.030.12)
Length (L) 2413 (9.480.12)
Width (W) 1713 (6.730.12)
The system of manufacturer was certified by URS according to ISO 9001,ISO 14001.
Constant Current Discharge Characteristics
Unit:A (25
,77
)
F.V/Time 1.60V 1.67V 1.70V 1.75V 1.80V 1.83V F.V/Time 1.60V 1.67V 1.70V 1.75V 1.80V 1.83V
15MIN 794 755 704 625 538 455 15MIN 1390 1377 1267 1139 980 829
30MIN 527 506 477 424 391 352 30MIN 937 932 867 781 720 649
60MIN 323 309 303 279 263 243 60MIN 577 575 557 520 490 452
2HR 192 185 182 172 164 155 2HR 347 342 337 322 308 290
3HR 143 137 134 127 122 116 3HR 260 259 251 242 232 221
4HR 114 110 109 103 102 94.0 4HR 209 207 204 197 191 176
5HR 96.0 92.0 91.0 87.0 84.0 80.0 5HR 177 175 173 166 161 154
6HR 83.0 81.0 79.0 75.0 74.0 70.0
,77
8HR 67.0 64.0 63.0 61.0 60.0 57.0
)
10HR 56.0 54.0 53.0 52.0 50.0 48.0 10HR 106 105 104 101 98.0 95.0
Constant Power Discharge Characteristics
Unit:W (25
6HR 157 155 152 145 142 134
8HR 125 124 122 119 115 110
RA: 0812
MSJ 500
t
2V 500Ah
i
Gas recombination efficiency
CA
(Min-Hrs)
GLOBAL HQ CSB BATTERY CO., LTD. (TAIWAN) Tel : +886-2-2555-5600 Fax : +886-2-2555-3300 mail : service@csb-battery.com.tw BEIJING OFFICE. (CHINA) CSB BATTERY TECHNOLOGIES (BEIJING) CO., LTD. Tel : +86-10-59621300/1301/1302/1303 Fax : +86-10-59621304 mail : chinasls@csb-battery.com
AMERICA HQ CSB BATTERY TECHNOLOGIES INC. (U.S.A) Tel : +1-817-244-7777/1-(800)3-CSB-USA(272872) Fax : +1-817-244-4445 mail : csb@csb-battery.com SHANGHAI OFFICE. (CHINA) CSB BATTERY LOGISTIC (SHANGHAI) CO., LTD. Tel : +86-21-5046-1622/5046-0833 Fax : +86-21-5064-3314 mail : chinasls@csb-battery.com
EUROPE HQ CSB Battery Europe BV. Tel : +31(0)-180-418-140 Fax : +886-2-2555-3300 mail : eurosales@csb-battery.eu SHENZHEN OFFICE.( CHINA ) CSB BATTERY LOGISTIC ( SHANGHAI ) CO., LTD. Tel : +86-755-8831-6488/6396/6356 Fax : +86-755-8831-6548 mail : she@csb-battery.com.cn


▲Up To Search▲   

 
Price & Availability of MSJ500

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X