Part Number Hot Search : 
C1510 09231 200AB PUMD6 32M10 T24C0 CH490DPT RFP4668
Product Description
Full Text Search
 

To Download ME3220-102ML Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Document 380-1
SMT Power Inductor - ME3220 Series
* Miniature power inductor: 2.5 x 3.2 base x 2.0 mm tall * Specified by NSC for their LM2830 Buck Converter
Designer's Kit C386 contains samples of all values Core material Ferrite Core and winding loss See www.coilcraft.com/coreloss Terminations RoHS matte tin over nickel over silver. Other terminations available at additional cost. Weight 56 - 65 mg Ambient temperature -40C to +85C with Irms current, +85C to +125C with derated current Storage temperature Component: -40C to +125C. Packaging: -40C to +80C Resistance to soldering heat Max three 40 second reflows at +260C, parts cooled to room temperature between cycles Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30C / 85% relative humidity) Failures in Time (FIT) / Mean Time Between Failures (MTBF) 38 per billion hours / 26,315,789 hours, calculated per Telcordia SR-332 Packaging 2000/7reel; 7000/13 reel Plastic tape: 12 mm wide, 0.25 mm thick, 4 mm pocket spacing, 2.25 mm pocket depth PCB washing Only pure water or alcohol recommended
Part number1 ME3220-102ML_ ME3220-152ML_ ME3220-222ML_ ME3220-332ML_ ME3220-472ML_ ME3220-562ML_ ME3220-682ML_ ME3220-822ML_ ME3220-103KL_ ME3220-123KL_ ME3220-153KL_ ME3220-183KL_ ME3220-223KL_ ME3220-273KL_ ME3220-333KL_ ME3220-393KL_ ME3220-473KL_ ME3220-563KL_ ME3220-683KL_ ME3220-823KL_ ME3220-104KL_
DCR Inductance2 max3 (H) (Ohms) 1.0 20% 0.058 1.5 20% 0.068 2.2 20% 0.104 3.3 20% 0.138 4.7 20% 0.190 5.6 20% 0.200 6.8 20% 0.270 8.2 20% 0.290 10 10% 0.434 12 10% 0.470 15 10% 0.520 18 10% 0.696 22 10% 0.787 27 10% 1.19 33 10% 1.27 39 10% 1.38 47 10% 1.80 56 10% 2.10 68 10% 2.30 82 10% 3.00 100 10% 3.50
Irms (A)6 Isat (A)5 SRF typ4 10% 20% 30% 20C 40C (MHz) drop drop drop rise rise 170.7 2.7 3.0 3.2 2.0 2.6 138.0 2.2 2.5 2.7 1.6 2.2 92.6 1.8 2.1 2.2 1.5 2.0 75.6 1.5 1.6 1.7 1.4 1.6 58.2 1.2 1.4 1.5 1.0 1.3 52.5 1.1 1.3 1.4 1.0 1.3 46.2 1.0 1.1 1.2 0.88 1.1 45.2 0.98 1.0 1.1 0.80 1.0 39.9 0.78 1.0 1.1 0.63 0.87 37.5 0.76 0.88 0.98 0.61 0.84 32.5 0.70 0.80 0.90 0.58 0.83 31.7 0.66 0.75 0.80 0.49 0.70 29.4 0.59 0.67 0.71 0.47 0.64 26.1 0.56 0.63 0.67 0.40 0.54 23.0 0.50 0.57 0.60 0.39 0.53 22.6 0.45 0.51 0.54 0.34 0.47 20.7 0.40 0.46 0.49 0.30 0.45 20.3 0.37 0.42 0.45 0.27 0.43 16.3 0.34 0.38 0.41 0.26 0.38 13.7 0.30 0.34 0.36 0.25 0.34 13.3 0.28 0.32 0.34 0.24 0.32
1. Please specify termination and packaging codes: ME3220-104KLC Termination: L = RoHS matte tin over nickel over silver. Special order: T = RoHS tin-silver-copper (95.5/4/0.5) or S = non-RoHS tin-lead (63/37). Packaging: C = 7 machine-ready reel. EIA-481 embossed plastic tape (2000 parts per full reel). B = Less than full reel. In tape, but not machine ready. To have a leader and trailer added ($25 charge), use code letter C instead. D = 13 machine-ready reel. EIA-481 embossed plastic tape (7000 parts per full reel). 2. Inductance measured at 100 kHz, 0.1 Vrms, 0 Adc using Coilcraft SMD-A fixture in Agilent/HP 4284A impedance analyzer. 3. DCR measured on a micro-ohmmeter and Coilcraft CCF858 test fixture. 4. SRF measured using Agilent/HP 8753D network analyzer and Coilcraft SMD-D test fixture. 5. DC current at which the inductance drops the specified amount from its value without current. 6. Current that causes the specified temperature rise from 25C ambient. 7. Electrical specifications at 25C. Refer to Doc 362 "Soldering Surface Mount Components" before soldering.
Specifications subject to change without notice. Please check our website for latest information.
Document 380-1
Revised 11/14/08
(c) Coilcraft, Inc. 2009
Document 380-2
SMT Power Inductor - ME3220 Series
Typical L vs Frequency
1000
Typical L vs Current
1000
100
100 H 33 H 10 H 3.3 H 1 H
100
100 H 33 H 10 H 3.3 H 1 H
Inductance (H)
10
Inductance (H)
1 10
10
1
1
0.1 0.01 0.1
0.1 0.01 0.1 1 10
Frequency (MHz)
Current (A)
Typical Temperature Rise vs Current
50
Temperature rise (from 25C)
0.126 0.012 3,2 0,3
100 H
40
33 H
10 H
3.3 H
30
1. 0
0.110 max 2,8
H
20
0.098 0.008 2,5 0.2
10
0.079 0.016 2,0 0,4
0 0 0.5 1.0 1.5 2.0 2.5 3.0
0.043 1,10
Recommended Land Pattern
0.060 1,52
Current (A rms)
Current Derating
120 110
0.098 2,5 0.120 3,05
Percent of rated current
100 90 80 70 60 50 40 20 10 0 -40 -20
25C
Dimensions are in inches mm
0.090 2,29
30 Isat Irms 0 20
40
60
80
100
120 140
Ambient temperature (C)
Specifications subject to change without notice. Please check our website for latest information. Document 380-2 Revised 11/14/08
(c) Coilcraft, Inc. 2009


▲Up To Search▲   

 
Price & Availability of ME3220-102ML

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X