Part Number Hot Search : 
MGA2812D AM7947 2MBI150 2988900 SLD323V D4812 D4812 LT3070
Product Description
Full Text Search
 

To Download MAHY-008743-0CLG30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LG30 / SMLG30
TO-8 Thin-Film Linearizer For The G30
Rev. V2
Product Image Features
* AVAILABLE IN SURFACE MOUNT * WIDE TEMPERATURE OPERATION * YIELDS LINEAR ATTENUATION (dB) FOR LINEAR CONTROL VOLTAGE
Ordering Information
Part Number
LG30 MAHY-008743-SMLG30 MAHY-008743-0CLG30
Package
TO-8 Surface Mount SMA Connectorized **
** The connectorized version is not RoHs compliant.
Linearity Specifications: Frequency: 100 - 2000 MHz, attenuation range: 3 to 25 dB
Temperature
Units
Typical
Guaranteed Max.
25oC
dB
1.0
1.5
-54oC to +85oC
dB
< 1.5
2.0
Typical Current Drain
Units
Control Voltage= 0 V (Min. Attenuation)
Control Voltage= 15 V (Max. Attenuation)
VV+ VCON Combination of LG30 Plus G30 VV+ VCON 1
mA mA mA mA mA mA
3 5 6 3 12 6
15 14 12 15 21 12
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
LG30 / SMLG30
TO-8 Thin-Film Linearizer For The G30
Rev. V2
Typical Performance Curves
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
LG30 / SMLG30
TO-8 Thin-Film Linearizer For The G30
Rev. V2
Absolute Maximum Ratings
Parameter
Storage Temperature Maximum Case Temperature Maximum DC Voltage "S" Series Burn-in Temperature (Case)
Outline Drawing: TO-8
Absolute Maximum
-62C to +125C 125C +17 Volts 125C
In the G30 module is a voltage controlled voltage source. The LG30 is designed to drive the G30, a voltage controlled attenuator module. The combination of the LG30 and the G30 modules has a typical attenuation characteristic which is linear with control voltage provided the following conditions are met: 1. Positive supply = 15V 1% 2. Negative supply = -15V 1% 3. Source resistance of variable supply 1 The LG30 has a response time of 2 s over its entire band of control voltage. The response time of the G30 is typically 0.2 s.
Outline Drawing: Surface Mount
Outline Drawing: SMA Connectorized
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.43537383 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MAHY-008743-0CLG30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X