Part Number Hot Search : 
DL10LG A4503 UPD72042 B7225 29GL512 100034 NTE23 P89LPC
Product Description
Full Text Search
 

To Download MADR-009190-000100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MADR-009190-000100
Quad Driver for GaAs FET or PIN Diode Switches and Attenuators
Features
* * * * * * * * * High Voltage CMOS Technology Four Channel Positive Voltage Control CMOS device using TTL input levels Low Power Dissipation Low Cost Plastic SOIC-16 Package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound 260C Reflow Compatible Rev. V1
Functional Schematic
Vcc Vopt
Logic C1
TTL Buffer
Level Shifter
Output A1
Vopt Driver 1 Vee
Inverter
Level Shifter
Output B1
Description
The MADR-009190-000100 is a four channel driver used to translate TTL control inputs into gate control voltages for GaAs FET microwave switches and attenuators. High speed analog CMOS technology is utilized to achieve low power dissipation at moderate to high speeds, encompassing most microwave switching applications. The output HIGH level is optionally 0 to +2.0V (relative to GND) to optimize the intermodulation products of FET control devices at low frequencies. For driving PIN Diode circuits, the outputs are nominally switched between +5V & -5V. The actual driver output voltages will be lower when driving large currents due to the resistance of the output devices.
Logic C2 Same as Driver 1
Vee Output A2
Output B2
Output A3 Logic C3 Same as Driver 1 Output B3
Output A4 Logic C4 Same as Driver 1 Output B4
Pin Configuration
Pin No.
1
Function
Vee Vcc C4 C3 C2 C1 Vopt Ground
Pin No.
9 10 11 12 13 14 15 16
Function
Output A1 Output B1 Output A2 Output B2 Output A3 Output B3 Output A4 Output B4
Ordering Information1
Part Number
MADR-009190-000100 MADR-009190-000DIE MADR-009190-0001TR 1. 2.
2
Package
Bulk Packaging Die 2 1000 piece reel
3 4 5 6 7 8
Reference Application Note M513 for reel size information. Die sales are available in waffle packs in increments of 100 pieces.
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MADR-009190-000100
Quad Driver for GaAs FET or PIN Diode Switches and Attenuators
Guaranteed Operating Ranges (for driving FET or PIN devices) 3,4,7
Symbol
VCC VEE VOPT
5,6
Rev. V1
Parameter
Positive DC Supply Voltage Negative DC Supply Voltage Optional DC Output Supply Voltage Negative Supply Voltage Range Positive to negative Supply Range Operating Temperature DC Output Current - High DC Output Current - Low Maximum Input Rise or Fall Time
Unit
V V V V V C mA mA ns
Min.
4.5 -10.5 0 4.5 9.0 -40 -35 -- --
Typ.
5.0 -5.0 -- Note 5, 6 10.0 +25 -- -- --
Max.
5.5 -4.5 VCC 16.0 16.0 +85 -- 35 500
VOPT - VEE VCC - VEE TOPER IOH IOL Trise, Tfall
3. Unused logic inputs must be tied to either GND or VCC. 4. All voltages are relative to GND. 5. VOPT is grounded in most cases when FETs are driven. To improve the intermodulation performance and the 1 dB compression point of GaAs control devices at low frequencies, VOPT can be increased to between 1.0 and 2.0V. The nonlinear characteristics of the GaAs control devices will approximate performance at 500 MHz. It should be noted that the control current that is on the GaAs MMICs will increase when positive controls are applied. 6. When this driver is used to drive PIN diodes, VOPT is often set to +5.0V, with VEE set to -5.0V. 7. 0.01 uF decoupling capacitors are required on the power supply lines.
Handling Procedures
Please observe the following precautions to avoid damage:
Truth Table
Input Cn An
VEE VOPT
Outputs Bn
VOPT VEE
Static Sensitivity
Silicon Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
Logic "0" Logic "1"
2
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MADR-009190-000100
Quad Driver for GaAs FET or PIN Diode Switches and Attenuators
DC Characteristics over Guaranteed Operating Range
Symbol
VIH VIL VOH VOL IIN IOH IOL IOH_SPIKE
Rev. V1
Parameter
Input High Voltage Input Low Voltage Output High Voltage Output Low Voltage Input Leakage Current (per Input) DC Output Current--High (per Output) DC Output Current--Low (per Output) Peak Spike Output Current (Rising Edge) (per Output) Peak Spike Output Current (Falling Edge) (per Output) Quiescent Supply Current
Test Conditions
Guaranteed High Input Voltage Guaranteed Low Input Voltage IOH = -0.5 mA IOL = 0.5 mA VIN = VCC or GND, VEE = min, VCC = max, VOPT = min or max VCC = 5.0V, VEE = -5.0V, VOPT = 5.0V VCC = 5.0V, VEE = -5.0V, VOPT = 5.0V VCC = 5.0V, VEE = -5.0V, VOPT = 5.0V, CL = 25 pF VCC = 5.0V, VEE = -5.0V, VOPT = 5.0V, CL = 25 pF VIN = VCC or GND, VEE = -10.5V, VCC = 5.5V, VOPT = 5.5V, No Output Load VCC= max, VIN = VCC -2.1V VIN = VCC or GND, VEE = -10.5V, VCC = 5.5V, VOPT = 5.5V, No Output Load VIN = VCC or GND, VEE = -10.5V, VCC = 5.5V, VOPT = 5.5V, No Output Load VCC = 5.0V, VEE = -5.0V, VOPT = 5.0V, VOUT = -4.9V +25C, Note 8 VCC = 5.0V, VEE = -5.0V, VOPT = 5.0V, VOUT = 4.9V +25C, Note 8
Units
V V V V nA mA mA mA
Min.
2.0 -- VOPT - 0.1 -- -250 -35 -- --
Typ.
-- -- -- -- -- -- -- 35
Max.
-- 0.8 -- VEE + 0.1 250 -- 35 --
IOL_SPIKE
mA
--
50
--
ICC
A
--
--
20
ICC IEE
Additional Supply Current (per TTL Input pin) Quiescent Supply Current
mA A
-- --
-- --
1.0 20
IOPT
Quiescent Supply Current
A
--
--
20
RNFET
Output Resistance NFET On (to VEE) Output Resistance PFET On (to VOPT)
--
40
--
RPFET
--
45
--
8. See plot of RNFET and RPFET for variations over temperature for driving 4.99k and 82 ohm resistive load. (Note that this corresponds to 1 mA and 33 mA currents at 25).
3
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MADR-009190-000100
Quad Driver for GaAs FET or PIN Diode Switches and Attenuators
AC Characteristics Over Guaranteed Operating Range (Driving FETs) 9
Typical performance Symbol
TPLH TPHL TTLH TTHL Tskew PRF (max) CIN CPDC CPDE 9.
Rev. V1
Parameter
Propagation Delay Propagation Delay Output Transition Time (Rising Edge) Output Transition Time (Falling Edge) Delay Skew 50% Duty Cycle Input Capacitance Power Dissipation Capacitance
10
-40C
20 20 5 4 2 DC 5 50 100
+85C
22 22 5 5 2 -- 5 50 100
+85C
25 25 8 6 2 10 5 50 100
Unit
ns ns ns ns ns MHz pF pF pF
Power Dissipation Capacitance 10
VCC = 4.5V, VOPT - VEE = min or max, VOPT = 0V, CL = 25 pF, input LOGIC1 = 3V, LOGIC0 = 0V, Trise, Tfall = 6 ns.
10. Total Power Dissipation is calculated by the following formula: PD = VCC2fC PDC + VEE2fCPDE
Switching Waveforms--Driving FETs
Tr
90% INPUT C VIN 1.3V 10% TPLH OUTPUT B TTLH 90% 50% 10% TSKEW 90% 50% 10% TSKEW OUTPUT LOW 90% 1.3V 10% TPHL TTHL OUTPUT HIGH LOGIC 0
Output Resistance vs. Temperature11
120.0
Tf
LOGIC 1
PFET with 82 load
Resistance (Ohms) 100.0 80.0 60.0 40.0 20.0 -55.0
NFET with 82 load PFET with 4.99k load
VOUT
OUTPUT A
NFET with 4.99k load
-25.0 5.0 35.0 Temperature (C) 65.0 95.0 125.0
11. Output resistance were measured under the condition of VCC = 5.0V, VOPT = 5.0V, and VEE = -5.0V, with load resistors from outputs to ground.
4
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MADR-009190-000100
Quad Driver for GaAs FET or PIN Diode Switches and Attenuators
AC Characteristics Over Guaranteed Operating Range (Driving PIN Diodes) 12
Typical performance Symbol
TPLH TPHL TTLH1 TTLH2 TTHL Tskew PRF (max) CIN CPDC CPDE CPDO
Rev. V1
Parameter
Propagation Delay Propagation Delay Output Transition Time (Rising Edge) Output Setttling Time (Rising Edge) Output Transition Time (Falling Edge) Delay Skew 50% Duty Cycle Input Capacitance Power Dissipation Capacitance 13 Power Dissipation Capacitance
13
-40C
20 20 5 2 4 2.5 DC 5 45 180 135
+85C
22 22 5 5 4 2.5 -- 5 45 180 135
+85C
25 25 8 6 5 2.5 10 5 45 180 135
Unit
ns ns ns s ns ns MHz pF pF pF pF
Power Dissipation Capacitance 13
12. VCC = 5.0V, VEE = -5V, VOPT = 5.0V, CL = 25 pF, input LOGIC "1" = 3V, LOGIC "0" = 0V, Trise, Tfall = 6 ns 13. Total Power Dissipation is calculated by the following formula: PD = VCC2fCPDC + VEE2fCPDE + VOPT2fCPDO
Switching Waveforms--Driving PINs 14
Tr
90% INPUT C VIN 1.3V 10% TPLH OUTPUT B TTLH2 TTLH1 VOH1 VOH_Final
Switching Waveforms--Driving 35 mA load with 25 pF load capacitance
90% of VOL to VOH_Final 90% of VOL to VOH1 50%
VOUT
OUTPUT A 10%
VOL TSKEW
14. This effect is only apparent when driving high currents and only occurs on the rising edges. On the schematic in "Typical Application for a SPDT Switch" note that the rising edge turns on the shunt diodes. There will be a slight effect on isolation over time, but the insertion loss should not be affected. 5
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MADR-009190-000100
Quad Driver for GaAs FET or PIN Diode Switches and Attenuators
Absolute Maximum Ratings15
Symbol
VCC ICC VEE IEE VOPT IOPT VOPT - VEE VCC - VEE VIN IIN VO PD
18
Rev. V1
Parameter
Positive DC Supply Voltage Positive DC Supply Current (-0.5V VIN 0.8V; 2.0V VIN VCC + 0.5V; VCC - VIN 7.0V ) Negative DC Supply Voltage Negative DC Supply Current (per Output) Optional DC Output Supply Voltage Optional DC Output Supply Current (per Output) Output to Negative Supply Voltage Range Positive to Negative Supply Voltage Range DC Input Voltage DC Input Current DC Output Voltage Power Dissipation in Still Air Operating Temperature Storage Temperature ESD Sensitivity
16 16
Min
-0.5 -- -11.0 -50 -0.5 -- -0.5 -0.5 -0.5 Note 17 -25 VEE - 0.5 -- -55 -65 2.0
Max
7.0 20 0.5 -- VCC +0.5 50 18.0 18.0 VCC +0.5 25 VOPT + 0.5 500 125 150 --
Unit
V mA V mA V V V V V mA V mW C C kV
TOPER TSTG ESD
15. All voltages are referenced to GND. All inputs and outputs incorporate latch-up protection structures. 16. The maximum IEE and IOPT are specified under the condition of VCC = 5.5V, VEE = -5.5V, VOPT = 5.5V, and the total power dissipation is within 500 mW in still air. 17. If VCC 6.5V, then the minimum for VIN is VCC - 7.0V. 18. Derate -7 mW/C from 65C to 85C.
6
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MADR-009190-000100
Quad Driver for GaAs FET or PIN Diode Switches and Attenuators
Equivalent Output Circuit for An and Bn Outputs (33 mA load at 25)
PFET 62 ohms Vopt
Rev. V1
An and Bn Outputs
Vee NFET 67 ohms
Typical Application for a SPDT Switch 19,20
19. Note that the description of the above circuit is on the following page. 20. Only one section of MADR-009190-000100 is shown. The other three sections will have equivalent performance.
7
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MADR-009190-000100
Quad Driver for GaAs FET or PIN Diode Switches and Attenuators
Description of Circuit
The MADR-009190-000100 provides four pairs of complementary outputs that are each capable of driving a maximum of 35 mA into a load. In addition, with proper capacitor selection (C3 & C4) used in parallel with the current setting resistor (R1 & R2), additional spiking current can be achieved. To achieve the Non-Inverting and Inverting complementary voltages, each output is switched between two internal FETs. The FETs are connected to VOPT for the positive output and VEE for the negative output. VOPT and VEE are adjustable for various configurations and have the following limitations: VEE can be no more negative than -10.5 volts; VOPT can be no more positive than +7.0 volts AND VOPT must always be less than or equal to VCC. Increasing VOPT beyond VCC will prevent the device from switching states when commanded to by the logic input. The most common configuration is to drive VEE at -5.0 volts with VCC and VOPT tied together at +5.0 volts. Rev. V1
Lead-Free, SOIC-16
Reference Application Note M538 for lead-free solder reflow recommendations.
8
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.
MADR-009190-000100
Quad Driver for GaAs FET or PIN Diode Switches and Attenuators
Rev. V1
Die Outline
Pad Configuration21,22 Die Size: 1325 x 1735 m (nominal)
Pad No. 0 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 X (m) nominal 0 482.95 217.85 200.45 200.45 200.45 200.45 200.45 395.6 777.55 1126.35 1126.35 1126.35 1126.35 1126.35 1126.35 767.9 1325 Y (m) nominal 0 1489 1534.6 1407.9 1114.2 820.45 526.8 229.35 157.95 181.5 181.75 436.85 691.95 947.05 1202.15 1457.3 1553.5 1735 Pad Size (m) XxY Lower left edge of die 85 x 85 85 x 85 85 x 85 85 x 85 85 x 85 85 x 85 85 x 85 85 x 85 132 x 94 132 x 94 132 x 94 132 x 94 132 x 94 132 x 94 132 x 94 132 x 94 Upper right edge of die
21. All X,Y dimensions are at bond pad center. 22. Die thickness is 8.0 mils.
9
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions * North America Tel: 800.366.2266 * Europe Tel: +353.21.244.6400 is considering for development. Performance is based on target specifications, simulated results, * India Tel: +91.80.4155721 * China Tel: +86.21.2407.1588 and/or prototype measurements. Commitment to develop is not guaranteed. Visit www.macomtech.com for additional data sheets and product information. PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology Solutions has under development. Performance is based on engineering tests. Specifications are typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available. M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make Commitment to produce in volume is not guaranteed. changes to the product(s) or information contained herein without notice.


▲Up To Search▲   

 
Price & Availability of MADR-009190-000100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X