Part Number Hot Search : 
XE88LC0 1N4936RL PI5A101 100EP CEM2187 03624TC 2SJ26 CEM9936
Product Description
Full Text Search
 

To Download LG-170URF-CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
LED SMD
Pb
Lead-Free Parts
LG-170URF-CT
DATA SHEET
DOC. NO : REV. DATE : :
QW0905-LG-170URF-CT B 07 - Jun - 2005
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LG-170URF-CT Page 1/10
Features:
1. Package in 8.0mm carrier tape on 7" diameter reel. 2. Compatible with automatic placement equipment. 3. Compatible with reflow solder process.
Descriptions:
1. The LG-170 SMD Taping is much smaller than lead frame type components, thus enable smaller board size, higher packing density, reduced storage space and finally smaller equipment to be obtained. 2. Besides, lightweight makes them ideal for miniature applications. etc.
Applications:
1. Automotive : backlighting in dashboard and switch. 2. Telecommunication : indicator and backlighting in telephone and fax. 3. Flat backlight for LCD, switch and symbol 4. General use.
Device Selection Guide:
PART NO LG-170URF-CT
MATERIAL AlGaInP
COLOR Emitted Red Lens Water Clear
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LG-170URF-CT Page 2/10
Package Dimensions
Cathode Mark
1.25
0.8 0.3 Cathode Mark
Resin
LED DIE 2.0 1.4
Polarity
0.4
Soldering Terminal
0.4
Note : 1.All dimension are in millimeter tolerance is O 0.1mm unless otherwise noted. 2.Specifications are subject to change without notice.
Recommended Soldering Pad Dimensions
1.2
1.2
0.9
1.2
Note : The tolerances unless mentioned is O 0.1mm,AngleO 0.5. Unit=mm.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LG-170URF-CT Page 3/10
Absolute Maximum Ratings at Ta=25 J
Parameter Power Dissipation Peak Forward Current Duty 1/10@10KHz Forward Current Reverse Current @5V Electrostatic Discharge Operating Temperature Storage Temperature Soldering Temperature
Symbol PD IFP IF Ir ESD Topr Tstg Tsol
Ratings 72 130 30 10 2000 -40 ~ +85 -40 ~ +90 Max 260J for 5 sec Max
UNIT mW mA mA
g A V
J
Typical Electrical & Optical Characteristics (Ta=25 J )
Items Luminous Intensity Peak Wavelength Dominant Wavelength Spectral Line Half-Width Forward Voltage Viewing Angle Symbol Iv Min. Typ. 50 ---------VF 2c 1/2 1.5 ---100 642 630 20 ---130 Max. UNIT ------------2.4 ---mcd nm nm nm V deg CONDITION IF=20mA IF=20mA IF=20mA IF=20mA IF=20mA IF=20mA
f P fD f
Note : 1.The forward voltage data did not including O 0.1V testing tolerance. 2. The luminous intensity data did not including O 15% testing tolerance.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LG-170URF-CT Page 4/10
Typical Electro-Optical Characteristics Curve
URF CHIP
Fig.1 Forward current vs. Forward Voltage Fig.2 Relative Intensity vs. Forward Current
3.5 3.0 100
1000
Forward Current(mA)
Relative Intensity Normalize @20mA
2.5 2.0 1.5 1.0 0.5 0
10 1.0
0.1 1.0 1.5 2.0 2.5 3.0
1.0
10
100
1000
Forward Voltage(V) Fig.3 Forward Voltage vs. Temperature
1.2
Forward Current(mA) Fig.4 Relative Intensity vs. Temperature
3.0
Relative Intensity@20mA Normalize@25J
Forward Voltage@20mA Normalize @25J
2.5 2.0 1.5 1.0 0.5 0 -40 -20 -0 20 40 60 80 100
1.1
1.0
0.9 0.8 -40 -20 -0 20 40 60 80 100
Ambient Temperature(J )
Ambient Temperature(J )
Fig.5 Relative Intensity vs. Wavelength
Fig.6 Directive Radiation
Relative Intensity@20mA
1.0
0.5
0 550 600 650 700
Wavelength (nm)
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LG-170URF-CT Page 5/10
Carrier Type Dimensions
2.0
4.0O 0.2
1.5 0.25
1.75
3.5O 0.2 5.3 Polarity
8.0O 0.3 2.22
0.87 4.00.2 1.36
Note : The tolerances unless mentioned is O 0.1mm,Angle O 0.5. Unit=mm.
E Packing Specifications
Label
Aluminum Moist-Proof bag
Label
Part No. LG-170URF-CT
Description 8.0mm tape,7"reel
Quantity/Reel 4000 devices
PART NO. LG-170URF-CT
Page 6/10
Label Explanation
LIGITEK LED
LIGITEK ELECTRONICS CO., LTD.
PART NO. : LG-170URF-CT LOT NO. : 93000236 Q'TY(PCS) : 4000 PCS BIN/HUE : Q/29
1.8 - 2.0
BIN : Luminous Intensity HUE : Dominant Wavelength 1.8 - 2.0 : Forward Voltage
Reel Dimensions
2.0O 0.5
0.8
0.6
0.4
0.2
178O 1.5
6.0O 1.0
0.4
r 13.5O 1.0
0.2
0.6
0.8
9.0O 1.0 12.0O 1.0
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LG-170URF-CT Page 7/10
Box Explanation
1. 5 BAG / INNER BOX 2. INNER BOX SIZE : L X W X H 23cm X 8.5cm x 26cm
H W
L
3. 10 INNER BOXES / CARTON 4. CARTON SIZE : L X W X H 49cm X 46cm x 29cm
L
W
H
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LG-170URF-CT Recommended Soldering Conditions
1.
Hand Solder Basic spec is O
Page 8/10
280J 3 sec one time only.
2. Wave Solder
Soldering heat Max. 260J 245O 5J within 5 sec Preheat
120 ~ 150J
120 ~ 180 sec
3-1. LEAD Reflow Solder
Temp. (J ) 240
Rising +5J /sec Cooling -5J /sec
150 120
Preheat
60 ~ 120 sec
5sec
Time
3-2 PB-Free Reflow Solder
1~5 C/sec 260 C MaX. 10sec.Max
Preheat 180~200 C 1~5 C/sec
Above 220 C 60 sec.Max.
120 sec.Max.
Reflow Soldering should not be done more than two times.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LG-170URF-CT Precautions For Use: Storage time:
1.The operation of Temperatures and RH are : 5 J ~35J ,RH60%. 2.Once the package is opened, the products should be used within a week. Otherwise, they should be kept in a damp proof box with descanting agent. Considering the tape life, we suggest our customers to use our products within a year(from production date). 3.If opened more than one week in an atmosphere 5 J ~ 35J ,RH60%, they should be treated at 60JO 5 J fo r 15hrs.
Page 9/10
Drive Method:
LED is a current operated device, and therefore, requirer some kind of current limiting incorporated into the driver circuit. This current limiting typically takes the form of a current limiting resistor placed in series with the LED. Consider worst case voltage variations than could occur across the current limiting resistor. The forwrd current should not be allowed to change by more than 40 % of its desired value.
Circuit model A LED
Circuit model B LED
(A) Recommended circuit. (B) The difference of brightness between LED could be found due to the VF-IF characteristics of LED.
Cleaning:
Use alcohol-based cleaning solvents such as isopropyl alcohol to clean the LED.
ESD(Electrostatic Discharge):
Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic glove is recommended when handing these LED. All devices, equipment and machinery must be properly grounded.
LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only
PART NO. LG-170URF-CT Reliability Test: Page 10/10
Classification
Test Item
Test Condition
1.Ta=Under Room Temperature As Per Data Sheet Maximum Rating. 2.If=20mA 3.t=1000 hrs (-24hrs, +72hrs)
Reference Standard
MIL-STD-750D: 1026 MIL-STD-883D: 1005 JIS C 7021: B-1
Operating Life Test
High Temperature Storage Test Endurance Test Low Temperature Storage Test
1.Ta=105 JO 5J 2.t=1000 hrs (-24hrs, +72hrs)
MIL-STD-883D:1008 JIS C 7021: B-10
1.Ta=-40 JO 5J 2.t=1000 hrs (-24hrs, +72hrs)
JIS C 7021: B-12
High Temperature High Humidity Storage Test
1.Ta=65JO 5J 2.RH=90 %~95% 3.t=1000hrs O 2hrs
MIL-STD-202F:103B JIS C 7021: B-11
Thermal Shock Test
1.Ta=105 JO 5J &-40JO 5J (10min) (10min) 2.total 10 cycles
MIL-STD-202F: 107D MIL-STD-750D: 1051 MIL-STD-883D: 1011 MIL-STD-202F: 208D MIL-STD-750D: 2026 MIL-STD-883D: 2003 IEC 68 Part 2-20 JIS C 7021: A-2 MIL-STD-202F: 107D MIL-STD-750D: 1051 MIL-STD-883D: 1010 JIS C 7021: A-4
Solderability Test
1.T.Sol=235 JO 5J 2.Immersion time 2 O 0.5sec 3.Coverage U 95% of the dipped surface
Environmental Test
Temperature Cycling
1.105J ~ 25 J ~ - 55J ~ 25J 30mins 5mins 30mins 5mins 2.10 Cyeles
IR Reflow
1.T=260 C Max. 10sec.Max. 2. 6 Min
MIL-STD-750D:2031.2 J-STD-020


▲Up To Search▲   

 
Price & Availability of LG-170URF-CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X