Part Number Hot Search : 
68HC05C5 ON2673 74LCX54 P1240 RT1P24BM TRB6538 DS2703UR MA100
Product Description
Full Text Search
 

To Download LDTC143ELT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Bias Resistor Transistor
NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
* *
Applications Inverter, Interface, Driver
3
LDTC143ELT1G
Features 1) Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit). 2) The bias resistors consist of thin-film resistors with complete isolation to allow positive biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. 3) Only the on/off conditions need to be set for operation, making the device design easy.
We declare that the material of product compliance with RoHS requirements.
1 2
SOT-23
*
Absolute maximum ratings (Ta=25C)
Parameter
Supply voltage Input voltage Output current Power dissipation Junction temperature Storage temperature
1 BASE
Unit V V mA mW C C
R1 R2
3 COLLECTOR
Symbol VCC VIN IC PD Tj Tstg
Limits 50 -10 to +10 100 200 150 -55 to +150
2 EMITTER
DEVICE MARKING AND RESISTOR VALUES
Device LDTB113ELT1G LDTB113ELT3G Marking N2 N2 R1 (K) 4.7 4.7 R2 (K) 4.7 4.7 Shipping 3000/Tape & Reel 10000/Tape & Reel
Electrical characteristics (Ta=25C)
Parameter Input voltage Output voltage Input current Output current DC current gain Input resistance Resistance ratio Transition frequency
Characteristics of built-in transistor
Symbol
VI(off) VI(on) VO(on) II IO(off) GI R1 R2/R1 fT
Min.
- 3 - - - 30 3.29 0.8 -
Typ.
- - 0.1 - - - 4.7 1 250
Max.
0.5 - 0.3 1.8 0.5 - 6.11 1.2 -
Unit
V V V mA A - k - MHz
Conditions
VCC=5V, IO=100A VO=0.3V, IO=20mA IO/II=10mA/0.5mA VI=5V VCC=50V, VI=0V VO=5V, IO=10mA - - VCE=10V, IE= -5mA, f=100MHz
1/3
LESHAN RADIO COMPANY, LTD.
LDTC143ELT1G
Electrical characteristic curves
100 50
VO=0.3V
10m 5m
OUTPUT CURRENT : Io (A)
VCC=5V
INPUT VOLTAGE : VI(on) (V)
2m 1m 500 200 100 50 20 10 5 2 1 0
20 10 5 2 1 500m 200m 100m 100 200 500 1m 2m 5m 10m 20m 50m 100m Ta= -40C 25C 100C
Ta=100C 25C -40C
0.5
1.0
1.5
2.0
2.5
3.0
OUTPUT CURRENT : IO (A)
INPUT VOLTAGE : VI(off) (V)
Fig.1 Input voltage vs. output current (ON characteristics)
1k 500
Fig.2 Output current vs. input voltage (OFF characteristics)
1 500m
OUTPUT VOLTAGE : VO(on) (V)
VO=5V Ta=100C 25C -40C
lO/lI=20 Ta=100C 25C -40C
DC CURRENT GAIN : GI
200 100 50 20 10 5 2
200m 100m 50m 20m 10m 5m 2m
1 100 200 500 1m
2m
5m 10m 20m
50m 100m
1m 100 200 500 1m
2m
5m
10m 20m
50m 100m
OUTPUT CURRENT : IO (A)
OUTPUT CURRENT : IO (A)
Fig.3 DC current gain vs. output current
Fig.4 Output voltage vs. output current
2/3
LESHAN RADIO COMPANY, LTD.
LDTC143ELT1G
SOT-23
NOTES:
A L 3 1 V G 2 BS DIM A B C D G H J J K L S V MIN 0.1102 0.0472 0.0350 0.0150 0.0701 0.0005 0.0034 0.0140 0.0350 0.0830 0.0177 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M,1982 2. CONTROLLING DIMENSION: INCH. INCHES MAX 0.1197 0.0551 0.0440 0.0200 0.0807 0.0040 0.0070 0.0285 0.0401 0.1039 0.0236 MILLIMETERS MIN MAX 2.80 3.04 1.20 1.40 0.89 1.11 0.37 0.50 1.78 2.04 0.013 0.100 0.085 0.35 0.89 2.10 0.45 0.177 0.69 1.02 2.64 0.60
C D H K
0.037 0.95
0.037 0.95
0.079 2.0 0.035 0.9 0.031 0.8
inches mm
3/3


▲Up To Search▲   

 
Price & Availability of LDTC143ELT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X