Part Number Hot Search : 
PMV28UN F16C05 MIC2981 AD831APZ M040100 78S24 78S24 2SK3056
Product Description
Full Text Search
 

To Download LDTC123TLT1G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Bias Resistor Transistor
NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
* *
Applications Inverter, Interface, Driver
3
LDTC123TLT1G
Features 1) Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see equivalent circuit). 2) The bias resistors consist of thin-film resistors with complete isolation to allow positive biasing of the input. They also have the advantage of almost completely eliminating parasitic effects. 3) Only the on/off conditions need to be set for operation, making the device design easy.
We declare that the material of product compliance with RoHS requirements.
1 2
SOT-23
*
Absolute maximum ratings (Ta=25C)
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector Power dissipation Junction temperature Storage temperature Symbol VCBO VCEO VEBO IC Pc Tj Tstg Limits 50 50 5 100 200 150 -55 to +150 Unit V V V mA mW C C
1 BASE
R1
3 COLLECTOR
2 EMITTER
DEVICE MARKING AND RESISTOR VALUES
Device LDTC123TLT1G LDTC123TLT1G Marking N19 N19 R1 (K) 2.2 2.2 R2 (K) Shipping 3000/Tape & Reel 10000/Tape & Reel
Electrical characteristics (Ta=25C)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current Collector-emitter saturation voltage DC current transfer ratio Symbol BVCBO BVCEO BVEBO ICBO IEBO VCE(sat) hFE R1 fT Min. 50 50 5 - - - 100 1.54 - Typ. - - - - - - 250 2.2 250 Max. - - - 0.5 0.5 0.3 600 2.86 - Unit V V V A A V - k MHz Conditions IC=50A IC=1mA IE=50A VCB=50V VEB=4V IC/IB=5mA/0.25mA IC=1mA , VCE=5V - VCB=10V , IE= -5mA , f=100MHz
Input resistance Transition frequency Characteristics of built-in transistor.
1/3
LESHAN RADIO COMPANY, LTD.
LDTC123TLT1G
Electrical characteristic curves
1k 500
VCE=5V
DC CURRENT GAIN : hFE
200 100 50 20 10 5 2 1
100 200 500 1m 2m 5m 10m 20m 50m 100m Ta=100C 25C -40C
COLLECTOR CURRENT : IC (A)
Fig.1 DC Current gain vs. Collector Current
COLLECTOR SATURATION VOLTAGE : VCE(sat) (V)
1 500m
IC/IB=10
200m 100m 50m
Ta=100C 25C -40C
20m 10m 5m
2m 1m 100 200
500
1m
2m
5m
10m 20m
50m 100m
COLLECTOR CURRENT : IC (A)
Fig.2 Collector-emitter saturation voltage vs. Collector Current
2/3
LESHAN RADIO COMPANY, LTD.
LDTC123TLT1G
SOT-23
NOTES:
A L 3 1 V G 2 BS DIM A B C D G H J J K L S V MIN 0.1102 0.0472 0.0350 0.0150 0.0701 0.0005 0.0034 0.0140 0.0350 0.0830 0.0177 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M,1982 2. CONTROLLING DIMENSION: INCH. INCHES MAX 0.1197 0.0551 0.0440 0.0200 0.0807 0.0040 0.0070 0.0285 0.0401 0.1039 0.0236 MILLIMETERS MIN MAX 2.80 3.04 1.20 1.40 0.89 1.11 0.37 0.50 1.78 2.04 0.013 0.100 0.085 0.35 0.89 2.10 0.45 0.177 0.69 1.02 2.64 0.60
C D H K
0.037 0.95
0.037 0.95
0.079 2.0 0.035 0.9 0.031 0.8
inches mm
3/3


▲Up To Search▲   

 
Price & Availability of LDTC123TLT1G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X