|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
KSH13009 0 KSH13009 SEMIHOW REV.A1,Oct 2007 KSH13009 0 KSH13009 Switch Mode series NPN silicon Power Transistor - High voltage, high speed power switching - Suitable for switching regulator, inverters motor controls 12 Amperes NPN Silicon Power Transistor 100 Watts Absolute Maximum Ratings CHARACTERISTICS Collector-Base Voltage Collector-Emitter Collector Emitter Voltage Emitter-Base Voltage Collector Current(DC) Collector Current(Pulse) Base Current Collector Dissipation(Tc=25) Junction Temperature Storage Temperature TC=25 unless otherwise noted SYMBOL VCBO VCEO VEBO IC ICP IB PC TJ TSTG RATING 700 400 9 12 24 6 100 150 -65~150 UNIT V V V A A A W TO-220 1. Base 2. Collector 3. Emitter 12 3 Electrical Characteristics CHARACTERISTICS Collector-Emitter Sustaining Voltage Emitter Cut-off Current *DC Current Gain *Collector-Emitter Saturation Voltage TC=25 unless otherwise noted SYMBOL VCEO(sus) IEBO hFE1 hFE2 VCE(sat) Test Condition IC=10mA, IB=0 VEB=9V,IC=0 VCE=5V,IC=5A VCE=5V,IC=8A 5V,I 8A IC=5A,IB=1A IC=8A,IB=1.6A IC=12A,IB=3A IC=5A,IB=1A IC=8A,IB=1.6A VCB=10V, f=0.1MHz VCE=10V,IC=0.5A , Vcc=125V, Ic=8A IB1=1.6A, IB2= -1.6A RL=15.6 4 1.1 3 0.7 180 8 6 Min 400 1 40 30 1 1.5 3 1.2 1.6 V V V V V Typ. Max Unit V *Base-Emitter Saturation Voltage Output Capacitance Current Gain Bandwidth Product Turn on Time Storage Time Fall Time * Pulse Test: Pulse Width300s, Duty Cycle2% VBE(sat) Cob fT ton Tstg tF Note. R hFE1 Classification Y O 8 ~ 17 15~28 26 ~ 39 Y1(26~33), Y2(31~39) Package Mark information. S YWW Z KSH13009 S YWW Z SemiHow Symbol Y; year code, WW; week code hFE1 Classification SEMIHOW REV.A1,Oct 2007 KSH13009 0 Typical Characteristics SEMIHOW REV.A1,Oct 2007 KSH13009 0 Typical Characteristics ( Continued ) SEMIHOW REV.A1,Oct 2007 KSH130 009 Package Dimension TOTO-220 (A) 9.90 0 20 9 900.20 60 3. 0 .2 0 4.50 4 500.20 1.300.20 15.700.20 2.800.20 9.190.20 6.500.20 0 1 13.080.20 0.800.20 2.54typ 2.54typ 0.500.20 3 3.020.20 1.270.20 1.520.20 2.400.20 Dimensions in Millimeters SEMIHOW REV.A1,Oct 2007 KSH130 009 Package Dimension TOTO-220 (B) 0.20 84 3. 0 .2 0 4.570.20 1.270.20 15.440.20 2.740.20 9.140.20 6.300.20 2.670.20 13 0.20 3.28 1.270.20 2.6 0.20 67 2.54typ 2.54typ 0.810.20 0.400.20 Dimensions in Millimeters SEMIHOW REV.A1,Oct 2007 |
Price & Availability of KSH13009 |