|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Shantou Huashan Electronic Devices Co.,Ltd. N P N S I L I C O N T RANSISTOR KSH13009 HIGH VOLTAGE SWITCH MODE APPLICICATIONS High Speed Switching Suitable for Switching Regulator and Montor Control ABSOLUTE MAXIMUM RATINGS a=25ae(c) T T stg Storage Temperature---------- 55~150ae T j Junction Temperature-----------150ae PCCollector Dissipation T c=25ae ------- (c) 100W VCBO Collector-Base Voltage----------700V VCEOCollector-Emitter Voltage---------400V VEBO Emitter-Base Voltage-----------9V ICCollector Current DC(c)-----------12A IBBase Current------------- - 6A - - TO-220 1D Base B 2D Collector C 3D Emitter, E ELECTRICAL CHARACTERISTICS a=25ae(c) T Symbol Characteristics Collector-Emitter Breakdown Voltage Emitter-Base Cut-off Current 8 Min 400 1 40 Typ Max Unit V m A Test Conditions BVCEO IEBO HFE 2(c) VCE(sat)1 VCE(sat)2 VCE(sat)3 VBE(sat)1 VBE(sat)2 Cob fT tON tSTG tF IC=10mA, IB=0 VEB=9V, IC=0 VCE=5V, IC=5A VCE=5V, IC=8A HFE 1(c) DC Current Gain Collector- Emitter Saturation Voltage 6 30 1 V IC=5A, IB =1A IC=8A, IB =1.6A IC=12A, IB =3A IC=5A, IB=1A IC=8A, IB =1.6A VCB=10V,f=0.1MHz 1.5 3 Base-Emitter Saturation Voltage Output Capacitance Current Gain-Bandwidth Product Turn On Time Storage Time Fall Time 4 1. 1 3 0.7 180 1.2 1. 6 V V V V pF MHz VCE =10V,IC=0.5A |I s VCC=125V, IC=8A, |I s |I s IB1 =1.6A,IB2 =-1.6A |
Price & Availability of KSH13009 |