Part Number Hot Search : 
1KSMB27A 7805S TA0512A A664PHC LM1100BG LQ10D367 PST3811 SSS5N90A
Product Description
Full Text Search
 

To Download KBJ408G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
KBJ4005G THRU KBJ410G
FEATURES
* * * * *
VOLTAGE RANGE CURRENT
50 to 1000 Volts 4.0 Amperes
KBJ
.1 3
3.6 14.7-15.3
Plastic package has UL Flammability Glassification 94V-0 Glass passivated chip junctions High case dielectric strength of 1500 VRMS High surge current capability High temperature soldering guaranteed 260/10 seconds, 0.375"(9.5mm) lead length
3.0x45
24.8-25.2
O
4.4-4.8 3.4-3.8
-3 . 4
* * * * *
Case: molded plastic body Terminal: Plated leads solderable per MIL-STD-750 Method 2026 Mounting position: Any (Note 4) Mounting Torque: 6 in - 1bs max. Weight: 0.15 ounce,4.0 gram
17.2-17.8
3.3-3.7
MECHANICAL DATA
1.5-1.9 0.8-1.0
2.8-3.2
0.9-1.1 7.3-7.7 7.2-7.7 7.3-7.7
0.6-0.8
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* * *
Ratings at 25 ambient temperature unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load For capacitive load derate current by 20% KBJ SYMBOLS KBJ
4005G
KBJ
402G
KBJ
404G
KBJ
406G
KBJ
408G
KBJ
410G
9.3-9.7
401G
UNIT Volts Volts Volts Amps Amps A2s Volts
A
Maximum Reverse Peak Repetitive Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward T C=100(Note Rectified Current, At TA=40(Note Peak Forward Surge Current 8.3ms single half sine wave superimposed on rated load (JEDEC Method) Rating for Fusing (t8.3ms) Maximum Instantaneous Forward Voltage drop Per leg at 2.0A Maximum DC Reverse Current at rated DC blocking voltage per element
VRRM VRMS VDC 1) 2) I(AV) IFSM I2 t VF IR CJ RJA TJ TSTG
50 35 50
100 70 100
200 140 200
400 280 400 4.0 3.0 120 60 1.0 5.0 500
600 420 600
800 560 800
1000 700 100
TA=25 TA=125
Typical Junction Capacitance, per let (Note 3) Typical Thermal Resistance (Note 1) Operating Junction Temperature Range Storage Temperature Range
100.0 22.0 (-55 to +150) (-55 to +150)
45.0
pF /W /W
Notes: 1. Unit mounted on 1.6x1.6x0.06" thick (4.0x4.0x0.15cm) AL. plate
2. Unit mounted on P.C.B. With 0.5x0.5"(1.2x1.2mm) copper pads and 0.375"(9.5mm) lead length 3. Measured at 1.0 MHz and applied reverse voltage of 4.0 V 4. Recommended mounting position is to bolt down on heatsink with silicone thermal compound for maximum Heat transfer with #6 screws
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
KBJ4005G THRU KBJ410G
VOLTAGE RANGE CURRENT
50 to 1000Volts 4.0 Amperes
RATINGS AND CHARACTERISTIC CURVES KBJ4005G THRU KBJ410G
FIG. 1- DERATING CURVE OUTPUT RECTIFIED CURRENT AVERAGE FORWARD OUTPUT,CURRENT (A)
4.0
FIG. 2- MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT PER LEG
150
3.0
PEAK FORWARD SURGE, CURRENT,(A)
Heat-Sink Mounting, Tc 1.6x1.6x0.06"Thk (4.0x4.0x0.15cm) AL. Plate
TJ = T J max. Single Sine-Wave (JEDEC Method)
100
2.0
50
1.0
P.C.B. Mounting, TA 0.47x0.47"(12x12mm) Copper pads 0.375"(9.5mm) lead length 60 Hz Resistive or Inductive Load
0 50 100 150
1.0 CYCLE
0 1 10 100
0
TEMPERATURE,
NUMBER OF CYCLES AT 60 Hz FIG. 4- TYPICAL REVERSE LEAKAGE CHARACTERISTICS PER LEG
500 100
FIG. 3- TYPICAL FORWORD CHARACTERISTICS PER LGE
100
INSTANTANEOUS FORWARD CURRENT, (A)
50-400V 600-1000V T J =125
10
INSTANTANEOUS REVERSE CURRENT, (A)
10
1
TJ=25 Pulse width=300 1% Duty Cycle
1
0.1
0.1
T J =25
0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6
0.01
0
20
40
60
80
100
INSTANTANEOUS FORWARD VOLTAGE,(V)
PERCENT OF RATED PEAK REVERSE VOLTAGE,(V) FIG. 6- TYPICAL TRANSIENT THERMAL IMPEDANCE
100
FIG. 5- TYPICAL JUNCTION CAPACITANCE PER LEG
1000
TRANSIENT THERMAL IMPEDANCE (/W)
JUNCTION CAPACITANCE, (pF)
T j =25 f=1.0MHz Vsig=50mVp-p
10
100
1
10 0.1
50-400V 600-1000V
1 10 100
0.1 0.01 0.1 1 10 100
REVRESE VOLTAGE,(V)
T, HEATING TIME (SEC.)
E-mail: sales@cnmic.com
Web Site: www.cnmic.com


▲Up To Search▲   

 
Price & Availability of KBJ408G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X