Part Number Hot Search : 
5KP100 L6551 ZP1120 M1000 LA4585M AD7543KP DTA143E IDT713
Product Description
Full Text Search
 

To Download KBD-RMK Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Keyboards
KBD-6307
105-key Keyboard with Touchpad
KBD-6312
Rackmount Keyboard with Touchpad
105-Key, supports Windows key Built-in pressure activated touchpad, fully compatible with Windows, supporting plug & play Spiral cable with PS/2 keyboard & mouse connector Dimensions (W x H x D): 392 x 26 x 255 mm (15.4" x 1" x 10") Weight: 2 kg (8.8 lb) CE compliant Language: US P/N: KBD-6307
105-Key, supports Windows key Built-in pressure activated touchpad, fully compatible with Windows, supporting plug & play Spiral cable with PS/2 keyboard & mouse connector 19" rackmount Height: 1U (44.4 mm, 1.75") Ball bearing slide rail with handle and lock Dimensions (W x H x D): 482 x 44.4 x 360 mm (19" x 1.75" x 14.2") Language: US Available in black color P/N: KBD-6312, KBD-6312-BLK
KBD-RMK
Rackmount Keyboard Drawer
PCA-6302
Compact 104-key Keyboard

19" rackmount Height: 1U (44.4 mm, 1.75") Ball bearing slide rail with handle and lock Compatible with KBD-6304, KBD-6305 and KBD-6307 Dimensions (W x H x D): 482 x 44.4 x 360 mm (19" x 1.75" x 14.2") Weight: 1.5 kg (3.3 lb) 2 mounting brackets and 4 screws included CE compliant Available in black color P/N: KBD-RMK, KBD-RMK-BLK
104-Key with tactile response AT & PS/2 compatible Over 20 million cycles Spiral cable with 6-pin PS/2 keyboard connector (not including PS/2 to 5-pin DIN PC/AT adapter) Dimensions (W x H x D): 400 x 40 x 188 mm (15.7" x 1.6" x 7.4") Language options: US, CH P/N: PCA-6302, PCA-6302C
KBD-6304
Compact 88-key Keyboard
KBD-6305
Compact 88-key Keyboard with Touchpad

88-Key with membrane structure PC/AT, PS/2, DOSV compatible 5 million life cycles Spiral cable with 6-pin PS/2 keyboard connector (not including PS/2 to 5-pin DIN PC/AT adapter) Dimensions (W x H x D): 287 x 29 x 140 mm (11.3" x 1.14" x 5.5") Weight: 0.5 kg (1.1 lb) CE compliant FCC, CSA, UL, CNS approvals Language options: US, CH P/N: KBD-6304, KBD-6304C

88-Key with membrane structure PC/AT, PS/2, DOSV compatible Built-in Touch-pad for pointing input device 5 million life cycles Spiral cable with PS/2 keyboard & mouse connector (not Including PS/2 to PC/AT and PS/2 to DB-9 adapter) Dimensions (W x H x D): 289 x 27 x 227 mm (11.4" x 1.06" x 8.9") Weight: 0.8 kg (1.76 lb) CE compliant FCC, CSA, UL, CNS approvals Language options: US P/N: KBD-6305
Online Download www.advantech.com/products
All product specifications are subject to change without notice Last updated : 1-Mar-2007


▲Up To Search▲   

 
Price & Availability of KBD-RMK

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X