Part Number Hot Search : 
DI815C TRMPB N4800 HCT14 1A334 IRFBC20 SPN1423 SMBJ160
Product Description
Full Text Search
 

To Download ISL28117SOICEVAL1Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 40V Precision Low Power Operational Amplifiers
ISL28117, ISL28217
The ISL28117 and ISL28217 are a family of very high precision amplifiers featuring low noise vs power consumption, low offset voltage, low IBIAS current and low temperature drift making them the ideal choice for applications requiring both high DC accuracy and AC performance. The combination of precision, low noise, and small footprint provides the user with outstanding value and flexibility relative to similar competitive parts. Applications for these amplifiers include precision active filters, medical and analytical instrumentation, precision power supply controls, and industrial controls. The ISL28117 single and ISL28217 dual are offered in an 8 Ld SOIC package. Both devices are offered in standard pin configurations and operate over the extended temperature range to -40C to +125C.
ISL28117, ISL28217
Features
* Low Input Offset . . . . . . . . . . . . . . 50V, Max. * Superb Offset TC . . . . . . . . . . . . 0.6V/C, Max. * Input Bias Current . . . . . . . . . . . . . . 1nA, Max. * Input Bias Current TC . . . . . . . . . . 5pA/C, Max. * Low Current Consumption . . . . . . . . . . . . . 440A * Voltage Noise. . . . . . . . . . . . . . . . . . . . . 8nV/Hz * Wide Supply Range. . . . . . . . . . . . . . 4.5V to 40V * Operating Temperature Range . . -40C to +125C * Small Package Offerings in Single and Dual * Pb-Free (RoHS Compliant)
Related Literature*(see page 23)
* See AN1508 "ISL281X7SOICEVAL1Z Evaluation Board User's Guide" * See AN1509 "ISL282X7SOICEVAL2Z Evaluation Board User's Guide"
Applications*(see page 23)
* Precision Instruments * Medical Instrumentation * Spectral Analysis Equipment * Active Filter Blocks * Thermocouples and RTD Reference Buffers * Data Acquisition * Power Supply Control
Typical Application
C1
8.2nF
VOS Temperature Coefficient (VOSTC)
18 16 NUMBER OF AMPLIFIERS VS = 15V
V+
14 12 10 8 6 4 2
VIN R1
1.84k
R2
4.93k 3.3nF
OUTPUT
+
C2 V-
Sallen-Key Low Pass Filter (10kHz)
0
-0.45
-0.30 -0.15
0
0.15
0.30
0.45
VOSTC (V/C)
April 13, 2010 FN6632.4
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Intersil (and design) is a registered trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2009, 2010. All Rights Reserved All other trademarks mentioned are the property of their respective owners.
ISL28117, ISL28217
Ordering Information
PART NUMBER (Notes2, 3) ISL28117FBBZ ISL28117FBBZ-T7 (Note 1) ISL28117FBBZ-T13 (Note 1) ISL28117FBZ ISL28117FBZ-T7 (Note 1) ISL28117FBZ-T13 (Note 1) ISL28117FUBZ Coming Soon ISL28117FUBZ-T13 (Note 1) Coming Soon ISL28117FUZ ISL28117FUZ-T13 (Note 1) ISL28217FBBZ ISL28217FBBZ-T7 (Note 1) ISL28217FBBZ-T13 (Note 1) ISL28217FBZ ISL28217FBZ-T7 (Note 1) ISL28217FBZ-T13 (Note 1) ISL28117SOICEVAL1Z ISL28217SOICEVAL2Z PART MARKING 28117 FBZ 28117 FBZ 28117 FBZ 28117 FBZ -C 28117 FBZ -C 28117 FBZ -C 8117Z 8117Z 8117Z -C 8117Z -C 28217 FBZ 28217 FBZ 28217 FBZ 28217 FBZ -C 28217 FBZ -C 28217 FBZ -C Evaluation Board Evaluation Board VOS (MAX) (V) 50 (B Grade) 50 (B Grade) 50 (B Grade) 100 (C Grade) 100 (C Grade) 100 (C Grade) TBD (B Grade) TBD (B Grade) 150 (C Grade) 150 (C Grade) 50 (B Grade) 50 (B Grade) 50 (B Grade) 100 (C Grade) 100 (C Grade) 100 (C Grade) PACKAGE (Pb-Free) 8 Ld SOIC 8 Ld SOIC 8 Ld SOIC 8 Ld SOIC 8 Ld SOIC 8 Ld SOIC 8 Ld MSOP 8 Ld MSOP 8 Ld MSOP 8 Ld MSOP 8 Ld SOIC 8 Ld SOIC 8 Ld SOIC 8 Ld SOIC 8 Ld SOIC 8 Ld SOIC PKG. DWG. # M8.15E M8.15E M8.15E M8.15E M8.15E M8.15E M8.118 M8.118 M8.118 M8.118 M8.15E M8.15E M8.15E M8.15E M8.15E M8.15E
NOTES: 1. Please refer to TB347 for details on reel specifications. 2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 3. For Moisture Sensitivity Level (MSL), please see device information page for ISL28117, ISL28217. For more information on MSL please see techbrief TB363.
Pin Configurations
ISL28117 (8 LD SOIC, MSOP) TOP VIEW
NC -IN +IN V1 2 3 4 -+ 8 7 6 5 NC V+ VOUT NC VOUT_A 1 -IN_A 2 +IN_A 3 V- 4 -+ +-
ISL28217 (8 LD SOIC) TOP VIEW
8 V+ 7 VOUT_B 6 -IN_B 5 +IN_B
2
April 13, 2010 FN6632.4
ISL28117, ISL28217
Pin Descriptions
ISL28117 (8 LD SOIC) 3 3 4 4 5 6 7 7 6 1 2 2 1, 5, 8
V+ IN500 500 IN+ V+ OUT VCIRCUIT 2 VCIRCUIT 3
ISL28217 (8 LD SOIC)
PIN NAME +IN +IN_A V+IN_B -IN_B VOUT_B V+ VOUT VOUT_A -IN -IN_A NC
EQUIVALENT CIRCUIT Circuit 1 Circuit 3 Circuit 1 Circuit 1 Circuit 2 Circuit 3 Circuit 2 Circuit 1 -
DESCRIPTION Amplifier A non-inverting input Negative power supply Amplifier B non-inverting input Amplifier B inverting input Amplifier B output Positive power supply Amplifier A output Amplifier A inverting input No internal connection
V+ CAPACITIVELY COUPLED ESD CLAMP
8
V-
CIRCUIT 1
3
April 13, 2010 FN6632.4
ISL28117, ISL28217
Absolute Maximum Ratings
Maximum Supply Voltage . . . . . . . . . . . . . . . . . . . . ....42V Maximum Differential Input Current . . . . . . . . . . . . . 20mA Maximum Differential Input Voltage . . . . . . . . . . . . . . . 42V Min/Max Input Voltage . . . . . . . . . . .V- - 0.5V to V+ + 0.5V Max/Min Input current for Input Voltage >V+ or Thermal Information
Thermal Resistance (Typical, Notes 4, 5) JA (C/W) JC (C/W) 8 Ld SOIC ISL28117 . . . . . . . . . . 120 60 8 Ld SOIC ISL28217 . . . . . . . . . . 105 50 8 Ld MSOP ISL28117 . . . . . . . . . . 155 50 Maximum Storage Temperature Range . . . -65C to +150C Maximum Junction Temperature (TJMAX) . . . . . . . . . +150C Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . .see link below http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Ambient Temperature Range (TA) . . . . . . . -40C to +125C
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and result in failures not covered by warranty.
NOTES: 4. JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details. 5. For JC, the "case temp" location is taken at the package top center.
Electrical Specifications VS 15V, VCM = 0, VO = 0V, TA= +25C, unless otherwise noted. Boldface limits apply
over the operating temperature range, -40C to +125C. Temperature data established by characterization. CONDITIONS MIN (Note 6) -50 -110 ISL28x17 C Grade -100 -190 Input Offset Voltage, MSOP Package TCVOS Input Offset Voltage Temperature Coefficient; SOIC Package Input Offset Voltage Temperature Coefficient; MSOP Package IB ISL28117 C Grade -150 -250 ISL28x17 B Grade ISL28x17 C Grade ISL28117 C Grade -0.6 -0.9 -1 -1 -1.5 TCIB IOS Input Bias Current Temperature Coefficient Input Offset Current -5 -1.5 -1.85 TCIOS VCM CMRR Input Offset Current Temperature Coefficient Input Voltage Range Common-Mode Rejection Ratio Guaranteed by CMRR test VCM = -13V to +13V -3 -13 120 120 PSRR Power Supply Rejection Ratio VS = 2.25V to 20V 120 120 AVOL Open-Loop Gain VO = -13V to +13V, RL = 10k to ground 3,000 18,000 145 145 0.42 1 0.08 0.14 0.14 0.14 0.08 4 4 TYP 8 MAX (Note 6) 50 110 100 190 150 250 0.6 0.9 1 1 1.5 5 1.5 1.85 3 13
PARAMETER VOS
DESCRIPTION
UNIT V V V V V V V/C V/C V/C nA nA pA/C nA nA pA/C V dB dB dB dB V/mV
Input Offset Voltage, SOIC Package ISL28x17 B Grade
Input Bias Current
4
April 13, 2010 FN6632.4
ISL28117, ISL28217
Electrical Specifications VS 15V, VCM = 0, VO = 0V, TA= +25C, unless otherwise noted. Boldface limits apply
over the operating temperature range, -40C to +125C. Temperature data established by characterization. (Continued) CONDITIONS RL = 10k to ground MIN (Note 6) 13.5 13.2 RL = 2k to ground 13.3 13.1 VOL Output Voltage Low RL = 10k to ground -13.7 -13.5 -13.2 RL = 2k to ground -13.55 -13.3 -13.1 IS Supply Current/Amplifier 0.44 0.53 0.68 ISC VSUPPLY Short-Circuit Supply Voltage Range Guaranteed by PSRR 2.25 43 20 13.55 TYP 13.7 MAX (Note 6)
PARAMETER VOH
DESCRIPTION Output Voltage High
UNIT V V V V V V V V mA mA mA V
AC SPECIFICATIONS GBWP enVp-p en en en en in THD + N Gain Bandwidth Product Voltage Noise VP-P Voltage Noise Density Voltage Noise Density Voltage Noise Density Voltage Noise Density Current Noise Density Total Harmonic Distortion AV = 1k, RL = 2k 0.1Hz to 10Hz f = 10Hz f = 100Hz f = 1kHz f = 10kHz f = 1kHz 1kHz, G = 1, VO = 3.5VRMS, RL = 2k 1kHz, G = 1, VO = 3.5VRMS, RL = 10k TRANSIENT RESPONSE SR tr, tf, Small Signal Slew Rate, VOUT 20% to 80% Rise Time 10% to 90% of VOUT Fall Time 90% to 10% of VOUT ts Settling Time to 0.1% 10V Step; 10% to VOUT Settling Time to 0.01% 10V Step; 10% to VOUT Settling Time to 0.1% 4V Step; 10% to VOUT Settling Time to 0.01% 4V Step; 10% to VOUT tOL Output Positive Overload Recovery Time Output Negative Overload Recovery Time AV = 11, RL = 2k, VO = 4VP-P AV = 1, VOUT = 50mVP-P, RL = 10k to VCM AV = 1, VOUT = 50mVP-P, RL = 10k to VCM AV = -1, VOUT = 10VP-P, RL = 5k to VCM AV = -1, VOUT = 10VP-P, RL = 5k to VCM AV = -1, VOUT = 4VP-P, RL = 5k to VCM AV = -1, VOUT = 4VP-P, RL = 5k to VCM AV = -100, VIN = 0.2VP-P, RL = 2k to VCM AV = -100, VIN = 0.2VP-P, RL = 2k to VCM 0.5 100 120 21 24 13 18 5.6 10.6 V/s ns ns s s s s s s 1.5 0.25 10 8.2 8 8 0.1 0.0009 0.0005 MHz VP-P nV/Hz nV/Hz nV/Hz nV/Hz pA/Hz % %
5
April 13, 2010 FN6632.4
ISL28117, ISL28217
Electrical Specifications VS 5V, VCM = 0, VO = 0V, TA = +25C, unless otherwise noted. Boldface limits apply over
MIN (Note 6) -50 -110 ISL28x17 C Grade -100 -190 Input Offset Voltage; MSOP Package ISL28117 C Grade -150 -250 TCVOS Input Offset Voltage Temperature Coefficient; SOIC Package Input Offset Voltage Temperature Coefficient; MSOP Package IB ISL28x17 B Grade ISL28x17 C Grade ISL28117 C Grade -0.6 -0.9 -1 -1 -1.5 TCIB IOS Input Bias Current Temperature Coefficient Input Offset Current -5 -1.5 -1.85 TCIOS VCM CMRR Input Offset Current Temperature Coefficient Input Voltage Range Common-Mode Rejection Ratio VCM = -3V to +3V -3 -3 120 120 PSRR Power Supply Rejection Ratio VS = 2.25V to 5V 120 120 AVOL Open-Loop Gain VO = -3.0V to +3.0V RL = 10k to ground 3,000 18,000 145 145 0.42 1 0.3 0.14 0.14 0.14 0.18 8 8 MAX (Note 6) 50 110 100 190 150 250 0.6 0.9 1 1 1.5 5 1.5 1.85 3 3 the operating temperature range, -40C to +125C. Temperature data established by characterization. CONDITIONS ISL28x17 B Grade TYP 4 UNIT V V V V V V V/C V/C V/C nA nA pA/C nA nA pA/C V dB dB dB dB V/mV
PARAMETER VOS
DESCRIPTION Input Offset Voltage; SOIC Package
Input Bias Current
VOH
Output Voltage High
RL = 10k to ground
3.5 3.2
3.7
V V
RL = 2k to ground
3.3 3.1
3.55
V V
VOL
Output Voltage Low
RL = 10k to ground
-3.7
-3.5 -3.2
V V V V mA mA mA
RL = 2k to ground
-3.55
-3.3 -3.1
IS
Supply Current/Amplifier
0.44
0.53 0.68
ISC
Short-Circuit
43
AC SPECIFICATIONS GBWP Gain Bandwidth Product AV = 1k, RL = 2k 1.5 MHz
6
April 13, 2010 FN6632.4
ISL28117, ISL28217
Electrical Specifications VS 5V, VCM = 0, VO = 0V, TA = +25C, unless otherwise noted. Boldface limits apply over
MIN (Note 6) MAX (Note 6) the operating temperature range, -40C to +125C. Temperature data established by characterization. (Continued) CONDITIONS 0.1Hz to 10Hz f = 10Hz f = 100Hz f = 1kHz f = 10kHz f = 1kHz TYP 0.25 12 8.6 8 8 0.1 UNIT VP-P nV/Hz nV/Hz nV/Hz nV/Hz pA/Hz
PARAMETER enp-p en en en en in
DESCRIPTION Voltage Noise Voltage Noise Density Voltage Noise Density Voltage Noise Density Voltage Noise Density Current Noise Density
TRANSIENT RESPONSE SR tr, tf, Small Signal Slew Rate, VOUT 20% to 80% Rise Time 10% to 90% of VOUT Fall Time 90% to 10% of VOUT ts Settling Time to 0.1% 4V Step; 10% to VOUT Settling Time to 0.01% 4V Step; 10% to VOUT tOL AV=11, RL = 2k, VO = 4VP-P AV = 1, VOUT = 50mVP-P, RL = 10k to VCM AV = 1, VOUT = 50mVP-P, RL = 10k to VCM AV = -1, VOUT = 4VP-P, RL = 5k to VCM AV = -1, VOUT = 4VP-P, RL = 5k to VCM 0.5 100 120 12 19 7 5.8 V/s ns ns s s s s
Output Positive Overload Recovery Time AV = -100, VIN = 0.2VP-P RL = 2k to VCM Output Negative Overload Recovery Time AV = -100, VIN = 0.2VP-P RL = 2k to VCM
NOTE: 6. Parameters with MIN and/or MAX limits are 100% tested at +25C, unless otherwise specified. Temperature limits established by characterization and are not production tested.
Typical Performance Curves
140 VS = 5V NUMBER OF AMPLIFIERS 120 100 80 60 40 20 0 -50
VS = 15V, VCM = 0V, RL = Open, unless otherwise specified.
140 VS = 15V 120 NUMBER OF AMPLIFIERS 100 80 60 40 20 0 -50
-30
-10 10 VOS (V)
30
50
-30
-10 10 VOS (V)
30
50
FIGURE 1. VOS DISTRIBUTION for GRADE B
FIGURE 2. VOS DISTRIBUTION FOR GRADE B
7
April 13, 2010 FN6632.4
ISL28117, ISL28217
Typical Performance Curves
300 250 200 150 100 50 0 -100 VS = 15V
VS = 15V, VCM = 0V, RL = Open, unless otherwise specified. (Continued)
300 250 200 150 100 50 0 -100 VS = 5V
NUMBER OF AMPLIFIERS
NUMBER OF AMPLIFIERS
-60
-20 20 VOS (V)
60
100
-60
-20 20 VOS (V)
60
100
FIGURE 3. VOS DISTRIBUTION FOR GRADE C
FIGURE 4. VOS DISTRIBUTION FOR GRADE C
100
VS = 15V NUMBER OF AMPLIFIERS
18 16 14 12 10 8 6 4 2
VS = 15V
50 VOS (V)
0
-50
-100 -50
0
50 TEMPERATURE (C)
100
150
0
-0.45
-0.30 -0.15
0
0.15
0.30
0.45
VOSTC (V/C)
FIGURE 5. VOS RANGE vs TEMPERATURE
FIGURE 6. TCVOS vs NUMBER OF AMPLIFIERS
100
VS = 5V NUMBER OF AMPLIFIERS
16 14 12 10 8 6 4 2
VS = 5V
50 VOS (V)
0
-50
-100 -50
0
50 TEMPERATURE (C)
100
150
0
-0.45
-0.30 -0.15 0 0.15 VOSTC (V/C)
0.30
0.45
FIGURE 7. VOS RANGE vs TEMPERATURE
FIGURE 8. TCVOS vs NUMBER OF AMPLIFIERS
8
April 13, 2010 FN6632.4
ISL28117, ISL28217
Typical Performance Curves
500 400 300 200 IB+ (pA) 100 0 -100 -200 -300 -400 -500 -50 0 50 TEMPERATURE (C) 100
VS = 15V, VCM = 0V, RL = Open, unless otherwise specified. (Continued)
70 VS = 15V NUMBER OF AMPLIFIERS 150 60 50 40 30 20 10 0 -3.5 -2.5 -1.5 -0.5 0.5 1.5 IB+TC (pA/C) 2.5 3.5 MORE
VS = 15V
FIGURE 9. IB+ RANGE vs TEMPERATURE
FIGURE 10. TCIB+ vs NUMBER OF AMPLIFIERS
500 400 300 200 IB- (pA) 100 0 -100 -200 -300 -400 -500 -50 0 50 TEMPERATURE (C)
VS = 15V NUMBER OF AMPLIFIERS
70 60 50 40 30 20 10 0 VS = 15V
100
150
-3.5
-2.5
-1.5
-0.5 0.5 1.5 IB-TC (pA/C)
2.5
3.5
FIGURE 11. IB- RANGE vs TEMPERATURE
FIGURE 12. TCIB- vs NUMBER OF AMPLIFIERS
500 400 300 200 IB+ (pA) 100 0 -100 -200 -300 -400 -500 -50 0 50 TEMPERATURE (C)
VS = 5V NUMBER OF AMPLIFIERS
80 70 60 50 40 30 20 10 0 -3.5 -2.5 -1.5 -0.5 0.5 1.5 IB+TC(pA/C) 2.5 3.5 VS = 5V
100
150
FIGURE 13. IB+ RANGE vs TEMPERATURE
FIGURE 14. IBTC+ vs NUMBER OF AMPLIFIERS
9
April 13, 2010 FN6632.4
ISL28117, ISL28217
Typical Performance Curves
500 400 300 200 IB- (pA) 100 0 -100 -200 -300 -400 -500 -50 0 50 TEMPERATURE (C) 100
VS = 15V, VCM = 0V, RL = Open, unless otherwise specified. (Continued)
90 80 NUMBER OF AMPLIFIERS 70 60 50 40 30 20 10 150 0 -3.5 -2.5 -1.5 -0.5 0.5 1.5 IB-TC(pA/C) 2.5 3.5 VS = 5V
VS = 5V
FIGURE 15. IB- RANGE vs TEMPERATURE
FIGURE 16. IBTC- vs NUMBER OF AMPLIFIERS
500 400 300 200
IOS (pA)
VS = 15V
NUMBER OF AMPLIFIERS
90 80 70 60 50 40 30 20 10 VS = 15V
100 0 -100 -200 -300 -400 -500 -50 0 50 TEMPERATURE (C) 100 150
0
-3.5
-2.5
-1.5
-0.5
0.5
1.5
2.5
3.5
IOSTC (pA/C)
FIGURE 17. IOS RANGE vs TEMPERATURE
FIGURE 18. IOSTC vs NUMBER OF AMPLIFIERS
500 400 300 200 IOS (pA) 100 0 -100 -200 -300 -400 -500 -50 0 50 TEMPERATURE (C)
VS = 5V NUMBER OF AMPLIFIERS
100 90 80 70 60 50 40 30 20 10
VS = 5V
100
150
0
-3.5
-2.5
-1.5
-0.5 0.5 1.5 IOSTC (pA/C)
2.5
3.5
FIGURE 19. IOS RANGE vs TEMPERATURE
FIGURE 20. IOSTC vs NUMBER OF AMPLIFIERS
10
April 13, 2010 FN6632.4
ISL28117, ISL28217
Typical Performance Curves
0.70 15V 0.60 Is+ (mA)
VS = 15V, VCM = 0V, RL = Open, unless otherwise specified. (Continued)
14.4 14.2 14.0 VOH (V) 13.8 13.6 VS = 15V RL = 10k
2.25V 0.50
0.40 13.4 0.30 -50 13.2 -50
0
50 TEMPERATURE (C)
100
150
0
50 TEMPERATURE (C)
100
150
FIGURE 21. SUPPLY CURRENT PER AMP vs TEMPERATURE
FIGURE 22. +VOUT vs TEMPERATURE
-140
VS = 2.25V TO 20V
-130 -135
VCM = 13V
PSRR (dB)
CMRR (dB)
-145
-140 -145 -150 -155
-150
-155 -50
0
50 100 TEMPERATURE (C)
150
-160 -50
0
50 TEMPERATURE (C)
100
150
FIGURE 23. PSRR vs TEMPERATURE
FIGURE 24. CMRR vs TEMPERATURE
60 ISC+ @ 15V 55 50 ISC+ (mA) ISC- (mA) 45 40 35 30 25 -50
60 55 50 45 40 35 30 25 -50 0 50 TEMPERATURE (C)
ISC- @ 15V
0
50 100 TEMPERATURE (C)
150
100
150
FIGURE 25. SHORT CIRCUIT CURRENT vs TEMPERATURE
FIGURE 26. SHORT CIRCUIT CURRENT vs TEMPERATURE
11
April 13, 2010 FN6632.4
ISL28117, ISL28217
Typical Performance Curves
20000
VS = 15V, VCM = 0V, RL = Open, unless otherwise specified. (Continued)
100
VO = 13V
80 60 +125C
VS = 15V
AVOL (V/mV)
VOS (V)
40 20 0 -20 -40 -40C +25C
15000
10000 -50
0
50 100 TEMPERATURE (C)
150
-60 -15
-10
-5
0 VCM (V)
5
10
15
FIGURE 27. AVOL vs TEMPERATURE
FIGURE 28. INPUT VOS vs INPUT COMMON MODE VOLTAGE, VS = 15V
100 80 60 40 20 0 -20 -40 -60 -5 -3 -1 VCM (V) 1 3 5 +25C -40C +125C VOL (V) VS = +5V
-13.2 -13.4 -13.6 -13.8 -14.0 -14.2 -14.4 -50 VS = 15V RL = 10k
VOS (V)
0
50 100 TEMPERATURE (C)
150
FIGURE 29. VOS vs INPUT COMMON MODE VOLTAGE, VS = 5V
FIGURE 30. VOUT vs TEMPERATURE
14.4 14.2 14.0 VOH (V) 13.8 13.6 13.4 13.2 -50
VS = +15V RL = 2k
-13.2 -13.4 -13.6 VOL (V) -13.8 -14.0 -14.2 -14.4 -50
VS = +15V RL = 2k
0
50 TEMPERATURE (C)
100
150
0
50 TEMPERATURE (C)
100
150
FIGURE 31. VOUT vs TEMPERATURE
FIGURE 32. VOUT vs TEMPERATURE
12
April 13, 2010 FN6632.4
ISL28117, ISL28217
Typical Performance Curves
250
VS = 15V, VCM = 0V, RL = Open, unless otherwise specified. (Continued)
100 INPUT NOISE VOLTAGE (nV/Hz) VS = 18.2V AV = 1
INPUT NOISE VOLTAGE (nV)
200 150 100 50 0 -50 -100 -150 V+ = 36.4V -200 Rg = 10, Rf = 100k -250 AV = 10,000 1 2 0 3 4 5 6 7 8 9 10
10
1
1
10
100
1k
10k
100k
TIME (s)
FREQUENCY (Hz)
FIGURE 33. INPUT NOISE VOLTAGE 0.1Hz to 10Hz
FIGURE 34. INPUT NOISE VOLTAGE SPECTRAL DENSITY
1 INPUT NOISE CURRENT (pA/Hz) VS = 18.2V AV = 1 OPEN LOOP GAIN (dB)/PHASE ()
0.1 1
10
100
1k
10k
100k
200 180 160 140 120 100 80 60 40 20 0 -20 R = 10k L -40 CL = 10pF -60 SIMULATION -80 -100 0.1m 1m 10m 100m
PHASE
GAIN
1
10
100
1k
10k 100k
1M 10M 100M
FREQUENCY (Hz)
FREQUENCY (Hz)
FIGURE 35. INPUT NOISE CURRENT SPECTRAL DENSITY
FIGURE 36. OPEN-LOOP GAIN, PHASE vs FREQUENCY, RL = 10k, CL = 10pF
200 180 160 140 120 100 80 60 40 20 0 -20 R = 10k L -40 CL = 100pF -60 SIMULATION -80 -100 0.1m 1m 10m 100m
220 200 PHASE CMRR (dB) 180 160 140 120 100 80 60 40 20 1 10 100 1k 10k 100k 1M 10M 100M 0 1m RL = INF CL = 10pF SIMULATION 10m 100m 1 VS = 15V
OPEN LOOP GAIN (dB)/PHASE ()
VS = 2.5V VS = 5V
GAIN
FREQUENCY (Hz)
10 100 1k 10k 100k FREQUENCY (Hz)
1M
10M 100M
FIGURE 37. OPEN-LOOP GAIN, PHASE vs FREQUENCY, RL = 10k, CL = 100pF
FIGURE 38. CMRR vs FREQUENCY, VS = 2.25, 5V, 15V
13
April 13, 2010 FN6632.4
ISL28117, ISL28217
Typical Performance Curves
120 110 100 90 80 PSRR (dB) 60 50 40 30 20 10 0 -10 10 PSRR+ AND PSRR- VS = 15V 100 1k 10k 100k FREQUENCY (Hz) 1M RL = INF CL = 4pF AV = +1 VCM = 1VP-P 70 PSRR+ AND PSRR- VS = 2.25V
VS = 15V, VCM = 0V, RL = Open, unless otherwise specified. (Continued)
70 60 50 GAIN (dB) 40 30 20 10 0 10M AV = 10 Rg = 10k, Rf = 100k AV = 1 Rg = OPEN, Rf = 0 10k 1k 100 AV = 100 AV = 1000 Rg = 100, Rf = 100k Rg = 1k, Rf = 100k VS = 20V CL = 4pF RL = 10k VOUT = 50mVP-P
-10 10
100k
1M
10M
FREQUENCY (Hz)
FIGURE 39. PSRR vs FREQUENCY, VS = 5V, 15V
FIGURE 40. FREQUENCY RESPONSE vs CLOSED LOOP GAIN
4 2 NORMALIZED GAIN (dB) 0 -2 -4 -6 -8 VS = 20V RL = 10k -10 CL = 4pF -12 AV = +2 -14 VOUT = 50mVP-P -16 10 100 1k Rf = Rg = 10k GAIN (dB) Rf = Rg = 1k Rf = Rg = 100 Rf = Rg = 100k
2 1 0 -1 -2 -3 -4 -5 -6 -7 10k 100k 1M 10M VS = 20V CL = 4pF AV = +1 VOUT = 50mVP-P 100 1k 10k RL = 100 100k 1M 10M RL = 499 RL = 4.99k RL = 1k RL = 10k
-8 10
FREQUENCY (Hz)
FREQUENCY (Hz)
FIGURE 41. FREQUENCY RESPONSE vs FEEDBACK RESISTANCE Rf/Rg
FIGURE 42. GAIN vs FREQUENCY vs RL
12 10 8 6 GAIN (dB) 4 2 0 -2 -4 -6 -8 10 100 CL = 100pF CL = 270pF CL = 470pF CL = 1000pF 1k 10k 100k 1M 10M FREQUENCY (Hz) CL = 4pF CL = 0.01F CL = 47pF VS = 2.5V RL = 10k AV = +1 VOUT = 50mVP-P GAIN (dB)
2 1 0 -1 -2 -3 -4 -5 CL = 4pF RL = 10k -6 AV = +1 -7 V OUT = 50mVP-P -8 10 100
VS = 2.25V VS = 5V
VS = 15V VS = 20V
10k 1k 100k FREQUENCY (Hz)
1M
10M
FIGURE 43. GAIN vs FREQUENCY vs CL
FIGURE 44. GAIN vs FREQUENCY vs SUPPLY VOLTAGE
14
April 13, 2010 FN6632.4
ISL28117, ISL28217
Typical Performance Curves
180 160 140 120 100 80 60 40 20 0 10 VS = 15V RL-Driver Ch. = Open RL-Receiving Ch. = 10k CL = 4pF AV = +1 VSOURCE = 1VP-P 100 1k 10k 100k FREQUENCY (Hz) 1M
VS = 15V, VCM = 0V, RL = Open, unless otherwise specified. (Continued)
2.4 2.0 1.6 LARGE SIGNAL (V) 1.2 0.8 0.4 0 -0.4 -0.8 -1.2 -1.6 -2.0 10M -2.4 0 10 20 30 CL = 4pF AV = +1 VOUT = 4VP-P 40 50 60 TIME (s) 70 80 90 100 VS = 5V, RL = 2k, 10k VS = 15V, RL = 2k, 10k
CROSSTALK (dB)
FIGURE 45. CROSSTALK, VS = 15V
FIGURE 46. LARGE SIGNAL TRANSIENT RESPONSE vs RL VS = 5V, 15V
60 50 SMALL SIGNAL (mV) 40 30 20 10 0 -10 INPUT (V) VS = 15V RL = 10k CL = 4pF AV = +1 VOUT = 50mVP-P
0.04 0 -0.04 -0.08 -0.12 -0.16 -0.20 -0.24 0 5 10 15 20 25 TIME (s) 30 35 40 -0.28 0 10 20 OUTPUT @ VS = 15V RL = 2k CL = 4pF AV = -100 Rf = 100k, Rg = 1k VIN = 200mVP-P OUTPUT @ VS= 5V 30 40 50 60 TIME (s) 70 80 90 INPUT
14 12 10 8 6 4 2 0 -2 100 OUTPUT (V)
FIGURE 47. SMALL SIGNAL TRANSIENT RESPONSE, VS = 5V, 15V
FIGURE 48. POSITIVE OUTPUT OVERLOAD RESPONSE TIME, VS = 5V, 15V
80 70 60 OVERSHOOT (%) OUTPUT (V) 50 40 30 20 10 0 1 10 100 CAPACITANCE (pF) 1k 10k VS = 15V RL = 10k AV = 1 VOUT = 50mVP-P
O V ER SH O O T + O V ER SH O O T -
0.24 0.20 0.16 INPUT (V) 0.12 0.08 0.04 0 -0.04 -0.08 0 10 20 OUTPUT @ VS = 15V INPUT RL = 2k CL = 4pF AV = -100 Rf = 100k, Rg = 1k VIN = 200mVP-P OUTPUT @ VS = 5V
4 2 0 -2 -4 -6 -8 -10 70 80 90 -12 100
30
40
50
60
TIME (s)
FIGURE 49. NEGATIVE OUTPUT OVERLOAD RESPONSE TIME, VS = 5V, 15V
FIGURE 50. % OVERSHOOT vs LOAD CAPACITANCE, VS = 15V
15
April 13, 2010 FN6632.4
ISL28117, ISL28217
Applications Information
Functional Description
The ISL28117 and ISL28217 are single and dual, low noise precision op amps. Both devices are fabricated in a new precision 40V complementary bipolar DI process. A super-beta NPN input stage with input bias current cancellation provides low input bias current (180pA typical), low input offset voltage (13V typical), low input noise voltage (8nV/Hz), and low 1/f noise corner frequency (~8Hz). These amplifiers also feature high open loop gain (18kV/mV) for excellent CMRR (145dB) and THD+N performance (0.0005% @ 3.5VRMS, 1kHz into 2k). A complimentary bipolar output stage enables high capacitive load drive without external compensation.
V+ - 500 VIN + 500
VOUT RL
V-
FIGURE 51. INPUT ESD DIODE CURRENT LIMITINGUNITY GAIN
Operating Voltage Range
The devices are designed to operate over the 4.5V (2.25V) to 40V (20V) range and are fully characterized at 10V (5V) and 30V (15V). The Power Supply Rejection Ratio typically exceeds 140dB over the full operating voltage range and 120dB minimum over the -40C to +125C temperature range. The worst case common mode input voltage range over temperature is 2V to each rail. With 15V supplies, CMRR performance is typically >130dB over-temperature. The minimum CMRR performance over the -40C to +125C temperature range is >120dB for power supply voltages from 5V (10V) to 15V (30V).
The series resistors limit the high feed-through currents that can occur in pulse applications when the input dV/dT exceeds the 0.5V/s slew rate of the amplifier. Without the series resistors, the input can forward-bias the anti-parallel diodes causing current to flow to the output resulting in severe distortion and possible diode failure. Figure 46 provides an example of distortion free large signal response using a 4VP-P input pulse with an input rise time of <1ns. The series resistors enable the input differential voltage to be equal to the maximum power supply voltage (40V) without damage. In applications where one or both amplifier input terminals are at risk of exposure to high voltages beyond the power supply rails, current limiting resistors may be needed at the input terminal to limit the current through the power supply ESD diodes to 20mA max.
Input Performance
The super-beta NPN input pair provides excellent frequency response while maintaining high input precision. High NPN beta (>1000) reduces input bias current while maintaining good frequency response, low input bias current and low noise. Input bias cancellation circuits provide additional bias current reduction to <1nA, and excellent temperature stabilization. Figures 9 through 16 show the high degree of bias current stability at 5V and 15V supplies that is maintained across the -40C to +125C temperature range. The low bias current TC also produces very low input offset current TC, which reduces DC input offset errors in precision, high impedance amplifiers. The +25C maximum input offset voltage (VOS) for the "B" grade is 50V and 100V for the "C" grade. Input offset voltage temperature coefficients (VOSTC) are a maximum of 0.6V/C for the "B" and 0.9V/C for the "C" grade. Figures 1 through 4 show the typical gaussianlike distribution over the 5V to 15V supply range and over the full temperature range. The VOS temperature behavior is smooth (Figures 5 through 8) maintaining constant TC across the entire temperature range.
Output Current Limiting
The output current is internally limited to approximately 45mA at +25C and can withstand a short circuit to either rail as long as the power dissipation limits are not exceeded. This applies to only 1 amplifier at a time for the dual op amp. Continuous operation under these conditions may degrade long term reliability. Figures 25 and 26 show the current limit variation with temperature.
Output Phase Reversal
Output phase reversal is a change of polarity in the amplifier transfer function when the input voltage exceeds the supply voltage. The ISL28117 and ISL28217 are immune to output phase reversal, even when the input voltage is 1V beyond the supplies.
Power Dissipation
It is possible to exceed the +150C maximum junction temperatures under certain load and power supply conditions. It is therefore important to calculate the maximum junction temperature (TJMAX) for all applications to determine if power supply voltages, load conditions, or package type need to be modified to remain in the safe operating area. These parameters are related using Equation 1:
T JMAX = T MAX + JA xPD MAXTOTAL (EQ. 1)
Input ESD Diode Protection
The input terminals (IN+ and IN-) have internal ESD protection diodes to the positive and negative supply rails, series connected 500 current limiting resistors and an anti-parallel diode pair across the inputs (Figure 51).
16
April 13, 2010 FN6632.4
ISL28117, ISL28217
where: * PDMAXTOTAL is the sum of the maximum power dissipation of each amplifier in the package (PDMAX) * PDMAX for each amplifier can be calculated using Equation 2:
V OUTMAX PD MAX = V S x I qMAX + ( V S - V OUTMAX ) x --------------------------R
L
LICENSE STATEMENT The information in this SPICE model is protected under the United States copyright laws. Intersil Corporation hereby grants users of this macro-model hereto referred to as "Licensee", a nonexclusive, nontransferable licence to use this model as long as the Licensee abides by the terms of this agreement. Before using this macro-model, the Licensee should read this license. If the Licensee does not accept these terms, permission to use the model is not granted. The Licensee may not sell, loan, rent, or license the macro-model, in whole, in part, or in modified form, to anyone outside the Licensee's company. The Licensee may modify the macro-model to suit his/her specific applications, and the Licensee may make copies of this macro-model for use within their company only. This macro-model is provided "AS IS, WHERE IS, AND WITH NO WARRANTY OF ANY KIND EITHER EXPRESSED OR IMPLIED, INCLUDING BUY NOT LIMITED TO ANY IMPLIED WARRANTIES OF MERCHANTABILITY AND FITNESS FOR A PARTICULAR PURPOSE." In no event will Intersil be liable for special, collateral, incidental, or consequential damages in connection with or arising out of the use of this macro-model. Intersil reserves the right to make changes to the product and the macro-model without prior notice.
(EQ. 2)
where: * TMAX = Maximum ambient temperature * JA = Thermal resistance of the package * PDMAX = Maximum power dissipation of 1 amplifier * VS = Total supply voltage * IqMAX = Maximum quiescent supply current of 1 amplifier * VOUTMAX = Maximum output voltage swing of the application
ISL28117 and ISL28217 SPICE Model
Figure 52 shows the SPICE model schematic and Figure 53 shows the net list for the ISL28117 and ISL28217 SPICE model for a Grade "B" part. The model is a simplified version of the actual device and simulates important AC and DC parameters. AC parameters incorporated into the model are: 1/f and flatband noise, Slew Rate, CMRR, Gain and Phase. The DC parameters are VOS, IOS, total supply current and output voltage swing. The model uses typical parameters given in the "Electrical Specifications" Table beginning on page 4. The AVOL is adjusted for 155dB with the dominate pole at 0.02Hz. The CMRR is set (210dB, fcm = 10Hz). The input stage models the actual device to present an accurate AC representation. The model is configured for ambient temperature of +25C. Figures 54 through 64 show the characterization vs simulation results for the Noise Voltage, Closed Loop Gain vs Frequency, Closed Loop Gain vs RL, Large Signal Step Response, Open Loop Gain Phase and Simulated CMRR vs Frequency.
17
April 13, 2010 FN6632.4
ISL28117, ISL28217
.
V++ R3 4.45k 4 CASCODE Q4 C4 2pF 2 SUPERB Q1 Q2 R1 5E11 0.1V 25 R17 290 En In+ C6 1.2pF IOS VCM 0.3nA R2 5E11 IEE 200E-6 9 + VOS 13E-6 1 Mirror Q3 + 7 EOS 8 5 Q5 3 SUPERB DX C5 2pF R4 4.45k CASCODE 6 D1 IEE1 96E-6
V++ 4 5
VIN-
VinV5 24 D12 DN +
+ -
Vc Vmid
+ + -
VIN+
V-VCM
Voltage Noise
V++ G1 4 D2 DX + V1 - 1.86V 11 G3 R5 1 D4 DX + V3 - 1.86V Vg
Input Stage
V++ G5 R7 1.99e10 C2 400pF R9 2.1E3 L1 15.9159E 17 R11 1 Vc Vg R12 1 18 L2 15.9159E V--
+ -
10
+ -
13
+ -
5 Vc
Vmid
Vmid
G2 + 12 V2 1.86V
R6 1
G4 + 14 V4 1.86V
R8 1.99e10
C3 400pF
R10 2.1E3
G6
V-VCM
D3 DX
D5 DX
VCM
1ST Gain Stage
2nd Gain Stage
Mid Supply Ref
Common Mode Gain Stage
V++ D8 DX 22 ISY 0.44mA D6 DX 20 23 D9 DX V5 + G7
V+
+ -
V+ + E2
Vg
1.12V D7 DX V6 21 1.12V G8 + -
V-
+ V--
+
E3
V-
D10 DY
+ G9
+ G10
D11 DY
Supply Isolation Stage
FIGURE 52. SPICE SCHEMATIC
Output Stage
18
+ -
+ +
VOUT
+ -
+ -
R15 90 VOUT
R16 90
April 13, 2010 FN6632.4
ISL28117, ISL28217
* source ISL28117_SPICEmodel * Revision B, November 20th 2009 LaFontaine * Model for Grade B Noise, supply currents, 210dB f=10Hz CMRR, 155dB f=0.02Hz AOL, SR = 0.5V/sec *Copyright 2009 by Intersil Corporation *Refer to data sheet "LICENSE STATEMENT" Use of *this model indicates your acceptance with the *terms and provisions in the License Statement. * Connections: +input * | -input * | | +Vsupply * | | | -Vsupply * | | | | output * | | | | | .subckt ISL28117subckt Vin+ Vin-V+ V- VOUT * source ISL28107subckt * *Voltage Noise E_En IN+ VIN+ 25 0 1 R_R17 25 0 290 D_D12 24 25 DN V_V7 24 0 0.1 * *Input Stage I_IOS IN+ VIN- DC 0.08E-9 C_C6 IN+ VIN- 1.2E-12 R_R1 VCM VIN- 5e11 R_R2 IN+ VCM 5e11 Q_Q1 2 VIN- 1 SuperB Q_Q2 3 8 1 SuperB Q_Q3 V-- 1 7 Mirror Q_Q4 4 6 2 Cascode Q_Q5 5 6 3 Cascode R_R3 4 V++ 4.45e3 R_R4 5 V++ 4.45e3 C_C4 VIN- 0 2e-12 C_C5 8 0 2e-12 D_D1 6 7 DX I_IEE 1 V-- DC 200e-6 I_IEE1 V++ 6 DC 96e-6 V_VOS 9 IN+ 8e-6 E_EOS 8 9 VC VMID 1 * *1st Gain Stage G_G1 V++ 11 4 5 8.129384e-2 G_G2 V-- 11 4 5 8.129384e-2 R_R5 11 V++ 1 R_R6 V-- 11 1 D_D2 10 V++ DX D_D3 V-- 12 DX V_V1 10 11 1.86 V_V2 11 12 1.86 * *2nd Gain Stage G_G3 V++ VG 11 VMID 2.83e-3 G_G4 V-- VG 11 VMID 2.83e-3 R_R7 VG V++ 1.99e10 R_R8 V-- VG 1.99e10 C_C2 VG V++ 4e-10 C_C3 V-- VG 4e-10 D_D4 13 V++ DX D_D5 V-- 14 DX V_V3 13 VG 1.86 V_V4 VG 14 1.86 * *Mid supply Ref R_R9 VMID V++ 2.1E3 R_R10 V-- VMID 2.1E3 I_ISY V+ V- DC 0.44E-3 E_E2 V++ 0 V+ 0 1 E_E3 V-- 0 V- 0 1 * *Common Mode Gain Stage with Zero G_G5 V++ VC VCM VMID 3.162277 G_G6 V-- VC VCM VMID 3.162277 R_R11 VC 17 1 R_R12 18 VC 1 L_L1 17 V++ 15.9159E-3 L_L2 18 V-- 15.9159E-3 * *Output Stage with Correction Current Sources G_G7 VOUT V++ V++ VG 1.11e-2 G_G8 V-- VOUT VG V-- 1.11e-2 G_G9 22 V-- VOUT VG 1.11e-2 G_G10 23 V-- VG VOUT 1.11e-2 D_D6 VG 20 DX D_D7 21 VG DX D_D8 V++ 22 DX D_D9 V++ 23 DX D_D10 V-- 22 DY D_D11 V-- 23 DY V_V5 20 VOUT 1.12 V_V6 VOUT 21 1.12 R_R15 VOUT V++ 9E1 R_R16 V-- VOUT 9E1 * .model SuperB npn + is=184E-15 bf=30e3 va=15 ik=70E-3 rb=50 + re=0.065 rc=35 cje=1.5E-12 cjc=2E-12 + kf=0 af=0 .model Cascode npn + is=502E-18 bf=150 va=300 ik=17E-3 rb=140 + re=0.011 rc=900 cje=0.2E-12 cjc=0.16E-12f + kf=0 af=0 .model Mirror pnp + is=4E-15 bf=150 va=50 ik=138E-3 rb=185 + re=0.101 rc=180 cje=1.34E-12 cjc=0.44E-12 + kf=0 af=0 .model DN D(KF=6.69e-9 AF=1) .MODEL DX D(IS=1E-12 Rs=0.1) .MODEL DY D(IS=1E-15 BV=50 Rs=1) .ends ISL28117subckt
FIGURE 53. SPICE NET LIST
19
April 13, 2010 FN6632.4
ISL28117, ISL28217 Characterization vs Simulation Results
100 INPUT NOISE VOLTAGE (nV/Hz) INPUT NOISE VOLTAGE (nV/Hz) VS = 18.2V AV = 1 100
10
10
1
1
10
100 1k FREQUENCY (Hz)
10k
100k
1.0 1.0
10
100
1.0k
10k
100k
FREQUENCY (Hz)
FIGURE 54. CHARACTERIZED INPUT NOISE VOLTAGE
FIGURE 55. SIMULATED INPUT NOISE VOLTAGE
70 60 50 GAIN (dB) 40 30 20 10 0 AV = 10 Rg = 10k, Rf = 100k AV = 1 AV = 100 AV = 1000
70
Rg = 100, Rf = 100k Rg = 1k, Rf = 100k VS = 20V CL = 4pF RL = 10k VOUT = 50mVP-P
60
AV = 1000
Rg = 100, Rf = 100k Rg = 1k, Rf = 100k
GAIN (dB)
40
AV = 100
VS = 15V CL = 4pF RL = 10k VOUT = 50mVP-P
20
AV = 10 Rg = 10k, Rf = 100k
0
100k 1M 10M
AV = 1 Rg = OPEN, Rf = 0 100 1.0k 10k 100k FREQUENCY (Hz) 1.0M 10M
-10 10
Rg = OPEN, Rf = 0 10k 1k 100
-10 10
FREQUENCY (Hz)
FIGURE 56. CHARACTERIZED CLOSED LOOP GAIN vs FREQUENCY
FIGURE 57. SIMULATED CLOSED LOOP GAIN vs FREQUENCY
2 1 0 -1 GAIN (dB) -2 -3 -4 -5 -6 -7 VS = 20V CL = 4pF AV = +1 VOUT = 50mVP-P 100 1k 10k RL = 100 100k 1M 10M RL = 499 RL = 4.99k RL = 1k RL = 10k
1 RL = 10k 0 RL = 4.99k RL = 1k
GAIN (dB)
-2
-4
VS = 15V CL = 4pF
RL = 499
-6 AV = +1
VOUT = 50mVP-P -8 10 100
RL =100 1.0M 10M
-8 10
FREQUENCY (Hz)
1.0k 10k 100k FREQUENCY (Hz)
FIGURE 58. CHARACTERIZED CLOSED LOOP GAIN vs RL
FIGURE 59. SIMULATED CLOSED LOOP GAIN vs RL
20
April 13, 2010 FN6632.4
ISL28117, ISL28217 Characterization vs Simulation Results (Continued)
2.4 2.0 1.6 LARGE SIGNAL (V) LARGE SIGNAL (V) 1.2 0.8 0.4 0 -0.4 -0.8 -1.2 -1.6 -2.0 -2.4 0 10 20 30 CL = 4pF AV = +1 VOUT = 4VP-P 40 50 60 TIME (s) 70 80 90 100 VS = 15V, RL =10k 2 1 0 -1 -2 -3 CL = 4pF AV = +1 VOUT = 4VP-P 0 20 40 60 TIME (s) 80 100 INPUT OUTPUT 3
FIGURE 60. CHARACTERIZED LARGE SIGNAL TRANSIENT RESPONSE vs RL VS = 15V
200 180 160 140 120 100 80 60 40 20 0 -20 R = 10k L -40 CL = 10pF -60 SIMULATION -80 -100 0.1m 1m 10m 100m
FIGURE 61. SIMULATED LARGE SIGNAL 10V STEP RESPONSE
200 OPEN LOOP GAIN (dB)/PHASE ()
OPEN LOOP GAIN (dB)/PHASE ()
160 PHASE
PHASE
120
80
GAIN
40
GAIN
0
1
10
100
1k
10k 100k
1M 10M 100M
-40 1.0m 10m 0.1
1
10
100 1k
10k 100k 1M 10M 100M
FREQUENCY (Hz)
FREQUENCY (Hz)
FIGURE 62. SIMULATED OPEN-LOOP GAIN, PHASE vs FREQUENCY
250
FIGURE 63. SIMULATED OPEN-LOOP GAIN, PHASE vs FREQUENCY
200 CMRR (dB)
150
100
50 1m 10m 0.1
1
10 100
1k 10k 100k 1M 10M 100M
FREQUENCY (Hz)
FIGURE 64. SIMULATED CMRR vs FREQUENCY
21
April 13, 2010 FN6632.4
ISL28117, ISL28217
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to web to make sure you have the latest Rev. DATE 3/18/10 REVISION FN6632.4 CHANGE 1. Updated "Ordering Information" on page 2 by adding two rows for MSOP packages ISL28117FUBZ and ISL28117FUZ, which are scheduled to release Q2 2010. Added Pinout accordingly. 2. Added POD for MSOP M8.118 to the end of datasheet 3. In "Ordering Information" on page 2, Separated each part number with it's own specific T7 and -T13 suffix and removed "Add "-T7" or "-T13" suffix for Tape and Reel." from Note 1. 4. Updated 15 and 5V Electrical Specification table with the following edits: A) Separated VOS specs for SOIC and MSOP Grade C packages. Added new VOS specs for MSOP Grade C package. B) Separated TCVOS specs for SOIC and MSOP Grade C packages. Added new TCVOS specs for MSOP Grade C package. 5. Added "Thermal Information" on page 4 for ISL28117 MSOP package. Added "Related Literature*(see page 23)" on page 1. Added Evaluation Boards to "Ordering Information" on page 2. Added Theta JC values to "Thermal Information" on page 4. Added applicable Theta JC Note 5. Updated Theta JA for ISL28217 8 Ld SOIC from 115C/W to 105C/W. Part marking in "Ordering Information" on page 2 changed as follows: ISL28117FBBZ changed from "28117 FBZ -B" to "28117 FBZ" ISL28117FBZ changed from "28117 FBZ" to "28117 FBZ -C" ISL28217FBBZ changed from "28217 FBZ -B" to "28217 FBZ" ISL28217FBZ changed from "28217 FBZ" to "28217 FBZ -C" On page 7: Changed label in Figure 1 from "VS = +5V" to "VS = 5V" On page 7: Changed label in Figure 2 from "VS = +15V" to "VS = 15V" Changed Typical VOS spec from "13" to "8" (B Grade), "19" to "4" (C Grade), IB from "0.18" to "0.08, IOS from "0.3" to "0.08". Edited Spice Schematic - L1 from "95.4957" to "15.9159E", R1 from "6k" to 1, R9 from "1" to "2.1E3", R10 from "1" to "2.1E3, R12 from "6k" to "1", L2 from "95.4957" to "15.9159E". Edited Spice Net List - Changed Revision from "A" to "B", Date change from "October 29th 2009" to "November 20th 2009", added after AOL "SR = 0.5V/sec, Input Stage changed in I_IOS from "0.3E-9" to 0.08E-9", V_VOS "13e-6" to "8e-6", Mid supply Ref R_R9 and R_R10 changed "1" to "2.1E3", Common Mode Gain Stage with Zero change in G_G5 and G_G6 "5.27046e-15" to "3.162277", R_R11 and R_R12 "6.3" to "1", L_L1 and L_L2 "95.4957" to "15.9159E-3" FN6632.3 FN6632.2 Updated Typical Performance Curves Figure 5, 7, 9, 11, 13, 15, 17 and 19. Added Spice Model and license statement. Replaced typical application schematic on page 1. On page 2 "Ordering Information", changed the following: a) corrected part marking for ISL28117FBBZ from "28117 -B FBZ" to "28117 FBZ -B". Corrected part marking for ISL28217FBBZ from "28217-B FBZ" to "28217 FBZ -B" B) Updated package outline drawing to most recent revision (no changes were made to package dimensions; land pattern was added and dimensions were moved from table onto drawing) c) Added "Add "-T7" or "-T13" suffix for tape and reel." to the tape and reel Note 1. d) added Note 3 callout to all parts (Note 3 reads: "For Moisture Sensitivity Level (MSL), please see device information page for ISL28117, ISL28217. For more information on MSL please see techbrief TB363.") e) removed "Coming Soon" from ISL28117FBBZ, ISL28117FBZ & ISL28217FBBZ devices
3/3/10
1/21/10
12/24/09 11/25/09
11/12/09 10/16/09
22
April 13, 2010 FN6632.4
ISL28117, ISL28217
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to web to make sure you have the latest Rev. (Continued) DATE 10/08/09 REVISION FN6632.1 CHANGE 1. Removed "very" from "...low noise.." 1st sentence, page 1. 2. Removed "Low" from 6th bullet under features, page 1. 3. Modified typical characteristics curves to show conservative performance. Specific channel designations removed. On temperature curves, changed formatting to indicate range from typical value. Changes include: a. Removed former Figures 1, 3, 5, 7, 9, 10, 13, 14, 17, 18, 21, 22, 25, 26, 29, 30, 33, 34, 37 & 38 (all Channel A curves) b. Replaced former Figures 19, 20, 23, 24, 27, 28, 31, 32, 35, 36, 39 & 40 with new Figures 9 thru 20 (all "conservative channels") c. Added Figures 30, 31, 32 4. Updated TCVos histogram on page 1 to match TCVos histogram Figure 6 on page 7 (same graphic) 5. Added temp labels to Figures 28 & 29 Initial Release
09/03/09
FN6632.0
Products
Intersil Corporation is a leader in the design and manufacture of high-performance analog semiconductors. The Company's products address some of the industry's fastest growing markets, such as, flat panel displays, cell phones, handheld products, and notebooks. Intersil's product families address power management and analog signal processing functions. Go to www.intersil.com/products for a complete list of Intersil product families. *For a complete listing of Applications, Related Documentation and Related Parts, please see the respective device information page on intersil.com: ISL28117, ISL28217 To report errors or suggestions for this datasheet, please go to www.intersil.com/askourstaff FITs are available from our website at http://rel.intersil.com/reports/search.php
For additional products, see www.intersil.com/product_tree Intersil products are manufactured, assembled and tested utilizing ISO9000 quality systems as noted in the quality certifications found at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com 23
April 13, 2010 FN6632.4
ISL28117, ISL28217
Package Outline Drawing
M8.15E
8 LEAD NARROW BODY SMALL OUTLINE PLASTIC PACKAGE Rev 0, 08/09
4 4.90 0.10 A DETAIL "A" 0.22 0.03
B
6.0 0.20 3.90 0.10 4 PIN NO.1 ID MARK 5 (0.35) x 45 1.27 0.43 0.076 0.25 M C A B 4 4
SIDE VIEW "B" TOP VIEW
1.75 MAX
1.45 0.1 0.25 0.175 0.075 GAUGE PLANE C SEATING PLANE 0.10 C
SIDE VIEW "A
0.63 0.23
DETAIL "A"
(1.27) (0.60)
NOTES: (1.50) 1. Dimensions are in millimeters. Dimensions in ( ) for Reference Only. Dimensioning and tolerancing conform to AMSE Y14.5m-1994. Unless otherwise specified, tolerance : Decimal 0.05 Dimension does not include interlead flash or protrusions. Interlead flash or protrusions shall not exceed 0.25mm per side. 5. 6. The pin #1 identifier may be either a mold or mark feature. Reference to JEDEC MS-012.
2. (5.40) 3. 4.
TYPICAL RECOMMENDED LAND PATTERN
24
April 13, 2010 FN6632.4
ISL28117, ISL28217
Package Outline Drawing
M8.118
8 LEAD MINI SMALL OUTLINE PLASTIC PACKAGE Rev 3, 3/10
5 3.00.05 A 8 D DETAIL "X"
1.10 MAX
SIDE VIEW 2 4.90.15
0.09 - 0.20
3.00.05 5
PIN# 1 ID 1 2 B 0.65 BSC TOP VIEW
0.95 REF
GAUGE PLANE
0.25
0.55 0.15 H 0.85010 DETAIL "X" C SEATING PLANE 0.25 - 0.036 0.08 M C A-B D SIDE VIEW 1 0.10 0.05 0.10 C
33
(5.80) (4.40) (3.00) NOTES: 1. Dimensions are in millimeters. 2. Dimensioning and tolerancing conform to JEDEC MO-187-AA and AMSEY14.5m-1994. 3. Plastic or metal protrusions of 0.15mm max per side are not included. 4. Plastic interlead protrusions of 0.15mm max per side are not included. 5. Dimensions are measured at Datum Plane "H". 6. Dimensions in ( ) are for reference only.
(0.65) (0.40) (1.40)
TYPICAL RECOMMENDED LAND PATTERN
25
April 13, 2010 FN6632.4


▲Up To Search▲   

 
Price & Availability of ISL28117SOICEVAL1Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X