Part Number Hot Search : 
HDM16216 M29F4 P1012 TPV695A BC847CD C1502 4117A G2996
Product Description
Full Text Search
 

To Download ISA-588LF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ISA-588LF
ISA Intel (R) Atom CPU half card w/VGA / Audio / LAN
Features :
board Intel(R) 945GSE + ICH7M+ FWH (FSB533MHz) 1 x 200-Pin DDR SO-DIMM, supports DDR2 400/533 up to 2GB Expansion PC/104 Supports v1.0 SIR protocol Intel(R) Atom N270 (1.6GHz) CPU on
Compliant
No. 24, Lane 365, Yang Guang St., Nei Hu District, Taipei 114, Taiwan Tel: +886-2-8751-1111 Fax: +886-2-8751-1199 Email: sales@protech.com.tw http://www.protech.com.tw
ISA-588LF
ISA Intel(R) Atom CPU half card w/VGA / Audio / LAN
Floppy Printer IDE / 44pin
N270
USB
USB
SATA
SATA
Audio
ICH7M COM 945GSE
ATX Power
LAN
VGA
PCI-104 LVDS ISA interface PS2
Specifications
System
CPU Type CPU Frequency Chipset DRAM BIOS Watchdog Power Supply Power Requirement Power Consumption Dimension Intel(R) Atom N270 (1.6GHz) CPU on board 1.6GHz Intel(R) 945GSE + ICH7M 1 x 200-Pin DDR.SO-DIMM, supports DDR2 400/533 up to 2GB Phoenix-Award PnP BIOS Memory size 8 Mbytes 1~255 secs Watchdog timer selectable w / Reset / NMI Supports AT / ATX power +5V, +12V +5V, +12V, +3.3V, +2.5V/ 1.05, 1.5 VCore 185mm x 122mm (7.28" x 4.8")
Keyboard Mouse LAN
1 x Mini DIN connector 1 x Mini DIN connector Single Port Lan 1 Marvall 1000BaseT Ethernet supports Wake-on-LAN
Audio USB
2 Channel; AC '97 Codec. RealtekALC655 (Line-in, Line-out, Mic) 4 x USB 2.0
Display
Graphic LCD Interface Build-in 945GSE Supports CR LVDS(2CH x18-bits) supports UXGA (1600 x 1200)
Environment I/O Chipset
IDE Interface SATA Interface CF FDD Interface Bus Interface Serial Port 1 x IDE connector with 44-pin Pin header on board 2 x SATA connector (2.0) 1 x compact flash slot (IDE) 1 x FDD connector with 34-pin Boxheader 1 x PC/104 2 ports, 16550 UARTs RS-232 COM 1 for RS-232 COM 2 for RS-232/422/485 Parallel Port IrDA 1 x parallel port (SPP / EPP / ECP) 1 (SIR) OperationTemp. 0~60C (32~140F) Storage Tmp. Humidity -40~85C (-40~185F) Operation humidity 20~90%, Storage humidity 20~95%
Ordering Information
ISA-588LF C1600(230) ISA CPU card w Intel(R) CPUN270 / VGA / LAN (1000Mbps) ISA-588LF C1600(330) ISA CPU card w Intel(R) CPUN330 / VGA / LAN (1000Mbps) Certificate: CE, FCC, CLASS A
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd. All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in May 2009.
PROTECH SYSTEMS
It's the right choice


▲Up To Search▲   

 
Price & Availability of ISA-588LF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X