|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
with Long Backshell and Cable Sealing Gland IPT G 06 W 18-11 S Z C XX MIL-C-26482 Series l Type Grounding Finger (Omit for Standard) 06 - Straight Plug Connector/Backshell Class W - Environmental; Backshell Includes an Overall Cable Sealing Gland Shell Size and Insert Arrangements Mod Code Options See Table II Contact Type C - Crimp (Omit for Solder Cup) Alternate Insert Rotation (W, X, Y, Z) Omit for Normal Contact Gender P - Pin S - Socket IPT 06 W Straight Plug Connector IPT Series Bayonet Lock Connectors 6. Standard insert is high insulation synthetic rubber. (c) 2008 Glenair, Inc. B D G APPLICATION NOTES 1. Straight plug with long backshell, incorporated metal sleeve and gland seal. No cable clamp provided. 2. Connector/Backshell Class "W" (environmental)--Wire sealing grommet supplied. 3. Standard materials configuration consists of aluminum alloy with stainless steel coupling pins. 4. Standard contact material consists of copper alloy with gold plating over nickel. 5. A broad range of other front and rear connector accessories are available. See our website and/or contact factory for complete information. U.S. CAGE Code 06324 Printed in U.S.A. www.glenair.com GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com B-92 with Long Backshell and Cable Sealing Gland TABLE I: DIMENSIONS Shell size 8 10 12 14 16 18 20 22 24 B min. 4.25 5.20 8.60 10.55 14.00 15.25 16.10 17.00 18.80 Max. 5.85 7.90 11.20 13.70 15.65 17.10 19.00 21.50 22.70 D Max. 13.90 17.15 20.60 23.90 27.10 30.30 33.60 36.80 40.00 G 0.4 19.05 21.80 26.20 29.40 32.55 35.35 38.90 42.10 45.10 L Max. 43.30 43.30 46.90 51.80 57.30 63.15 72.20 76.20 81.55 TABLE II: MODIFICATION CODES Shell Finish (Omit for Standard Cad/Olive Drab Finish) F2 - Bright Nickel Plating (RoHs) F6 - Black Electrodeposited Paint (RoHs) F7 - Black Zn-Co Plating (RoHs) F8 - Olive Drab Zn-Co Plating Assembly with Accessories (Omit for Standard Version) Key Polarization (Omit for N version) W, X, Y, Z = Alternates N0 - Connector Less Backshell GXXX - Custom Designed Connector STANDARD FINISHES (For QQ-A-591 Aluminum Shells) Requirements IAW RoHS Not IAW RoHS G3 Cadmium with Olive F8 Zinc Cobalt with F2 Electrolytic Nickel F6 Black Non Conductive F7 Black Conductive Drab Passivation Olive Drab Passivation Thermal Shock Salt Spray After Thermal Shock Electical Conductivity Abrasion Resistance -40C + 100C 24 hour Very Good Very Good -55C + 125C 500 hour NO Very Good -55C + 125C 500 hour Very Good Good -55C + 125C 500 hour Very Good Very Good -40C + 100C 200 hour Good Good (c) 2008 Glenair, Inc. U.S. CAGE Code 06324 Printed in U.S.A. www.glenair.com GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com B-93 IPT Series Bayonet Lock Connectors IPT 06 W Straight Plug Connector |
Price & Availability of IPTG06W18-11SZC |