Part Number Hot Search : 
L4812 P4KE150A SB120 TKA1212D SA9101 055EL A0002 CS160KM
Product Description
Full Text Search
 

To Download IPTG06E18-11SZCSR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 with Backshell, Cable Clamp and Bushing
IPT G 06 E 18-11 S Z C SR XX MIL-C-26482 Series l Type Grounding Finger (Omit for Standard) 06 - Straight Plug Connector Class E - Environmental Shell Size and Insert Arrangements Mod Code Options See Table II Cable Clamp and Bushing Contact Type C - Crimp (Omit for Solder Cup) Alternate Insert Rotation (W, X, Y, Z) Omit for Normal Contact Gender P - Pin S - Socket
IPT 06 E...SR Straight Plug Connector
IPT Series Bayonet Lock Connectors
6. Standard insert is high insulation synthetic rubber. (c) 2008 Glenair, Inc.
B
G
APPLICATION NOTES
1. Straight plug with cable clamp and bushing for cable protection. 2. Connector Class "E" (environmental)--Wire sealing grommet supplied. 3. Standard materials configuration consists of aluminum alloy with stainless steel coupling pins. 4. Standard contact material consists of copper alloy with gold plating over nickel. 5. A broad range of other front and rear connector accessories are available. See our website and/or contact factory for complete information.
U.S. CAGE Code 06324
Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com B-84
with Backshell, Cable Clamp and Bushing
IPT 06 E...SR Straight Plug Connector
TABLE I: DIMENSIONS
Shell size 8 10 12 14 16 18 20 22 24 B 0.25 3.2 4.8 7.9 9.5 12.7 15.9 15.9 19.0 20.3 C min. 6.10 7.70 10.90 14.00 15.60 18.80 18.80 23.60 25.15 E Max. 20.60 22.20 25.40 28.60 30.20 36.50 36.50 43.65 43.65 G 0.4 19.05 21.80 26.20 29.40 32.55 35.35 38.90 42.10 45.10 L Max. 44.70 44.70 44.70 44.70 48.10 48.10 52.85 52.85 54.40 N Thread 6 - 32 6 - 32 6 - 32 6 - 32 6 - 32 8 - 32 8 - 32 8 - 32 8 - 32
TABLE II: MODIFICATION CODES
Shell Finish (Omit for Standard Cad/Olive Drab Finish) F2 - Bright Nickel Plating (RoHs) F6 - Black Electrodeposited Paint (RoHs) F7 - Black Zn-Co Plating (RoHs) F8 - Olive Drab Zn-Co Plating Assembly with Accessories (Omit for Standard Version) Key Polarization (Omit for N version) W, X, Y, Z = Alternates N0 - Connector Less Backshell GXXX - Custom Designed Connector
STANDARD FINISHES (For QQ-A-591 Aluminum Shells) Requirements IAW RoHS Not IAW RoHS G3 Cadmium with Olive F8 Zinc Cobalt with F2 Electrolytic Nickel F6 Black Non Conductive F7 Black Conductive Drab Passivation Olive Drab Passivation Thermal Shock Salt Spray After Thermal Shock Electical Conductivity Abrasion Resistance -40C + 100C 24 hour Very Good Very Good -55C + 125C 500 hour NO Very Good -55C + 125C 500 hour Very Good Good -55C + 125C 500 hour Very Good Very Good -40C + 100C 200 hour Good Good
(c) 2008 Glenair, Inc.
U.S. CAGE Code 06324
Printed in U.S.A.
www.glenair.com
GLENAIR, INC. * 1211 AIR WAY * GLENDALE, CA 91201-2497 * 818-247-6000 * FAX 818-500-9912 E-Mail: sales@glenair.com B-85
IPT Series Bayonet Lock Connectors


▲Up To Search▲   

 
Price & Availability of IPTG06E18-11SZCSR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X