Part Number Hot Search : 
MZ780 APBA3010 SC1104 GC4222 LDR100SB SB310 28000 F060256
Product Description
Full Text Search
 

To Download IP101ALF-DS-R10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 IP101A LF
Data Sheet
Single port 10/100 Fast Ethernet Transceiver
Features
10/100Mbps TX Full-duplex or half-duplex Supports Auto MDI/MDIX function Fully compliant with IEEE 802.3/802.3u Supports IEEE 802.3u auto-negotiation Supports MII / RMII / SNI interface IEEE 802.3 full duplex control specification Supports Automatic Power Saving mode Supports BaseLine Wander (BLW) compensation Supports Interrupt function Supports repeater mode Single 3.3V power supply with built-in 2.5V regulator DSP-based PHY Transceiver technology Using either 25MHz crystal/oscillator or 50MHz oscillator REF_CLK as clock source Flexible LED display for speed, duplex, link, activity and collision Supports flow control to communicate with other MAC through MDC and MDIO 0.25u, CMOS technology 48-pin LQFP Support Lead Free package (Please refer to the Order Information)
General Description
IP101A LF is an IEEE 802.3/802.3u compliant single-port Fast Ethernet Transceiver for both 100Mbps and 10Mbps operations. It supports Auto MDI/MDIX function to simplify the network installation and reduce the system maintenance cost. To improve the system performance, IP101A LF provides a hardware interrupt pin to indicate the link, speed and duplex status change. IP101A LF also provides Media Independent Interface (MII) / Serial Network Interface (SNI) or Reduced Media Independent Interface (RMII) to connect with different types of 10/100Mbps Media Access Controller (MAC). IP101A LF is designed to use category 5 unshielded twisted-pair cable connecting to other LAN devices. IP101A LF Transceiver is fabricated with advanced CMOS technology, which the chip only requires 3.3V as power supply and consumes very low power in the Auto Power Saving mode. IP101A LF can be implemented as Network Interface Adapter with RJ-45 for twisted-pair connection. It can also be easily implemented into HUB, Switch, Router, Access Point.
1/36 Copyright (c) 2004, IC Plus Corp.
Oct 22, 2007 IP101A LF-DS-R12
IP101A LF
Data Sheet
Table Of Contents
Features................................................................................................................................................... 1 General Description ................................................................................................................................. 1 Table Of Contents .................................................................................................................................... 2 Revision History....................................................................................................................................... 3 Transmit and Receive Data Path Block Diagram .................................................................................... 4 Pin Assignments ...................................................................................................................................... 5 1 Pin Descriptions................................................................................................................................ 6 Pin Descriptions (continued).................................................................................................................... 7 Pin Descriptions (continued).................................................................................................................... 8 Pin Descriptions (continued).................................................................................................................... 9 Pin Descriptions (continued).................................................................................................................. 10 Pin Descriptions (continued)...................................................................................................................11 Pin Descriptions (continued).................................................................................................................. 12 2 Register Descriptions ..................................................................................................................... 13 Register Descriptions (continued) ......................................................................................................... 14 Register Descriptions (continued) ......................................................................................................... 15 Register Descriptions (continued) ......................................................................................................... 16 Register Descriptions (continued) ......................................................................................................... 17 Register Descriptions (continued) ......................................................................................................... 18 Register Descriptions (continued) ......................................................................................................... 19 Register Descriptions (continued) ......................................................................................................... 20 3 Functional Description .................................................................................................................... 21 4 Serial management interface ......................................................................................................... 28 5 Crystal Specifications ..................................................................................................................... 29 6 Layout Guideline............................................................................................................................. 30 7 Electrical Characteristics ................................................................................................................ 31 7.1 D.C. Characteristic....................................................................................................... 31 7.1.1 Absolute Maximum Rating...................................................................................... 31 7.1.2 Power Dissipation ................................................................................................... 31 7.1.3 Operating Condition ................................................................................................ 31 7.1.4 Supply Voltage ........................................................................................................ 31 7.2 A.C. Characteristic....................................................................................................... 32 7.2.1 MII Timing ............................................................................................................... 32 7.2.2 RMII Timing............................................................................................................. 33 7.2.3 SMI Timing .............................................................................................................. 34 8 Order Information ........................................................................................................................... 35 9 Package and Mechanical Specification .......................................................................................... 36
2/36 Copyright (c) 2004, IC Plus Corp.
Oct 22, 2007 IP101A LF-DS-R12
IP101A LF
Data Sheet
Revision History
Revision # IP101A LF-DS-R01 IP101A LF-DS-R02 IP101A LF-DS-R03 IP101A LF-DS-R04 IP101A LF-DS-R05 IP101A LF-DS-R06 IP101A LF-DS-R07 IP101A LF-DS-R08 IP101A LF-DS-R09 IP101A LF-DS-R10 IP101A LF-DS-R11 IP101A LF-DS-R12 Change Description Initial release. Add Crystal Specification and MII AC Timing. Modify 7.1.2 Power Dissipation in page 41. Modify register 5.11 in page 16. Add the order information for lead free package. Revise the general description & modify the application diagram. Modify MII reg3 content in page 15. Remove Circuit diagram. Modify Pin assignments in page 5. Delete the "Preliminary" & Modify X1 input Voltage in Page30 Modify "RXER" Pin description in page 7. Add SMI timing chart in page 28 & page 34.
3/36 Copyright (c) 2004, IC Plus Corp.
Oct 22, 2007 IP101A LF-DS-R12
IP101A LF
Data Sheet
Transmit and Receive Data Path Block Diagram
TXD
100Mbps
MII/SNI/RMII Interface
RXD
100Mbps 10Mbps
4B/5B Encoder
10Mbps
4B/5B Decoder
Serial to Parallel
100Mbps
MII Registers
100Mbps 10Mbps
Descrambler Scrambler
100Mbps
Manchester/ NRZ Decoder
5B
100Mbps
Mux
AutoNegotiation
Serial to Parallel
5B
10Mbps
100Mbps
Clock Recovery
100Mbps
10Mbps
Clock Recovery
Parallel to Serial Parallel to Serial
100Mbps
100Mbps
10Mbps
MLT3/NRZI Decoder
100Mbps
Squelch
NRZI/MLT-3 Encoder
10Mbps
NRZ/Manchester Encoder
100Mbps 10Mbps
DSP Engine
100Mbps
10Mbps
D/A & Line Driver
TXO
RJ-45 Connector
RXI
Figure 1: Flow chart of IP101A LF
4/36 Copyright (c) 2004, IC Plus Corp.
Oct 22, 2007 IP101A LF-DS-R12
IP101A LF
Data Sheet
Pin Assignments
27. TEST_ON 32. REGOUT
30. MDI_RN
33. MDI_TN
31. MDI_RP
36. AVDD33
34. MDI_TP
35. AGND
29. AGND
26. MDIO
25. MDC
28. ISET
37. AN_ENA 38. DPLX 39. SPD 40. RPTR
24. RX_ER 23. CRS /LEDMOD 22. RX_DV /CRS_DV 21. RXD0 20. RXD1 19. RXD2 18. RXD3 17. DGND 16. RX_CLK/ C50M_O 15. LED4/ PHYAD4 14. DVDD33 13. LED3/ PHYAD3
41. APS 42. RESET_N 43. ISOL 44. MII_SNIB
IP101A LF
Fast Ethernet Single Phy Transceiver Chip 48 pins LQFP package
45. DGND 46. X1 47. X2 48. INTR
10. LED1/ PHYAD1
7. TX_CLK/ REF_CLK
Figure 2 : IP101A LF pins assignment
5/36 Copyright (c) 2004, IC Plus Corp.
12. LED2/ PHYAD2
9. LED0/ PHYAD0
11. DGND
2. TX_EN
8. REGIN
1. COL /RMII
3. TXD3
4. TXD2
5. TXD1
6. TXD0
Oct 22, 2007 IP101A LF-DS-R12
IP101A LF
Data Sheet
1 Pin Descriptions
Type LI I/O I O Pin no. Description Latched Input in power up or reset Bi-directional input and output Input Output Label Type Type PD PU P OD Description Internal Pull-Down Internal Pull-Up Power Open Drain Description
MII and PCS Interface - Management Interface Pins 25 MDC I Management Data Interface Clock: This pin provides a clock reference to MDIO. The clock rate can be up to 10MHz. 26 MDIO I/O Management Data interface Input/Output: The function of this pin is to transfer management information between PHY and MAC.
MII and PCS Interface - Media Independent Interface (MII) Pins 2 TX_EN I Transmit Enable: This pin is an active high input. At high status, (PD) it indicates the nibble data in TXD[3:0] is valid. 7 TX_CLK O Transmit Clock: This pin provides a continuous 25MHz clock at 100BT and 2.5Mbps at 10BT as timing reference for TXD[3:0] and TX_EN when the chip operates under MII. Transmit Data: When TX_EN is set high, MAC will transmit data through these 4 lines to PHY which the transmission is synchronizing with TX_CLK. Receive Data Valid: At high status stands for data flow is present within RXD[0:3] lines and low means no data exchange occurred. Receive Clock: This pin provides 25MHz for 100BT or 2.5Mhz for 10BT and RX_DV pin uses this pin as its reference under MII. Receive Data: These 4 data lines are transmission path for PHY to send data to MAC and they are synchronizing with RX_CLK.
3, 4, 5, 6
TXD[3:0]
I
22
RX_DV
O
16 18, 19, 20, 21
RX_CLK RXD[3:0]
O O
6/36 Copyright (c) 2004, IC Plus Corp.
Oct 22, 2007 IP101A LF-DS-R12
IP101A LF
Data Sheet
Pin Descriptions (continued)
Pin no. Label Type Description MII and PCS Interface - Media Independent Interface (MII) Pins 24 RX_ER O Receive error: This pin outputs a high status when errors (PD) occurred in the decoded data in the reception. (Notice: This pin is pulled down internally. An external 5.1K pull down resistor is needed to avoid the noise interference.) 1 COL/RMII O/LI (PD) Collision Detected: When this pin outputs a high status signal it means collision is detected. RMII Mode: During power on reset, this pin status is latched and arranged with MII/SNIB (pin44) to determine MAC interface RMII MII/SNIB 1 X RMII Interface 0 1 MII Interface 0 0 SNI Interface (Notice: This pin is pulled down internally) Carrier Sense: When signal output from this pin is high indicates the transmission or reception is in process and at low status means the line is in idle state. LEDMOD: During power on reset, this pin status is latched to determine at which LED mode to operate, please refer to the LED pins description. (Notice: This pin is pulled down internally)
23
CRS/LEDMOD
O (PD)
7/36 Copyright (c) 2004, IC Plus Corp.
Oct 22, 2007 IP101A LF-DS-R12
IP101A LF
Data Sheet
Pin Descriptions (continued)
Pin no. Label Type I O Description Reference Clock: This pin is an input pin operates as 50MHz reference clock (REF_CLK) in RMII mode. Reference Clock out: This pin could be configured as 50MHz clock output in RMII mode. With 25MHz crystal/oscillator, IP101A LF could generate 50MHz output for RMII mode. Transmit Enable: For MAC to indicate transmit operation Transmit two-bit Data Receive Error Carrier Sense and Receive Data Valid Received two-bit Data RMII (Reduced MII) 7 REF_CLK 16 C50M_O
2 5,6 24 22 20, 21
TX_EN TXD[1:0] RX_ER CRS_DV RXD[1:0]
I (PD) I I/O O O
SNI (Serial Network Interface): 10Mbps only 2 TX_EN I Transmit Enable: Indicate transmit operation to MAC (PD) 7 TX_CLK O Transmit Clock: 10MHz, clock generated by PHY 6 16 21 1 23 TXD0 RX_CLK RXD0 COL CRS I O O O O Transmit Serial Data Receive Clock: 10MHz, clock recovery from received data Received Serial Data Collision Detect Carrier Sense Transmit Output Pair: Differential pair shared by 100Base-TX and 10Base-T modes. When configured as 100Base-TX, output is an MLT-3 encoded waveform. When configured as 10Base-T, the output is Manchester code. Receive Input Pair: Differential pair shared by 100Base-TX and 10Base-T modes.
Cable Transmission Interface 34 MDI_TP I/O 33 MDI_TN I/O
31 30
MDI_RP MDI_RN
I/O I/O
8/36 Copyright (c) 2004, IC Plus Corp.
Oct 22, 2007 IP101A LF-DS-R12
IP101A LF
Data Sheet
Pin Descriptions (continued)
Pin no. Label Type I (PD) Description Set high to this pin will isolate IP101A LF from other MAC. This action will also isolate the MDC/MDIO management interface. The power usage is at minimum when this pin is activated. This pin can be directly connected to GND or VCC. (An internal weak pulled-down is used to be inactive as a default) Enable this pin to high will put the IP101A LF into repeater mode. This pin can be directly connected to GND or VCC. (An internal weak pulled-down is used to be inactive as a default) This pin is latched to input during a power on or reset condition. Set high to put the IP101A LF into 100Mbps operation. This pin can be directly connected to GND or VCC. (An internal weak pulled-up is used to set 100Mbps as a default) This pin is latched to input during a power on or reset condition. Set high to enable full duplex. This pin can be directly connected to GND or VCC. (An internal weak pulled-up is used to set full duplex as a default) This pin is latched to input during a power on or reset condition. Set high to enable auto-negotiation mode, set low to force mode. This pin can be directly connected to GND or VCC. (An internal weak pulled-up is used to enable Auto-Negotiation as a default) Set high to put the IP101A LF into APS mode. This pin can be directly connected to GND or VCC. Please refer to power down modes description for more information. (An internal weak pulled-up is used to enable APS mode as a default) This pin is latched to input during a power on or reset condition. Pull high to set the IP101A LF into MII mode operation. Set low for SNI mode. This pin can be directly connected to GND or VCC. (An internal weak pulled-up is used to set MII mode as a default) IC Configuration Options 43 ISOL
40
RPTR
I (PD) LI/O (PU)
39
SPD
38
DPLX
LI/O (PU)
37
AN_ENA
LI/O (PU)
41
APS
I (PU)
44
MII_SNIB
LI/O (PU)
9/36 Copyright (c) 2004, IC Plus Corp.
Oct 22, 2007 IP101A LF-DS-R12
IP101A LF
Data Sheet
Pin Descriptions (continued)
Pin no. Label Type Description LED and PHY Address Configuration These five pins are latched into the IP101A LF during reset to configure PHY address [4:0] used for MII management register interface. And then, in normal operation after initial reset, they are used as driving pins for status indication LED. The driving polarity, active low or active high, is determined by each latched status of the PHY address [4:0] during reset. If latched status is high then it will be active low, and if latched status is Low then it will be active high. Moreover, IP101A LF provides 2 LED operation modes. If 2nd LED mode is selected by pulling up pin CRS, only 4 LEDs are needed for status indication. Default is first LED mode. LED mode 1 LINK FULL DUPLEX 10BT /ACT(blinking) 100BT /ACT(blinking) COL LI/O LED mode 2 LINK /ACT(blinking) FULL DUPLEX /COL(blinking) 10BT 100BT Reserved
LED0 LED1 LED2 LED3 LED4 9 PHYAD0/ LED0
PHY Address [0] Status: Mode1: Active when linked. Mode2: Active when linked and blinking when transmitting or receiving data. PHY Address [1] Status: Mode1: Active when in Full Duplex operation. Mode2: Active when in Full Duplex operation and blinking when collisions occur. PHY Address [2] Status: Mode1: Active when linked in 10Base-T mode, and blinking when transmitting or receiving data. Mode2: Active when linked in 10Base-T mode. PHY Address [3] Status: Mode1: Active when linked in 100Base-TX and blinking when transmitting or receiving data. Mode2: Active when linked in 100Base-TX mode. PHY Address [4] Status: Mode1: Active when collisions occur. Mode2: Reserved.
10
PHYAD1/ LED1
LI/O
12
PHYAD2/ LED2
LI/O
13
PHYAD3/ LED3
LI/O
15
PHYAD4/ LED4
LI/O
10/36 Copyright (c) 2004, IC Plus Corp.
Oct 22, 2007 IP101A LF-DS-R12
IP101A LF
Data Sheet
Pin Descriptions (continued)
Pin no. Label Type Description Clock and Miscellaneous - Crystal Input/Output Pins 47 X2 O 25MHz Crystal Output: Connects to crystal to provide the 25MHz output. It must be left open when X1 is driven with an external 25MHz oscillator. 46 X1 I 25MHz Crystal Input: Connects to crystal to provide the 25MHz crystal input. If a 25MHz oscillator is used, connect X1 to the oscillator's output. If a 50MHz clock is applied to pin7, X1 should be connected to VSS or 2.5v VDD. Please refer to the clock source description.
Clock and Miscellaneous - Miscellaneous Pins 42 RESET_N I RESET_N: Enable a low status signal will reset the chip. For a complete reset function. 25MHz clock (x1) must be active for a minimum of 10 clock cycles before the rising edge of RESET_N. Chip will be able to operate after 2.5ms delay of the rising edge of RESET_N. The 2.5ms extention is to ensure the stability of system power. INTR 48 O Interrupt Pin: When the MII register 17:<15> is set to high, this (OD) pin is used as an interrupt pin (Notice: this is an open drain output, so an external pulled-up resistor is needed) 27 TEST_ON (PD) Test Enable: Set this pin to high to enable test mode, while for normal operation, this pin does not need to be connected. (An internal weak pulled-down is used to disable test mode as a default) 28 ISET I Transmit Bias Resistor Connection: This pin should be connected to GND via a 6.2K (1%) resistor to define driving current for transmit DAC.
11/36 Copyright (c) 2004, IC Plus Corp.
Oct 22, 2007 IP101A LF-DS-R12
IP101A LF
Data Sheet
Pin Descriptions (continued)
Pin no. Label Type P P P P P P Description Regulator Power Output: This is a regulator power output for IP101A LF digital circuitry. 3.3V Analog power input: This is a 3.3V power supply for analog circuitry, and it should be decoupled carefully. Analog Ground: These 2 pins should connect to motherboard's GND. Regulator Power Input: This is a regulator power input from Pin32. No external regulator needed. 3.3V Digital Power input: This is a 3.3V power supply for digital circuitry. Digital Ground: These 3 pins should connect to motherboard's GND. Power and Ground 32 REGOUT 36 29,35 8 14 11,17,45 AVDD33 AGND REGIN DVDD33 DGND
12/36 Copyright (c) 2004, IC Plus Corp.
Oct 22, 2007 IP101A LF-DS-R12
IP101A LF
Data Sheet
2 Register Descriptions
Bit Name Description/Usage Default value (h): 3100 0, RW
Register 0 : MII Control Register 15 Reset When set, this action will bring both status and control registers of the PHY to default state. This bit is self-clearing. 1 = Software reset 0 = Normal operation This bit enables loop-back of transmit data to the receive data path, i.e., TXD to RXD. IP101A LF requires at least 512us to link after programming this bit. TX/RX packets should be activated after 512us. 1 = enable loop-back 0 = normal operation This bit sets the speed of transmission. 1 = 100Mbps 0 = 10Mbps This bit determines the auto-negotiation function. 1 = enable auto-negotiation; bits 13 and 8 will be ignored. 0 = disable auto-negotiation; bits 13 and 0:<8> will determine the link speed and the data transfer mode, under this condition. Auto-MDIX function should be disabled (set Reg16.11=1) if this bit has been set to "0". Please refer to section 7 Auto-MDIX function description for details. This bit will turn down the power of the PHY chip and the internal crystal oscillator circuit if this bit is enabled. The MDC and MDIO are still activated for accessing to the MAC. 1 = power down 0 = normal operation 1=electrically Isolate PHY from MII but not isolate MDC and MDIO 0=normal operation This bit allows the auto-negotiation function to be reset. 1 = restart auto-negotiation 0 = normal operation This bit sets the duplex mode if auto-negotiation is disabled (bit 12=0) 1 = full duplex 0 = half duplex After completing auto-negotiation, this bit will reflect the duplex status.(1: Full duplex, 0: Half duplex) 1=enable COL signal test 0=disable COL signal test
14
Loop-back
0, RW
13
Speed Selection
1, RW
12
AutoNegotiation Enable
1, RW (TP)
11
Power Down
0, RW
10
Isolate
0,RW
9
Restart AutoNegotiation Duplex Mode
0, RW
8
1, RW
7 6:0
Collision Test Reserved
0,RW 0, RO
13/36 Copyright (c) 2004, IC Plus Corp.
Oct 22, 2007 IP101A LF-DS-R12
IP101A LF
Data Sheet
Register Descriptions (continued)
Bit Name Description/Usage Default value (h): 7849 0, RO 1, RO 1, RO 1, RO 1, RO 0, RO The IP101A LF will accept management frames with preamble suppressed. The IP101A LF accepts management frames without preamble. A Minimum of 32 preamble bits are required for the first SMI read/write transaction after reset. One idle bit is required between any two management transactions as per IEEE802.3u specifications 1 = auto-negotiation process completed 0 = auto-negotiation process not completed 1 = remote fault condition detected (cleared on read) 0 = no remote fault condition detected 1 = Link had not been experienced fail state 0 = Link had been experienced fail state 1 = valid link established 0 = no valid link established 1 = jabber condition detected 0 = no jabber condition detected 1 = extended register capability 0 = basic register capability only 1, RO
Register 1 : MII Status Register 15 100Base-T4 1 = enable 100Base-T4 support 0 = suppress 100Base-T4 support 14 13 12 11 10:7 6 100Base-TX Full Duplex 100BASE-TX Half Duplex 10Base-T Full Duplex 10_Base-T Half Duplex Reserved MF Preamble Suppression 1 = enable 100Base-TX full duplex support 0 = suppress 100Base-TX full duplex support 1 = enable 100Base-TX half duplex support 0 = suppress 100Base-TX half duplex support 1 = enable 10Base-T full duplex support 0 = suppress 10Base-T full duplex support 1 = enable 10Base-T half duplex support 0 = suppress 10Base-T half duplex support
5
AutoNegotiation Complete Remote Fault AutoNegotiation Link Status Jabber Detect Extended Capability
0, RO
4 3 2 1 0
0, RO/LH 1, RO 0, RO/LL 0, RO/LH 1, RO
14/36 Copyright (c) 2004, IC Plus Corp.
Oct 22, 2007 IP101A LF-DS-R12
IP101A LF
Data Sheet
Register Descriptions (continued)
Bit Name Description/Usage Default value (h): 0243 0X0243, RO Default value (h): 0C54 0X0C54, RO
Register 2 : PHY Identifier Register 1 15:0 PHYID1 PHY identifier ID for software recognize IP101A LF
Bit
Name
Description/Usage
Register 3 : PHY Identifier Register 2 15:0 PHYID2 PHY identifier ID for software recognize
Note : Register 2 and register 3 identifier registers altogether consist of Vender model, model revision number and Organizationally Unique identifier (OUI) information. Total of 32 bits allocate in these 2 registers and they can return all zeroes in all bits if desired. Register 2 contains OUI's most significant bits and OUI's least significant bits, Vender model, Model revision number are allocated in register 3.
15/36 Copyright (c) 2004, IC Plus Corp.
Oct 22, 2007 IP101A LF-DS-R12
IP101A LF
Data Sheet
Register Descriptions (continued)
Register 4 lists the advertised abilities during auto-negotiation for what will be transmitted to IP101A LF's Link Partner. Bit Name Description/Usage Default value (h): 0001 0, RO
Register 4 : Auto-Negotiation Advertisement Register 15 NP Next Page bit. 0 = transmitting the primary capability data page 1 = transmitting the protocol specific data page 14 13 12 11 10 9 8 7 6 5 4:0 Reserved RF Reserved Asymmetric. Pause Pause T4 TX Full Duplex TX 10 Full Duplex 10 Selector 1 = asymmetric flow control is supported by local node 0 = asymmetric flow control is NOT supported by local node 1 = flow control is supported by local node 0 = flow control is NOT supported by local node 1 = 100Base-T4 is supported by local node 0 = 100Base-T4 not supported by local node 1 = 100Base-TX full duplex is supported by local node 0 = 100Base-TX full duplex not supported by local node 1 = 100Base-TX is supported by local node 0 = 100Base-TX not supported by local node 1 = 10Base-T full duplex supported by local node 0 = 10Base-T full duplex not supported by local node 1 = 10Base-T is supported by local node 0 = 10Base-T not supported by local node Binary encoded selector supported by this node. Currently only CSMA/CD <00001> is specified. No other protocols are supported. 1 = advertise remote fault detection capability 0 = do not advertise remote fault detection capability
0, RO 0, RW 0, RO 0, RW 0, RW 0, RO 1, RW 1, RW 1, RW 1, RW <00001>, RO
16/36 Copyright (c) 2004, IC Plus Corp.
Oct 22, 2007 IP101A LF-DS-R12
IP101A LF
Data Sheet
Register Descriptions (continued)
This register contains the advertised abilities of the Link Partner as received during Auto-negotiation. The content changes after the successful Auto-negotiation if Next-pages are supported. Bit Name Description/Usage Default value (h): 0000 0, RO
Register 5 Auto-Negotiation Link Partner Ability Register (ANLPAR) 15 Next Page Next Page bit. 0 = transmitting the primary capability data page 1 = transmitting the protocol specific data page 14 Acknowledge 1 = link partner acknowledges reception of local node's capability data word 0 = no acknowledgement 1 = link partner is indicating a remote fault 0 = link partner does not indicate a remote fault 1 = asymmetric flow control is supported link partner 0 = asymmetric flow control is NOT supported by link partner 1 = flow control is supported by Link partner 0 = flow control is NOT supported by Link partner 1 = 100Base-T4 is supported by link partner 0 = 100Base-T4 not supported by link partner 1 = 100Base-TX full duplex is supported by link partner 0 = 100Base-TX full duplex not supported by link partner 1 = 100Base-TX is supported by link partner 0 = 100Base-TX not supported by link partner This bit will also be set after the link in 100Base-TX is established by parallel detection. 1 = 10Base-T full duplex is supported by link partner 0 = 10Base-T full duplex not supported by link partner 1 = 10Base-T is supported by link partner 0 = 10Base-T not supported by link partner This bit will also be set after the link in 10Base-T is established by parallel detection. Link Partner's binary encoded node selector Currently only CSMA/CD <00001> is specified
0, RO
13 12 11 10 9 8 7
Remote Fault Reserved Asymmetric. Pause Pause T4 TXFD 100BASE-TX
0, RO 0, RO 0, RO 0, RO 0, RO 0, RO 0, RO
6 5
10FD 10Base-T
0, RO 0, RO
4:0
Selector
<00000>, RO
17/36 Copyright (c) 2004, IC Plus Corp.
Oct 22, 2007 IP101A LF-DS-R12
IP101A LF
Data Sheet
Register Descriptions (continued)
Register 6 defines more auto-negotiation registers to meet the requirement. Bit Name Description/Usage Default value (h): 0000 0, RO 0, RO
Register 6 : Auto-Negotiation Expansion Register 15:5 Reserved This bit is always set to 0. 4 MLF This status indicates if a multiple link fault has occurred. 1 = fault occurred 0 = no fault occurred This status indicates if the link partner supports Next Page negotiation. 1 = supported 0 = not supported This bit indicates if the device is able to send additional Next Pages. This bit will be set if a new link code word page has been received. It is cleared automatically after the auto-negotiation link partner's ability register (register 5) is read by the management. 1 = link partner supports auto-negotiation.
3
LP_NP_ABLE
0, RO
2 1
NP_ABLE PAGE_RX
0, RO 0, RO
0
LP_NW_ABLE
0, RO
18/36 Copyright (c) 2004, IC Plus Corp.
Oct 22, 2007 IP101A LF-DS-R12
IP101A LF
Data Sheet
Register Descriptions (continued)
Bit Name Description/Usage Default value (h): 0000 0, R/W
Register 16 : PHY Spec. Control Register 15 Debug Mode 0 = IP101A LF operates at normal mode 1 = IP101A LF operates at debug mode (Note: the functionalities of bit 16:<14:12>, and 16:<4:0> depend on the setting of this bit 16:<15>) 14:12 11 Reserved Auto MDIX Off Set high to disable the automatic switch of MDI and MDI-X modes. If AN is disabled by setting pin37=0 during power up, this bit will be set to 1 (Auto-MDIX off) automatically. Setting Reg0.12=1 will re-activate AN, in this case, if user needs Auto-MDIX function, this bit should be set to 0. For details, please refer to section 7 Auto-MDIX function description. Heart beat function enable at 10Base-T Jabber function enable at 10Base-T To enable or disable the functionality of Far-End Fault Mode Enable Disable 100Base-TX 1 0 Set high to disable the power saving during auto-negotiation
0, RO 0, R/W
10 9 8
Heart Beat Enable Jabber Enable Far-End Fault Enable/Disable Analog Power Saving Disable Reserved Bypass DSP reset Reserved Repeater Mode APS Mode Analog Off
0, R/W 0, R/W 0, R/W
7 6 5 4:3 2 1 0
0, R/W 0, RO 0, R/W 0, RO
Set high to bypass the reset DSP mechanism in PCS sub-layer Set high to put IP101A LF into repeater mode Set high to enable Auto Power Saving mode Set high to power down analog transceiver
0, R/W 0, R/W 0, R/W
19/36 Copyright (c) 2004, IC Plus Corp.
Oct 22, 2007 IP101A LF-DS-R12
IP101A LF
Data Sheet
Register Descriptions (continued)
Bit Name Description/Usage Default value (h): 0E00 0, R/W 0, RO When this bit is set high, changes in all events will not cause an interrupt When this bit is set high, changes in speed mode will not cause an interrupt When this bit is set high, changes in duplex mode will not cause an interrupt When this bit is set high, changes in link status will not cause an interrupt When this bit is set low, changes in Auto-Negotiation arbiter state machine will not cause an interrupt Flag to indicate Auto-Negotiation arbiter change interrupt 1, R/W 1, R/W 1, R/W 1, R/W 0, R/W 0, RC 0, RO 0, RC 0, RC 0, RC
Register 17 : PHY Interrupt Ctrl/Status Register 15 INTR pin used Set high to enable pin48 as an interrupt pin. Pin48 will be high impedance if this bit is set low. 14:12 11 10 9 8 7 6 5:3 2 1 0 Reserved All Mask Speed Mask Duplex Mask Link Mask Arbiter State Enable Arbiter State Change Reserved Link Status Change Speed Change Duplex Change
Flag to indicate link status change interrupt Flag to indicate speed change interrupt Flag to indicate duplex change interrupt
20/36 Copyright (c) 2004, IC Plus Corp.
Oct 22, 2007 IP101A LF-DS-R12
IP101A LF
Data Sheet
3 Functional Description
IP101A LF 10/100Mbps Ethernet PHY Transceiver integrates 100 Base-TX and 10 Base-T modules into a single chip. IP101A LF acts as an interface between physical signaling and Media Access Controller (MAC). IP101A LF has several major functions: 1. PCS layer (Physical Coding Sub-Layer): This function contains transmit, receive and carrier sense functional circuitries. 2. Management interface: Media Independent Interface (MII) or Reduced Management Interface (RMII) registers contains information for communication with other MAC. 3. Auto-Negotiation: Communication conditions between 2 PHY transceivers. IP101A LF advertise its own ability and also detects corresponding operational mode from the other party, eventually both sides will come to an agreement for their optimized transmission mode. IP101A LF's major features included: 1. Flow Control ability 2. LED configuration access 3. Operation modes for both full and half duplex 4. APS (Auto Power Saving) mode 5. Base Line Wander (BLW) compensation 6. Auto MDI/MDIX function 7. Interrupt function 8. Repeater Mode 9. Flexible clock source
Major Functional Block Description The functional blocks diagram is referred to Figure 1: 1. 4B/5B encoder: 100 Base-X transmissions require converting 4-bit nibble data into 5-bit wide data code-word format. Transmitting data is packaged by J/K codes at the start of packet and by T/R codes at the end of packet in the 4B/5B block. When transmit error has occurred during a transmitting process, the H error code will be sent. The idle code is sent between two packets. 2. 4B/5B Decoder: The decoder performs the 5B/4B decoding from the received code-groups. The 5 bits (5B) data is decoded into four bits nibble data. The decoded 4 bit (4B) data is then forwarded through MII to the repeater, switch or MAC device. The SSD is then converted into 4B 5 nibbles and the ESD and IDLE Codes are replaced by 4B 0 nibbles data. The decoded data is driven onto the corresponding MII port or shared MII port. Receiving an invalid code group will cause PHY to assert the MII RXER signal. 3. Scrambler/Descrambler: Repetitive patterns exist in 4B/5B encoded data which result in large RF spectrum peaks and keep the system from being approved by regulatory agencies. The peak in the radiated signal is reduced significantly by scrambling the transmitted signal. Scrambler adds a random generator to the data signal output. The resulting signal is with fewer repetitive data patterns. The scrambled data stream is descrambled at the receiver by adding another random generator to the output. The receiver's random generator has the same function as the transmitter's random generator. Scrambler operation is dictated by the 100Base-TX and TP_FDDI standards. 4. NRZI/MLT-3(Manchester) Encoder and Decoder: 100Base-TX Transmission requires to encode the data into NRZ format and again converted into MLT-3 signal, while 10 Base-T will convert into Manchester form after NRZ coding. This helps to remove the high frequency noise generated by the twisted pair cables. At receiving end, the coding is reversed from MLT-3 (Manchester) signal back to
21/36 Copyright (c) 2004, IC Plus Corp. Oct 22, 2007 IP101A LF-DS-R12
IP101A LF
Data Sheet
NRZ format. 5. Clock Recovery: The receiver circuit recovers data from the input stream by regenerating clocking information embedded in the serial stream. The clock recovery block extracts the RXCLK from the transition of received 6. DSP Engine: This block includes Adaptive equalizer and Base Line Wander correction function.
Transmission Description 10Mbps Transmit flow path: TXD Parallel to Serial NRZI/Manchester Encoder D/A & line driver TXO After MAC passes data to PHY via 4 bits nibbles, the data are serialized in the parallel to serial converter. The converter outputs NRZI coded data which the data are then mapped to Manchester code within the Manchester Encoder. Before transmitting to the physical medium, the Manchester coded data are shaped by D/A converter to fit the physical medium. 10Mbps Receive: RXI Squelch Clock Recovery Manchester/NRZ Decoder Serial to Parallel RXD The squelch block determines valid data from both AC timing and DC amplitude measurement. When a valid data is present in the medium, squelch block will generate a signal to indicate the data has received. The data receive are coded in Manchester form, and are decoded in the Manchester to NRZ Decoder. Then the data are mapped to 4 bits nibbles and transmitted onto MAC interface. 100Mbps TX Transmit: TXD driver 4B/5B Encoder TXO Scrambler Mux Parallel to Serial NRZI/MLT-3 Encoder D/A & line
The major differences between 10Mbps transmission and 100Mbps transmission are that 100Mbps transmission requires to be coded from 4-bit wide nibbles to 5 bits wide data coding, and after that the data are scrambled through scrambler to reduce the radiated energy generated by the 4B/5B conversion. Then the data is converted into NRZI form and again from NRZI coded form into MLT-3 form. The MLT-3 data form is fed into D/A converter and shaped to fit the physical medium transmission. 100Mbps RX Receive: RXI DSP MLT-3/NRZI Decoder Decoder RXD Clock Recovery Serial to Parallel Descrambler 4B/5B
The received data first go through DSP engines which includes adaptive equalizer and base-line wander correction mechanism. The adaptive equalizer will compensate the loss of signals during the transmission, while base-line wander monitors and corrects the equalization process. If a valid data is detected then the data are parallelized in Serial to Parallel block, which it converts NRZI coded data form back to scrambled data. The scrambled data are descrambled and converted back to 4 bits-wide format data and then feed into MAC. MII and Management Control Interface Media Independent Interface (MII) is described in clause 22 in the IEEE 802.3u standard. The main function of this interface is to provide a communication path between PHY and MAC/Repeater. It can operate either in 10Mbps or 100Mbps environment, and operate at 2.5MHz frequency for 10Mbps clock data rate or 25MHz frequency for 100Mbps data rate transmission. MII consists of 4 bit wide data path for both transmit and receive. The transmission pins consists of TXD[3:0], TX_EN and TXC, and at receiving MII pins have RXD[3:0], RXER, RX_DV and RXC. The Management control pins include MDC and MDIO.
22/36 Copyright (c) 2004, IC Plus Corp. Oct 22, 2007 IP101A LF-DS-R12
IP101A LF
Data Sheet
MDC, Management Data Clock, provides management data clock at maximum of 10MHz as a reference for MDIO, Management Data Input/Output. CRS, Carrier Sense, is used for signaling data transmission is in process while COL, Collision, is used for signaling the occurrence of collision during transmission. Transmitting a packet, MAC will first assert TX_EN and convert the information into 4 bit wide data and then pass the data to IP101A LF. IP101A LF will sample the data according to TX_CLK until TX_EN is low. While receiving a packet, IP101A LF asserts RX_DV high when data present in the medium through RXD[3:0] bus lines. IP101A LF samples received data according to RX_CLK until the medium is back to idle state.
RMII Interface Reduced Media Independent Interface (RMII) is defined to provide a fewer pins data transmission condition. The management interface, MDC and MDIO, are identical to the MII defined in IEEE 802.3. RMII supports 10/100Mb data rates and the clock source is provided by a single 50MHz clock from either external or within IP101A LF. This clock is used as reference for transmit, receive and control. RMII provides independent 2 bit wide transmit and receive data path, i.e., TXD[1:0] and RXD[1:0]. CRS_DV is asserted when the receive medium is not idle and de-asserted when the medium is idle. Before any transmission occurs, CRS_DV should be de-asserted and value "00" should be present in both TXD[1:0] and RXD[1:0]. When transmission begins, IP101A LF will send "01" (TXD[1:0] = 01) for preamble to indicate SFD, and also assert TX_EN synchronous with first nibble of the preamble. TX_EN should be de-asserted until the end of the data transmission. At receiving mechanism, by receiving "01" means a valid data is available. If False carrier is detected, RXD[1:0] shall be "10" until the end of the transmission. At 10Mbps mode, every 10th cycle of REF_CLK will be sampled in RXD[1:0] and TXD[1:], because the REF_CLK frequency is 10 times faster than the data rate of the 10Mbps.
SNI Interface The IP101A LF also provides serial-network interface for legacy MACs, when the chip operates at 10BASE-T either by Auto-Negotiation resolved result or by forced mode. To setup for this mode of operation, pull both the MII/SNIB and the COL/RMII pins to low. The transaction protocol of SNI interface is almost identical to that of MII interface, except of data bit width and clock rate. This interface consists of 10Mbps transmit and receive clock generated by PHY's digital phase-locked loop (DPLL), 10Mbps transmit and receive serial data, transmit enable, collision detect, and carry sense signals.
23/36 Copyright (c) 2004, IC Plus Corp.
Oct 22, 2007 IP101A LF-DS-R12
IP101A LF
Data Sheet
Auto-Negotiation and Related Information IP101A LF supports clause 28 in the IEEE 802.3u standard. IP101A LF can be operated either in 10Mbps/100Mbps or half/full duplex transmission mode. IP101A LF also supports flow control mechanism to prevent any collision in the network. If the other end does not support Auto-Negotiation function, IP101A LF will link at half duplex mode and enter parallel detection. At beginning of auto-negotiation, IP101A LF will advertise its own ability by sending FLP waveform out to the other end and also listening signals from the other end. IP101A LF will place itself into correct connection speed depends on the received signals. If NLP signal is replied from the other end, IP101A LF will enter 10Mbps, while active idle pulses (unique 100Mbps pattern) IP101A LF will go to 100Mbps mode instead. Once the negotiation has completed with the other party, IP101A LF will configure itself to the desired connection mode, i.e., 10/100Mbps or Half/Full duplex modes. If there is no detection of link pulses within 1200~1500ms, IP101A LF will enter Link Fail State and restart auto-negotiation procedure. The auto-negotiation information is stored in the IP101A LF's MII registers. These registers can be modified and monitor the IP101A LF's Auto-Negotiation status. The reset auto-negotiation in register 0 of MII registers can be set at any time to restart auto-negotiation. The flow control ability is also included in the IP101A LF chip. If MAC supports flow control condition, then flow control will be enabled by setting bit 10 (Pause) of the Register 4. Pin 37 (AN_ENA), 38 (DLPX), 39 (SPD) can be configured manually to set IP101A LF's transmission ability. 1. Enabling Pin 37 (set high) will put IP101A LF to Auto-Negotiation mode, if set low to pin 37, it will put IP101A LF into forced mode. 2. Pin 38 will configure Duplex ability of IP101A LF, at high, IP101A LF is set to Full-Duplex and low will let IP101A LF enter half duplex mode. 3. Pin 39 determines the speed of connection. If the pin is pulled high, IP101A LF is set at 100Mbps, while at low will make IP101A LF to connect at 10Mbps speed. AN_ENA (Pin 37) H H H H L L L L DLPX (Pin38) L H L H L H L H SPD (Pin39) L L H H L L H H Operation Auto-Negotiation enable, the ability field does not support 100Mbps and full duplex mode operation Auto-Negotiation enable, the ability field does not support 100Mbps operation Auto-Negotiation enable, the ability field does not support full duplex mode operation Default setup, auto-negotiation enable, the IP101A LF will support 10BT/100BT, half/full duplex mode operation Auto-Negotiation disable, force the IP101A LF into 10BT and half duplex mode. Auto-Negotiation disable, force the IP101A LF into 10BT and full duplex mode. Auto-Negotiation disable, force the IP101A LF into 100BT and half duplex mode. Auto-Negotiation disable, force the IP101A LF into 100BT and full duplex mode.
24/36 Copyright (c) 2004, IC Plus Corp.
Oct 22, 2007 IP101A LF-DS-R12
IP101A LF
Data Sheet
Auto MDIX function IP101A LF will keep sensing incoming signal in MDI RX pair, if no incoming signal is detected, IP101A LF will switch TX and RX pairs automatically trying to establish connection. IP101A LF supports this function both in Auto-Negotiation mode and force mode.
LED Configuration IP101A LF provides 2 LED operation modes, Mode 1 (default): LED LED0 LED1 LED2 LED3 LED4 Function Link status: Active indicates the link has established Duplex operation: Active indicates full duplex 10BT/ACT: Active indicates 10Mbps connection has established, and blinking while TX/RX events occur. 100BT/ACT: Active indicates 100Mbps connection has established, and blinking while TX/RX events occur. Collision detect: Active indicates Collision has occurred
Mode 2 (could be set by pulling up CRS with a 4.7K resistor): LED LED0 LED1 LED2 LED3 LED4 Function Link/ACT: Active indicates the link has established, and blinking while TX/RX events occur. Duplex/COL: Active indicates full duplex, and blinking while collision events occur. 10BT: Active indicates 10Mbps connection has established 100BT: Active indicates 100Mbps connection has established Reserved.
LED pins also include the information of PHY address, the default PHY address is set at 00001b (01h). The PHY address can be modified by changing the LED circuitry. The modification can be arranged as follow:
VDD33 R27
5.1k ohm R27
5.1k ohm R26 LEDx {X=0:4} 510 ohm D6
LED
LED
LEDx {X=0:4}
D6
R26
510 ohm
Figure 3: PHY address Configuration The left diagram will enable the specific PHY address to 1, if it is connected to VDD33. The diagram on the right shows the configuration for setting PHY address to 0, when the circuit is connected to ground. By setting either one of the bits according to the diagram will allow one to modify PHY addresses from PHYAD0 to PHYAD4.
25/36 Copyright (c) 2004, IC Plus Corp.
Oct 22, 2007 IP101A LF-DS-R12
IP101A LF
Data Sheet
Flexible Clock Source Pin1 COL/RMII 1 1 0 0 Pin44 MII/SNIB 1 0 1 0 Function RMII, ext 50MHz osc clk in to pin7 RMII, 25MHz crystal or osc from X1,X2; 50MHz clk out to pin16. (Please refer to the following figure for our recommened application circuit.) MII, 25MHz crystal or osc from X1,X2 SNI, 25MHz crystal or osc from X1,X2
While pin1=1 and pin44=0 has been selected, 50MHz clock will be provided by IP101A LF in RMII mode. We suggest the application circuit as the following :
CPU/Switch/MAC
50MHz colck
Other PHY
Buffer
Pin16 Pin7
IP101A 25M
Pin46 Pin47
For this configuration, RMII reference clock for IP101A LF is from pin7. Clock skew could be eliminated by adding an external buffer and placing equal trace lengths between buffer outputs and each chip.
26/36 Copyright (c) 2004, IC Plus Corp.
Oct 22, 2007 IP101A LF-DS-R12
IP101A LF
Data Sheet
Power-Down Modes IP101A LF can be power-down by 4 methods. These 4 methods are as follow: Power Down in bit 11 of Register 0: Enable this bit will disconnect the power to IP101A LF and also internal clock, but MDC and MDIO are still activated. APS mode in bit 1 of Register 16: Set high to this bit will set PHY into power saving mode(APS sleeping mode) while link is down, MDC and MDIO are kept activated. IP101A LF will send NLP every 64ms during APS sleeping mode. Analog off in bit 0 of Register 16: Enable this bit will put IP101A LF in analog off state. This will power down all analog functions but internal 25MHz operating clock is active, and MDC and MDIO are also activated. ISOL pin (pin 43): Set high will isolate IP101A LF from MAC and disable management interface (MDC and MDIO). The power usage is at minimum when this pin is activated.
Repeater Modes To enter Repeater mode, one can either set pin 40 (RPTR) to high or set 1 to bit 2 of Register 16 will allow IP101A LF to enter Repeater mode. If IP101A LF is used in repeater, CRS will be high if IC is in process of receiving packets, while IP101A LF is used in a network interface card, CRS will be generated in both transmitting and receiving packets.
Miscellaneous ISET (pin 28) should be connected to GND via a 6.2k ohm resistor with 1% accuracy to ensure a correct driving current for transmit DAC. Set low to pin 42, REST_N, for at least 10ms will reset all functions available in IP101A LF. The bit 15 of Register 0 will put PHY into its default status.
Interrupt IP101A LF provides 4 kinds of interrupt function: speed change, duplex change, link change and arbiter state change. Interrupt masks could be selected by Reg 17, and an active low interrupt will be sent from pin48 when event occurs.
27/36 Copyright (c) 2004, IC Plus Corp.
Oct 22, 2007 IP101A LF-DS-R12
IP101A LF
Data Sheet
4 Serial management interface
User can access IP101A LF's MII registers through serial management interface MDC and MDIO. A specific pattern on MDIO is used to access a MII register. Its format is shown in the following table. When the SMI is idle, MDIO is in high impedance. To initialize the MDIO interface, the management entity sends a sequence of 32 contiguous "1" and "start" on MDIO.
Frame format Read Operation Write Operation
<01><10> <01><01><10>
MDC
z z
MDIO
1..1 0 1 0 1 0 0 0 0 1 0 0 0 0 0 1 0 0 0 1 op A A A A A R R R R R TA b b b idle start code 4321043210 111 write PHY address = Reg address = 543 01h 00h
1 b 1 2
0 b 1 1
0 1 1 0 0 0 0 0 0 0 0 1..1 b b b b b b b b b b b idle 19876543210 0 Register data
MDC MDIO
z z z
1..1 0 1 1 0 0 0 0 0 1 0 0 0 0 0 Z 0 0 0 1 1 0 0 0 1 0 0 0 0 0 0 0 0 1..1
idle
start
op code read
A A A A A R R R R R TA b b b b b b b b b b b b b b b b 4321043210 1111119876543210 PHY address = Reg address = 543210 Register data 01h 00h
idle
28/36 Copyright (c) 2004, IC Plus Corp.
Oct 22, 2007 IP101A LF-DS-R12
IP101A LF
Data Sheet
5 Crystal Specifications
Item 1 2 3 4 5 6 7 8 9 10 11 Parameter Nominal Frequency Oscillation Mode Frequency Tolerance at 25 Temperature Characteristics Operating Temperature Range Equivalent Series Resistance Drive Level Load Capacitance Shunt Capacitance Insulation Resistance Aging Rate A Year 25.000 MHz Fundamental Mode +/- 50 ppm +/- 50 ppm -10 ~ +70 40 ohm Max. 100W 20 pF 7 pF Max Mega ohm Min./DC 100V +/- 5 ppm/year Range
29/36 Copyright (c) 2004, IC Plus Corp.
Oct 22, 2007 IP101A LF-DS-R12
IP101A LF
Data Sheet
6 Layout Guideline
General Layout Guideline Best performance depends on good layout. The following recommendation steps will help customer to gain maximum performance. Create good power source to minimize noise from switching power source. All components are qualified, especially high noise component, such as clock component. Use bulk capacitors between power plane and ground plane for 4 layers board, signals trace on component and bottom side, power plane on third layer, and ground layer on second layer. Use decoupling capacitors to decouple high frequency noise between chip's power and ground, must be as close as possible to IP101A LF. The clock trace length to IP101A LF must be equal the clock trace length to MAC. Use guard traces to protect clock traces if possible Avoid signals path parallel to clock signals path, because clock signals will interference with other parallel signals, degrading signal quality, such as MDC and X1signals. The clock must be low jitter with less than 0.5ns for 25/50/125Mhz 100ppm. Avoid highly speed signal across ground gap to prevent large EMI effect. Keep ground region as one continuous and unbroken plane. Place a gap between the system and chassis grounds. No any ground loop exists on the chassis ground.
Twisted Pair recommendation When routing the TD+/- signal traces from IP101A LF to transformer, the traces should be as short as possible, the termination resistors should be as close as possible to the output of the TD+/- pair of IP101A LF. Center tap of primary winding of these transformers must be connected to analog 2.5V respectively. It is recommended that RD+/- trace pair be route such that the space between it and others is three times space, which can separate individual traces from one another. It is recommended that offers chassis ground in the area between transformer and media connector (RJ-45 port), this isolates the analog signals from external noise sources and reduces EMI effect. Note the usage of the vias, it is best not use via to place anywhere other than in close proximity to device, in order to minimize impedance variations in a given signal trace.
30/36 Copyright (c) 2004, IC Plus Corp.
Oct 22, 2007 IP101A LF-DS-R12
IP101A LF
Data Sheet
7
7.1
7.1.1
Electrical Characteristics
D.C. Characteristic
Absolute Maximum Rating Symbol Conditions Minimum 3.0 V -55C Typical 3.3V Maximum 3.6V 125C
Supply Voltage Storage Temp
7.1.2
Power Dissipation Symbol IP101A LF 41mA 17mA 11mA 11mA 138mA 137mA 148mA 147mA 145mA 147mA 95mA
Auto Power Saving Mode Analog off Mode Power Down Mode Isolate Mode 100 Full 100 Half 10 Full 10 Half 10 Transmit 10 Receive 10 IDLE 7.1.3 Operating Condition
Symbol Vcc TA
Conditions 3.3V Supply voltage Operating Temperature
Minimum 3.0 V 0C
Typical 3.3V
Maximum 3.6V 70C
7.1.4 VIH VIL VIH VIL VOH VOL IOZ IIN Icc
Supply Voltage Specific Name Input High Voltage Input Low Voltage X1 Input High Voltage X1 Input Low Voltage Output High Voltage Output Low Voltage Tri-state Leakage Input Current Average Operating Supply Current Vout=Vcc or GND Vin=Vcc or GND Iout=0mA 200mA 0.9*Vcc Condition Min 0.5*Vcc -0.5V 1.25V 0.42V Vcc 0.1*Vcc Max Vcc+0.5V 0.3*Vcc
Symbol
31/36 Copyright (c) 2004, IC Plus Corp.
Oct 22, 2007 IP101A LF-DS-R12
IP101A LF
Data Sheet
7.2
7.2.1
A.C. Characteristic
MII Timing a. Pin Reset and Clock output timing relationship Symbol Tdelay Description Delay time after reset to clock output
Tdelay RESET_N MII_TXCLK MII_RXCLK
Min. -
Typ. 40
Max. -
Unit us
b. Transmit Timing Requirements Symbol TTxClk TTxClk TsTxClk ThTxClk Description Transmit clock period 100M MII Transmit clock period 10M MII TXEN, TXD to MII_TXCLK setup time TXEN, TXD to MII_TXCLK hold time
T T xC lk
Min. 2 0.5
Typ. 40 400 -
Max. -
Unit ns ns ns ns
M II_T X C L K T hT xC lk T XE N , T X D [3:0] T sT xC lk
c. Receive Timing Symbol TRxClk TRxClk TdRxClk Description Receive clock period 100M MII Receive clock period 10M MII MII_RXCLK falling edge to RXDV, RXD
TRxClk
Min. 1
Typ. 40 400 -
Max. 4
Unit ns ns ns
MII_RXCLK TdRxClk RXDV, RXD[3:0]
32/36 Copyright (c) 2004, IC Plus Corp.
Oct 22, 2007 IP101A LF-DS-R12
IP101A LF
Data Sheet
7.2.2 RMII Timing a. Pin Reset and Clock output timing relationship (If pin 16 has been configured as 50MHz output ) Description Delay time after reset to clock output
Tdelay RESET_N C50M_O
Symbol Tdelay
Min. -
Typ. 40
Max. -
Unit us
b. Clock Timing RMII Symbol TR_CLKRMII TF_CLKRMII TP_CLKRMII TH_CLKRMII TL_CLKRMII Description REFCLK Rise time REFCLK Fall time REFCLK Period REFCLK High REFCLK Low
T
T
H_CLKRMII
Notes VIL (max) to VIH (min) VIH (min) to VIL (max)
Min -
Typ
Max 3.0 3.0
Units ns ns ns
20.0 50 ppm 8.0 8.0 10.0 10.0 12.0 12.0
ns ns
P_CLKRMII
T
L_CLKRMII
V REFCLK V
IH IL
T
R_CLKRMII
T
F_CLKRMII
Figure 4: Clock Timing RMII
c. RMII Receive Timing Symbol TDLY_RXD Description REFCLK rising edge to RXD[1:0], RX_ER and CRS_DV delay RXD[1:0], RX_ER, CRS_DV Rise time RXD[1:0], RX_ER, CRS_DV Fall time Notes Initial rising edge of CRS_DV is asynchronous to REFCLK VIL (max) to VIH (min) VIH (min) to VIL (max) Min 12.0 Typ Max 15.0 Units ns
TR_RXD TF_RXD
1.0 1.0
2.5 2.5
ns ns
33/36 Copyright (c) 2004, IC Plus Corp.
Oct 22, 2007 IP101A LF-DS-R12
IP101A LF
Data Sheet
REFCLK RXD[1:0] RX_ER CRS_DV T
DLY_RXD
Figure 5: Receive Delay
RXD[1:0] RX_ER CRS_DV T
R_RXD
V
IH_DIG(MAX)
V
IL_DIG(MAX)
T
F_RXD
Figure 6: RMII Rise and Fall Times
d. RMII Transmit Timing Symbol TSU_TXD_RMII THD_TXD_RMII Parameter TXD[1:0], TX_EN, Data Setup to REFCLK rising edge TXD[1:0], TX_EN, Data Hold from REFCLK rising edge Min 4.0 2.0 Typ Max Units ns ns
REFCLK T TX[1:0] TX_EN
SU_TXD_RMII
T
Valid Data
HD_TXD_RMII
Figure 7: RMII Transmit Timing
7.2.3
SMI Timing
a. MDC/MDIO Timing
Symbol Tch Tcl Tcm Tmd Description MDC High Time MDC Low Time MDC period MDIO output delay
34/36 Copyright (c) 2004, IC Plus Corp.
Min. 40 40 80 -
Typ. -
Max. 5
Unit ns ns ns ns
Oct 22, 2007 IP101A LF-DS-R12
IP101A LF
Data Sheet
Tmh Tms MDIO setup time MDIO hold time 10 10 ns ns
MDC Tms Tmh
M D IO
W r ite C yc le
MDC T cl T cm T ch Tmd
M D IO
R e a d C yc le
8
Order Information
Part No. IP101A IP101A LF Package 48-PIN LQFP 48-PIN LQFP Notice Lead free
35/36 Copyright (c) 2004, IC Plus Corp.
Oct 22, 2007 IP101A LF-DS-R12
IP101A LF
Data Sheet
9 Package and Mechanical Specification
48 37
1
36
PH
12
25
13
HE
24 12"
"E"
D
A2 GAUGE PLANE L L1 DETAIL "E" Symbol unit A A1 A2 b c D E e Hd He L L1 y mm 1.600MAX. 0.050~0.150 1.400 + 0.05 0.200TYP 0.127TYP 7.000 + 0.100 7.000 + 0.100 A1
F SEATING PLANE
Fy
0.254
e E
b 12"
D
13
24
c
inch 0.0630MAX. 0.0020~0.0059 0.0551 + 0.0020 0.0078TYP 0.0050TYP 0.2756 + 0.0039 0.2756 + 0.0039
12
2
25
-
-
2
1
36
48
37
0.500TYP 9.000 + 0.250 9.000 + 0.250 0.600 + 0.150 1.000REF 0.100MAX. 0"~7"
-
-
0.0196TYP 0.3543 + 0.0098 0.3543 + 0.0098 0.0236 + 0.006 0.0393REF 0.0039MAX. 0"~7"
-
-
Notes: 1. DIMENSION D & E DO NOT INCLUDE MOLD FLASH OR PROTRUSION. 2. DIMENSION b DOES NOT INCLUDE DAMBAR PROTRUSION / INTRUSION. 3. MAX. END FLASH IS 0.15MM. 4. MAX. DAMBAR PROTRUSION IS 0.13MM. GENERAL APPEARANCE SPEC SHOULD BE BASED ON FINAL VISUAL INSPECTION SPEC.
IC Plus Corp. Headquarters
10F, No.47, Lane 2, Kwang-Fu Road, Sec. 2, Hsin-Chu City, Taiwan 300, R.O.C. TEL : 886-3-575-0275 FAX : 886-3-575-0475 Website : www.icplus.com.tw
Sales Office
4F, No. 106, Hsin-Tai-Wu Road, Sec.1, Hsi-Chih, Taipei Hsien, Taiwan 221, R.O.C. TEL : 886-2-2696-1669 FAX : 886-2-2696-2220
36/36 Copyright (c) 2004, IC Plus Corp.
Oct 22, 2007 IP101A LF-DS-R12
A


▲Up To Search▲   

 
Price & Availability of IP101ALF-DS-R10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X