Part Number Hot Search : 
9042RPFI FIP11F10 D2310AR 003930 LNW2W MG500 SPX29303 PJP4NA60
Product Description
Full Text Search
 

To Download GCI0K0101200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Special Encoders & Sensors
Magnetic field sensor with pole wheel Rotary applications
GCI0K
Features - Magnetic field sensor rotary - Touchless sensing of angle - Resolution up to 4096 steps with 64 poles Magnetic ring / 16 times interpolation and external 4 times edge evaluation - Max. rotation speed 20000 rpm - Sensor assembly free from any shaft vibrations
Technical data Sensor GCI0K.0211200 3 channels RS422 5 VDC 5 % 30 mA RS422 specific 60 kHz RS422 specific TTL (RS422) A/B/N +inv. Yes No 0 times 0.5 mm -25...+85 C Housing: PC IP 67 0.5 8 x 0.25 mm2, 2 m GCI0K.0311200 3 channels Push-pull 8...30 VDC 30 mA 50 mA 3.2 MHz <4 VDC (IOUT=20 mA) Push-pull A/B/N Yes Yes 6 times 0.5 mm -25...+85 C Housing: PC IP 67 0.5 5 x 0.4 mm2, 2 m GCI0K.0411200 3 channels RS422 5 VDC 5 % 20 mA RS422 specific 3.2 MHz RS422 specific TTL (RS422) A/B/N +inv. Yes No 6 times 0.5 mm -25...+85 C Housing: PC IP 67 0.5 8 x 0.4 mm2, 2 m
Supply voltage range Consumption max. Circuit current max. Output frequency max. Voltage drops Output levels Output signal, 90 shift Shot-circuit protected Reverse polarity protected Interpolation Operating gap max. Temperature range Materials Protection Accuracy Connection cable PUR
www.baumerivo.com
07 ..2007
Subject to modification in technic and design.
Resolution: Interpolation factor x pole number of magnetic ring Other options upon request!
Special Encoders & Sensors
Magentic field sensor with poles wheel Rotary applications
GCI0K
Technical data Sensor GCI0K.0101200 2 channels Push-pull 8...30 VDC 35 mA 30 mA 60 kHz <4 VDC (IOUT=20 mA) Push-pull A/B Yes Yes 8 times 0.8 mm -25...+85 C Housing: PC IP 67 0.5 4 x 0.25 mm , 2 m
2
GCI0K.0201200 2 channels RS422 5 VDC 5 % 55 mA RS422 specific 60 kHz RS422 specific TTL (RS422) A/B +inv. Yes No 8 times 0.8 mm -25...+85 C Housing: PC IP 67 0.5 6 x 0.4 mm , 2 m
2
GCI0K.0221200 2 channels RS422 5 VDC 5 % 55 mA RS422 specific 60 kHz RS422 specific TTL (RS422) A/B +inv. Yes No 2 times 0.8 mm -25...+85 C Housing: PC IP 67 0.5 6 x 0.4 mm , 2 m
2
GCI0K.0501200 2 channels Push-pull 8...28 VDC 30 mA 50 mA 3.2 MHz <4 VDC (IOUT=20 mA) Push-pull A/B Yes Yes 0 times 0.6 mm -25...+85 C Housing: PC IP 67 0.5 4 x 0.25 mm2, 2 m
Supply voltage range Consumption max. Circuit current max. Output frequency max. Voltage drop Output levels Output signal, 90 shift Short-circuit protected Reverse polarity protected Interpolation Operating gap max. Temperature range Materials Protection Accuracy Connection cable PUR
Resolution: Interpolation factor x pole number of magnetic ring Other options upon request!
Ordering part number 2 channel models GCI0K.0101200 Push-pull, 8 times interpolation, cable 2 m GCI0K.0201200 RS422, 8 times interpolation, cable 2 m GCI0K.0221200 RS422, 2 times interpolation, cable 2 m GCI0K.0501200 Push-pull, 0 times interpolation, cable 2 m Other options upon request! 3 channels models GCI0K.0211200 RS422, 0 times interpolation, cable 2 m GCI0K.0311200 Push-pull, 6 times interpolation, cable 2 m GCI0K.0411200 RS422, 6 times interpolation, cable 2 m Other options upon request!
2
www.baumerivo.com
07 ..2007
Subject to modification in technic and design.
Special Encoders & Sensors
Magnetic field sensor with pole wheel Rotary applications
GCI0K
Terminal assignment 2 channels push-pull Cable colour brown blue black white BN BU BK WH Assignment UB GND Track A Track B Terminal assignment 2 channels RS422 Cable colour brown green pink yellow grey white BN GN PK YE GY WH Assignment UB Track A Track A inv. Track B Track B inv. GND
Terminal assignment 3 channels push-pull Cable colour brown yellow green pink white BN YE GN PK WH Assignment UB Track B Track A Track N GND
Terminal assignment 3 channels RS422 Cable colour brown green red yellow blue pink grey white BN GN RD YE BU PK GY WH Assignment UB Track A Track A inv. Track B Track B inv. Track N Track N inv. GND
Output signals push-pull
Output signals RS422
Track A Track B Track N 3-channel version with zero impulse (Track N) 2-channel version without zero impulse
Track A Track A
Track B Track B
Track N Track N
Subject to modification in technic and design. 07 ..2007
3-channel version with zero impulse (Track N/Track N) 2-channel version without zero impulse
3
www.baumerivo.com
Special Encoders & Sensors
Magnetic field sensor with pole wheel Rotary applications
GCI0K
Dimensions 15 3.5 12 8.5 Sensor assembly also by special screws (M3). Recommendations for assembly (all combinations) Operating gaps max. 0.5 7 depending on type of sensor <1 mm Assembling and rotating direction without zero impulse with zero impulse <3
2.5 2000 10
45.5 Other cable length upon request Shaft shift
25
Magnet for zero impulse
Angular shift <3
Max. 0.5 mm gap between zero impulse magnet and housing
4
www.baumerivo.com
07 ..2007
Subject to modification in technic and design.
Special Encoders & Sensors
Magnetic field sensor with pole wheel Rotary applications
GCI0K
Accessories Z 161.M08 Magnetic ring 36 poles Z 161.M09 Magnetic ring 32 poles 6.8 0.1 o30.5 0.15 o220.1 Z 161.M03 Magnetic ring 64 poles
80.1
o56 0.15 o47.8 0.15
Material: Plastoferrit
Material: Plastoferrit
Z 161.R01 Magnetic rotor 32 poles Z 161.R02 Magnetic rotor 36 poles o30.5 0.15 14 57 6.8 0.1 o20 with mounting screw M3
Z 161.R03 Magnetic rotor 64 poles 15 6 8 0.1 o56 0.15 o52
o35
with mounting screw M4
o6H7
Z 161.N01 Magnetic rotor 32 poles with zero impulse Z 161.N02 Magnetic rotor 36 poles with zero impulse o40 o30.5 0.15 17 58
o25E7 Z 161.N03 Magnetic rotor 64 poles with zero impulse o66 o56 0.15 18 6.8 0.1 o20 with mounting screw M3 9 8 0.1
= reference magnet D=2, h=2 18.3
= reference magnet D=2, h=2 31.3
5
www.baumerivo.com
07 ..2007
Subject to modification in technic and design.
with mounting screw M4
o6H7
o25E7
Special Encoders & Sensors
Magnetic field sensor with pole wheel Rotary applications
GCI0K
Accessories Z 161.M06 Magnetic ring 64 poles
7 0.1
Z 161.W01 Angle for model with zero impulse 8 2 6 M2.5 x 5/8 15 o4.1 16 49.5 2.5 15 11
o72 0.05 o54 0.8
Material: Durable ferrit
8
3.5
3
6
www.baumerivo.com
07 ..2007
Subject to modification in technic and design.


▲Up To Search▲   

 
Price & Availability of GCI0K0101200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X