Part Number Hot Search : 
AL1663R C2506 AD9142A TC428CPA MPS3827 TC427IJA 145A0 FP6291
Product Description
Full Text Search
 

To Download G32BTB100M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Effective Date Feb. 2005
G32 Series
RoHS Compliant IMPROVED DESIGN Pb-Free and Cd-Free
TOCOS
POTENTIOMETERS
(R)
3mm Surface Mount, Single-Turn, Sealed Cermet Trimmers
Features
3mm square SMD, single-turn, sealed cermet trimmers Available in J-hook and gull-wing terminal configurations Meets EIA, EIAJ, IPC, VECI standard SMD trimmer designs Pb-free and Cd-free construction RoHS compliant Gold-plated leads provide high conductivity, low contact resistance, high corrosion resistance and good solderability Top cross-slot adjustment (top single-slot models available as special order) Tape and reel packaging
Specifications
Electrical
Standard Resistance Range . . . . . . . . . . . . . . 50 to 2M (standard 1, 2 & 5 sequence) Resistance Tolerance . . . . . . . . . . . . . . . . . 20% standard End Resistance . . . . . . . . . . 1% or 3, whichever is greater Resistance Taper . . . . . . . . . . . . . . . . . . . . . . . . . B = Linear Peak Noise (C.R.V.) . . . . . . . 2% or 3, whichever is greater Power Rating . . . . . . 0.125 watt at 70 C; 0 watt at 125 C Maximum Input Voltage . . . . . . . . 200VDC or power rating, whichever is smaller Temperature Coefficient . . . . 100 ppm / C, 200 to 1M 250 ppm / C, other values
Environmental
Temperature Range . . . . . . . . . . . . . . . . . Low Temperature Operation . . . 55 C to 125 C 55 C, 0.125 watt, 1 hour T/R ) 2%, S.S. ) 2%
High Temperature Exposure . . . . . . . . . 125 C, 250 hours T/R ) 2%, S.S. ) 2% Load Life . . . . . . . . . . . . . . . 70 C, 0.125 watt, 1,000 hours T/R ) 3%, S.S. ) 2%
Thermal Shock . . . . . . . . . . . . . . . . . . . . . . 55 C, 125 C, 30 minutes each, 5 cycles T/R ) 2%, S.S. ) 1% Shock . . . . . . . . . . . . .100G, 6ms, 6 directions, 3 times each T/R ) 1%, S.S. ) 1% Vibration . . . . . . . . . . . . . . . . 10-2,000Hz, 1.5mm amplitude, 20G, 12 hours T/R ) 1%, S.S. ) 1% Humidity . . . . . . . . . . . . . . . . . . . . . . . . 40 C, 90-95%RH, 0.125 watt, 500 hours T/R ) 3%, S.S. ) 2% Moisture Resistance . . . . . . 10 C to 65 C, 80-98%RH, 0.125 watt, 10 cycles, 240 hours T/R ) 3% Soldering Heat Resistance . . . . . . . . . . 240 C, 10 seconds T/R ) 1% Seal Test . . . . . . . . . . . . . . . . . 85 C, hot water for 1 minute Rotational Life . . . .100 cycles without discontinuity, no load T/R ) 5%
T/R = Total Resistance Change; S.S. = Setting Stability ( voltage ratio )
Insulation Resistance . . . . . . . 100M minimum at 500VDC Dielectric Strength . . . . . . . . . . . . . . . . . . 500VAC, 1 minute Adjustment Travel . . . . . . . . . . . . . . . . . . . . . . . . . 220 10
Mechanical
Mechanical Travel . . . . . . . . . . . . . . . . . . . . . . . . . 250 10 Shaft Torque . . . . . . . . . . . . . . . 50 gf* cm (0.69 oz*in) max. Stop Strength . . . . . . . . . . . . . . 200 gf* cm (2.77 oz*in) min. Flammability of Plastic Materials . . . . . . . Meets UL 94V-0 Nominal Weight . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.068g Marking . . . . . . . . . . . . Resistance value or code, date code
TOCOSAMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173 Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com
1/5 11
Effective Date Feb. 2005
G32 Series
G32A J-Hook, Cross-Slot, Top Adjust
Dimensions
Unit: mm
3.4
0.3
0.7 (t= 0.15)
0.3
1.0
0.15
#2
1
3.2
0.3
0
3.5
0.3
2.2
0.3
3
#3
0.4 2.25
0.3
52
#1
1.95 2.0
0.3, 0 0.3
(2) 0.8
0.15
G32B Gull-Wing, Cross-Slot, Top Adjust
1.0 3.4 0.7
0.3 0.3 0.15
#2
(t= 0.15)
(0.4)
1
3.2
0.3
0
3.5
0.3
2.2
0.3
4.4
0.3
3
0.4
52
#1
0.3
#3
2.25
1.95 2.0
0.3, 0 0.3
(2) 0.8
0.15
Cross-Slot Dimensions
All G32 Models
1.5 0.6
Electrical Schematic
Unit: mm
clockwise ccw #1
#3 cw
1.31
0.4
#2
0.4 0.1 0.5
wiper
Cross-Slot accepts both Philips and single blade adjustment tools.
2 /5
1177 East Tower Road, Schaumburg, IL 60173
TOCOSAMERICA, INC.
Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com
Effective Date Feb. 2005
G32 Series
Recommended Land Patterns
Flow Soldering Method G32A
1.8
Soldering Guidelines
Unit: mm
G32B
1.8
1.6 2.3 #2 1.0 1.0 5.7 #2 1.0 6.6 R 1.4 2.1 2.3 1.2 0.8 3.2 1.2 1.2 0.8 3.2 1.2 #3 #1 1.0
R 1.4
#3
#1
Reflow Soldering Method G32A
1.6
G32B
1.6
1.5 2.2 #2 0.9 4.6 #3 #1 1.0 1.2 #3 #1 #2 0.9 6.0 1.0
1.9 1.2 0.8 3.2 1.2 0.8 3.2 1.2 1.2
Recommended Soldering Profiles
Flow Soldering Profile Reflow Soldering Profile
TP 260C Max. Peak Temp. 250 Temperature (C) 200 150 100 50 TM 230C Solder Melting Temp. Temperature (C) 250
TP 260C Max. Peak Temp. TM 230C Solder Melting Temp. (190C) (170C) Pre-Heat Zone 2 min. ts.*40 sec. Solder Melting Time 1 2 Time (min.) 3 4
(180C) (140C) ts.* 5 sec. Solder Melting Time
200 150 100 50
1
2 Time (min.)
3
4
TOCOSAMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173 Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com
3/5
Effective Date Feb. 2005
G32 Series
Embossed Tape Dimensions
Tape & Reel Specifications
Unit: mm
Conforms to EIA-481, JIS-C-0806 and EIAJ-RC-1009B
G32AT, G32BT
8.0
0.1
2.0 4.0
0.1
0.05
O1.5
0.1, 0
1.75
0.1
0.3
0.05
5.5
0.05
12.0
0.2
5.2 3.65
0.1 0.1
4.9
0.1
O1.6 0.1
2.6
0.1
Direction of Feed 3.9
0.1
1.3
0.1
3.6
0.1
Reel Dimensions
Conforms to EIA-481, JIS-C-0806 and EIAJ-RC-1009B
G32AT, G32BT
13.0
0.3
2.0
O21.0 0.8
0.5
O13.0 0.5 O60.0 1.0, 0
O178.0 2.0
15.4
1.0
500 Pieces Per 7" Reel
4/5
1177 East Tower Road, Schaumburg, IL 60173
TOCOSAMERICA, INC.
Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com
Effective Date Feb. 2005
G32 Series
G32 A T B 105 M
Part Numbering System
Resistance Tolerance: M = 20% Resistance Code: Expressed in ohms. A three digit code where the first two digits are significant figures, and the third digit indicates the number of zeros that follow these figures (i.e., 100 = 10; 101 = 100; 102 = 1,000; 105 = 1,000,000 ). Resistance Taper: B = Linear. Packaging: T = Tape & Reel; Blank = Bulk. Terminal Style: A = J-Hook; B = Gull-Wing. TOCOS Series Name.
Part Numbers
Nominal Resistance Value ( ) Code Resistance Tolerance Catalog No. Tape & Reel 20% Catalog No. Bulk Potentiometer Styles
G32A J-Hook, Cross-Slot, Top Adjust
50 100 200 500 1,000 2,000 5,000 10,000 20,000 50,000 100,000 200,000 500,000 1,000,000 2,000,000 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 G32AT G32AT G32AT G32AT G32AT G32AT G32AT G32AT G32AT G32AT G32AT G32AT G32AT G32AT G32AT B B B B B B B B B B B B B B B 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 M M M M M M M M M M M M M M M G32A G32A G32A G32A G32A G32A G32A G32A G32A G32A G32A G32A G32A G32A G32A B B B B B B B B B B B B B B B 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 M M M M M M M M M M M M M M M
G32A
G32B Gull-Wing, Cross-Slot, Top Adjust
50 100 200 500 1,000 2,000 5,000 10,000 20,000 50,000 100,000 200,000 500,000 1,000,000 2,000,000 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 G32BT G32BT G32BT G32BT G32BT G32BT G32BT G32BT G32BT G32BT G32BT G32BT G32BT G32BT G32BT B B B B B B B B B B B B B B B 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 M M M M M M M M M M M M M M M G32B G32B G32B G32B G32B G32B G32B G32B G32B G32B G32B G32B G32B G32B G32B B B B B B B B B B B B B B B B 500 101 201 501 102 202 502 103 203 503 104 204 504 105 205 M M M M M M M M M M M M M M M
G32B
Packaging
Standard: Tape & Reel Packaging
500 pieces per 7" reel.
Bulk Packaging
100 pieces per vinyl bag. 1,000 pieces per box.
Cleaning Guidelines
For cleaning and other information, refer to Guidelines and Precautions for Using Potentiometers.
TOCOSAMERICA, INC.
1177 East Tower Road, Schaumburg, IL 60173 Tel: 847-884-6664 Fax: 847-884-6665 E-mail: sales@tocos.com www.tocos.com
5/5


▲Up To Search▲   

 
Price & Availability of G32BTB100M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X