Part Number Hot Search : 
DB104G LTT67S 55C6V CSLA2GG MAX3544 HSOP28 MAC4SN ER208
Product Description
Full Text Search
 

To Download FTRX-3812S356 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Finisar
Product Specification
SONET/SDH 10Gb/s DWDM XFP Optical Transceiver FTRX-3812S3xx
PRODUCT FEATURES * * * * * * * * Supports 9.95Gb/s and 10.7Gb/s Hot-pluggable XFP footprint Temperature-stabilized DWDM EML transmitter 100GHz ITU Grid, C-Band Duplex LC connector Power dissipation <3.5W Built-in digital diagnostic functions Temperature range: -5C to 70C APPLICATIONS * Amplified DWDM 10G SONET/SDH
Finisar's FTRX-3812S3xx Small Form Factor 10Gb/s (XFP) transceiver complies with the current XFP Multi-Source Agreement (MSA) Specification1. It supports amplified DWDM 10Gb/s SONET/SDH applications. Digital diagnostics functions are available via a 2-wire serial interface, as specified in the XFP MSA. For a multiprotocol version that supports 10G-Ethernet, please see FTRX-3812M3xx.
PRODUCT SELECTION
FTRX-3812S3xx
xx: 100GHz ITU-T channel (see next page)
(c) Finisar Corporation 28-September-2007
Rev C1
Page 1
FTRX-3812S3xx Amplified DWDM XFP Product Specification - September 2007
Finisar
Channel # 17* 18* 19* 20* 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60* 61*
Product Code FTRX-3812S317 FTRX-3812S318 FTRX-3812S319 FTRX-3812S320 FTRX-3812S321 FTRX-3812S322 FTRX-3812S323 FTRX-3812S324 FTRX-3812S325 FTRX-3812S326 FTRX-3812S327 FTRX-3812S328 FTRX-3812S329 FTRX-3812S330 FTRX-3812S331 FTRX-3812S332 FTRX-3812S333 FTRX-3812S334 FTRX-3812S335 FTRX-3812S336 FTRX-3812S337 FTRX-3812S338 FTRX-3812S339 FTRX-3812S340 FTRX-3812S341 FTRX-3812S342 FTRX-3812S343 FTRX-3812S344 FTRX-3812S345 FTRX-3812S346 FTRX-3812S347 FTRX-3812S348 FTRX-3812S349 FTRX-3812S350 FTRX-3812S351 FTRX-3812S352 FTRX-3812S353 FTRX-3812S354 FTRX-3812S355 FTRX-3812S356 FTRX-3812S357 FTRX-3812S358 FTRX-3812S359 FTRX-3812S360 FTRX-3812S361
Frequency (THz) 191.7 191.8 191.9 192.0 192.1 192.2 192.3 192.4 192.5 192.6 192.7 192.8 192.9 193.0 193.1 193.2 193.3 193.4 193.5 193.6 193.7 193.8 193.9 194.0 194.1 194.2 194.3 194.4 194.5 194.6 194.7 194.8 194.9 195.0 195.1 195.2 195.3 195.4 195.5 195.6 195.7 195.8 195.9 196.0 196.1
Center Wavelength (nm) 1563.86 1563.05 1562.23 1561.42 1560.61 1559.79 1558.98 1558.17 1557.36 1556.55 1555.75 1554.94 1554.13 1553.33 1552.52 1551.72 1550.92 1550.12 1549.32 1548.51 1547.72 1546.92 1546.12 1545.32 1544.53 1543.73 1542.94 1542.14 1541.35 1540.56 1539.77 1538.98 1538.19 1537.40 1536.61 1535.82 1535.04 1534.25 1533.47 1532.68 1531.90 1531.12 1530.33 1529.55 1528.77
*This channel is supported with limited availability -- Please contact Finisar for further details.
(c) Finisar Corporation 28-September-2007
Rev C1
Page 2
FTRX-3812S3xx Amplified DWDM XFP Product Specification - September 2007
Finisar
I.
Pin 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21
Pin Descriptions
Logic Symbol GND VEE5 Mod-Desel Interrupt TX_DIS VCC5 GND VCC3 VCC3 SCL SDA Mod_Abs Mod_NR RX_LOS GND GND RDRD+ GND VCC2 P_Down/RST Name/Description Module Ground Optional -5.2 Power Supply - Not required Module De-select; When held low allows the module to respond to 2-wire serial interface commands Interrupt (bar); Indicates presence of an important condition which can be read over the serial 2-wire interface Transmitter Disable; Transmitter laser source turned off +5 Power Supply Module Ground +3.3V Power Supply +3.3V Power Supply Serial 2-wire interface clock Serial 2-wire interface data line Module Absent; Indicates module is not present. Grounded in the module. Module Not Ready; Finisar defines it as a logical OR between RX_LOS and Loss of Lock in TX/RX. Receiver Loss of Signal indicator Module Ground Module Ground Receiver inverted data output Receiver non-inverted data output Module Ground +1.8V Power Supply Power Down; When high, places the module in the low power stand-by mode and on the falling edge of P_Down initiates a module reset Reset; The falling edge initiates a complete reset of the module including the 2-wire serial interface, equivalent to a power cycle. +1.8V Power Supply Module Ground Reference Clock non-inverted input, AC coupled on the host board - Not required Reference Clock inverted input, AC coupled on the host board - Not required Module Ground Module Ground Transmitter inverted data input Transmitter non-inverted data input Module Ground Ref. 1
LVTTL-I LVTTL-O LVTTL-I
2
1
LVTTL-I LVTTLI/O LVTTL-O LVTTL-O LVTTL-O
2 2 2 2 2 1 1
CML-O CML-O
1
LVTTL-I
22 23 24 25 26 27 28 29 30
PECL-I PECL-I
VCC2 GND RefCLK+ RefCLKGND GND TDTD+ GND
1
1 1
CML-I CML-I
1
Notes: 1. Module circuit ground is isolated from module chassis ground within the module. 2. Open collector; should be pulled up with 4.7k - 10kohms on host board to a voltage between 3.15V and 3.6V.
(c) Finisar Corporation 28-September-2007
Rev C1
Page 3
FTRX-3812S3xx Amplified DWDM XFP Product Specification - September 2007
Finisar
Diagram of Host Board Connector Block Pin Numbers and Names
II.
Absolute Maximum Ratings
Parameter Maximum Supply Voltage #1 Maximum Supply Voltage #2 Maximum Supply Voltage #3 Storage Temperature Case Operating Temperature Receiver Damage Threshold
Symbol Vcc3 Vcc5 Vcc5 TS TOP PRdmg
Min -0.5 -0.5 -0.5 -40 -5 +1
Typ
Max 4.0 6.0 2.0 85 70
Unit V V V C C dBm
Ref.
(c) Finisar Corporation 28-September-2007
Rev C1
Page 4
FTRX-3812S3xx Amplified DWDM XFP Product Specification - September 2007
Finisar
III.
Electrical Characteristics (TOP = -5 to 70 C, VCC5 = 4.75 to 5.25 Volts)
Symbol Vcc5 Vcc3 Vcc2 Icc5 Icc3 Icc2 P Rin Vin,pp VD VEN Min 4.75 3.13 1.71 Typ Max 5.25 3.46 1.89 350 400 750 3.5 Unit V V V mA mA mA W mV V V us mV ps ps V V Ref.
Parameter Supply Voltage #1 Supply Voltage #2 Supply Voltage #3 Supply Current - Vcc5 supply Supply Current - Vcc3 supply Supply Current - Vcc2 supply Module total power Transmitter Input differential impedance Differential data input swing Transmit Disable Voltage Transmit Enable Voltage Transmit Disable Assert Time Receiver Differential data output swing Data output rise time Data output fall time LOS Fault LOS Normal Power Supply Rejection Reference Clock Clock differential input impedance Reference Clock frequency Differential clock input swing Clock output rise/fall time Reference clock frequency tolerance
1 2 3
100 120 2.0 GND 820 Vcc GND+ 0.8 10 850 38 38 VccHOST GND+0.5 See Note 6 below 100 Baud/64 640 200 -100 1600 1250 +100 650
Vout,pp tr tf VLOS fault VLOS norm PSR Rclkin f0 Vclkin,pp trf Df
340
Vcc - 0.5 GND
4 5 5 6 6 7
MHz mV ps PPM
5
Notes: 1. Maximum total power value is specified across the full temperature and voltage range. 2. After internal AC coupling. 3. Or open circuit. 4. Into 100 ohms differential termination. 5. 20 - 80 % 6. Loss Of Signal is open collector to be pulled up with a 4.7k - 10kohm resistor to 3.15 - 3.6V. Logic 0 indicates normal operation; logic 1 indicates no signal detected. 7. Per Section 2.7.1. in the XFP MSA Specification1.
(c) Finisar Corporation 28-September-2007
Rev C1
Page 5
FTRX-3812S3xx Amplified DWDM XFP Product Specification - September 2007
Finisar
IV.
Optical Characteristics (EOL, TOP = -5 to 70C, VCC5 = 4.75 to 5.25 Volts)
Please note that the Transmitter of the FTRX-3811S3xx becomes operational within 60 seconds of power-up. This is due to the time required for the EML to reach its optimum operating temperature.
Transmitter Parameter Output Opt. Pwr: 9/125 SMF Optical Extinction Ratio Center Wavelength Spacing Transmitter Center Wavelength - End Of Life Transmitter Center Wavelength - Beginning Of Life Sidemode Suppression ratio Tx Jitter Generation (peak-to-peak) Tx Jitter Generation (RMS) Relative Intensity Noise Receiver Maximum Input Power Optical Center Wavelength Receiver Reflectance LOS De-Assert LOS Assert LOS Hysteresis Receiver Sensitivity Data rate (Gb/s) BER Symbol POUT ER c c SSRmin Txj TxjRMS RIN PMAX C Rrx LOSD LOSA -7 1270 Min -3 8.2 X-100 X-25 30 0.1 0.01 -130 Typ Max +3 Unit dBm dB GHz pm pm dB UI UI dB/Hz dBm nm dB dBm dBm dB 5 Threshold Adjustm. Required No Yes 6 Threshold Adjustm. Required No Yes Ref.
100 X X-
X+100 X+25
1 2 2
3 4
1600 -27 -30
-37 0.5 Power Penalty at OSNR>30dB (dB) 3 3
Dispersion (ps/nm) -500 to 1450 -500 to 1300
Sensitivity back-toback at OSNR>30dB (dBm) -23 -27 Min OSNR Back-toback at Power: -7 to 18dBm (dB) 24 16
9.95 1e-12 10.7 1e-4 OSNR Performance Data rate (Gb/s) 9.95 10.7 BER 1e-12 1e-4
Dispersion (ps/nm) -500 to 1450 -500 to 1300
Max OSNR Penalty at Power:-7 to -18dBm (dB) 4 4
Notes: 1. Corresponds to approximately 0.8 nm. 2. X = Specified ITU Grid wavelength. Wavelength stability is achieved within 60 seconds of power up. 3. Measured with a host jitter of 50 mUI peak-to-peak. 4. Measured with a host jitter of 7 mUI RMS. 5. Measured at 1528-1600nm with worst ER; BER<10-12; PRBS31. 6. All OSNR measurements are performed with 0.1nm resolution.
(c) Finisar Corporation 28-September-2007
Rev C1
Page 6
FTRX-3812S3xx Amplified DWDM XFP Product Specification - September 2007
Finisar
V.
General Specifications
Symbol BR LMAX Min 9.95 Typ 80 Max 10.7 Units Gb/s km Ref. 1
Parameter Bit Rate Max. Supported Link Length
Notes: 1. Amplified SONET OC-192, SONET OC-192 with FEC.
VI.
Environmental Specifications
Finisar XFP transceivers have an operating temperature range from -5C to +70C case temperature.
Parameter Case Operating Temperature Storage Temperature Symbol Top Tsto Min -5 -40 Typ Max 70 85 Units C C Ref.
VII.
Regulatory Compliance
Finisar XFP transceivers are Class 1 Laser Products. They are certified per the following standards: Feature Laser Eye Safety Laser Eye Safety Electrical Safety Electrical Safety Agency FDA/CDRH TUV Standard CDRH 21 CFR 1040 and Laser Notice 50 EN 60825-1: 1994+A11:1996+A2:2001 IEC 60825-1: 1993+A1:1997+A2:2001 IEC 60825-2: 2000, Edition 2 EN 60950 CLASS 3862.07 CLASS 3862.87 Certificate Number 9210176-71 R72052602
TUV UL/CSA
R72052602 1439230
Copies of the referenced certificates are available at Finisar Corporation upon request.
(c) Finisar Corporation 28-September-2007
Rev C1
Page 7
FTRX-3812S3xx Amplified DWDM XFP Product Specification - September 2007
Finisar
VIII. Digital Diagnostics Functions As defined by the XFP MSA1, Finisar XFP transceivers provide digital diagnostic functions via a 2-wire serial interface, which allows real-time access to the following operating parameters: * * * * * * Transceiver temperature Laser bias current Transmitted optical power Received optical power Transceiver supply voltage TEC Temperature
It also provides a sophisticated system of alarm and warning flags, which may be used to alert end-users when particular operating parameters are outside of a factory-set normal range. The operating and diagnostics information is monitored and reported by a Digital Diagnostics Transceiver Controller (DDTC) inside the transceiver, which is accessed through the 2-wire serial interface. When the serial protocol is activated, the serial clock signal (SCL pin) is generated by the host. The positive edge clocks data into the XFP transceiver into those segments of its memory map that are not write-protected. The negative edge clocks data from the XFP transceiver. The serial data signal (SDA pin) is bi-directional for serial data transfer. The host uses SDA in conjunction with SCL to mark the start and end of serial protocol activation. The memories are organized as a series of 8-bit data words that can be addressed individually or sequentially. The 2-wire serial interface provides sequential or random access to the 8 bit parameters, addressed from 000h to the maximum address of the memory. For more detailed information, including memory map definitions, please see the XFP MSA documentation1.
Receiver Threshold Adjustment The FTRX-3812S3xx provides access to receiver decision threshold adjustment via the 2-wire serial interface, in order to improve receiver OSNR performance based on specific link conditions. It is implemented as follows: * * Rx Threshold of XFP transceivers will be factory-set for optimized performance in non-FEC applications. This will be the default value during both cold start (power-up) and warm start (module reset). The transceiver supports adjustment of Rx Threshold value by the host through register 76d, table 01h. This is intended to be used in FEC applications.
(c) Finisar Corporation 28-September-2007
Rev C1
Page 8
FTRX-3812S3xx Amplified DWDM XFP Product Specification - September 2007
Finisar
* *
Register 76d, table 01h is a volatile memory. Therefore if the transceiver is power-cycled, the register starts up with a value of 00h which corresponds to the default Rx Threshold value. The threshold adjustment input value is 2's complement 7 bit value (-128 to +127), with 0 corresponding to default Rx threshold value. Full range of adjustment provides at least a 10% change in Rx threshold from the default value.
IX.
Mechanical Specifications
Finisar's XFP transceivers are compliant with the dimensions defined by the XFP MultiSourcing Agreement (MSA).
77.95
22.15
18.35
13.30 1.95
8.50
LATCHED
16.00 UNLATCHED 20.85 39.00 R1.00
XFP Transceiver (dimensions are in mm)
(c) Finisar Corporation 28-September-2007
Rev C1
Page 9
FTRX-3812S3xx Amplified DWDM XFP Product Specification - September 2007
Finisar
X.
PCB Layout and Bezel Recommendations
XFP Host Board Mechanical Layout (dimensions are in mm)
(c) Finisar Corporation 28-September-2007
Rev C1
Page 10
FTRX-3812S3xx Amplified DWDM XFP Product Specification - September 2007
Finisar
XFP Detail Host Board Mechanical Layout (dimensions are in mm)
XFP Recommended Bezel Design (dimensions are in mm)
(c) Finisar Corporation 28-September-2007
Rev C1
Page 11
FTRX-3812S3xx Amplified DWDM XFP Product Specification - September 2007
Finisar
XI. 1.
References 10 Gigabit Small Form Factor Pluggable Module (XFP) Multi-Source Agreement (MSA), Rev 4.5 - August 2005. Documentation is currently available at http://www.xfpmsa.org/
XII.
For More Information
Finisar Corporation 1389 Moffett Park Drive Sunnyvale, CA 94089-1133 Tel. 1-408-548-1000 Fax 1-408-541-6138 sales@finisar.com www.finisar.com
(c) Finisar Corporation 28-September-2007
Rev C1
Page 12


▲Up To Search▲   

 
Price & Availability of FTRX-3812S356

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X