Part Number Hot Search : 
254RFL7 AN1555N ISL43111 0M26V 25L4005 MC9S08 T52B7 WFY3N02
Product Description
Full Text Search
 

To Download FR1602G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 FR1601G THRU FR1607G
16.0 AMPS. Glass Passivated Fast Recovery Rectifiers
Voltage Range 50 to 1000 Volts Current 16.0 Amperes
Features
Low forward voltage drop High current capability High reliability High surge current capability
TO-220
Mechanical Data
Cases: TO-220 molded plastic Epoxy: UL 94V-0 rate flame retardant Terminals: Leads solderable per MIL-STD-202, Method 208 guaranteed Polarity: As marked High temperature soldering guaranteed: 260/10 seconds .16",(4.06mm) from case. Mounting position: Any Weight: 2.24 grams
PIN 1 PIN 3 Positive CT CASE PIN 2
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load. For capacitive load, derate current by 20% FR Symbol FR Type Number
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current See Fig. 2 Peak Forward Surge Current, 8.3 ms Single Half Sine-wave Superimposed on Rated Load (JEDEC method ) Maximum Instantaneous Forward Voltage @ 8.0A Maximum DC Reverse Current @ TC=25 at Rated DC Blocking Voltage @ TC=125 Maximum Reverse Recovery Time ( Note 1) Typical Thermal Resistance (Note 2)
FR FR FR FR FR 1601G 1602G 1603G 1604G 1605G 1606G 1607G
Units V V V A A V uA uA nS /W
VRRM VRMS VDC I(AV) IFSM VF IR
50 35 50
100 70 100
200 140 200
400 280 400 16.0 150 1.3 5.0 100
600 420 600
800 1000 560 700 800 1000
250 500 3.0 Operating and Storage Temperature Range TJ ,TSTG -65 to +150 Notes: 1. Reverse Recovery Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A 2. Thermal Resistance from Junction to Case Per Leg Mounted on Heatsink size 2" x 3" x 0.25" Al-Plate
RJC
Trr
150
- 468 -
RATINGS AND CHARACTERISTIC CURVES (FR1601G THRU FR1607G)
FIG.1- REVERSE RECOVERY TIME CHARACTERISTIC AND TEST CIRCUIT DIAGRAM
50W NONINDUCTIVE 10W NONINDUCTIVE +0.5A (-) DUT (+) 50Vdc (approx) (-) PULSE GENERATOR (NOTE 2) 1W NON INDUCTIVE OSCILLOSCOPE (NOTE 1) (+) 0 -0.25A trr
NOTES: 1. Rise Time=7ns max. Input Impedance= 1 megohm 22pf 2. Rise Time=10ns max. Sourse Impedance= 50 ohms
-1.0A 1cm SET TIME BASE FOR 5/ 10ns/ cm
AVERAGE FORWARD CURRENT. (A)
20.0 16.0 12.0 8.0 4.0 0
FIG.2- MAXIMUM FORWARD CURRENT DERATING CURVE
FIG.3- TYPICAL REVERSE CHARACTERISTICS PER LEG
1000
INSTANTANEOUS REVERSE CURRENT. ( A)
100 Tj=125 0C
10
0
50 CASE TEMPERATURE. ( C)
o
100
150
Tj=25 0C 1.0
PEAK FORWARD SURGE CURRENT. (A)
300 250 200 150 100 50 0
FIG.4- MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT PER LEG
8.3ms Single Half Sine Wave JEDEC Method
0.1
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG.6- TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS PER LEG
80
1
2
5
10
20
50
100
INSTANTANEOUS FORWARD CURRENT. (A)
40 20 10
NUMBER OF CYCLES AT 60Hz
FIG.5- TYPICAL JUNCTION CAPACITANCE PER LEG
300 250
4 2 1.0
CAPACITANCE.(pF)
200 150 100 50 0 Tj=25 0C f=1.0MHz Vsig=50mVp-p 0.1 0.5 1.0 5 10 50 100 500 1000
.4 .2 .1 .8 Tj=25oC Pulse Width=300 s 1% Duty Cycle .9 1.0 1.1 1.2 1.3 1.4 1.5
REVERSE VOLTAGE. (V)
INSTANTANEOUS FORWARD VOLTAGE. (V)
- 469 -


▲Up To Search▲   

 
Price & Availability of FR1602G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X