Part Number Hot Search : 
KIA7727P 87C51F NTE5536 EM61400 2SC3927 FR157G 33HCB EC5575
Product Description
Full Text Search
 

To Download EM4200A6WS7-001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EM MICROELECTRONIC - MARIN SA
EM4200
128 bit Read Only Low Frequency Contactless Identification Device
Description
EM4200 is a CMOS integrated circuit intended for use in electronic Read Only RF transponders. It is designed to replace seamlessly the EM Microelectronic-Marin Read Only ICs EM4100/4102 and EM4005/4105. The circuit is powered by an external coil placed in an electromagnetic field and gets its master clock from the same field. By turning on and off the modulation current, the chip sends back the unique code contained in a factory pre-programmed laser ROM. The 128 bit unique code is stored in laser programmed ROM. Several options are available to use 64, 96 or 128 bits of ROM. The IC offers also different resonant capacitor versions, selectable by mask option (0pF, 75pF and 250pF) providing the same reading performances to ensure seamless replacement.
Features
Full compatible with EM4100/4102 and EM4005/4105 communication protocols. 128 bit laser programmed ROM (64 and 96 bit option available) Several options of data rate and data encoding: Manchester 32 and 64 RF clocks per bit Biphase 32 and 64 RF clocks per bit PSK 16 RF clocks per bit (subcarrier RF/2) FSK2 50RF clocks per bit Several resonant capacitor integrated on chip (0pF, 75pF or 250pF mask option) 100 to 150 kHz frequency range On-chip rectifier and voltage limiter No external supply buffer capacitor needed -40C to +85C temperature range Very low power consumption and High performances
Typical Configuration
Typical Applications
Animal Identification according to ISO11785 (FDX-B) Waste management standard (BDE) Access Control Logistics automation Anti-counterfeiting Industrial transponder
C1
L
C2
EM4200
Ordering Information
The versions below are considered standards and should be readily available. For other versions or other delivery form, please contact EM Microelectronic-Marin S.A. Part Number EM4200A6WS7-001 EM4200A6WB11E-051 EM4200C4WS7-002 EM4200EXWS7-003 EM4200B5WS7-006 EM4200C4WS7-008 EM4200XXYYY-%%% IC Data Encoding Manchester - 64RF Manchester - 64RF PSK - 16RF FSK2 - 50RF Biphase - 32RF PSK - 16RF Custom Data Length 64 bits 64 bits 64 bits 96 bits 128 bits 64 bits Custom IC Cres 250pF 250pF 250pF 250pF 250pF 75pF Custom Package Sawn wafer Die Sawn wafer Sawn wafer Sawn wafer Sawn wafer Custom Delivery Form Wafer on frame Blister Tape Wafer on frame Wafer on frame Wafer on frame Wafer on frame Custom
Copyright (c) 2009, EM Microelectronic-Marin SA Subject to change without notice
Rev. B, 10/09
Phone: +41.32.755-5111, Fax: +41.32.755-5403 www.emmicroelectronic.com info@emmicroelectronic.com


▲Up To Search▲   

 
Price & Availability of EM4200A6WS7-001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X