|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
Zener Diode ctparts.com Not shown at actual size. CTZ84C Series 2.4V ~ 39V CHARACTERISTICS Description: SOT-23 Plastic-Encapsulated Zener Diode Features: Planar Die Construction. 350mW Power Dissipation. Zener Voltages from 2.4V ~ 39V. Ideally Suited for Automated Assembly Process. Packaging: Tape & Reel Miscellaneous: RoHS Compliant Additional Information: Additional electrical & physical information available upon request Samples available. See website for ordering information. Compliant RoHS PHYSICAL DIMENSIONS (mm) Size Min. Max. A 0.37 0.51 B 1.19 1.40 C 2.10 2.50 D 0.89 1.05 E 0.45 0.61 F 1.78 2.05 G 2.65 3.05 H 0.013 0.015 I 0.89 1.10 J 0.45 0.61 K 0.076 0.178 A G B C H D E F I J K Maximum Ratings @ TA = 25C unless otherwise specified Characteristics Forward Voltage @IF = 10mA Power Dissipation (Note 1) Thermal Resistance, Junction to Ambient Air (Note 1) Operating and Storage Temp. Range Notes: Symbol VF Pd RthJA Tj, TSTG Value 0.9 350 357 -65 to +150 Unit V mW K/W C 1. Valid provided that device terminals are kept at ambient temperature 04.30.07 Technologies Manufacturer of Passive and Discrete Semiconductor Components 800-684-5322 Inside US 949-453-1811 Outside US Copyright (c) 2007 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice CENTRAL Zener Diode ctparts.com CTZ84C Series SPECIFICATIONS Zener Voltage Range (Note 2) Marking VZ@TZT Z11 Z12 Z13 Z14 Z15 Z16 Z17 Z1 Z2 Z3 Z4 Z5 Z6 Z7 Z8 Z9 Y1 Y2 Y3 Y4 Y5 Y6 Y7 Y8 Y9 Y10 Y11 Y12 Y13 Y14 IZT Nom. (V) Min. (V) Max. (V) (mA) 2.4 2.2 2.6 5 2.7 2.5 2.9 5 3.0 2.8 3.2 5 3.3 3.1 3.5 5 3.6 3.4 3.8 5 3.9 3.7 4.1 5 4.3 4.0 4.6 5 4.7 4.4 5.0 5 5.1 4.8 5.4 5 5.6 5.2 6.0 5 6.2 5.8 6.6 5 6.8 6.4 7.2 5 7.5 7.0 7.9 5 8.2 7.7 8.7 5 9.1 8.5 9.6 5 10 9.4 10.6 5 11 10.4 11.6 5 12 11.4 12.7 5 13 12.4 14.1 5 15 13.8 15.6 5 16 15.3 17.1 5 18 16.8 19.1 5 20 18.8 21.2 5 22 20.8 23.3 5 24 22.8 25.6 5 27 25.1 28.9 2 30 28.0 32.0 2 33 31.0 35.0 2 36 34.0 38.0 2 39 37.0 41.0 2 Maximum Zener Impedance (Note 3) ZZT@IZT ZZK@IZK () 100 100 95 95 90 90 90 80 60 40 10 15 15 15 15 20 20 25 30 30 40 45 55 55 70 80 80 80 90 130 600 600 600 600 600 600 600 500 480 400 150 80 80 80 100 150 150 150 170 200 200 225 225 250 250 300 300 325 350 350 IZK (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5 Maximum Reverse Current IR (A) 50 20 10 5 5 3 3 3 2 1 3 2 1 0.7 0.5 0.2 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 VR (V) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 2.0 4.0 4.0 5.0 5.0 6.0 7.0 8.0 8.0 8.0 10.5 11.2 12.6 14.0 15.4 16.8 18.9 21.0 23.1 25.2 27.3 Temperature Coefficent of Zener Voltage@IZT-5Ma mV/C Min. -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -2.7 -2.0 0.4 1.2 2.5 3.2 3.8 4.5 5.4 6.0 7.0 9.2 10.4 12.4 14.4 16.4 18.4 21.4 24.4 27.4 30.4 33.4 Max. 0 0 0 0 0 0 0 0.2 1.2 2.5 3.7 4.5 5.3 6.2 7.0 8.0 9.0 10.0 11.0 13.0 14.0 16.0 18.0 20.0 22.0 25.3 29.4 33.4 37.4 41.2 Part Number CTZ84C2V4 CTZ84C2V7 CTZ84C3V0 CTZ84C3V3 CTZ84C3V6 CTZ84C3V9 CTZ84C4V3 CTZ84C4V7 CTZ84C5V1 CTZ84C5V6 CTZ84C6V2 CTZ84C6V8 CTZ84C7V5 CTZ84C8V2 CTZ84C9V1 CTZ84C10 CTZ84C11 CTZ84C12 CTZ84C13 CTZ84C15 CTZ84C16 CTZ84C18 CTZ84C20 CTZ84C22 CTZ84C24 CTZ84C27 CTZ84C30 CTZ84C33 CTZ84C36 CTZ84C39 Notes: 2. Tested with pulses 300s pulse width, period = 5ms. 3. f = 1KHz 04.30.07 Technologies Manufacturer of Passive and Discrete Semiconductor Components 800-684-5322 Inside US 949-453-1811 Outside US Copyright (c) 2007 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice CENTRAL |
Price & Availability of CTZ84C |