Part Number Hot Search : 
CM3503 D452A 100MB D452A LTC18 431BC 100MB STP85N
Product Description
Full Text Search
 

To Download CT319-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 October 11, 2007
SMD Current Sense Transformer CT319 Series
Features
* * * * * * Datatronics Part Number CT319-020 CT319-030 CT319-040 CT319-050 CT319-060 CT319-070 CT319-100 CT319-125 CT319-200 Turns Ratio ( 2%) 1:20 1:30 1:40 1:50 1:60 1:70 1:100 1:125 1:200 Low Profile - Height: 4.1mm Max. Primary Rated for 20 Amps RMS Max. Operating Frequency Range: 10kHz to 1MHz Temperature range -20C to +130C Electrical Specifications @ 25C Tinned Leads with Leaded Solder is Available (note 6) DCR (4-6) (MAX) 0.50 0.75 1.03 1.61 1.98 2.97 5.36 6.67 33.24 Hipot Vrms 500 500 500 500 500 500 500 500 500
Inductance (4-6) H (TYP) 100 230 440 670 1000 1300 2800 4400 12200
Mechanical Outline:
.060 1,52 .073 1,85 .050 1,27 .100 2,54
7
.024 0,61 5 6 4 3 2 1
8 7
4 6
Schematic
.106 2,69 .120 3,05 .050 1,52
8
SUGGESTED PAD LAYOUT
Notes:
1.)
.010 0,25
CT319-XXX
.161 MAX 4,10 .073 1,85
2.) 3.) 4.) 5.) 6.) 7.)
.320 MAX 8,13
.230 MAX 5,85
All dimensions are in inches/mm Tolerance: 0.010/0,25 unless otherwise specified Inductance tested at 10 kHz, 0.1Vrms Coplanarity: 0.004/0,102 Tape and reel quantity, 1200 pcs/reel Terminating resistor (RT) calculated: RT = (NTURNS / IPRI) * VREF For Non-RoHS parts, replace CT prefix with -42 e.g. CT319 becomes 42-319 Terminal finish compliant to RoHS requirements. Solder in accordance with J-STD-020C
DATATRONIC: 28151 Highway 74, Romoland, CA 92585
Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701 Email: ddisales@datatronics.com 499 King's Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290 All specifications are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of CT319-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X