Part Number Hot Search : 
EA1523A SSS91850 MD7004 AN2808 P4KE100 BGA7014 LC753 KS16118
Product Description
Full Text Search
 

To Download CSLR001FM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Four Terminal Open Air Low Ohm Current Sense Resistor
CSL Series - Patent Pending
* <55 ppm/C TCR * 5 watt max power * 55 amp max current * Down to 1% tolerance * 4-Terminal Kelvin connections FEATURES: * Inductance less than 10 nanohenries * Flameproof * Solderable leads (60/40 plate) * 55 amp continuous operating current * Inline construction for easy board insertion * Economical board space design * Welded construction APPLICATIONS: * Current Sensing * Feed Back * Motor Control * Surge/Pulse Applications
Electrical Data
IRC Type Power/Current Rating (Watts) 5 watt max power 55 amps max current Standard Resistance Range (Ohms) 0.00025 ohm - 0.0025 ohm Tolerance (%) 1%
CSL
Environmental Data
CSL Performance Characteristics: Test Spec: AEC Q200 TCR +125 to -55C Thermal Shock High Temp Exposure 1000 hours @ 125C Temp. Cycling: -55 to -125C 1000 cycles Operational Life: 1000 hours @ 70C Moisture Resistance Baised Humidity Mechanical Shock Vibration Solder Heating Solderability
General Note
IRC reserves the right to make changes in product specification without notice or liability. All information is subject to IRC's own data and is considered accurate at time of going to print.
<55 ppm/C <1.5% <1.75% <1.0% <1.0% <1.0% <1.0% <1.0% <0.75% <1.0% Meets J-STD-002 Method A
Wire and Film Technologies Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com
A subsidiary of TT electronics plc CSL Series Issue September 2008 Sheet 1 of 2
Four Terminal Open Air Low Ohm Current Sense Resistor
Physical Data
ALL DIMENSIONS 0.010 (0.254) UNLESS OTHERWISE STATED. DIMENSIONS C, D, & E = /-0.005 (0.127). DIMENSIONS A AND F REFERENCE ONLY. RECOMMENDED PC BOARD FOOTPRINT AND ELECTRICAL CONNECTION
.005
.127
A
0.800
[20.32]
.005
.127
0.500
B
[12.70]
F
.005
.127
0.300
#1 #2 #3 #4
[7.62]
H E D C
#43 HOLE SIZE (CLEAR I.D.) 0.089 [2.26mm]
G
H #1 #2 #3 #4
Note: 1.1M - 2.5M = 0.014 [0.356] 0.4M - 1.0M = 0.036 [0.914] 0.4M - 1.0M = 0.071 [1.80]
RECOMMENDED ELECTRICAL CONNECTION TERMINALS 2 & 3 CURRENT TRACES TERMINALS 1 & 4 SENSE TRACES
Dimensions (Inches (mm)) A 0.862 (21.9) B 0.426 (10.8) C 0.800 (20.3) D 0.200 (5.1) E 0.300 (7.6) F 0.555 (14.01) G 0.176 (4.5) H 0.062 (1.57)
Ordering Data
Sample Part No. IRC Type Resistance Value (EIA 4-digit code) Tolerance F = 1% Marking U = unmarked M = marked CSL R001 F U
Wire and Film Technologies Division * 4222 South Staples Street * Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 * Facsimile: 361 992 3377 * Website: www.irctt.com CSL Series Issue September 2008 Sheet 2 of 2


▲Up To Search▲   

 
Price & Availability of CSLR001FM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X