Part Number Hot Search : 
TVR1D BYW95 TC52425 74LV1G ACPP2010 M74HC40 2SK35 74LV1G
Product Description
Full Text Search
 

To Download CM1293A-04SO Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2-and 4-Channel Low Capacitance ESD Protection Arrays CM1293A
Features
* * * * * * * * Two and four channels of ESD protection Provides ESD protection to IEC61000-4-2 * 8kV contact discharge Low loading capacitance of 2.0pF max. Low clamping voltage Channel I/O to I/O capacitance 1.5pF typical Zener diode protects supply rail and eliminates the need for external by-pass capacitors Each I/O pin can withstand over 1000 ESD strikes* Available in RoHS-compliant, lead-free SOT and MSOP packages
Product Description
The CM1293A family of diode arrays has been designed to provide ESD protection for electronic components or subsystems requiring minimal capacitive loading. These devices are ideal for protecting systems with high data and clock rates or for circuits requiring low capacitive loading. Each ESD channel consists of a pair of diodes in series that steer the positive or negative ESD current pulse to either the positive (VP) or negative (VN) supply rail. A Zener diode is embedded between VP and VN which helps protect the VCC rail against ESD strikes. The CM1293A protects against ESD pulses up to 8kV contact discharge) per the IEC 61000-4-2 Level 4 standard. This device is particularly well-suited for protecting systems using high-speed ports such as USB2.0, IEEE1394 (Firewire(R), iLinkTM), Serial ATA, DVI, HDMI, and corresponding ports in removable storage, digital camcorders, DVD-RW drives and other applications where extremely low loading capacitance with ESD protection are required in a small package footprint. The CM1293A family of devices is available with RoHS-compliant, lead-free finishing.
Applications
* * * * DVI ports, HDMI ports in notebooks, set top boxes, digital TVs, LCD displays Serial ATA ports in desktop PCs and hard disk drives PCI Express ports General purpose high-speed data line ESD protection
Block Diagram
*Standard test condition is IEC61000-4-2 level 4 test circuit with each pin subjected to 8kV contact discharge for 1000 pulses. Discharges are timed at 1 second intervals and all 1000 strikes are completed in one continuous test run. The part is then subjected to standard production test to verify that all of the tested parameters are within spec after the 1000 strikes.
(c)2010 SCILLC. All rights reserved. April 2010 - Rev. 4
Publication Order Number: CM1293A/D
CM1293A
T p View o
(1) (4)
NC (1) VN (2) VP (5)
T p View o
(1) (2)
CH2 (4)
(6) CH1 (1) NC (2) (5) (4) (3) CH2 (4) NC (5)
NC (10) CH4 (9) (8) NC (7) CH3 (6)
(2)
(3) CH1 (3)
(3)
5-Lead SOT23-5 10-Lead MSOP-10
PIN DESCRIPTIONS
2-CHANNEL, 4-LEAD SOT143-4 PACKAGE PIN 1 2 3 4 NAME VN CH1 CH2 VP TYPE GND I/O I/O PWR DESCRIPTION Negative voltage supply rail
ESD Channel
2-CHANNEL, 5-LEAD SOT23-5 PACKAGE PIN 1 2 3 4 5 NAME NC VN CH1 CH2 VP GND I/O I/O PWR TYPE DESCRIPTION No connect Negative voltage supply rail ESD Channel ESD Channel Positive voltage supply rail
ESD Channel
Positive voltage supply rail
4-CHANNEL, 10-LEAD MSOP-10 PACKAGE PIN 1 2 3 4 5 6 7 8 9 10 NAME CH1 NC VP CH2 NC CH3 NC VN CH4 NC GND I/O I/O PWR I/O TYPE I/O DESCRIPTION ESD Channel No connect Positive voltage supply rail ESD Channel No connect ESD Channel No connect Negative voltage supply rail ESD Channel No connect PIN 1 2 3 4 5 6
4-CHANNEL, 6-LEAD SOT23-6 PACKAGE NAME CH1 VN CH2 CH3 VP CH4 TYPE I/O GND I/O I/O PWR I/O DESCRIPTION ESD Channel Negative voltage supply rail ESD Channel ESD Channel Positive voltage supply rail ESD Channel
Rev. 4 | Page 2 of 16 | www.onsemi.com
CM1293A
Ordering Information
PART NUMBERING INFORMATION
# of Channels Leads Package Lead-free Finish Ordering Part Number 2 2 4 4 4 5 6 10 SOT143-4 SOT23-5 SOT23-6 MSOP-10 CM1293A-02SR CM1293A-02SO CM1293A-04SO CM1293A-04MR
1
Part Marking D636 D633 D635 D641
Note 1: Parts are shipped in Tape & Reel form unless otherwise specified.
Specifications
ABSOLUTE MAXIMUM RATINGS
PARAMETER Operating Supply Voltage (VP - VN) Operating Temperature Range Storage Temperature Range DC Voltage at any channel input RATING 6.0 -40 to +85 -65 to +150 (VN - 0.5) to (VP + 0.5) UNITS V C C V
STANDARD OPERATING CONDITIONS
PARAMETER Operating Temperature Range Package Power Rating SOT143-4 Package (CM1293A-02SR) SOT23-5 Package (CM1293A-02SO) SOT23-6 Package (CM1293A-04SO) MSOP-10 Package (CM1293A-04MR) RATING -40 to +85 UNITS C
225 225 225 400
mW mW mW mW
Rev. 4 | Page 3 of 16 | www.onsemi.com
CM1293A
Specifications (cont'd)
ELECTRICAL OPERATING CHARACTERISTICS
SYMBOL PARAMETER VP IP VF Operating Supply Voltage (VP-VN) Operating Supply Current Diode Forward Voltage Top Diode Bottom Diode Channel Leakage Current Channel Input Capacitance (VP-VN)=3.3V IF = 8mA; TA=25 C 0.60 0.60 TA=25 VP=5V, VN=0V C; At 1 MHz, VP=3.3V, VN=0V, VIN=1.65V 0.80 0.80 0.1 0.95 0.95 1.0 2.0 V V A pF CONDITIONS
1
MIN
TYP 3.3
MAX 5.5 8.0
UNITS V A
ILEAK CIN
C
Channel I/O to I/O capacitance ESD Protection Peak Discharge Voltage at any channel input, in system Contact discharge per IEC 61000-4-2 standard Channel Clamp Voltage Positive Transients Negative Transients Dynamic Resistance Positive Transients Negative Transients
1.5
pF
IO
VESD
Notes 3 and 4; TA=25 C
8
kV
VCL
IPP=1A, tp=8/20s; TA=25 Notes 4 C; +9.9 -1.6 C; IPP=1A, tp=8/20s; TA=25 Notes 4 0.96 0.5 V V
RDYN
Note 1: Note 2: Note 3: Note 4:
All parameters specified at TA = -40C to +85C unless otherwise noted. Human Body Model per MIL-STD-883, Method 3015, CDischarge = 100pF, RDischarge = 1.5K, VP = 3.3V, VN grounded. Standard IEC 61000-4-2 with CDischarge = 150pF, RDischarge = 330, VP = 3.3V, VN grounded. These measurements performed with no external capacitor on VP.
Rev. 4 | Page 4 of 16 | www.onsemi.com
CM1293A
Performance Information
Input Channel Capacitance Performance Curves
Rev. 4 | Page 5 of 16 | www.onsemi.com
CM1293A
Performance Information (cont'd)
Typical Filter Performance (nominal conditions unless specified otherwise, 50 Ohm Environment)
Figure 1. Insertion Loss (S21) VS. Frequency (0V DC Bias, VP=3.3V)
Figure 2. Insertion Loss (S21) VS. Frequency (2.5V DC Bias, VP=3.3V)
Rev. 4 | Page 6 of 16 | www.onsemi.com
CM1293A
Application Information
Design Considerations
In order to realize the maximum protection against ESD pulses, care must be taken in the PCB layout to minimize parasitic series inductances on the Supply/Ground rails as well as the signal trace segment between the signal input (typically a connector) and the ESD protection device. Refer to Figure 3, which illustrates an example of a positive ESD pulse striking an input channel. The parasitic series inductance back to the power supply is represented by L1 and L2. The voltage VCL on the line being protected is:
VCL = Fwd voltage drop of D1 + VSUPPLY + L1 x d(IESD) / dt+ L2 x d(IESD) / dt
where IESD is the ESD current pulse, and VSUPPLY is the positive supply voltage. An ESD current pulse can rise from zero to its peak value in a very short time. As an example, a level 4 contact discharge per the IEC61000-4-2 standard results in a current pulse that rises from zero to 30 Amps in 1ns. -9 Here d(IESD)/dt can be approximated by IESD/t, or 30/(1x10 ). So just 10nH of series inductance (L1 and L2 combined) will lead to a 300V increment in VCL! Similarly for negative ESD pulses, parasitic series inductance from the VN pin to the ground rail will lead to drastically increased negative voltage on the line being protected. The CM1293 has an integrated Zener diode between VP and VN. This greatly reduces the effect of supply rail inductance L2 on VCL by clamping VP at the breakdown voltage of the Zener diode. However, for the lowest possible VCL, especially when VP is biased at a voltage significantly below the Zener breakdown voltage, it is recommended that a 0.22F ceramic chip capacitor be connected between VP and the ground plane. As a general rule, the ESD Protection Array should be located as close as possible to the point of entry of expected electrostatic discharges. The power supply bypass capacitor mentioned above should be as close to the VP pin of the Protection Array as possible, with minimum PCB trace lengths to the power supply, ground planes and between the signal input and the ESD device to minimize stray series inductance.
Figure 3. Application of Positive ESD Pulse between Input Channel and Ground
Rev. 4 | Page 7 of 16 | www.onsemi.com
CM1293A
Mechanical Details
SOT143 Mechanical Specifications Dimensions for CM1293A-02SR devices supplied in 4-pin SOT143 packages are presented below.
PACKAGE DIMENSIONS
Package Pins Dimensions Millimeters Min A A1 b b2 c D E E1 e e1 L L1 # per tape and reel 0.80 0.05 0.30 0.76 0.08 2.80 2.10 1.20 Max 1.22 0.15 0.50 0.89 0.20 3.04 2.64 1.40 Min 0.031 0.002 0.012 0.030 0.003 0.110 0.082 0.047 SOT143 4 Inches Max 0.048 0.006 0.019 0.035 0.008 0.119 0.103 0.055
1.92 BSC 0.20 BSC 0.4 0.6
0.075 BSC 0.008 BSC 0.016 0.024
0.54 REF
0.021 REF 3000 pieces
Controlling dimension: millimeters
Package Dimensions for SOT143
Rev. 4 | Page 8 of 16 | www.onsemi.com
CM1293A
Tape and Reel Specifications
PACKAGE SIZE (mm) 2.92 X 2.37 X 1.01 POCKET SIZE (mm) B0 X A0 X K0 2.60 X 3.15 X 1.20 TAPE WIDTH W 8mm REEL DIAMETER 178mm (7") QTY PER REEL 3000
PART NUMBER CM1293A-02SR
P0 4mm
P1 4mm
Rev. 4 | Page 9 of 16 | www.onsemi.com
CM1293A
Mechanical Details (cont'd)
SOT23-5 Mechanical Specifications, 5 pin The 5-pin SOT23 package dimensions are presented below.
PACKAGE DIMENSIONS
Package JEDEC No. Leads Dim. Min A A1 A2 b c D E E1 e e1 L L1 # per tape and reel 0.35 0.53 1.14 0.05 1.09 0.30 0.08 2.87 2.67 1.55 Millimeters Nom 1.24 0.10 1.14 0.35 0.15 2.92 2.79 1.63 0.95 REF 1.90 REF 0.40 0.58 0.45 0.64 Max 1.35 0.15 1.19 0.40 0.22 2.97 2.92 1.68 Min 0.045 0.002 0.043 0.012 0.003 0.113 0.105 0.061 SOT23-5 MO-178 (Var. AA)
5 Inches Nom 0.049 0.004 0.045 0.014 0.006 0.115 0.110 0.064 Max 0.053 0.006 0.047 0.016 0.009 0.117 0.115 0.066
0.037 REF 0.075 REF 0.014 0.021 0.016 0.023 0.018 0.025
3000 pieces
Package Dimensions for SOT23-5
Controlling dimension: millimeters
Rev. 4 | Page 10 of 16 | www.onsemi.com
CM1293A
Tape and Reel Specifications
PACKAGE SIZE (mm) 2.92 X 2.79 X 1.24 POCKET SIZE (mm) B0 X A0 X K0 3.20 X 3.20 X 1.40 TAPE WIDTH W 8mm REEL DIAMETER 178mm (7") QTY PER REEL 3000
PART NUMBER CM1293A-02SO
P0 4mm
P1 4mm
Rev. 4 | Page 11 of 16 | www.onsemi.com
CM1293A
Mechanical Details (cont'd)
SOT23-6 Mechanical Specifications The CM1293A-04SO is supplied in a 6-pin SOT23 package. Dimensions are presented below.
PACKAGE DIMENSIONS
Package Pins Dimensions Millimeters Min A A1 b c D E E1 e e1 L L1 # per tape and reel -0.00 0.30 0.08 2.75 2.60 1.45 Max 1.45 0.15 0.50 0.22 3.05 3.00 1.75 Min -0.0000 0.0118 0.0031 0.1083 0.1024 0.0571 SOT23-6 (JEDEC name is MO-178) 6 Inches Max 0.0571 0.0059 0.0197 0.0087 0.1201 0.1181 0.0689
0.95 BSC 1.90 BSC 0.30 0.60
0.0374 BSC 0.0748 BSC 0.0118 0.0236
0.60 REF
0.0236 REF 3000 pieces
Package Dimensions for SOT23-6
Controlling dimension: millimeters
Rev. 4 | Page 12 of 16 | www.onsemi.com
CM1293A
Tape and Reel Specifications
PACKAGE SIZE (mm) 2.90 X 2.80 X 1.45 POCKET SIZE (mm) B0 X A0 X K0 3.20 X 3.20 X 1.40 TAPE WIDTH W 8mm REEL DIAMETER 178mm (7") QTY PER REEL 3000
PART NUMBER CM1293A-04SO
P0 4mm
P1 4mm
Rev. 4 | Page 13 of 16 | www.onsemi.com
CM1293A
Mechanical Details (cont'd)
MSOP-10 Mechanical Specifications The CM1293A-04MR is supplied in a 10-pin MSOP package. Dimensions are presented below.
PACKAGE DIMENSIONS
Package Pins Dimensions Millimeters Min A A1 B C D E e H L # per tape and reel 0.75 0.05 0.17 0.13 2.90 2.90 Max 0.95 0.15 0.27 0.23 3.10 3.10 Min 0.028 0.002 0.007 0.005 0.114 0.114 MSOP 10 Inches Max 0.038 0.006 0.013 0.009 0.122 0.122
0.50 BSC 4.90 BSC 0.40 0.70
0.0196 BSC 0.193 BSC 0.0137 4000 0.029
Controlling dimension: millimeters
Package Dimensions for MSOP-10
Rev. 4 | Page 14 of 16 | www.onsemi.com
CM1293A
Tape and Reel Specifications
PACKAGE SIZE (mm) 3.00 X 3.00 X 0.85 POCKET SIZE (mm) B0 X A0 X K0 3.30 X 5.30 X 1.30 TAPE WIDTH W 12mm REEL DIAMETER 330mm (13") QTY PER REEL 4000
PART NUMBER CM1293A04MR
P0 4mm
P1 8mm
Rev. 4 | Page 15 of 16 | www.onsemi.com
CM1293A
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice to any
products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 For additional information, please contact your local Sales Representative Order Literature: http://www.onsemi.com/orderlit ON Semiconductor Website: www.onsemi.com
Rev. 4 | Page 16 of 16 | www.onsemi.com


▲Up To Search▲   

 
Price & Availability of CM1293A-04SO

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X