Part Number Hot Search : 
MAX5020 AD7506 EC9219 CP3CN23 4863G 2FTR16SG A104J RU1JG
Product Description
Full Text Search
 

To Download CHB150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S
E
R
I
E
S
Specifications
INPUT SPECIFICATIONS:
All Specifications Typical At Nominal Line , Full Load , and 25C Unless Otherwise Noted
75 TO 150 WATT WIDE INPUT DC-DC CONVERTERS SINGLE OUTPUT
(R)
US
E176177
Features
* * * * 75-150W Isolated Output Efficiency to 85% 500KHz Switching Frequency 2 : 1 Input Range * * * * Regulated Outputs Continuous Short Circuit Protection Five-Sided Metal Case Industry Standard Half-Brick Package
Voltage Accuracy : ..................................................................... 1% max. Transient Response :25% Step Load Change ..........................<500 sec. External Trim Adj. Range ......................................................................10% Ripple & Noise, 20MHz BW, 2.5V & 3.3V & 5V .............. 40mV RMS., max. 100mV pk-pk, max. 12V & 15V .......................... 60mV RMS., max. 150mV pk-pk, max. 24V .......................... 100mV RMS., max. 240mV pk-pk, max. Temperature Coefficient............................................................ 0.03%/C Short Circuit Protection..............................................................Continuous Line Regulation1 ..........................................................................0.2% max. Load Regulation2 ........................................................................0.2% max. Over Voltage Protection trip Range ,% Vo nom. ......................115-140% Current Limit .................................................110% ~140% Nominal Output
NOTE:
1. Measured From High Line to Low Line. 2. Measured From Full Load to Zero Load. 3. Logic Compatibility ............... Open Collector ref to -Input Module ON ............. Open Circuit Module OFF ............... < 0.8Vdc 4. Suffix "N" to the Model Number with Negative Logic Remote ON/OFF.
CASE HB
All Dimensions In Inches(mm) Tolerances Inches Millimeters .XX.02 .X.5 .XXX.010 .XX.25 Pin 0.02 0.5
Mounting Inserts M3*0.5 Through 4pl.
BOTTOM VIEW
0.18 min. (4.60) 2*R1.5
PIN CONNECTION
Pin Function +Vin ON/OFF CASE -Vin -Vout -Sense Trim +Sense +Vout 1. 2. 3. 4. 5. 6. 7. 8. 9.
4
5 6 7 2.40 (61.00) O0.08 (2.03) 2pl.
MODEL NUMBER CHB150-48S25
INPUT VOLTAGE
OUTPUT VOLTAGE 2.5 VDC
OUTPUT CURRENT 30A
INPUT CURRENT NO LOAD FULL LOAD 2.6A
%EFF
CASE
1.40 (35.56) 2.00 (50.80)
3 0.60 (15.24) 2 1
8 9 O0.04 (1.02) 7pl.
74
CHB150-48S33
3.3 VDC
30A
2.6A
79
1.90 (48.26) 0.50 (12.70) SIDE VIEW
CHB150-48S05 36-75 VDC CHB150-48S12
5 VDC
30A 25 mA
3.7A
83 HB
2.28 (57.90)
12 VDC
12.5A
3.6A
85
External Output Trim
Remote ON/OFF Control
CHB150-48S15 15 VDC 10A 3.6A 85
ON/OFF (2)
+SENSE (8) TRIM DOWN
+SENSE (8)
CHB150-48S24
NOTE : 1. Nominal Input Voltage 48 VDC
24 VDC
6.25A
3.6A
85
HIGH SIGNAL HERE DISABLE OUTPUT -VIN (4)
TRIM (7) TRIM UP -SENSE (6)
TRIM (7)
10K ohms TRIMPOT
-SENSE (6)
83
All Specifications Typical At Nominal Line, Full Load and 25C Unless Otherwise Noted.
84
CHB150
CHB150
GENERAL SPECIFICATIONS:
Efficiency....................................................................................See Table Isolation Voltage ...........................Input/Output............. 1500VDC min. Input/Case................ 1500VDC min. Output/Case............. 1500VDC min. Isolation Resistance ............................................................ 107 ohm min. Switching Frequency ........................................................... 500KHz ,Typ. Operating case Temperature ....................................... -40C to 100C Storage Temperature ................................................... -40C to +105C Thermal Shutdown, Case Temp. ............................................100C Typ. Dimensions ............................................................2.28x2.40x0.50 inches (57.9x61.0x12.7 mm) Case Material ..........................................................................Aluminum
Input Voltage Range...................................................... 48V............36-75V Undervoltage lockout .............................. 48Vin power up ............... 34V 48Vin power down ............. 32.5V Positive Logic Remote ON/OFF 3.4 Input Filter ......................................................................................... PI Type
OUTPUT SPECIFICATIONS:
Application Note
Derating The operating case temperature range of the CHB100/150 series is -40C to +100C. When operating the CHB100/150 series, proper derating or cooling is needed . Following is the derating curve of CHB100/150 without heat sink.
Remote ON/OFF Control
The CHB100/150 Series allows the user to switch the module on and off electronically with remote on/off feature. The CHB100/150 Series are available with "positive logic" or "negative logic" (option).
Logic Table
ON/OFF (2)
Logic State
(Pin 2)
Logic Low Power Dissipated vs Ambient Temperature and Air Flow
35 Power Disspated, Pd (Watts) 30 200 ft./min. (1.0 m/s) 25 20 15 10 5 600 ft./min. (3.0 m/s) 0 0 10 20 30 40 50 60 70 80 90 100 700 ft./min. (3.5 m/s) 800 ft./min. (4.0 m/s) Ambient Temperature, Ta(Deg. C) TRIM (7) 300 ft./min. ( 1.5 m/s) 400 ft./min. (2.0 m/s) 500 ft./min. (2.5 m/s) Natural Convection 20 ft./min. (0.1 m/s) 100 ft./min. (0.5 m/s) -VIN (4) HIGH SIGNAL HERE DISABLE OUTPUT
Switch Closed Logic High Switch Open
Module on
Module off
Module off
Module on
External Output Trimming
Output may optionally be externally trimmed (10%) with a fixed resistor or an external trimpot as shown.
TRIM DOWN TRIM (7) 10K ohms TRIMPOT +SENSE (8) +SENSE (8)
TRIM UP
Forced Convection Power Derating with No Heat Sink
-SENSE (6) -SENSE (6)
Where: The power dissipation (Pd): Pd = Pi - Po = Po (1)/ External Output
The thermal resistance are list below:
Chart of Thermal Resistance vs Air Flow:
AIR FLOW RATE Natural Convection 20ft./min. (0.1m/s) 100 ft./min. (0.5m/s) 200 ft./min. (1.0m/s) 300 ft./min. (1.5m/s) 400 ft./min. (2.0m/s) 500 ft./min. (2.5m/s) 600 ft./min. (3.0m/s) 700 ft./min. (3.5m/s) 800 ft./min. (4.0m/s) TYPICAL Rca 7.12 C/W 6.21 C/W 5.17 C/W 4.29 C/W 3.64 C/W 2.96 C/W 2.53 C/W 2.37 C/W 2.19 C/W
Output Noise
The output noise is measured with 10F tantalum capacitor and 1.0F ceramic capacitor across output.
+Vout (9)
Ceramic 1.0F
Resistor Load
Solid Tantalum 10F -Vout (5)
To Scope
The temperature rise (
T ): T = Pd * Rca
Output Noise Test Circuit schematic
85
All Specifications Typical At Nominal Line, Full Load and 25C Unless Otherwise Noted.
86
CHB150
Negative Logic
Positive Logic


▲Up To Search▲   

 
Price & Availability of CHB150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X