Part Number Hot Search : 
10JTF10 TD7101F A4P5130 T2323D KT8554BD TEA2018A FM120 2SD1336
Product Description
Full Text Search
 

To Download BZX84C5V1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BZX84C2V4BZX84C39
SURFACE MOUNT ZENER DIODE
VOLTAGE RANGE 2.4 to 39 Volts POWER RATING 350 mWatts
FEATURES
* * * *
Planar Die Construction 350mW Power Dissipation Zener Volages from 2.4V-39V Ideally Suited for Automated Assembly Processes
SOT-23
MECHANICAL DATA
* * * * * Case: Molded plastic Epoxy: UL 94V-O rate flame retardant Lead: MIL-STD-202E method 208C guaranteed Mounting position: Any Weight: 0.008 gram
0.055(1.40) 0.047(1.20) 0.007(0.178) 0.003(0.076) 0.024(0.61) 0.018(0.45)
0.043(1.10) 0.035(0.89) 0.006(0.150) 0.001(0.013)
0.020(0.51) 0.015(0.37)
0.098(2.50) 0.083(2.10)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 o C ambient temperature unless otherwise specified.
0.081(2.05) 0.070(1.78)
0.120(3.05) 0.104(2.65)
Dimensions in inches and (millimeters) MAXIMUM RATINGES ( @ TA = 25 C unless otherwise noted ) RATINGS Max. Steady State Power Dissipation @TA=25oC (Note 1) Max. Operating Temperature Range Storage Temperature Range SYMBOL PD TJ TSTG VALUE 350 150 -65 to +150 UNITS mW
o o o
C C
ELECTRICAL CHARACTERISTICS ( @ TA = 25oC unless otherwise noted ) CHARACTERISTICS Thermal Resistance Junction to Ambient (Note 1) Forward Voltage at IF= 10mA SYMBOL R qJA VF MIN. TYP. MAX. 357 0.9 UNITS
o
C/W
Volts 2007-09
Note 1. Valid provided that device terminats are kept at ambient temperature. 2. "Fully RoHS Compliant", "100% Sn plating (Pb-free)".
ELECTRICAL CHARACTERISTICS
Zener voltage Range (Note 1) TYPE VZ (V) @ IZT Nom Volts Min Volts 2.2 2.5 2.8 3.1 3.4 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 12.4 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28.0 31.0 34.0 37.0 Max Volts 2.6 2.9 3.2 3.5 3.8 4.1 4.6 5.0 5.4 6.0 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1 15.6 17.1 19.1 21.2 23.3 25.6 28.9 32 35 38 41 Test current IZT (mA) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 2.0 2.0 2.0 2.0 2.0
(@TA=25 C unless otherwise specified)
O
Maximum Zener impedance (Note 2) ZZT at IZT (W) 100 100 95 95 90 90 90 80 60 40 10 15 15 15 15 20 20 25 30 30 40 45 55 55 70 80 80 80 90 130 ZZK (W) 600 600 600 600 600 600 600 600 500 480 400 150 80 80 80 100 150 150 150 170 200 200 225 225 250 250 300 325 350 350 at IZK (mA) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 0.5 0.5 0.5 0.5 0.5
Maximum reverse leakage current IR (uA) 50 20 10 5.0 5.0 3.0 3.0 3.0 2.0 1.0 3.0 2.0 1.0 0.7 0.5 0.2 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 at VR (V) 1.0 1.0 1.0 1.0 1.0 1.0 1.0 2.0 2.0 2.0 4.0 4.0 5.0 5.0 6.0 7.0 8.0 8.0 8.0 10.5 11.2 12.6 14.0 15.4 16.8 18.9 21.0 23.1 25.2 27.3
Temperature Coefficent of Zener voltage @IZT =5mA mV/OC Min. -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -3.5 -2.7 -2.0 0.4 1.2 2.5 3.2 3.8 4.5 5.4 6.0 7.0 9.2 10.4 12.4 14.4 16.4 18.4 21.4 24.4 27.4 30.4 33.4 Max. 0 0 0 0 0 0 0 0.2 1.2 2.5 3.7 4.5 5.3 6.2 7.0 8.0 9.0 10.0 11.0 13.0 14.0 16.0 18.0 20.0 22.0 25.3 29.4 33.4 37.4 41.2
BZX84C2V4 BZX84C2V7 BZX84C3V0 BZX84C3V3 BZX84C3V6 BZX84C3V9 BZX84C4V3 BZX84C4V7 BZX84C5V1 BZX84C5V6 BZX84C6V2 BZX84C6V8 BZX84C7V5 BZX84C8V2 BZX84C9V1 BZX84C10 BZX84C11 BZX84C12 BZX84C13 BZX84C15 BZX84C16 BZX84C18 BZX84C20 BZX84C22 BZX84C24 BZX84C27 BZX84C30 BZX84C33 BZX84C36 BZX84C39
2.4 2.7 3.0 3.3 3.6 3.9 4.3 4.7 5.1 5.6 6.2 6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39
Notes 1. Tested with pulses,period - 5ms, pulse width - 30uS. 2. f = 1KHz.
DISCLAIMER NOTICE
Rectron Inc reserves the right to make changes without notice to any product specification herein, to make corrections, modifications, enhancements or other changes. Rectron Inc or anyone on its behalf assumes no responsibility or liability for any errors or inaccuracies. Data sheet specifications and its information contained are intended to provide a product description only. "Typical" parameters which may be included on RECTRON data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. Rectron Inc does not assume any liability arising out of the application or use of any product or circuit. Rectron products are not designed, intended or authorized for use in medical, life-saving implant or other applications intended for life-sustaining or other related applications where a failure or malfunction of component or circuitry may directly or indirectly cause injury or threaten a life without expressed written approval of Rectron Inc. Customers using or selling Rectron components for use in such applications do so at their own risk and shall agree to fully indemnify Rectron Inc and its subsidiaries harmless against all claims, damages and expenditures.


▲Up To Search▲   

 
Price & Availability of BZX84C5V1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X