Part Number Hot Search : 
SKY77456 MBD301 0700007 LT1560W 74AC374 CNA1312K MS8GE CM160
Product Description
Full Text Search
 

To Download BY399 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BY396 thru BY399
SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
CHENG- YI
ELECTRONIC
VOLTAGE-100 TO 800 Volts CURRENT -3.0 Amperes
FEATURE
High surge current capability Plastic has Underwriters Laboratory. Flammability classification 94V-O Void-free molded plastic package. 3.0 Ampere operation at TA=500C with no thermal runaway. Fast switching for high efficiency Exceeds environmental standards of MILSTD-19500/228.
DO-201AD
MECHANICAL DATA
Case:JEDEC DO-201AD molded plastic Terminals:plated Axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color Band denotes end Mounting position:Any Weight:0.4 ounce, 1.1 gram
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 250C ambient temperature unless otherwise specified. Resistive or inductive load.
BY396
BY397
200 140 200 3.0
BY398
400 280 400
BY399
800 560 800
UNITS
Volts Volts Volts Amps
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current .375" , (9.5mm) lead length at TA =50 C
0
VRRM VRMS VDC I(AV) IFSM IFRM VF IR
0
100 70 100
Peak Forward Surge Current 10ms single half sine-wave superimposed on rated load TA =25 C
0
100.0 10.0 1.3 10.0 500 150 28.0
Amps Amps Volts A nS pF
0
Maximum Repetitive Peak Forward Surge (Note 1) Maximum Instantaneous Forward Voltage at 3.0A Maximum DC Reverse Current TA =25 C at Rated DC Blocking Voltage TA =100 C
0 0
Maximum Reverse Recovery Time (Note 3) TJ =25 C Typical Junction Capaitance (Note 2) Typical Thermal Resistance (Note 4) Operating Temperature Range Storage Temperature Range
TRR CJ R TJ TSTG JA
22.0 -50 to +125 -50 to +150
C/W
0
C C
0
Notes : 1. Repetitive Peak Forward Surge Current at f<15KHz. 2. Measured at 1MHz and applied reverse voltage of 4.0 volts. 3. Reverse Recovery Test Conditions : IF=0.5A, IR=1.0A, Irr=0.25A. 4. Thermal Resistance from Junction to Ambient at .375" (9.5mm) lead lengths with both leads to heat sink.
BY396 thru BY399
SOFT RECOVERY, FAST SWITCHING PLASTIC RECTIFIER
CHENG- YI
ELECTRONIC
RATING AND CHARACTERISTICS CURVES BY396 THRU BY399
Fig.1 - FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD RECTIFIED CURRENT AMPERES
4.0 200
Fig.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
PEAK FORWARD SURGE CURRENT, (A)
3.0
100
2.0
50
1.0
RESISTIVE OR INDUCTIVE LOAD .375"(9.5mm) LEAD LENGTHS
0 TA=50C
10ms Single Half Sine Wave AT RATED LO AD
0 0 20 40 60 80 100 120 140
10 1.0 5.0 10 50 100
AMBIENT TEMPERATURE, 0C
NUMBER OF CYCLES AT 60 Hz
Fig.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
100
INSTANTANEOUS FORWARD CURRENT, (A)
50
Fig.4- TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS REVERSE CURRENT, (mA)
10
0 TJ=100C
10 5.0
1.0 0.5
0 TJ=25C Pulse Width-300 s 2% DUTY CYCLE
1.0
0 TJ=50C
0.1 .05
0.1
0 TJ=25C
.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
.01
0
20
40
60
80
100
120
140
INSTANTANEOUS FORWARD VOLT AGE, (V)
PERCENT OF RATED PEAK REVERSE VOLTAGE
Fig.5 - TYPICAL JUNCTION CAPACIT ANCE
100
CAPACITANCE-pF
50
10
0 TJ=25C f=1MHz Visg=50m Vp-p max
1.0
5.0
10
50
100
REVERSE VOLTAGE(V)


▲Up To Search▲   

 
Price & Availability of BY399

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X