Part Number Hot Search : 
STZ8160C TDA1574 4740A MT1210 120N1T CF601M 30N45T ML4869
Product Description
Full Text Search
 

To Download BAS70DWPT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT
SCHOTTKY DIODE ARRAY VOLTAGE 70 Volts CURRENT 70 mAmperes
APPLICATION
* Ultra high speed switching
BAS70DWPT
FEATURE
* Small surface mounting type. (SC-88/SOT-363) * High speed. (TRR=2.5nSec Typ.) * Suitable for high packing density. * Maximum total power disspation is 200mW. *. Peak forward surge current is 100mA. * Schottky diode array ( Dual common cathode ).
SC-88/SOT-363
(1)
(6)
CONSTRUCTION
* PN junction guard ring protection
1.2~1.4
0.65 0.65
2.0~2.2
WEIGHT
* 0.008 grams ( Approx.)
(4) 0.15~0.35 (3) 1.15~1.35
MARKING
* DW3
0.08~0.15 0.1 Min. 0.8~1.1 0~0.1 2.15~2.45
CIRCUIT
6
4
1
3
Dimensions in millimeters
SC-88/SOT-363
RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current at 1Sec. Typical Junction Capacitance between Terminal (Note 1) Maximum Reverse Recovery Time (Note 2) Maximum Operating Temperature Range Storage Temperature Range
SYMBOL VRRM VRMS VDC IO IFSM CJ TRR TJ TSTG
BAS70DWPT 70 49 70 70 100 2.0 5.0 -55 to +125 -65 to +150
UNITS Volts Volts Volts mAmps mAmps pF nSec
o o
C C
ELECTRICAL CHARACTERISTICS ( At TA = 25oC unless otherwise noted ) CHARACTERISTICS @IF= 1.0mA Maximum Instantaneous Forward Voltage @IF= 15mA Maximum Average Reverse Current at VR= 50V IR VF 1000 100 nAmps 2004-06 SYMBOL BAS70DWPT 410 mVolts UNITS
NOTES : 1. Measured at 1.0 MHZ and applied reverse voltage of 0.0 volts. 2. Measured at applied froward current of 10mA and reverse current of 10mA. 3. ESD sensitive product handling required.
RATING CHARACTERISTIC CURVES ( BAS70DWPT )
FIG. 1 - FORWARD CHARACTERISTICS 1 FORWARD CURRENT, (A) 100m 10m
=1 Ta 25
o
FIG. 2 - REVERSE CHARACTERISTICS 10m REVERSE CURRENT, (A) 1m
o Ta=125 C
75
o
C
100u 10u 1u 100n 10n
o 100 C o 75 C o 50 C
C
25
-2 5
o
o
C
1m 100u
C
o 25 C
10u 0 0.2 0.4 0.6 0.8 1.0 1.2 FORWARD VOLTAGE, (V)
0
10
20
30
40
50
60
70
REVERSE VOLTAGE, (V)
FIG. 3 - TYPICAL JUNCTION CAPACITANCE
Ta =25oC f=1MHz
5 2 1 .5 .2 .1 0 2 4 6 8 10
AVERAGE FORWARD CURRENT, (%)
10 JUNCTION CAPACITANCE , (pF)
120 100 80 60 40 20 0
FIG. 4 - TYPICAL FORWARD CURRENT DERATING CURVE
12
14
0
25
50
75
100
o
125
150
REVERSE VOLTAGE, (V)
AMBIENT TEMPERATURE, ( C)


▲Up To Search▲   

 
Price & Availability of BAS70DWPT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X