Part Number Hot Search : 
TX147 100KR KVO12 00060 CN100 BCM91160 P4000SB 1N5453
Product Description
Full Text Search
 

To Download B1023ERW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 B1000ERW Series
Low Cost 1 x 2 Inch 10W Wide Input Range DC/DC Converters
Key Features:
* 10W Output Power * 2:1 Input Voltage Range * 1,500 VDC Isolation * Efficiency to 86% * Compact 1 x 2 Inch Case * Single & Dual Outputs * Industry Standard Pin-Out * Lowest Cost!!
Input Filter Short Circuit Input Power
Electrical Specifications
Input Parameter Input Voltage Range Conditions Min. 12 VDC Input 9.0 24 VDC Input 18.0 48 VDC Input 36.0 (Pi) Filter Typ. 12.0 24.0 48.0 1,500 Conditions Dual Output , Balanced Loads Vin = Min to Max Iout = 25% to 100% Iout = 25% to 100% Bandwidth = 20 Hz to 300 kHz Bandwidth = DC to 20 MHz 110 25% Load Step Change 200 2.0 0.01 Min. Typ.
A Budget Saver!!
Max. 18.0 36.0 72.0 Units VDC
Specifications typical @ +25C, nominal input voltage & rated output current, unless otherwise noted. Specifications subject to change without notice.
mW Max. 3.0 5.0 0.2 0.5 5.0 50 100 Units % % % % % mV P - P mV P - P % Sec % %/C
Output
Parameter Output Voltage Accuracy Output Voltage Balance Line Regulation Positive Load Regulation Negative Load Regulation Ripple Noise Output Power Protection Transient Recovery Time (Note 1) Transient Response Deviation Temperature Coefficient Output Short Circuit
0.1 0.2 3.0 30
RoHS Compliant
0.02
Continuous Conditions 60 Seconds 500 VDC 100 kHz, 1V Min. 1,500 1,000 Typ. Max. Units VDC M pF kHz Units C C C %
General
Parameter Isolation Voltage Isolation Resistance Isolation Capacitance Switching Frequency
130 300 Max. +71 +90 +125 95
Environmental
Parameter Operating Temperature Range Operating Temperature Range Storage Temperature Range Cooling Humidity Conditions Min. Typ. -40 +25 -40 +25 -40 Free Air Convection RH, Non-condensing Ambient Case
MicroPower Direct
292 Page Street Suite D Stoughton, MA 02072 USA T: (781) 344-8226 F: (781) 344-8481 E: sales@micropowerdirect.com W: www.micropowerdirect.com
Physical
Case Size Case Material Weight 2.0 x 1.0 x 0.40 Inches (50.8 x 25.4 x 10.2 mm) Non-Conductive Black Plastic (UL94-V0) 1.06 Oz (30g) Conditions MIL HDBK 217F, 25C, Gnd Benign Conditions 12 VDC Input 24 VDC Input 48 VDC Input 1.5 mm From Case for 10 Sec All Models Min. 1.0 Min. -0.7 -0.7 -0.7 Typ. Max. Units MHours Units VDC C mW
Reliability Specifications
Parameter MTBF
Absolute Maximum Ratings
Parameter Input Voltage Surge (1 Sec) Lead Temperature Internal Power Dissipation Typ. Max. 25.0 45.0 100.0 300 5,000
Caution: Exceeding Absolute Maximum Ratings may damage the module. These are not continuous operating ratings.
Model Selection Guide
Model Number B1001ERW B1002ERW B1003ERW B1004ERW B1005ERW B1006ERW B1011ERW B1012ERW B1013ERW B1014ERW B1015ERW B1016ERW B1021ERW B1022ERW B1023ERW B1024ERW B1025ERW B1026ERW Notes:
1. Transient recovery is measured to within a 1% error band for a load step change of 75% to 100%. 2. Output load regulation is specified for a load change of 25% to 100%. 3. When measuring output ripple, it is recommended that an external ceramic capacitor (approx approx 1 F to 10 F) be placed from the +Vout pin to the -Vout pin for single output units and from each output to common for dual output units. 4. These units should not be operated with a load under 10% of full load. Operation at no-load may cause damage to the unit. 5. These converters are specified for operation without external components. However, in some applications the addition of input/ouput capacitors will enhance stability and reduce output ripple. Recommended capacitor values are: Vin 12 VDC 24 VDC 48 VDC Input Capacitor 100 F 100 F 100 F Output Capacitor 100 F per 1A of Iout 100 F per 1A of Iout 100 F per 1A of Iout
Input Voltage (VDC) Current (mA) Nominal Range Full-Load No-Load 12 9.0 - 18.0 1,111 25 12 9.0 - 18.0 1,068 25 12 9.0 - 18.0 1,041 25 12 9.0 - 18.0 1,157 25 12 9.0 - 18.0 1,082 25 12 9.0 - 18.0 1,041 25 24 18.0 - 36.0 555 8 24 18.0 - 36.0 534 8 24 18.0 - 36.0 520 8 24 18.0 - 36.0 563 8 24 18.0 - 36.0 508 8 24 18.0 - 36.0 496 8 48 36.0 - 75.0 257 5 48 36.0 - 75.0 242 5 48 36.0 - 75.0 242 5 48 36.0 - 75.0 264 5 48 36.0 - 75.0 245 5 48 36.0 - 75.0 245 5
Voltage (VDC) 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15 5 12 15
Output Current (mA, Max) 2,000 832 660 1,000 416 333 2,000 832 660 1,000 416 333 2,000 830 670 1,000 416 333
Current (mA, Min) 200 83 66 100 41 33 200 83 66 100 41 33 200 83 66 100 41 33
Efficiency (%, Typ) 75 78 80 72 77 80 75 78 80 74 82 84 81 86 86 79 85 85
Fuse Rating Slow-Blow (mA) 3,000 3,000 3,000 3,000 3,000 3,000 1,500 1,500 1,500 1,500 1,500 1,500 750 750 750 750 750 750
Derating Curve
For applications requiring very low output noise levels, a simple LC filter should be effective. 6. Dual output units may be connected to provide a 10V, 24V or 30 VDC output. To do this, connect the load across the positive (+Vout) and negative (-Vout) outputs and float the output common. 7. It is recommended that a fuse be used on the input of a power supply for protection. See the Model Selection table above for the correct rating.
Mechanical Dimensions
Capacitive Load
Single Output (F Max) 400 Dual Output (F Max) 200
Pin Connections
Pin
1 2 3 4 5
Single
+Vin -Vin +Vout No Pin -Vout
Dual
+Vin -Vin +Vout Common -Vout
Mechanical Notes:
* All dimensions are typical in inches (mm) * Tolerance x.xx = 0.01 (0.25)
MicroPower Direct
www.micropowerdirect.com
*
292 Page Street Ste D Stoughton, MA 02072
TEL: (781) 344-8226
*
FAX: (781) 344-8481
*
E-Mail: sales@micropowerdirect.com


▲Up To Search▲   

 
Price & Availability of B1023ERW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X