Part Number Hot Search : 
2SC6064 NTE394 ICM7211 MC1402 108M004 402ML 27000 30876MJB
Product Description
Full Text Search
 

To Download AS7C513C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 September 2006 Advance Information
(R)
AS7C513C
5 V 32K X 16 CMOS SRAM Features
* Industrial (-40o to 85oC) temperature * Organization: 32,768 words x 16 bits * Center power and ground pins for low noise * High speed - 12 ns address access time - 6 ns output enable access time * Low power consumption via chip deselect * Easy memory expansion with CE, OE inputs * TTL-compatible, three-state I/O * Upper and Lower byte pin * JEDEC standard packaging * ESD protection 2000 volts
- 44-pin 400 mil SOJ - 44-pin TSOP 2
Pin arrangement
44-Pin SOJ (400 mil), TSOP 2
NC A3 A2 A1 A0 CE I/O0 I/O1 I/O2 I/O3 VCC GND I/O4 I/O5 I/O6 I/O7 WE A14 A13 A12 A11 NC 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 A4 A5 A6 OE UB LB I/O15 I/O14 I/O13 I/O12 GND VCC I/O11 I/O10 I/O9 I/O8 NC A7 A8 A9 A10 NC
Logic block diagram
A1 A2 A3 A4 A5 A6 A7 I/O0-I/O7 I/O8-I/O15
Address decoder
A0
VCC
I/O buffer
Control circuit Address decoder
A8 A9 A10 A11 A12 A13 A14
WE
UB OE LB CE
12/5/06, v 1.0
Alliance Memory
AS7C513C
32,768 x 16 Array
GND
P. 1 of 9
Copyright (c) Alliance Memory. All rights reserved.
AS7C513C
(R)
Functional description
The AS7C513C is a 5V high-performance CMOS 524,288-bit Static Random Access Memory (SRAM) device organized as 32,768 words x 16 bits. It is designed for memory applications where fast data access, low power, and simple interfacing are desired. Equal address access and cycle times (tAA, tRC, tWC) of 12 ns with output enable access times (tOE) of 6 ns are ideal for highperformance applications. When CE is high, the device enters standby mode. If inputs are still toggling, the device will consume ISB power. If the bus is static, then full standby power is reached (ISB1). A write cycle is accomplished by asserting write enable (WE) and chip enable (CE). Data on the input pins I/O0 through I/O15 is written on the rising edge of WE (write cycle 1) or CE (write cycle 2). To avoid bus contention, external devices should drive I/O pins only after outputs have been disabled with output enable (OE) or write enable (WE). A read cycle is accomplished by asserting output enable (OE) and chip enable (CE) with write enable (WE) high. The chip drives I/O pins with the data word referenced by the input address. When either chip enable or output enable is inactive or write enable is active, output drivers stay in high-impedance mode. The device provides multiple center power and ground pins, and separate byte enable controls, allowing individual bytes to be written and read. LB controls the lower bits, I/O0 through I/O7, and UB controls the higher bits, I/O8 through I/O15. All chip inputs and outputs are TTL-compatible, and operation is from a single 5 V supply. The AS7C513C is packaged in common industry standard packages.
Absolute maximum ratings
Parameter Voltage on VCC relative to GND Voltage on any pin relative to GND Power dissipation Storage temperature (plastic) Ambient temperature with VCC applied DC current into outputs (low) Note:
Stresses greater than those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions outside those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Symbol Vt1 Vt2 PD Tstg Tbias IOUT
Min -0.50 -0.50 - -55 -55 -
Max +7.0 VCC +0.50 1.25 +125 +125 50
Unit V V W C C mA
Truth table
CE H L L L L L L L L WE X H H H L L L H X OE X L L L X X X H X LB X L H L L L H X H UB X H L L L H L X H I/O0-I/O7 High Z DOUT High Z DOUT DIN DIN High Z High Z I/O8-I/O15 High Z High Z DOUT DOUT DIN High Z DIN High Z Mode Standby (ISB), ISBI) Read I/O0-I/O7 (ICC) Read I/O8-I/O15 (ICC) Read I/O0-I/O15 (ICC) Write I/O0-I/O15 (ICC) Write I/O0-I/O7 (ICC) Write I/O8-I/O15 (ICC) Output disable (ICC)
Key: H = high, L = low, X = don't care.
12/5/06, v 1.0
Alliance Memory
P. 2 of 9
AS7C513C
(R)
Recommended operating conditions
Parameter Supply voltage Input voltage Ambient operating temperature (Industrial) Notes:
VIL min = -1.5V for pulse width less than 5ns, once per cycle. VIH max = VCC+2.0V for pulse width less than 5ns, once per cycle.
Symbol VCC VIH VIL TA
Min 4.5 2.2 -0.5 -40
Nominal 5.0 - - -
Max 5.5 VCC + 0.5 0.8 85
Unit V V V
o
C
DC operating characteristics (over the operating range)1
AS7C513C-12 Parameter
Input leakage current Output leakage current
Sym
| ILI | | ILO | ICC
Test conditions
VCC = Max, VIN = GND to VCC VCC = Max, CE = VIH, VOUT = GND to VCC VCC = Max, CE VIL, IOUT = 0mA, f = fMax CE VIH , f = fMax VCC = Max, CE VCC-0.2 V, VIN 0.2 V or VIN VCC-0.2 V, f = 0 IOL = 8 mA, VCC = Min IOH = -4 mA, VCC = Min VCC = Max,
Min
- -
Max
5 5
Unit
A A
Operating power supply current
-
210
mA
ISB Standby power supply current ISB1 VOL VOH
-
60
mA
- - 2.4
10 0.4 -
mA V V
Output voltage
Capacitance (f = 1MHz, Ta = 25 C, VCC = NOMINAL)2
Parameter Input capacitance I/O capacitance Note:
This parameter is guaranteed by device characterization, but is not production tested.
Symbol CIN CI/O
Signals A, CE, WE, OE, LB, UB I/O
Test conditions VIN = 3dV VOUT = 3dV
Max 6 7
Unit pF pF
12/5/06, v 1.0
Alliance Memory
P. 3 of 9
AS7C513C
(R)
Read cycle (over the operating range)3,9
AS7C513C-12 Parameter Read cycle time Address access time Chip enable (CE) access time Output enable (OE) access time Output hold from address change CE low to output in low Z CE high to output in high Z OE low to output in low Z Byte select access time Byte select Low to low Z Byte select High to high Z OE high to output in high Z Power up time Power down time Symbol tRC tAA tACE tOE tOH tCLZ tCHZ tOLZ tBA tBLZ tBHZ tOHZ tPU tPD Min 12 - - - 4 4 - 0 - 0 - - 0 - Max - 12 12 7 - - 6 - 7 - 6 6 - 12 Unit ns ns ns ns ns ns ns ns ns ns ns ns ns ns 4, 5 4, 5 4, 5 4, 5 4, 5 5 4, 5 4, 5 4, 5 3 3 Notes
Key to switching waveforms
Rising input Falling input Undefined output/don't care
Read waveform 1 (address controlled)3,6,7,9
tRC Address DataOUT tOH Previous data valid tAA Data valid tOH
Read waveform 2 (OE, CE, UB, LB controlled)3,6,8,9
tRC Address tAA OE tOLZ CE tLZ LB, UB tBLZ DataIN tBA Data valid tBHZ tACE tOHZ tHZ tOE tOH
12/5/06, v 1.0
Alliance Memory
P. 4 of 9
AS7C513C
(R)
Write cycle (over the operating range) 11
AS7C513C-12 Parameter Write cycle time Chip enable (CE) to write end Address setup to write end Address setup time Write pulse width Write recovery time Address hold from end of write Data valid to write end Data hold time Write enable to output in high Z Output active from write end Byte select low to end of write Symbol tWC tCW tAW tAS tWP tWR tAH tDW tDH tWZ tOW tBW Min 12 9 9 0 9 0 0 7 0 - 1 9 Max - - - - - - - - - 6 - - Unit ns ns ns ns ns ns ns ns ns ns ns ns 5 4, 5 4, 5 Notes
Write waveform 1 (WE controlled)11
tWC tAH Address tCW CE tBW LB, UB tAS WE tDW DataIN tWZ DataOUT Data undefined Data valid tOW high Z tDH tAW tWP tWR
12/5/06, v 1.0
Alliance Memory
P. 5 of 9
AS7C513C
(R)
Write waveform 2 (CE controlled)11
tWC Address tAS CE tCW tAW tBW LB, UB tWP WE tDW DataIN tCLZ DataOUT high Z tWZ Data undefined high Z Data valid tOW tDH tWR tAH
AC test conditions
- - - - Output load: see Figure B. Input pulse level: GND to 3.0 V. See Figure A. Input rise and fall times: 3 ns. See Figure A. Input and output timing reference levels: 1.5
+5 V 480 +3.0V GND DOUT 90% 10% 3 ns 90% 10% 255 C13 Thevenin Equivalent: 168 DOUT +1.728 V
Figure A: Input pulse
GND Figure B: 5 V Output load
Notes:
1 2 3 4 5 6 7 8 9 10 11 12 13 During VCC power-up, a pull-up resistor to VCC on CE is required to meet ISB specification. This parameter is sampled, but not 100% tested. For test conditions, see AC Test Conditions, Figures A and B. These parameters are specified with CL = 5 pF, as in Figures B. Transition is measured 200 mV from steady-state voltage. This parameter is guaranteed, but not tested. WE is high for read cycle. CE and OE are low for read cycle. Address is valid prior to or coincident with CE transition low. All read cycle timings are referenced from the last valid address to the first transitioning address. N/A. All write cycle timings are referenced from the last valid address to the first transitioning address. Not applicable. C = 30 pF, except all high Z and low Z parameters where C = 5 pF.
12/5/06, v 1.0
Alliance Memory
P. 6 of 9
AS7C513C
(R)
Package dimensions
44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23
c
44-pin TSOP 2 Min (mm) Max (mm) 1.2 0.05 0.95
0.30
44-pin TSOP 2
E He
A A1 A2
0.15 1.05 0.45
0.21
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 1718 19 20 21 22
b c D
D l 0-5 A1 b e
0.120 18.31
10.06
18.52 10.26 11.94 0.60
A
A2
E He e l
11.68 0.40
0.80 (typical)
D e
44-pin SOJ 400 mil Min (in) Max (in) A A1 A2 0.128 0.025 0.105 0.026 0.015 0.007 1.120 0.395 0.435 0.148 - 0.115 0.032 0.020 0.013 1.130 0.405 0.445
44-pin SOJ
E1 E2
Pin 1
B A2 A A1 b c
B b c D E E1 E2 e
Seating plane
E
0.370 NOM
0.050 NOM
12/5/06, v 1.0
Alliance Memory
P. 7 of 9
AS7C513C
(R)
Ordering codes
Package
Plastic SOJ, 400 mil TSOP 2, 10.2 x 18.4 mm
Volt/Temp
5V Industrial 5V Industrial
12 ns
AS7C513C-12JIN AS7C513C-12TIN
Part numbering system
AS7C 513C
Device number
-XX
Access time
X
Package: J = SOJ 400 mil T = TSOP 2, 10.2 x 18.4 mm
X
Temperature range: I = industrial: -40 C to 85 C
X
N = LEAD FREE PART
SRAM prefix
12/5/06, v 1.0
Alliance Memory
P. 8 of 9
AS7C1026C
(R)
(R)
Alliance Memory, Inc. 1116 South Amphlett San Mateo, CA 94402 Tel: 650-525-3737 Fax: 650-525-0449 www.alliancememory.com
Copyright (c) Alliance Memory All Rights Reserved Part Number: AS7C1026C Document Version: v 1.0
(c) Copyright 2003 Alliance Memory, Inc. All rights reserved. Our three-point logo, our name and Intelliwatt are trademarks or registered trademarks of Alliance. All other brand and product names may be the trademarks of their respective companies. Alliance reserves the right to make changes to this document and its products at any time without notice. Alliance assumes no responsibility for any errors that may appear in this document. The data contained herein represents Alliance's best data and/or estimates at the time of issuance. Alliance reserves the right to change or correct this data at any time, without notice. If the product described herein is under development, significant changes to these specifications are possible. The information in this product data sheet is intended to be general descriptive information for potential customers and users, and is not intended to operate as, or provide, any guarantee or warrantee to any user or customer. Alliance does not assume any responsibility or liability arising out of the application or use of any product described herein, and disclaims any express or implied warranties related to the sale and/or use of Alliance products including liability or warranties related to fitness for a particular purpose, merchantability, or infringement of any intellectual property rights, except as express agreed to in Alliance's Terms and Conditions of Sale (which are available from Alliance). All sales of Alliance products are made exclusively according to Alliance's Terms and Conditions of Sale. The purchase of products from Alliance does not convey a license under any patent rights, copyrights; mask works rights, trademarks, or any other intellectual property rights of Alliance or third parties. Alliance does not authorize its products for use as critical components in life-supporting systems where a malfunction or failure may reasonably be expected to result in significant injury to the user, and the inclusion of Alliance products in such life-supporting systems implies that the manufacturer assumes all risk of such use and agrees to indemnify Alliance against all claims arising from such use.


▲Up To Search▲   

 
Price & Availability of AS7C513C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X