Part Number Hot Search : 
SRA2219 MEH14XAA 4051N LC20U 2SK26 24064 9PL256N7 F10SC6
Product Description
Full Text Search
 

To Download ARF1505 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 S
D
S
ARF1505
ARF1505
BeO 1525-xx
RF POWER MOSFET
N - CHANNEL ENHANCEMENT MODE
S G S
300V
750W
40MHz
The ARF1505 is an RF power transistor designed for off-line 300V operation in very high power scientific, commercial, medical and industrial RF power generator and amplifier applications up to 40 MHz.
* Specified 300 Volt, 27.12 MHz Characteristics: * Output Power = 750 Watts. * Gain = 17dB (Class C) * Efficiency > 75%
* RoHS Compliant
* High Performance Power RF Package. * Very High Breakdown for Improved Ruggedness. * Low Thermal Resistance. * Nitride Passivated Die for Improved Reliability.
All Ratings: TC = 25C unless otherwise specified.
ARF1505 UNIT Volts Amps Volts Watts C
MAXIMUM RATINGS
Symbol VDSS ID VGS PD TJ,TSTG TL Parameter Drain-Source Voltage Continuous Drain Current @ TC = 25C Gate-Source Voltage Total Device Dissipation @ TC = 25C Operating and Storage Junction Temperature Range Lead Temperature: 0.063" from Case for 10 Sec.
1200 25 30 1500 -55 to 175 300
STATIC ELECTRICAL CHARACTERISTICS
Symbol BVDSS VDS(ON) IDSS IGSS gfs Visolation VGS(TH) Characteristic / Test Conditions Drain-Source Breakdown Voltage (VGS = 0V, ID = 250 A) On State Drain Voltage
1
MIN
TYP
MAX
UNIT Volts A nA mhos Volts
1200 8 9.5 100 1000 400 5.5 TBD 3 5 6
(I D(ON) = 12.5A, VGS = 10V)
Zero Gate Voltage Drain Current (VDS = VDSS, VGS = 0V) Zero Gate Voltage Drain Current (VDS = 0.8 VDSS, VGS = 0V, TC = 125C) Gate-Source Leakage Current (VGS = 30V, VDS = 0V) Forward Transconductance (VDS = 25V, ID = 12.5A) RMS Voltage (60Hz Sinewave from terminals to mounting surface for 1 minute) Gate Threshold Voltage (VDS = VGS, ID = 50mA)
Volts
THERMAL CHARACTERISTICS
Symbol Characteristic (per package unless otherwise noted) RJC RJHS Junction to Case Junction to Sink (Use High Efficiency Thermal Joint Compound and Planar Heat Sink Surface.) MIN TYP MAX UNIT C/W
050-4922 Rev F 10-2008
0.10 0.16
CAUTION: These Devices are Sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed.
Microsemi Website - http://www.microsemi.com
DYNAMIC CHARACTERISTICS
Symbol Ciss Coss Crss td(on) tr td(off) tf Characteristic Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Test Conditions VGS = 0V VDS = 200V f = 1 MHz VGS = 15V VDD = 0.5 VDSS ID = ID[Cont.] @ 25C RG = 1.6 MIN TYP MAX
ARF1505
UNIT
5400 300 125 8 5 25 13
6500 400 160
pF
ns
FUNCTIONAL CHARACTERISTICS
Symbol GPS
1
Characteristic Common Source Amplifier Power Gain Drain Efficiency Electrical Ruggedness VSWR 10:1
Test Conditions f = 27.12 MHz VGS = 0V VDD = 300V
MIN
TYP
MAX
UNIT dB %
15 70
17 75
Pout = 750W
No Degradation in Output Power
Pulse Test: Pulse width < 380 S, Duty Cycle < 2%.
Microsemi reserves the right to change, without notice, the specifications and information contained herein.
Per transistor section unless otherwise specified.
20,000 10,000 5000 CAPACITANCE (pf) Ciss
1000 500 Coss Crss 100 .1 1 10 100 200 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) Figure 1, Typical Capacitance vs. Drain-to-Source Voltage
60 ID, DRAIN CURRENT (AMPERES) 50 40 30 20 10 0 TJ = +25C TJ = +125C 0 2 4 6 8 10 12 14 VGS, GATE-TO-SOURCE VOLTAGE (VOLTS) Figure 2, Typical Transfer Characteristics ID, DRAIN CURRENT (AMPERES)
VDS> ID (ON) x RDS (ON)MAX. 250SEC. PULSE TEST @ <0.5 % DUTY CYCLE
100
DATA FOR BOTH SIDES IN PARALLEL
100us
50
OPERATION HERE LIMITED BY R (ON) DS
TJ = -55C
1ms 10 5 TC =+25C TJ =+200C SINGLE PULSE
050-4922 Rev F 10-2008
10ms
100ms
1
1 5 10 50 100 1200 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) Figure 3, Typical Maximum Safe Operating Area
1.15 ID, DRAIN CURRENT (AMPERES) VGS(th), THRESHOLD VOLTAGE (NORMALIZED) 1.10 1.05 1.00 0.95 0.90 0.85 0.80 0.75 -50 -25 0 25 50 75 100 125 150 TC, CASE TEMPERATURE (C) Figure 4, Typical Threshold Voltage vs Temperature
0.12
35 VGS = 10 & 9V 30 25 20 15 10 5V 5 0 7V 8V
ARF1505
6V
0 5 10 15 20 25 30 VDS, DRAIN-TO-SOURCE VOLTAGE (VOLTS) Figure 5, Typical Output Characteristics
Z JC, THERMAL IMPEDANCE (C/W)
0.10 0.08 0.06 0.04 0.02 0
D = 0.9
0.7 0.5 0.3 0.1 0.05
10
-5
Note:
PDM
t1 t2
SINGLE PULSE
10
-4
Duty Factor D = 1/t2 Peak TJ = PDM x ZJC + TC
t
10-3 10-2 10 -1 RECTANGULAR PULSE DURATION (SECONDS) Figure 6, Maximum Effective Transient Thermal Impedance, Junction-to-Case vs. Pulse Duration
1.0
F (MHz) TYPICAL LARGE SIGNAL INPUT - OUPUT IMPEDANCE CHARACTERISTICS 2.0 13.5 27 40
Zin () 5.4 - j 9.6 0.30 - j 1.2 0.26 + j .58 0.36 + j 1.6
Clamp
ZOL () 46 - j 10.5 16.4 - j 23 4.9 - j 14.6 2.3 - j 10.3
Zin - Gate shunted with 25 ZOL - Conjugate of optimum load for 750 Watts output IDQ = 100mA Vdd = 300V
1.065 .250
S
D
S
.500
Heat Sink
Thermal Considerations and Package Mounting: The rated 1500W power dissipation is only available when the package mounting surface is at 25C and the junction temperature is 175C. The thermal resistance between junctions and case mounting surface is 0.10C/W. When installed, an additional thermal impedance of 0.06C/W between the package base and the mounting surface is smooth and flat. Thermal joint compound must be used to reduce the effects of small surface irregularities. The heatsink should incorporate a copper heat spreader to obtain best results. The package is designed to be clamped to a heatsink. A clamped joint maintains the required mounting pressure while allowing for thermal expansion of both the device and the heat sink. A simple clamp, and two 6-32 (M3.5) screws can provide the minimum 125 lb. required mounting force. T=4-6 in-lb. Please refer to App Note 1802 "Mounting Instructions for Flangeless Packages."
ARF15-BeO 1525-xx
1.065
.045
S
G
S
.500
.005 .207 .375 .105 typ. .207
HAZARDOUS MATERIAL WARNING
D
G S
The ceramic portion of the device between leads and mounting surface is beryllium oxide, BeO. Beryllium oxide dust is toxic when inhaled. Care must be taken during handling and mounting to avoid damage to this area . These devices must never be thrown away with general industrial or domestic waste.
050-4922 Rev F 10-2008
A RF1505 -- 27.12 MHz Test Circ uit
300V L4 C7 C6 L2 L1 C1 RF Input C2 C3 C 11 R2 T L1 R1 V bias R3 C4 C 12 C5 C9 L3 C 8 C 10 Output C1, C7, C8, C11 .047mF 500V cerami disc C2, C12 Arco 465 75-380pF mica trimmer C3 2x 4700pF ATC 700B C4, C9-C10 8200pF 500V NPO ceramic C5 200pF ATC 100E C6 150pF ATC 700B L1 90nH 4t # 18 0.25"d .25"I L2 200nH - 3t # 8 1" dia 1"I L3 6H - 22t # 24 enam 0.5"dia L4 500nH 2t on 850 .5" bead R1-R3 1K 1/4W TL1 .112" x 1" (50) Stripline
B eO
ARF 1505
A RF 1500
201
135-05
J1
J2
27 MHz Amp ARF1505
R F 11-04
050-4922 Rev F 10-2008
27 MHz Amp ARF1505
R F 11-04


▲Up To Search▲   

 
Price & Availability of ARF1505

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X