Part Number Hot Search : 
MSKW2000 1N4559A CXD8871Q STUB013 PSD835G2 001544 RF31661 6SMB20
Product Description
Full Text Search
 

To Download AP4525GEH08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AP4525GEH
RoHS-compliant Product
Advanced Power Electronics Corp.
Simple Drive Requirement Good Thermal Performance Fast Switching Performance
S1 G1 D1/D2
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
N-CH BVDSS RDS(ON) ID
40V 28m 15A -40V 42m -12A
S2
G2
P-CH BVDSS
TO-252-4L
RDS(ON) ID
Description
Advanced Power MOSFETs from APEC provide the designer with the best combination of fast switching, ruggedized device design, low on-resistance and cost-effectiveness.
D1 G1 G2
D2
S1
S2
Absolute Maximum Ratings
Symbol VDS VGS ID@TA=25 ID@TA=70 IDM PD@TA=25 TSTG TJ Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current Continuous Drain Current Pulsed Drain Current
1
Rating N-channel 40 16 15.0 12.0 50 10.4 0.083 -55 to 150 -55 to 150 P-channel -40 16 -12.0 -10.0 -50
Units V V A A A W W/
Total Power Dissipation Linear Derating Factor Storage Temperature Range Operating Junction Temperature Range
Thermal Data
Symbol Rthj-c Rthj-a Parameter Maximum Thermal Resistance, Junction-case Maximum Thermal Resistance, Junction-ambient Value 12 110 Unit /W /W
Data and specifications subject to change without notice
1 200809235
AP4525GEH
N-CH Electrical Characteristics@ Tj=25 C(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
o
Parameter Drain-Source Breakdown Voltage
2
Test Conditions VGS=0V, ID=250uA
Min. 40 1 -
Typ. 0.03 6 9 1.5 4 7 20 20 4 580 100 70 2
Max. Units 28 32 3 1 25 30 14 930 3 V V/ m m V S uA uA uA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25, ID=1mA
RDS(ON)
Static Drain-Source On-Resistance
VGS=10V, ID=6A VGS=4.5V, ID=4A
VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Rg
Gate Threshold Voltage Forward Transconductance Drain-Source Leakage Current
o
VDS=VGS, ID=250uA VDS=10V, ID=6A VDS=40V, VGS=0V VGS=16V ID=6A VDS=20V VGS=4.5V VDS=20V ID=6A RG=3,VGS=10V RD=3.3 VGS=0V VDS=25V f=1.0MHz f=1.0MHz
Drain-Source Leakage Current (T j=70 C) VDS=32V, VGS=0V
Gate-Source Leakage Total Gate Charge
2
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance
2
Source-Drain Diode
Symbol VSD trr Qrr Parameter Forward On Voltage
2 2
Test Conditions IS=15A, VGS=0V IS=6A, VGS=0V dI/dt=100A/s
Min. -
Typ. 20 15
Max. Units 1.8 V ns nC
Reverse Recovery Time
Reverse Recovery Charge
2
AP4525GEH
P-CH Electrical Characteristics@T j=25oC(unless otherwise specified)
Symbol BVDSS
BVDSS/Tj
Parameter Drain-Source Breakdown Voltage
2 Static Drain-Source On-Resistance
Test Conditions VGS=0V, ID=-250uA VGS=-10V, ID=-5A VGS=-4.5V, ID=-3A VDS=VGS, ID=-250uA VDS=-10V, ID=-5A VDS=-40V, VGS=0V
o
Min. -40 -0.8 -
Typ. -0.03 5 9 2 5 8.5 15 27 25 770 165 115 6
Max. 42 60 -2.5 -1 -25 30 24 1230 9
Units V V/ m m V S uA uA uA nC nC nC ns ns ns ns pF pF pF
Breakdown Voltage Temperature Coefficient Reference to 25,ID=-1mA
RDS(ON) VGS(th) gfs IDSS IGSS Qg Qgs Qgd td(on) tr td(off) tf Ciss Coss Crss Rg
Gate Threshold Voltage Forward Transconductance Drain-Source Leakage Current Gate-Source Leakage Total Gate Charge
2
Drain-Source Leakage Current (Tj=70 C) VDS=-32V, VGS=0V
VGS=16V ID=-5A VDS=-20V VGS=-4.5V VDS=-20V ID=-5A RG=3,VGS=-10V RD=4 VGS=0V VDS=-20V f=1.0MHz f=1.0MHz
Gate-Source Charge Gate-Drain ("Miller") Charge Turn-on Delay Time Rise Time Turn-off Delay Time Fall Time Input Capacitance Output Capacitance Reverse Transfer Capacitance Gate Resistance
2
Source-Drain Diode
Symbol VSD trr Qrr Parameter Forward On Voltage
2 2
Test Conditions IS=-12A, VGS=0V IS=-5A, VGS=0V dI/dt=-100A/s
Min. -
Typ. 20 16
Max. -1.8 -
Units V ns nC
Reverse Recovery Time
Reverse Recovery Charge
Notes:
1.Pulse width limited by Max. junction temperature. 2.Pulse width <300us , duty cycle <2%. 3.N-CH , P-CH are same .
THIS PRODUCT IS SENSITIVE TO ELECTROSTATIC DISCHARGE, PLEASE HANDLE WITH CAUTION. USE OF THIS PRODUCT AS A CRITICAL COMPONENT IN LIFE SUPPORT OR OTHER SIMILAR SYSTEMS IS NOT AUTHORIZED. APEC DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. APEC RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN.
3
AP4525GEH
N-Channel
50
50
40
T A = 25 C
o
ID , Drain Current (A)
ID , Drain Current (A)
10V 7.0V 5.0V 4.5V
40
T A = 150 C
o
10V 7.0V 5.0V 4.5V
30
30
20
20
V G =3.0V
10
V G =3.0V
10
0 0 1 2 3 4 5 6
0 0 1 2 3 4 5 6
V DS , Drain-to-Source Voltage (V)
V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
120
ID=4A
100
T A =25 o C Normalized RDS(ON)
1.6
ID=6A V G =10V
RDS(ON) (m )
80
60
1.2
40
20
2 4 6 8 10
0.8 25 50 75 100 125 150
V GS , Gate-to-Source Voltage (V)
T j , Junction Temperature ( o C)
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
1.6
14
12
10
Normalized VGS(th) (V)
T j =150 o C IS(A)
8
T j =25 o C
1.2
6
0.8
4
2
0 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6
0.4 -50 0 50 100 150
V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( C)
o
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
4
AP4525GEH
N-Channel
f=1.0MHz
12 1000
VGS , Gate to Source Voltage (V)
I D =6A V DS =20V
8
C iss
C (pF)
100
C oss C rss
4
0 0 5 10 15 20
10 1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
Normalized Thermal Response (Rthjc)
Duty factor=0.5
0.2
10
ID (A)
0.1
100us
0.1
0.05
PDM
0.02
1
T A =25 o C Single Pulse
0.1 0.1 1 10
1ms 10ms 100ms 1s DC
100
t T
Duty factor = t/T Peak Tj = PDM x Rthjc + TC
0.01
Single Pulse
0.01
0.00001 0.0001 0.001 0.01 0.1 1
V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
50
VG
V DS =5V
40
ID , Drain Current (A)
T j =25 o C
30
T j =150 o C
QG 4.5V QGS QGD
20
10
Charge
0 0 2 4 6 8
Q
V GS , Gate-to-Source Voltage (V)
Fig 11. Transfer Characteristics
Fig 12. Gate Charge Waveform
5
AP4525GEH
P-Channel
50 50
T A = 25 C
40
o
-ID , Drain Current (A)
-10V -7.0V -5.0V -4.5V -ID , Drain Current (A)
40
T A = 150 C
o
-10V -7.0V -5.0V -4.5V
30
30
20
V G = - 3.0V
20
V G = - 3.0V
10
10
0 0 1 2 3 4 5 6
0 0 2 4 6 8
-V DS , Drain-to-Source Voltage (V)
-V DS , Drain-to-Source Voltage (V)
Fig 1. Typical Output Characteristics
Fig 2. Typical Output Characteristics
200
1.6
I D = -3 A
170
T A =25 o C
1.4
I D = -5A V G = -10V
RDS(ON) (m)
Normalized RDS(ON)
140
110
1.2
80
1.0
50
20
2 4 6 8 10
0.8 25 50 75 100 125 150
-V GS ,Gate-to-Source Voltage (V)
T j , Junction Temperature ( C)
o
Fig 3. On-Resistance v.s. Gate Voltage
Fig 4. Normalized On-Resistance v.s. Junction Temperature
1.6
12
10
Normalized -VGS(th) (V)
1.3 1.5
1.2
8
-IS(A)
6
T j =150 o C
4
T j =25 o C
0.8
2
0 0.1 0.3 0.5 0.7 0.9 1.1
0.4 -50 0 50 100 150
-V SD , Source-to-Drain Voltage (V)
T j , Junction Temperature ( C)
o
Fig 5. Forward Characteristic of
Reverse Diode
Fig 6. Gate Threshold Voltage v.s. Junction Temperature
6
AP4525GEH
P-Channel
12 10000
f=1.0MHz
-VGS , Gate to Source Voltage (V)
I D = -5 A V DS = - 2 0 V
8 1000
C iss C (pF)
4
100
C oss C rss
0 0 4 8 12 16 20
10 1 5 9 13 17 21 25 29
Q G , Total Gate Charge (nC)
-V DS , Drain-to-Source Voltage (V)
Fig 7. Gate Charge Characteristics
Fig 8. Typical Capacitance Characteristics
100
1
Duty factor=0.5
Normalized Thermal Response (Rthjc)
0.2
10
-ID (A)
100us
0.1
0.1
0.05
1ms
1
PDM
0.02
t T
Duty factor = t/T Peak Tj = PDM x Rthjc + T C
T c =25 C Single Pulse
0.1 0.1 1 10
o
10ms 100ms 1s DC
100
0.01
Single Pulse
0.01 0.00001 0.0001 0.001 0.01 0.1 1
-V DS , Drain-to-Source Voltage (V)
t , Pulse Width (s)
Fig 9. Maximum Safe Operating Area
Fig 10. Effective Transient Thermal Impedance
50
V DS =-5V
40
VG
T j =25 o C T j =150 o C
-ID , Drain Current (A)
QG -4.5V QGS QGD
30
20
10
Charge
0 0 2 4 6 8
Q
-V GS , Gate-to-Source Voltage (V)
Fig 11. Transfer Characteristics
Fig 12. Gate Charge Waveform
7
ADVANCED POWER ELECTRONICS CORP.
Package Outline : TO-252(4L)
A B
SYMBOLS
Millimeters
MIN NOM MAX
A B C D P S
6.40 5.2 9.40 2.40 0.50 3.50 0.80 0.40 2.20 0.45 0.00 0.90 5.40
6.6 5.35 9.80 2.70 1.27 REF. 0.65 4.00 1.00 0.50 2.30 0.50 0.075 1.20 5.60
6.80 5.50 10.20 3.00 0.80 4.50 1.20 0.60 2.40 0.55 0.15 1.50 5.80
E3
C M
E3 R G H J K L
R D
M
S
P
G
1.All Dimensions Are in Millimeters. 2.Dimension Does Not Include Mold Protrusions.
H
K
J
L
Part Marking Information & Packing : TO-252(4L)
Part Number Package Code
meet Rohs requirement
4525GEH
LOGO
YWWSSS
Date Code (YWWSSS) YLast Digit Of The Year WWWeek SSSSequence
8


▲Up To Search▲   

 
Price & Availability of AP4525GEH08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X