|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
THESE DRAWINGS ARE THE PROPERTY OF QUALTEK ELECTRONICS AND NOT TO BE REPRODUCED FOR OR COMMUNICATED TO A THIRD PARTY WITHOUT THE EXPRESS WRITTEN PERMISSION OF AN OFFICER OF QUALTEK ELECTRONICS. 1. PHYSICAL DIMENSIONS 65.7REF. REVISION REV. B DESCRIPTION RoHS Compliancy DATE 06-01-06 APPROVED DP ELECTRICAL CHARACTERISTICS: 1-1. VOLTAGE RATING...................................115/250VAC 1-2. CURRENT RATING A. @ 115 VAC..........................................1 A RMS MAX B. @ 250 VAC.........................................1 A RMS MAX OPERATING FREQUENCY......................50/60Hz LEAKAGE CURRENT: EACH LINE TO GROUND A. @ 115 VAC 60Hz............................0.20 mA MAX B. @ 250 VAC 50Hz.............................0.40 mA MAX HIPOT RATING (FOR ONE MINUTE) A. LINE TO GROUND...........................2250 VDC B. LINE TO LINE.....................................1450 VDC MINIMUM INSERTION LOSS IN dB: (AT 50 OHM SYSTEM) .01 10 / .05 20 2 .10 25 8 .15 28 10 .50 40 20 1.0 40 28 5.0 35 35 10 35 38 30 35 35 R2.5MAX. 1-3. 50.7MAX. 40.0 0.5 29.5 0.5 40.0 0.1 1-4. 1-5. O3.3 0.2 M3 60.0 1.0 1-6. FREQ. MHz 28.7MAX. 66.0MAX. 62.5MAX. COM. MODE dB DIF. MODE dB 14.5 1.0 56.0MAX. 1-7. 1-8. OPERATING TEMPERATURE.................-25 TO +85 C SAFETY: USE 5X20mm FUSE RoHS COMPLIANT 59.5MAX. 1-9. 1-10. 2. ELECTRICAL SCHEMATIC Dim range (mm) Tolerance +/(mm) 0.15 0.20 0.30 0.50 0.70 0.90 1.20 CONTROLLED Qualtek Electronics Corp. Part Number: Description: PPC DIVISION 880-01/004 EMI FILTER UNIT: mm L: C1: C2: R: 7.5mH 0.22uF 2200pF 1.0M 0-1 1-6 6-18 18-50 50-120 120-250 250-500 REV. B Approved / Date JJH / 03-18-04 Drawn / Date B.ZHANG 03-18-04 Checked / Date 03-18-04 |
Price & Availability of 880-01-004 |