Part Number Hot Search : 
LS120 74ACT161 21140 JPU644 TDA1002 750SN1 SED1566 800BG
Product Description
Full Text Search
 

To Download 2SK3199 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SK3199
Absolute Maximum Ratings
Symbol VDSS VGSS ID ID (pulse) *1 PD EAS *2 IAS Tch Tstg Ratings 500 30 5 20 30 (Tc = 25C) 35 5 150 -55 to +150
(Ta = 25C)
External dimensions 1 ...... FM20
Electrical Characteristics
Symbol V(BR)DSS I GSS IDSS VTH Re (yfs) RDS(on) Ciss Coss Crss td(on) tr td(off) tf VSD t rr 2.0 3.5 3.0 5.2 1.2 650 250 110 18 30 60 65 0.9 2 1.5 1.5 min 500 Ratings typ max 100 100 4.0 Unit V nA A V S pF pF pF ns ns ns ns V s ISD = 5A, VGS = 0V ISD = 100mA, VGS = 0V ID = 2.5A, VDD 250V, RL = 100, VGS = 10V, See Figure 2 on Page 5. VDS = 10V, f = 1.0MHz, VGS = 0V
(Ta = 25C)
Unit V V A A W mJ A C C
Conditions ID = 100A, VGS = 0V VGS = 30V VDS = 500V, VGS = 0V VDS = 10V, ID = 1mA VDS = 20V, ID = 2.5A VGS = 10V, ID = 2.5A
duty cycle 1% * 1: PW =100s,L = 2.6mH, IL = 5A, 2: VDD 30V, * See Figure 1 on Page 5.
unclamped, RG = 50,
ID - VDS Characteristics (typical)
5 10V 4 4.8V 3 5V
I D - VGS Characteristics (typical)
5
RDS(ON) - ID Characteristics (typical)
2.0 VGS =10V
4 3
1.5
RDS (ON) ()
25C - 55C
ID (A)
ID (A)
TC =125C 2 1
1.0
2 1
4.5V
0.5 VGS = 4V
0
0
2
4
6
8
10
0
0
2
4
6
8
10
0
0
1
2
3
4
5
VDS (V)
VGS (V)
ID (A)
Re (yfs) - ID Characteristics (typical)
50 VDS = 20V
VDS - VGS Characteristics (typical)
15
RDS(ON) - TC Characteristics (typical)
3.5 3.0 ID =2.5A VGS =10V
10
Re (yfs) (S)
5
RDS (ON) ()
TC = - 55C 25C
10
2.5 2.0 1.5 1.0 0.5
VDS (V)
ID =5A 5 ID =2.5A
1 0.5 125C
0.1 0.05 0.1
0.5
1
5
0
2
5
10
20
0 --50 0 50 100
150
ID (A)
VGS (V)
Tc (C)
Capacitance - VDS Characteristics (typical)
2000 1000 VGS= 0V f =1MHz Ciss
IDR - VSD Characteristics (typical)
5 4 3 2 5V,10V 1 VGS= 0V
Safe Operating Area
30 10 5 1 0.5 ID (pulse)max ID max
N)
(Tc = 25C)
PD - Ta Characteristics
30
Capacitance (pF)
500
IDR (A)
ID (A)
PD (W)
100 50
Coss
R D MIT LI
S
(O
ED
10 0 10 s m s( DC 1s ho OP t) ER AT IO N
W ith in fin
20
ite he at sin k
Crss 10 5 0 10 20 30 40 50
0.1 0.05
10 Without heatsink
0 0
0.5
1.0
1.5
0.01
1
5 10
50 100
1000
0
0
50
100
150
VDS (V)
VSD (V)
VDS (V)
Ta (C)
47
External dimensions
1 FM20 (TO-220F)
General product
3.3 0.2
(Unit: mm)
UL approved product
3.30.2
10.0 0.2
4.2 0.2 C 0.5 2.8
10.0 0.2
4.20.2 C 0.5 2.8
a b
(17.5) 8.4 0.2 0.8 0.2 4.0 0.2
16.9 0.2 8.4 0.2 0.8 0.2 4.0 0.2
a b
3.9 0.2
(13.5)
+0.2 0.85 -0.1
(13.5)
1.35
0.15
3.9 0.2
1.35 0.15
1.35 0.15 1.35 0.15 0.85 -0.1
+0.2
2.54
2.54
0.45 -0.1
+0.2
2.4
0.2
2.54
2.54
0.45 -0.1
+0.2
2.4 0.2
2.2 0.2
2.2 0.2
GDS
GDS
a: Part Number b: Lot Number
Weight: Approx 2.0g
2 FM100 (TO-3PF)
General product
3.3 0.2
UL approved product
0.8 5.5 0.2 5.5 0.2
3.3 0.1
15.6 0.2
3.45 0.2
15.6 0.2
5.5 0.2 3.45
0.2
23.0 0.3 9.5 0.2 5.5 0.2 0.8 1.6
23.0 0.3 9.50.2 3.3
1.75 0.15 16.2 3.3 2.15 0.15
+0.2 1.05 -0.1
(16.2)
0.8
1.75 0.15 0.15 2.15 1.05 -0.1
+0.2 +0.2
1.6
a b
a b
3.0
5.45 0.1
1.5 4.4
5.45 0.1
1.5
0.65 -0.1
+0.2
3.35 0.2
5.45 0.1
1.5 4.4
5.45 0.1
1.5
0.65 -0.1
3.35 0.2
G
D
S
G
D
S
a: Part Number b: Lot Number
Weight: Approx 6.5g
3.0
0.8
3


▲Up To Search▲   

 
Price & Availability of 2SK3199

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X