Part Number Hot Search : 
1602B1 B8806 SVF7N60F MBR30 CA531 MAX483E 15TT133P TC0720H
Product Description
Full Text Search
 

To Download 2SD2539 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD2539
DESCRIPTION *With TO-3P(H)IS package *High voltage ;high speed *Low saturation voltage *Bult-in damper diode APPLICATIONS *Horizontal deflection output for color TV
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-3P(H)IS) and symbol DESCRIPTION
Absolute maximum ratings(Ta=25 )
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current Total power dissipation Junction temperature Storage temperature TC=25 CONDITIONS Open emitter Open base Open collector VALUE 1500 600 5 7 14 3.5 50 150 -55~150 UNIT V V V A A A W
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD2539
CHARACTERISTICS
Tj=25 unless otherwise specified PARAMETER Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain Diode forward voltage Collector output capacitance Transition frequency CONDITIONS IC=400mA ;IB=0 IC=5A; IB=1.0A IC=5A; IB=1.0A VCB=1500V; IE=0 VEB=5V; IC=0 IC=1A ; VCE=5V IC=5A ; VCE=5V IF=5A IE=0 ; VCB=10V,f=1MHz IC=0.1A ; VCE=10V 66 8 5 1.6 115 2 1.0 MIN 5 5 1.3 1 200 28 9 2.0 V pF MHz TYP. MAX UNIT V V V mA mA SYMBOL V(BR)EBO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 VF Cob fT
Switching times : ts tf Storage time Fall time 6 0.3 9 0.6 s s
ICP=5A;IB1=1.0A fH =15.75kHz
2
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SD2539
Fig.2 Outline dimensions (unindicated tolerance:0.20 mm)
3
SavantIC Semiconductor
Product Specification
Silicon NPN Power Transistors
2SD2539
4


▲Up To Search▲   

 
Price & Availability of 2SD2539

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X