Part Number Hot Search : 
P1N60 4N26SM LC4064 26100 HER806FT CWD4890E C4430 SMB2EZ91
Product Description
Full Text Search
 

To Download 2SD2200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SMD Type
Switching Applications 2SD2200
Transistors
TO-263
+ .1 1 .2 7 -00.1
Unit: mm
+0.1 1.27-0.1 +0.2 4.57-0.2
Features
Surface mount type device making the following possible. Low collector-to-emitter saturation voltage.
+ .2 8 .7 -00.2
+0.1 1.27-0.1
0.1max
+0.1 0.81-0.1
+ .2 5 .2 8 -00.2
2.54
+0.2 -0.2 +0.1 5.08-0.1
+ .2 2 .5 4 -00.2
+ .2 1 5 .2 5 -00.2
2.54
+0.2 0.4-0.2
Absolute Maximum Ratings Ta = 25
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current (pulse) Collector dissipation TC = 25 Jumction temperature Storage temperature Tj Tstg Symbol VCBO VCEO VEBO IC ICP PC Rating 90 80 6 5 9 1.65 30 150 -55 to +150 Unit V V V A A W W
5 .6 0
1 : Base 2 : Collector 3 : Emitter
Large current capacity.
www.kexin.com.cn
1
SMD Type
2SD2200
Electrical Characteristics Ta = 25
Parameter Collector cutoff current Emitter cutoff current DC current Gain Gain bandwidth product Collector-emitter saturation voltage Collector-to-base breakdown voltage Collector-to-emitter breakdown voltage Emitter-base breakdown voltage Turn-on time Symbol IcBO IEBO hFE fT Testconditons VCB = 80V , IE = 0 VEB = 4V , IC = 0 VCE = 2V , IC = 1A VCE = 2V , IC = 3A VCE = 5V , IC = 1A
Transistors
Min
Typ
Max 0.1 0.1
Unit mA mA
70 30 20
280
MHz 0.4 V V V V
VCE(sat) IC = 3A , IB = 0.3A V(BR)CBO IC = 1mA , IE = 0 V(BR)CEO IC = 1mA , RBE = V(BR)EBO IE = 1mA , IC = 0 ton 90 80 6 0.1
is
Storage time
tstg
1.2
is
Fall time
tf
0.4
is
hFE Classification
Rank hFE Q 70 140 R 100 200 140 S 280
2
www.kexin.com.cn


▲Up To Search▲   

 
Price & Availability of 2SD2200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X