Part Number Hot Search : 
181V6B5 29LV0 181V6B5 P4KE47 G697L263 1203S 106AS FFPF30U
Product Description
Full Text Search
 

To Download 2SD1646 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
2SD1646
DESCRIPTION *Collector-Emitter Breakdown Voltage: V(BR)CEO= 100V(Min.) *High DC Current Gain : hFE= 1000(Min) @IC= 1A *Low Collector Saturation Voltage
APPLICATIONS *Designed for low frequency power amplifier applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25)
SYMBOL PARAMETER VALUE
UNIT
VCBO
Collector-Base Voltage
VCEO
Collector-Emitter Voltage
VEBO
Emitter-Base Voltage
IC
Collector Current-Continuous
w w
scs .i w
100 100 6 2 3 1.5 25
V
V
.cn mi e
V
A
ICP
Collector Current-Peak Collector Power Dissipation @ Ta=25
A
PC Collector Power Dissipation @ TC=25 TJ Junction Temperature
W
150
Tstg
Storage Temperature Range
-55~150
isc Websitewww.iscsemi.cn
INCHANGE Semiconductor
isc Product Specification
isc Silicon NPN Darlington Power Transistor
ELECTRICAL CHARACTERISTICS
TC=25 unless otherwise specified SYMBOL PARAMETER CONDITIONS MIN TYP.
2SD1646
MAX
UNIT
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC= 5mA; IB= 0
B
100
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 50A; IE= 0
100
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 1A; IB= 1mA
B
1.5
V
ICBO
Collector Cutoff Current
VCB= 100V; IE= 0
10
A
IEBO
Emitter Cutoff Current
hFE
DC Current Gain
COB
Collector Output Capacitance
w
w. w
.cn mi cse is
IC= 1A; VCE= 2V 1000 IE= 0; VCB= 10V; f= 1MHz
VEB= 5V; IC= 0
3
mA
10000
25
pF
isc Websitewww.iscsemi.cn
2


▲Up To Search▲   

 
Price & Availability of 2SD1646

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X