Part Number Hot Search : 
B7105 62834 BAS40S 96SA20TA 4PC50F XF200 0441025 2SD47
Product Description
Full Text Search
 

To Download 2SD1383K-2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2SD1383K
Transistors
High-gain Amplifier Transistor (32V , 0.3A)
2SD1383K
Features 1) Darlington connection for high DC current gain. 2) Built-in 4k resistor between base and emitter. 3) Complements the 2SB852K. Packaging specifications
Type Package hFE Marking Code Basic ordering unit (pieces) 2SD1383K SMT3 B W T146 3000
(1)Emitter (2)Base (3)Collector Each lead has same dimensions
Dimensions (Unit : mm)
2SD1383K
Denotes hFE
Circuit diagram
C
B
RBE
4k
E : Emitter B : Base C : Collector
E
Absolute maximum ratings (Ta=25C)
Parameter Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector power dissipation Junction temperature Storage temperature
1 RBE=0 2 Single pulse Pw=10ms
Symbol VCBO VCES VEBO IC PC Tj Tstg
Limits 40 32 6 0.3 1.5 0.2 150 -55 to +150
Unit V 1 V V A (DC) A (Pulse) 2 W C C
Electrical characteristics (Ta=25C)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cutoff current Emitter cutoff current DC current transfer ratio Collector-emitter saturation voltage Transition frequency Output capacitance
1 Measured using pulse current. 2 Transition frequency of the device.
Symbol BVCBO BVCES BVEBO ICBO IEBO hFE VCE(sat) fT Cob
Min. 40 32 6 - - 5000 - - -
Typ. - - - - - - - 250 3
Max. - - - 1 1 - 1.5 - -
Unit V V V A A - V MHz pF
Conditions IC=100A IC= -1mA , RBE=0 IE=100A VCB=24V VEB=4.5V VCE=5V, IC=0.1A IC=200mA, IB=0.4mA
1
VCE=5V, IE= -10mA, f=100MHz 2 VCB=10V, IE=0A, f=1MHz
Rev.C
1/2
2SD1383K
Transistors
Electrical characteristic curves
125
POWER DISSIPATION : PC/PCMax (%)
500
VCE=6V
COLLECTOR CURRENT : IC (mA)
100
COLLECTOR CURRENT : IC (mA)
IB=10A
Ta=25C
100
200 100
Ta=25C
9A 8A
50
75
Ta= -55C
50 20 10 5 2
Ta=100C
7A 6A
5A
4A
50
25
0 0
0
25
50
75
100
125
150
0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
0 0
1
3A 2
3
4
5
AMBIENT TEMPERATURE : Ta (C)
BASE TO EMITTER VOLTAGE : VBE (V)
COLLECTOR TO EMITTER VOLTAGE : VCE (V)
Fig.1 Power dissipation curves
Fig.2 Ground emitter propagation characteristisc
Fig.3 Ground emitter output characteristics
COLLECTOR SATURATION VOLTAGE : VCE(sat) (V)
Ta=25C 50000
DC CURRENT GAIN : hFE
DC CURRENT GAIN : hFE
VCE=5V
IC/IB=500 2
Ta= -55C
5V 20000 10000 5000 VCE=3V 2000 1000 500 5 10 20 50 100 200 500 1000 2000
100000 50000
T 1 a=
00
C
1 0.5
25
C
100C
25C
20000 10000 5000
C -55
0.2
5
10
20
50 100
200
500 1000 2000
0.1 0.5
1
2
5
100
200
500 1000 2000
COLLECTOR CURRENT : IC (mA)
COLLECTOR CURRENT : IC (mA)
COLLECTOR CURRENT : IC (mA)
Fig.4 DC current gain vs. collector current ( )
Fig.5 DC current gain vs. collector current ( )
Fig.6 Collector-emitter saturation voltage vs. collector current
EMITTER INPUT CAPACITANCE : Cib (pF)
TRANSISION FREQUWNCY : fT (MHz)
OUTPUT CAPACITANCE : Cob (pF)
Ta=25C VCE=6V
Ta=25C f=1MHz IE=0A
20 10
Ta=25C f=1MHz IE=0A
500
20
200 100
10 5
5
50
2
2
-1
-2
-5
-10
-20
-50 -100
1
2
5
10
20
50
1
1
2
5
10
EMITTER CURRENT : IE (mA)
COLLECTOR TO BASE VOLTAGE : VCB (V)
EMITTER TO BASE VOLTAGE : VEB (V)
Fig.7 Gain bandwidth product vs. emitter current
Fig.8 Collector output capacitance vs. collector-base voltage
Fig.9 Emitter input capacitance vs. emitter-base voltage
Rev.C
2/2
Appendix
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any means without prior permission of ROHM CO.,LTD. The contents described herein are subject to change without notice. The specifications for the product described in this document are for reference only. Upon actual use, therefore, please request that specifications to be separately delivered. Application circuit diagrams and circuit constants contained herein are shown as examples of standard use and operation. Please pay careful attention to the peripheral conditions when designing circuits and deciding upon circuit constants in the set. Any data, including, but not limited to application circuit diagrams information, described herein are intended only as illustrations of such devices and not as the specifications for such devices. ROHM CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any third party's intellectual property rights or other proprietary rights, and further, assumes no liability of whatsoever nature in the event of any such infringement, or arising from or connected with or related to the use of such devices. Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or otherwise dispose of the same, no express or implied right or license to practice or commercially exploit any intellectual property rights or other proprietary rights owned or controlled by ROHM CO., LTD. is granted to any such buyer. Products listed in this document are no antiradiation design.
The products listed in this document are designed to be used with ordinary electronic equipment or devices (such as audio visual equipment, office-automation equipment, communications devices, electrical appliances and electronic toys). Should you intend to use these products with equipment or devices which require an extremely high level of reliability and the malfunction of which would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), please be sure to consult with our sales representative in advance. It is our top priority to supply products with the utmost quality and reliability. However, there is always a chance of failure due to unexpected factors. Therefore, please take into account the derating characteristics and allow for sufficient safety features, such as extra margin, anti-flammability, and fail-safe measures when designing in order to prevent possible accidents that may result in bodily harm or fire caused by component failure. ROHM cannot be held responsible for any damages arising from the use of the products under conditions out of the range of the specifications or due to non-compliance with the NOTES specified in this catalog.
Thank you for your accessing to ROHM product informations. More detail product informations and catalogs are available, please contact your nearest sales office.
ROHM Customer Support System
www.rohm.com
Copyright (c) 2008 ROHM CO.,LTD.
THE AMERICAS / EUROPE / ASIA / JAPAN
Contact us : webmaster@ rohm.co. jp
21 Saiin Mizosaki-cho, Ukyo-ku, Kyoto 615-8585, Japan
TEL : +81-75-311-2121 FAX : +81-75-315-0172
Appendix1-Rev2.0


▲Up To Search▲   

 
Price & Availability of 2SD1383K-2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X