Part Number Hot Search : 
BYW29E 00209 LX838 TC144 FZT649 DMR14C4 PSD81441 GJ127
Product Description
Full Text Search
 

To Download 2SC4161 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Product Specification
www.jmnic.com
Silicon NPN Power Transistors
2SC4161
DESCRIPTION With TO-220F package High breakdown voltage. High reliability. Fast switching speed APPLICATIONS Switching Regulator Applications
PINNING PIN 1 2 3 Base Collector Emitter Fig.1 simplified outline (TO-220F) and symbol DESCRIPTION
Absolute maximum ratings (Ta=25ae )
SYMBOL VCBO VCEO VEBO IC ICM IB PC Tj Tstg PARAMETER Collector-base voltage Collector-emitter voltage Emitter-base voltage Collector current Collector current-peak Base current TC=25ae Collector dissipation 2 Junction temperature Storage temperature 150 -55~150 ae ae CONDITIONS Open emitter Open base Open collector VALUE 500 400 7 7 14 3 30 W UNIT V V V A A A
JMnic
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
CHARACTERISTICS
Tj=25ae unless otherwise specified PARAMETER Collector-emitter breakdown voltage Collector-base breakdown voltage Emitter-base breakdown voltage Collector-emitter saturation voltage Base-emitter saturation voltage Collector cut-off current Emitter cut-off current DC current gain DC current gain DC current gain Output capacitance Transition frequency CONDITIONS IC=5mA ; RBE= IC=1mA ; IE=0 IE=1mA ; IC=0 IC=4A ;IB=0.8A IC=4A ;IB=0.8A VCB=400V; IE=0 VEB=5V; IC=0 IC=0.8A ; VCE=5V IC=4A ; VCE=5V IC=10mA ; VCE=5V IE=0; VCB=10V;f=1MHz IC=0.8A ; VCE=10V 15 10 10 80 20 MIN 400 500 7 TYP. SYMBOL VCEO VCBO VEBO VCEsat VBEsat ICBO IEBO hFE-1 hFE-2 hFE-3 COB fT
2SC4161
MAX
UNIT V V V
0.8 1.5 10 10 50 |I |I
V V A A
pF MHz
Switching times ton ts tf Turn-on time Storage time Fall time IC=5A; IB1=1A IB2=-2A VCC=200V ,RL=40| 0.5 2.5 0.3 |I |I |I s s s
hFE-1 Classifications L 15-30 M 20-40 N 30-50
JMnic
Product Specification
www.jmnic.com
Silicon NPN Power Transistors
PACKAGE OUTLINE
2SC4161
Fig.2 Outline dimensions
JMnic


▲Up To Search▲   

 
Price & Availability of 2SC4161

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X